Part Number Hot Search : 
2SD11 2SK240 RF3205 27L2I 2SD11 2SD11 MCM6665A 28F256
Product Description
Full Text Search
 

To Download 2N5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5400
Discrete POWER & Signal Technologies
2N5400
C
BE
TO-92
PNP General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring high voltages. Sourced from Process 74. See 2N5401 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
120 130 5.0 200 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
2N5400 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
2N5400
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current I C = 1.0 mA, IB = 0 I C = 100 A, IE = 0 I E = 10 A, IC = 0 VCB = 100 V, I E = 0 VCB = 100 V, I E = 0, TA = 100 C VEB = 3.0 V, I C = 0 120 130 5.0 100 100 50 V V V nA A nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 5.0 V, IC = 1.0 mA VCE = 5.0 V, IC = 10 mA VCE = 5.0 V, IC = 50 mA IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA 30 40 40 180 0.2 0.5 1.0 1.0 V V V V
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
SMALL SIGNAL CHARACTERISTICS
Cob fT hfe NF Output Capacitance Current Gain - Bandwidth Product Small-Signal Current Gain Noise Figure VCB = 10 V, f = 1.0 MHz I C = 10 mA, VCE = 10 V, f = 100 MHz I C = 1.0 mA, VCE = 10 V, f = 1.0 kHz VCE = 5.0 V, IC = 250 A, RS = 1.0 k, f = 10 Hz to 15.7 kHz 100 30 6.0 400 200 8.0 V pF
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of 2N5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X