|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers March 2006 2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers Features * Surge overload rating: 60 amperes peak. * Reliable low cost construction utilizing molded plastic technique. * UL certified, UL #E111753. ___ + KBPM Absolute Maximum Ratings * Symbol VRRM VRMS VR IF(AV) IFSM TSTG TJ Ta = 25C unless otherwise noted Value Parameter Maximum Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Average Recitified Forward Current, @ TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Storage Temperature Range Junction Temperature 005M 01M 253 50 35 50 02M 255 200 140 200 04M 256 400 280 400 2.0 60 -55 to +150 -55 to +150 06M 257 600 420 600 08M 258 800 560 800 10M 259 1000 700 1000 Units V V V A A C C 254 100 70 100 * These ratings are limiting values above which the serviceability of any semiconductor device may by impaired. Thermal Characteristics Symbol PD RJA Power Dissipation Thermal Resistance, Junction to Ambient, * per leg Parameter Value 4.7 18 Units W C/W * Device mounted on PCB with 0.47 x 0.47" (12 x 12mm). Electrical Characteristics Symbol VF IR TC = 25C unless otherwise noted Parameter Forward Voltage, per element @ 3.14A Reverse Current, per element @ Rated VR I2t Rating for Fusing t < 8.35ms TA = 25C TA = 125C Value 1.1 50 500 15 25 Units V A A A 2s pF CT Total Capacitance, per leg VR = 4.0 V, f = 1.0 MHz (c)2006 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com 2KBP005M/3N253 - 2KBP10M/3N259 Rev. E 2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers Typical Performance Characteristics Average Rectified Forward Current, IF(AV) [A] 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 o Ambient Temperature ( C) 150 2 2KBP005M/3N253 - 2KBP10M/3N259 Rev. E www.fairchildsemi.com 2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers 2KBP005M/3N253 - 2KBP10M/3N259 Bridge Rectifiers TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. I18 Preliminary No Identification Needed Full Production Obsolete Not In Production 3 2KBP005M/3N253 - 2KBP10M/3N259 Rev. E www.fairchildsemi.com |
Price & Availability of 2KBP005M06 |