Part Number Hot Search : 
33001 04365 E200A KLL5817 D9N40 BZX84C15 F102B 71M65
Product Description
Full Text Search
 

To Download 1N6677UR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N6677UR-1 AVAILABLE IN PER MIL-PRF-19500/610 * HERMETICALLY SEALED
JAN, JANTX, JANTXV AND JANS
* 0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS *LEADLESS PACKAGE FOR SURFACE MOUNT * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
1N6677UR-1 and CDLL6675 thru CDLL6677 and CDLL0.2A20 thru 40 and CDLL0.5A20 thru 40
MAXIMUM RATINGS, 0.2 AMP DEVICES
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 0.2 AMP @ TEC = +100C Derating: 8.0 mA / C above +100C ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
CDI TYPE NUMBER WORKING PEAK REVERSE VOLTAGE VRWM VOLTS CDLL6675 CDLL6676 CDLL6677 CDLL0.2A20 CDLL0.2A30 CDLL0.2A40 20 30 40 20 30 40 MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C IR @ +100C mA 0.6 0.6 0.6 0.6 0.6 0.6 MAXIMUM CAPACITANCE @ VR = 0 VOLTS f =1.0 MHz CT PICO FARADS 50 50 50 50 50 50
MAXIMUM FORWARD VOLTAGE VF @ 20 mA VF @ 200 mA VF @ 630 mA VOLTS 0.37 0.37 0.37 0.37 0.37 0.37 VOLTS 0.50 0.50 0.50 0.50 0.50 0.50 VOLTS 0.70 0.70 0.70 0.70 0.70 0.70
A
5.0 5.0 5.0 5.0 5.0 5.0
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
FIGURE 1
DESIGN DATA
MAXIMUM RATINGS, 0.5 AMP DEVICES
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 0.5 AMP @ TEC = +75C Derating: 6.67 mA / C above TEC = +75C ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
MAXIMUM CAPACITANCE @ VR = 0 VOLTS f =1.0 MHz CT PICO FARADS 50 50 50
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZJX): 20 C/W maximum POLARITY: Cathode end is banded. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
CDI TYPE NUMBER
WORKING PEAK REVERSE VOLTAGE VRWM VOLTS
MAXIMUM FORWARD VOLTAGE VF @ 0.1A VOLTS 0.50 0.50 0.50 VF @ 0.5A VOLTS 0.65 0.65 0.65
MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C IR @ +100C mA 1.0 1.0 1.0
A
10.0 10.0 10.0
CDLL0.5A20 CDLL0.5A30 CDLL0.5A40
20 30 40
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
161
CDLL6675 CDLL0.2A20 CDLL0.5A20
10.0
thru and thru and thru
CDLL6677 CDLL0.2A40 CDLL0.5A40
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED)
1.0
IR, REVERSE CURRENT (mA)
CDLLO.2A40 CDLLO.5A40
0.1
CDLLO.2A20
0.01
CDLLO.2A30 CDLLO.5A30
CDLLO.5A20
0.001
+25 +50 +75 +100 +125
TJ, JUNCTION TEMPERATURE (C)
FIGURE 1
TYPICAL FORWARD VOLTAGE 100.0 IF, FORWARD CURRENT, INSTANTANEOUS (AMPS)
10.0
1.0
0.1
0.01 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS) 1.1
FIGURE 2
162


▲Up To Search▲   

 
Price & Availability of 1N6677UR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X