Part Number Hot Search : 
S2XXX U5A2CI07 6M41RTB AD983 BUZ72AL 64610HLX A80486 AX3842P
Product Description
Full Text Search
 

To Download 1N5819HW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: 1N5819HW
Lead-free
1N5819HW
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
* * * * * *
Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Lead Free/RoHS Compliant (Note 1) SOD-123 Dim A B
H G D
Min 3.55 2.55 1.40 -- 0.45 0.25 -- 0
Max 3.85 2.85 1.70 1.35 0.65 -- 0.10 8
Mechanical Data
* * * * * * * * * *
Case: SOD-123 Plastic Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Polarity: Cathode Band Leads: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Marking: Date Code and Type Code, See Page 3 Type Code: SL Ordering Information: See Page 3 Weight: 0.01 grams (approximate)
J
C D E
A B
0.55 Typical 0.11 Typical
C
E
G H J
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TL = 90C Repetitive Peak Forward Current tp 1ms, 0.5 Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Power Dissipation (Note 2) Typical Thermal Resistance Junction to Ambient (Note 2) Operating and Storage Temperature Range
Notes:
Symbol @ IR = 1.0mA VRRM VRWM VR VR(RMS) IO IFRM IFSM Pd RJA Tj, TSTG
Value 40 28 1.0 1.5 25 450 222 -65 to +125
Unit V V A A A mW C/W C
1. No purposefully added lead. 2. Device mounted on FR-4 PC Board, 2"x2", 2 oz. Copper, single sided, Cathode pad dimensions 0.75"x1.0", Anode pad dimensions 0.25"x1.0".
DS30217 Rev. 12 - 2
1 of 3 www.diodes.com
1N5819HW
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage
@ TA = 25C unless otherwise specified Symbol V(BR)R VF Min 40 Typ 10 1 15 1.5 50 Max 0.320 0.450 0.750 1.0 10 50 2 75 3 Unit V V mA mA A mA A mA pF Test Condition IR = 1.0mA IF = 0.1A IF = 1.0A IF = 3.0A VR = 40V, TA = 25C VR = 40V, TA = 100C VR = 4V, TA = 25C VR = 4V, TA = 100C VR = 6V, TA = 25C VR = 6V, TA = 100C VR = 4V, f = 1.0MHz
Reverse Leakage Current (Note 3)
IR
Total Capacitance
Notes: 3. Short duration pulse test used to minimize self-heating effect.
CT
1.0
IF, INSTANTANEOUS FORWARD CURRENT (A) 10
IO, AVERAGE OUTPUT CURRENT (A)
0.8
1
TA = 125C
0.6
0.1
TA = 100C
0.4
0.01
TA = 75C
0.2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
0.001
TA = 25C TA = 0C TA = -65C
0 10 40 60 80 100 120 140 TT, TERMINAL TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
25 IFSM, PEAK FORWARD SURGE CURRENT (A)
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
f = 1MHz
20
15
CT, TOTAL CAPACITANCE (pF)
8.3ms Single Half Sine-Wave
100
10
5
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
10 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
DS30217 Rev. 12 - 2
2 of 3
www.diodes.com
1N5819HW
(c)Diodes Incorporated
150
10,000
TA = 125C
TA, AMBIENT TEMPERATURE (C)
125
1000
TA = 75C
TA = 100C
100
100
TA = 25C
10
75
1
TA = 0C
50
0.1
TA = -65C
25 1 10 20 30 40 50 VR, REVERSE VOLTAGE (V) Fig. 5 Typical Safe Operating Area
.01 0 5 10 15 20 25 30 35 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 6 Typical Reverse Characteristics
Ordering Information
Device 1N5819HW-7-F
Notes:
(Note 4) Packaging SOD-123 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SL
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 2002 N March 3 Apr 4
SL = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
2003 P May 5
YM
2004 R Jun 6
2005 S Jul 7 Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30217 Rev. 12 - 2
3 of 3
www.diodes.com
1N5819HW
(c)Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of 1N5819HW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X