Part Number Hot Search : 
AKD4394 651G0 TC11IB 2SC3931 MCZ33 1SMB6 LTI102 UL8097JF
Product Description
Full Text Search
 

To Download 1N5195UR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL-35 High Voltage / Current
Use Advantages
1N5194UR thru 1N5196UR
Low Leakage Glass Diodes
Used in applications where the highest voltage and current performance of small signal devices are required. In instrument applications for voltage isolation, pulse clipping and glue logic. Ideal for use in (Medical, Military and Aero/Space).
Features
Six Sigma quality Humidity proof glass Metallurgically bonded Thermally matched system No thermal fatigue High surge capability Sigma BondTM plated contacts 100% guaranteed solderability
LL-35 MINI MELF Package Type DO-213AA
0.10"R E F 2.54 m m R E F
B o th E nd C ap s
0.016-.022 " 0.41-0.55 m m
Le ngth
0.13-0.146 " 3.30-3.70 m m
D ia .
.063-.067" 1.6-1.7m m
Absolute Maximum Ratings Power Dissipation at TAMB= 25 o C Average Forward Rectified Current at TAMB= 25 C Operating and Storage Temperature Range Power derating at TAMB = 25 C Detail Specifications
o o
Symbol Ptot IAV TO&ST Pdr
Value 500 200 -55 to 200 3.0 (Max)
Unit mW mAmps
o
C
mW/oC
Peak Maximum Maximum Maximum Forward Maximum Inverse Reverse Average Rectified Current Voltage Reverse Leakage Current Voltage Working Voltage _______________ Drop _______________ (MIN.) (IO ) (IO ) @ IF = 100mA (IR) @ VRWM @0.1 mA (V RMM ) 25 C 150 C (VF) 25 C 150 C
Maximum Surge Current (I FSM) (NOTE 1)
Type
1N5194 1N5195 1N5196
Volts
80 200 250
Volts
70 180 225
mAmps
200 200 200
mAmps
50 50 50
Volt
1.0 1.0 1.0
nA
25 25 25
A
5 5 5
Amps
2 2 2
Note 1: One half cycle, 60 Hz. sine wave.
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N5195UR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X