Part Number Hot Search : 
31LBRT BR204 HSR0612A BX8270NL B3943 56F8166 UT6264 A1220
Product Description
Full Text Search
 

To Download 1N4933G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933G/L - 1N4937G/L
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Features
* * * * * * * * * * * * * * *
Glass Passivated Die Construction Diffused Junction Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
C
Mechanical Data
Case: DO-41, A-405 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Ordering Information: See Last Page Marking: Type Number DO-41 Weight: 0.35 grams (approximate) A-405 Weight: 0.20 grams (approximate) DO-41 Dim A B C D Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
D
A-405 Min 25.40 4.10 0.53 2.00 Max 3/4 5.20 0.64 2.70
All Dimensions in mm "GL" Suffix Designates A-405 Package "G" Suffix Designates DO-41 Package @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG
1N4933 G/GL 50 35
1N4934 G/GL 100 70
1N4935 G/GL 200 140 1.0 30 1.2 5.0 100 200 15 100 -65 to +150
1N4936 G/GL 400 280
1N4937 G/GL 600 420
Unit V V A A V mA ns pF K/W C
@ IF = 1.0A @ TA = 25C @ TA = 100C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Measured with IF 0.5A, IR = 1.0A, Irr = 0.25A. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS27002 Rev. 6 - 2
1 of 3 www.diodes.com
1N4933G/L - 1N4937G/L
a Diodes Incorporated
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
0.8
IF, INSTANTANEOUS FORWARD CURRENT (A)
100 125 150 175 200
1.0
10
1.0
0.6
0.4
0.1
0.2
PC Board Mounted 9.5mm Lead Lengths
0 25
0.01 0 0.4 0.8 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
100
50
75
TA, AMBIENT TEMPERATURE ( C) Fig. 1 Forward Current Derating Curves
IFSM, PEAK FORWARD SURGE CURRENT (A)
30
Pulse Width 8.3ms Single Half Sine-Wave
Cj, CAPACITANCE (pF)
20
10
10
0 1.0
1.0
10
100
1.0
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr
100
NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
+0.5A
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS27002 Rev. 6 - 2
2 of 3 www.diodes.com
1N4933G/L - 1N4937G/L
Ordering Information
Device 1N4933G-A 1N4933G-B 1N4933G-T 1N4934G-A 1N4934G-B 1N4934G-T 1N4935G-A 1N4935G-B 1N4935G-T 1N4936G-A 1N4936G-B 1N4936G-T 1N4937G-A 1N4937G-B 1N4937G-T 1N4933GL-T 1N4934GL-T 1N4935GL-T 1N4936GL-T 1N4937GL-T
Notes:
(Note 5) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 A-405 A-405 A-405 A-405 A-405 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS27002 Rev. 6 - 2
3 of 3 www.diodes.com
1N4933G/L - 1N4937G/L


▲Up To Search▲   

 
Price & Availability of 1N4933G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X