Part Number Hot Search : 
DUR100C 335V5I3M 06100 LM9848 AOT2904 4HCT0 SB520WT 245MT
Product Description
Full Text Search
 

To Download 16215BNRST12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PACIFIC DISPLAY DEVICES
LCD Component Data Sheet Model Number: 16215
16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly CONTENTS 1. GENERAL INFORMATION 1.1 Product Overview 1.2 Part Numbering System 1.3 Absolute Maximum Ratings 1.4 Circuit Block Diagram 1.5 Mechanical Characteristics 1.6 Input Signal Function 1.7 LCM Contrast Control and Bias 1.8 LCD Dimensions ELECTRICAL / OPTICAL CHARACTERISTICS 2.1 DC Electrical Characteristics 2.2 AC Electrical Characteristics 2.3 Optical Characteristics OPERATING PRINCIPALS AND METHODS 3.1 LCD Controller Display and Control Functions RELIABILITY PRECAUTIONS FOR USING LCD MODULES
2 2 3 3 3 4 4 5
2.
6 6 8
3.
9 10 11
4. 5.
139 Avenida Victoria - Suite 100 - San Clemente, CA - 92672 Tel: 949-361-8957 - Fax: 949-361-9158 - Web: www.pacificdisplay.com
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1. GENERAL INFORMATION 1.1 Product Overview * 16 Character x 2 line Alphanumeric Dot Matrix LCD Module * 5V Operation * LCD Controller: Chip on Glass (COG) NT7603 or equivalent alpha-numeric controller * 4 Bit and 8 Bit parallel data interface options * Multiplexing driving: 1/16 duty, 1/4 bias * Operating Mode: TN (Twisted Nematic) or Super Twisted Nematic (STN) technology * LCD Module Service Life: 100,000 hours minimum 1.2 Part Numbering System 16215 Custom Option Designator * (Leave Blank) Operating Mode * (-GR) STN Green * (-SL) STN Silver * (-BN) STN Blue Negative * (-TN) TN Rear Polarizer Options: * (-R) Reflective * (-F) Transflective * (-M) Transmissive Operating Temperature * (-ST) Standard (0 to +50 C) * (-ET) Extended (-20 to +70 C) Viewing Angle * (-6) 6 o'clock * (-12) 12 0'clock -SL -R -ST -12
PACIFIC DISPLAY DEVICES
09.29.2003
2
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1.3 Absolute Maximum Ratings Parameter Supply voltage for logic Supply voltage for LCD Input voltage Standard Operating temperature Standard Storage temperature Extended Operating temperature Extended Storage temperature Soldering Temp Symbol VDD VDD - V0 VI TOP (-ST) TST (-ST) TOP (-ET) TST (-ET) Tsolder Min -0.3 --0.3 0 -10 -20 -30 Max 7.0 VDD +0.3 VDD +0.3 50 60 70 80 260 Unit V V V C C C C C
1.4 Circuit Block Diagram
DB0 ~ DB7 RS R/W E VSS VDD VO
SEG 80 CONTROLLER IC
NT7603
COM16
LCD PANEL 16 CHARACTERS x 2 LINES
1.5 Mechanical Characteristics Item Module size (WxHxT) Viewing area (WxH) Character matrix (WxH) Character size (WxH) Dot size (WxH) Dot pitch (WxH) Contents 65 x 27.70 x 2.85 Max 61.0 x 15.7 5x8 2.95 x 5.15 0.55 x 0.60 0.60 x 0.65 Unit mm mm dots mm mm mm
PACIFIC DISPLAY DEVICES
09.29.2003
3
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1.6 Input Signal Function Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol VSS VO VDD RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 Level 0V --5.0V H/L H/L H, H L H/L H/L H/L H/L H/L H/L H/L H/L Description Ground Bias voltage for LCD (Contrast) Supply voltage for logic H : Data signal, L : Instruction signal H : Read mode, L : Write mode Chip enable signal Data bit 0 Data bit 1 Data bit 2 Data bit 3 Data bit 4 Data bit 5 Data bit 6 Data bit 7
1.7 LCM Contrast Control and Bias
PACIFIC DISPLAY DEVICES
09.29.2003
4
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1.8 LCM Dimensions (with Cable)
PACIFIC DISPLAY DEVICES
09.29.2003
5
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1.8 LCM Dimensions (without Cable - Reference Only)
PACIFIC DISPLAY DEVICES
09.29.2003
6
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
2. ELECTRICAL / OPTICAL CHARACTERISTICS 2.1 DC Electrical Characteristics (VDD = +5V10% , VSS = 0V, Ta = 25C ) Parameter Symbol Condition Min Typ
Supply voltage for logic Supply current for logic Operating voltage for LCD Input voltage ' H ' level Input voltage ' L ' level VDD IDD VDD-VO VIH VIL ----0C 25C 50C ----4.5 ----0 --VDD - 2.2 0 5.0 1.0 -----------
Max
5.5 1.5 --VDD --VDD 0.8
Unit
V mA V V V V V
2.2 AC Electrical Characteristics * Write Mode Characteristic
E cycle time E rise time E fall time E pulse width (High, Low) R/W and RS set-up time (8 Bit) R/W and RS set-up time (4 Bit) R/W and RS hold time Data set-up time Data hold time
Symbol
tC tr tf tW tSU1 tSU1 th1 tSU2 th2
Min.
500 ----300 60 100 10 100 10
Typ.
-------------------
Max.
--25 25 -------------
Unit
ns ns ns ns ns ns ns ns ns
Test pin
E E E E R/W, RS R/W, RS R/W, RS DB0 ~ DB7 DB0 ~ DB7
PACIFIC DISPLAY DEVICES
09.29.2003
7
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
*
Read Mode Characteristic
E cycle time E rise time E fall time E pulse width R/W and RS set-up time (8 Bit) R/W and RS set-up time (4 Bit) R/W and RS hold time Data output delay time Data hold time
Symbol
tC tr tf tW tSU tSU th tD tDH
Min.
500 ----300 60 100 10 --20
Typ.
-------------------
Max.
--25 25 --------190 ---
Unit
ns ns ns ns ns ns ns ns ns
Test pin
E E E E R/W, RS R/W, RS R/W, RS DB0 ~ DB7 DB0 ~ DB7
PACIFIC DISPLAY DEVICES
09.29.2003
8
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
2.3 Optical Characteristics (VOP = 4.7V, Ta = 25C ) Item
Response time Contrast ratio Viewing angle range
Symbol
Tr Tf Cr
Condition
------Cr 2
Min
------39 35 37 36
Typ
180 98 7.5 ---------
Max
---------------
Unit
ms ms --deg deg deg deg
Remarks
------ = 90 = 270 = 0 = 180
Note
1 1 2 3 3 3 3
Note1: Definition of response time.
Note2: Definition of contrast ratio `Cr'
.
Note3: Definition of viewing angle range `'.
PACIFIC DISPLAY DEVICES
09.29.2003
9
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
3. OPERATING PRINCIPALS AND METHODES 3.1 LCD Controller Display and Control Functions
Please refer to NOVATEK NT7603 DATASHEET. Pacific Display website: http://www.pacificdisplay.com/ics_app%20notes/novatek/NT7603.pdf
PACIFIC DISPLAY DEVICES
09.29.2003
10
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
4. RELIABILITY Environmental Test Content of Test
Endurance test applying the high storage temperature for a long time. Endurance test applying the low storage temperature for a long time. Endurance test applying the electric stress (Voltage & Current) and the thermal stress to the element for a long time. Endurance test applying the electric stress under low temperature for a long time. Endurance test applying the high temperature and high humidity storage for a long time. Endurance test applying the electric stress (Voltage & Current) and temperature / humidity stress to the element for a long time. Endurance test applying the low and high temperature cycle.
-20C 30min. 25C 5min. 1 70C 30min.
No .
1 2 3
Test Item
High temperature storage Low temperature storage High temperature operation Low temperature operation High temperature / Humidity storage High temperature / Humidity operation Temperature cycle
Test Condition
80 C 200 hrs -30 C 200 hrs 70 C 200 hrs -20 C 200 hrs 80 C , 90 %RH 96 hrs 70 C , 90 %RH 96 hrs -20C / 70C 10 cycles
Applicable Standard
-----------
----------MIL-202E-103B JIS-C5023 MIL-202E-103B JIS-C5023
4 5 6
7
------
Mechanical Test
8 Vibration test Endurance test applying the vibration during transportation and using. Constructional and mechanical endurance test applying the shock during transportation. Endurance test applying the atmospheric pressure during transportation by air. 1022Hz 1.5mmp-p 22500Hz 1.5G Total 0.5hrs 50G Half sign wave 1l msec 3 times of each direction 115 mbar 40 hrs MIL-202E-201A JIS-C5025 JIS-C7022-A-10 MIL-202E-213B
9
Shock test
10
Atmospheric pressure test Static electricity test
MIL-202E-105C
Others
Endurance test applying the electric stress to the VS=800V , RS=1.5 k terminal. CS=100 pF 1 time Supply voltage for logic system = VDD. Supply voltage for LCD system = Operating voltage at 25C 11 MIL-883B3015.1
LCD Panel Service Life Definition of panel service life
* * * * * 100,000 hours minimum at 25 C 10% Contrast becomes 30% of initial value Current consumption becomes three times higher than initial value Remarkable alignment deterioration occurs in LCD cell layer Unusual operation occurs in display functions
PACIFIC DISPLAY DEVICES
09.29.2003
11
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
5. PRECAUTIONS FOR USING LCD MODULES Installing LCD Modules
The hole in the printed circuit board is used to fix LCM as shown in the picture below. Attend to the following items when installing the LCM. 1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell.
2) When assembling the LCM into other equipment, the spacer to the bit between the LCM and the fitting plate should have enough height to avoid causing stress to the module surface, refer to the individual specifications for measurements. The measurement tolerance should be 0.1mm.
Precaution for Handing LCD Modules
Since LCM has been assembled and adjusted with a high degree of precision, avoid applying excessive shocks to the module or making any alterations or modifications to it. 1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell. 2) Do not alter, modify or change the shape of the tab on the metal frame. 3) Do not make extra holes on the printed circuit board, modify its shape or change the positions of components to be attached. 4) Do not damage or modify the pattern writing on the printed circuit board. 5) Absolutely do not modify the zebra rubber strip (conductive rubber) or heat seal connector. 6) Except for soldering the interface, do not make any alterations or modifications with a soldering iron. 7) Do not drop, bend or twist LCM.
Electro-Static Discharge Control
Since this module uses a CMOS LSI, the same careful attention should be paid to electrostatic discharge as for an ordinary CMOS IC. 1) Make certain that you are grounded when handing LCM. 2) Before remove LCM from its packing case or incorporating it into a set, be sure the module and your body have the same electric potential. 3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron does not leak. 4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground potentiality to minimize as much as possible any transmission of electromagnetic waves produced sparks coming from the commutator of the motor. 5) As far as possible make the electric potential of your work clothes and that of the work bench the ground potential. 6) To reduce the generation of static electricity be careful that the air in the work is not too dried. A relative humidity of 50%-60% is recommended.
Precaution for soldering to the LCM
1) Observe the following when soldering lead wire, connector cable and etc. to the LCM. a) Soldering iron temperature : 280C 10C. b) Soldering time : 3-4 sec. 2) Solder : eutectic solder. PACIFIC DISPLAY DEVICES 09.29.2003 12
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
3) If soldering flux is used, be sure to remove any remaining flux after finishing to soldering operation. (This does not apply in the case of a non-halogen type of flux.) It is recommended that you protect the LCD surface with a cover during soldering to prevent any damage due to flux spatters. 4) When soldering the electroluminescent panel and PC board, the panel and board should not be detached more than three times. This maximum number is determined by the temperature and time conditions mentioned above, though there may be some variance depending on the temperature of the soldering iron. 5) When remove the electroluminescent panel from the PC board, be sure the solder has completely melted, the soldered pad on the PC board could be damaged.
Precautions for Operation
1) Viewing angle varies with the change of liquid crystal driving voltage (VO). Adjust VO to show the best contrast. 2) Driving the LCD in the voltage above the limit shortens its life. 3) Response time is greatly delayed at temperature below the operating temperature range. However, this does not mean the LCD will be out of the order. It will recover when it returns to the specified temperature range. 4) If the display area is pushed hard during operation, the display will become abnormal. However, it will return to normal if it is turned off and then back on. 5) Condensation on terminals can cause an electrochemical reaction disrupting the terminal circuit. Therefore, it must be used under the relative condition of 40C , 50% RH. 6) When turning the power on, input each signal after the positive/negative voltage becomes stable.
Safety
* If the LCD panel breaks, be careful not to get the liquid crystal in your mouth. If the liquid crystal touches your skin or clothes, wash it off immediately using soap and plenty of water.
Handling
* * * * * The display panel is made of glass. Do not subject it to a mechanical shock by dropping it or impact. If the display panel is damaged and the liquid crystal substance leaks out, be sure not to get any in your mouth. If the substance contacts your skin or clothes, wash it off using soap and water. Do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. The polarizer covering the display surface of the LCD module is soft and easily scratched. Handle this polarizer carefully. If the display surface becomes contaminated, breathe on the surface and gently wipe it with a soft dry cloth. If it is heavily contaminated, moisten cloth with one of the following solvents : o Isopropyl alcohol o Ethyl alcohol Solvents other than those above-mentioned may damage the polarizer. Especially, do not use the following. o Water o Ketone o Aromatic solvents Exercise care to minimize corrosion of the electrode. Corrosion of the electrodes is accelerated by water droplets, moisture condensation or a current flow in a high-humidity environment. Install the LCD Module by using the mounting holes. When mounting the LCD module make sure it is free of twisting, warping and distortion. In particular, do not forcibly pull or bend the I/O cable or the backlight cable. Do not attempt to disassemble or process the LCD module. NC terminal should be open. Do not connect anything. If the logic circuit power is off, do not apply the input signals. PACIFIC DISPLAY DEVICES 09.29.2003 13
*
* * * * *
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
*
MODEL NO: 16215
To prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. o Be sure to ground the body when handling the LCD modules. o Tools required for assembling, such as soldering irons, must be properly grounded. o To reduce the amount of static electricity generated, do not conduct assembling and other work under dry conditions. o The LCD module is coated with a film to protect the display surface. Exercise care when peeling off this protective film since static electricity may be generated.
Storage
* * * * When storing the LCD modules, avoid exposure to direct sunlight or to the light of fluorescent lamps Store the module in a dark place where the temperature is 25 oC 10 oC and the humidity below 65% RH. Do not store the module near organic solvents or corrosive gases. Do not crush, shake, or jolt the module (including accessories).
Cleaning
* * * Do not wipe the polarizing plate with a dry cloth, as it may scratch the surface. Wipe the module gently with soft cloth soaked with a petroleum benzene. Do not use ketonic solvents (ketone and acetone) or aromatic solvents (toluene and xylene), as they may damage the polarizing plate.
Others:
* * Liquid crystals solidify under low temperature (below the storage temperature range) leading to defective orientation or the generation of air bubbles (black or white). Air bubbles may also be generated if the module is subject to a low temperature. If the LCD modules have been operating for a long time showing the same display patterns, the display patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear. A normal operating status can be regained by suspending use for some time. It should be noted that this phenomenon does not adversely affect performance reliability. To minimize the performance degradation of the LCD modules resulting from destruction caused by static electricity etc., exercise care to avoid holding the following sections when handling the modules. - Exposed area of the printed circuit board. - Terminal electrode sections.
*
PACIFIC DISPLAY DEVICES
09.29.2003
14


▲Up To Search▲   

 
Price & Availability of 16215BNRST12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X