Part Number Hot Search : 
HER30 LBT91201 1N753 CJD11210 E200A A1183 P90P0 5DX103J6
Product Description
Full Text Search
 

To Download 15KE7V5A-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE6V8(C)A - 1.5KE400(C)A
1500W TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * *
1500W Peak Pulse Power Dissipation Voltage Range 6.8V - 400V Constructed with Glass Passivated Die Uni- and Bidirectional Versions Available Excellent Clamping Capability Fast Response Time Lead Free Finish, RoHS Compliant (Note 3)
A
B
A
C
Mechanical Data
* * * * * * * *
Case: DO-201 Case Material: Transfer Molded Epoxy. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Leads: Axial, Solderable per MIL-STD-202 Method 208 Ordering Information: See Last Page Marking: Unidirectional - Type Number and Cathode Band Marking: Bidirectional - Type Number Only Weight: 1.12 grams (approximate) DO-201 Dim A B C D Min 25.40 8.50 0.96 4.80
D
Max -- 9.53 1.06 5.21
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Power Dissipation at tp = 1.0ms (Non-repetitive current pulse, derated above TA = 25C) Steady State Power Dissipation at TL = 75C Lead Lengths 9.5 mm (Mounted on Copper Land Area of 20mm2) Peak Forward Surge Current, 8.3 Single Half Sine Wave Superimposed on Rated Load (8.3ms Single Half Sine Wave, Duty Cycle = 4 pulses per minute maximum) Forward Voltage @ IF = 50A 300s Square Wave Pulse, Unidirectional Only Operating and Storage Temperature Range
Notes:
Symbol Ppk Pd IFSM VF Tj, TSTG
Value 1500 5.0 200 3.5 5.0 -55 to +175
Unit W W A V C
VBR 100V VBR > 100V
1. Suffix `C' denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the I R limit is doubled. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Notes 5 and 7.
DS21503 Rev. 10 - 2
1 of 4 www.diodes.com
1.5KE6V8(C)A - 1.5KE400(C)A
a Diodes Incorporated
Type Number (Note 1) (UNI)
Type Number (Note 1) (BI)
Reverse Standoff Voltage VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00
Breakdown Voltage VBR @ IT Min (V) 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 Max (V) 7.14 7.88 8.61 9.55 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00
Test Current It (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Reverse Leakage (Note 2) @ VR IR (mA) 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max. Clamping Voltage @ Ipp VC (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0
Max. Peak Pulse Current IPP (A) 143.0 132.0 124.0 112.0 103.0 96.0 90.0 82.0 71.0 67.0 59.5 54.0 49.0 45.0 40.0 36.0 33.0 30.0 28.0 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12.0 11.0 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5 4.6 5.0 5.0 4.0 4.0
Max. Voltage Temp. Variation of VBR %/C 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110
1.5KE6V8A 1.5KE6V8CA 1.5KE7V5A 1.5KE7V5CA 1.5KE8V2A 1.5KE8V2CA 1.5KE9V1A 1.5KE9V1CA 1.5KE10A 1.5KE11A 1.5KE12A 1.5KE13A 1.5KE15A 1.5KE16A 1.5KE18A 1.5KE20A 1.5KE22A 1.5KE24A 1.5KE27A 1.5KE30A 1.5KE33A 1.5KE36A 1.5KE39A 1.5KE43A 1.5KE47A 1.5KE51A 1.5KE56A 1.5KE62A 1.5KE68A 1.5KE75A 1.5KE82A 1.5KE91A 1.5KE100A 1.5KE110A 1.5KE120A 1.5KE130A 1.5KE150A 1.5KE160A 1.5KE170A 1.5KE180A 1.5KE200A 1.5KE220A 1.5KE250A 1.5KE300A 1.5KE350A 1.5KE400A
Notes:
1.5KE10CA 1.5KE11CA 1.5KE12CA 1.5KE13CA 1.5KE15CA 1.5KE16CA 1.5KE18CA 1.5KE20CA 1.5KE22CA 1.5KE24CA 1.5KE27CA 1.5KE30CA 1.5KE33CA 1.5KE36CA 1.5KE39CA 1.5KE43CA 1.5KE47CA 1.5KE51CA 1.5KE56CA 1.5KE62CA 1.5KE68CA 1.5KE75CA 1.5KE82CA 1.5KE91CA 1.5KE100CA 1.5KE110CA 1.5KE120CA 1.5KE130CA 1.5KE150CA 1.5KE160CA 1.5KE170CA 1.5KE180CA 1.5KE200CA 1.5KE220CA 1.5KE250CA 1.5KE300CA 1.5KE350CA 1.5KE400CA
1. Suffix `C' denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the I R limit is doubled.
DS21503 Rev. 10 - 2
2 of 4 www.diodes.com
1.5KE6V8(C)A - 1.5KE400(C)A
10,000
IP, PEAK PULSE CURRENT (%Ipp)
100
Peak Value Ipp
CT, CAPACITANCE (pF)
Measured at Zero Bias
1000
Half Value Ipp/2
50
Measured at Stand-off Voltage
100
tp
0
10 X 1000 Waveform as defined by R.E.A.
10
0
1
2
3
1
10
100
1000
t, TIME (ms) Fig. 1 Pulse Waveform
100 IMPULSE
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance
PP, PEAK PULSE POWER (kW)
SINE WAVE
TC = 25C
SQ. WAVE 10
1.0 0.1 1.0 10 100 1000 10,000
PEAK PULSE DERATING (% PEAK PWR OR CURRENT)
Pd , STEADY STATE POWER DISSIPATION (W)
5.0 Single Phase Half-Wave 60Hz Resistive or Inductive Load
100
3.75
75
50
2.5 L = 9.5 mm
25
10 X 1000 Waveform as defined by REA
1.25 40 x 40 x 1 mm Cu 0
0 0 25 50 75 100 125 150 175 200
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
TL , LEAD TEMPERATURE (C) Fig. 5 Steady State Power Derating
DS21503 Rev. 10 - 2
3 of 4 www.diodes.com
1.5KE6V8(C)A - 1.5KE400(C)A
Ordering Information
Device
(Note 5) Packaging DO-201 DO-201 Shipping 1K/Bulk 1K/Tape & Reel, 13-inch
(Type Number)-B* (Type Number)-T*
Notes:
4. *Add "-B" or "-T" to the appropriate type number in Table 1. Example: 6.40 Reverse Standoff Voltage, UNI = 1.5KE7V5A-B. 5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS21503 Rev. 10 - 2
4 of 4 www.diodes.com
1.5KE6V8(C)A - 1.5KE400(C)A


▲Up To Search▲   

 
Price & Availability of 15KE7V5A-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X