Part Number Hot Search : 
TS7009 AKD4370 6BG17 MC100LV D1877 C221M SL021 TB100
Product Description
Full Text Search
 

To Download XC6217A082GL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulators with Green Operation (GO) Function Output Voltage Range: 0.8V ~ 4.0V Output Current: 200mA Low ESR Capacitor Compatible High Ripple Rejection, Low Output Noise CL High-Speed Auto-Discharge (XC6217B/D) Ultra Small Package: USP-4D
APPLICATIONS
Cellular phones Cordless phones Wireless communication equipment Portable games Cameras, VCRs Portable AV equipment PDAs
The XC6217 series are precise, low noise, high speed, low dropout regulators with green operation (GO) function. They are fabricated using Torex's CMOS process. Performance features of the series include high ripple rejection and low dropout voltage, and the series include a reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit. GO provides high speed operation, low power consumption and high efficiencies by automatically switching between a high speed mode (HS) and a power save mode (PS) depending upon the load current level. The switching point of the GO to the output current is being fixed inside the IC. When only high-speed operation is required, it can be fixed by inputting a high level signal to the GO pin, thus providing operating conditions with the most suitable level of supply current for the application. The CE function enables the output to be turned off resulting in greatly reduced power consumption. In this state, with the XC6217B/D series, the IC turns on the internal switch located between the VOUT and VSS pins. This short enables the electric charge at the output capacitor (CL) to be discharged via the internal auto-discharge resistance, and as a result the VOUT pin quickly returns to the VSS level. The series' output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. Output voltage is selectable in 50mV increments within a range of 0.8V~4.0V, using laser trimming technologies. The current limiter's foldback circuit also operates as a short circuit protection for the output current limiter and the output pin.
GENERAL DESCRIPTION
FEATURES
Output Current Dropout Voltage : 200mA : 80mV@ IOUT=100mA, VOUT(T)=3.0V Operating Voltage Range : 1.6V ~ 6.0V (0.8VVOUT(T)1.55V : 1.8V ~ 6.0V (1.6VVOUT(T)4.0V Output Voltage Setting Range Accuracy : 0.8V~4.0V (50mV increments)
: +2% (HS: VOUT >2.0V) +30mV (HS: VOUT1.95V) +2.5%, -3.5% (PS: VOUT >2.6V) +3.5%, -4.5% (PS:1.6VOUT2.55V) +70mV, -90mV (PS:0.8VOUT1.55V)
Low Power Consumption : 4.5A (TYP.) when PS mode 25A (TYP.) when HS mode Standby Current : Less than 0.1A High Ripple Rejection : 70dB @ 1kHz (When HS mode) Operating Temperature : -40~85 Range Low ESR Capacitor : 1.0F Ceramic capacitor compatible Ultra Small Packages : USP-4D, SOT-25,
TYPICAL APPLICATION CIRCUIT
VIN Input CE CIN 1uF (Ceramic) VSS GO VOUT Input
TYPICAL PERFORMANCE CHARACTERISTICS
XC6217B281MR
VIN=3.8V,Tr=Tf=5usec, Ta=25 CIN=CL=1.0uF(Ceramic) 2.9 2.85 VOUT_HSmode 2.8 2.9 2.85 VOUT_GOmode 2.7 2.65 2.6 2.55 Output Current 2.5 2.45 2.4 Time (500usec/div) IOUT=0.1mA IOUT=0.1mA IOUT=50mA 2.6 2.55 2.5 2.8 2.75 2.7 2.65 VOUT_GOmode(V) 3 2.95
VOUT_HSmode(V)
CL 1uF (Ceramic)
2.75
XC6217 ETR0322_010
1/30
XC6217 Series
PIN CONFIGURATION
VOUT 5 GO 4
VIN 4
VOUT 3
GO 2 VOUT 1
1 VIN 2 VSS 3 CE
1 CE 2 VSS
5 VSS
3 CE 4 VIN
SOT-25 (TOP VIEW)
SSOT-24 (TOP VIEW)
USP-4D (BOTTOM VIEW)
PIN ASSIGNMENT
PIN NUMBER USP-4D 4 1 2 5 3 SOT-25 1 5 4 2 3 SSOT-24 4 3 2 1 PIN NAME VIN VOUT GO VSS CE FUNCTIONS Power Input Output Green Operation Mode Switch Ground ON/OFF Control
* XC6217A/B type: USP-4D package XC6217A/B type: SOT-25 package XC6217C/D type: SSOT-24 package
2/30
XC6217
Series
PRODUCT CLASSIFICATION
Ordering Information XC6217 DESIGNATOR DESCRIPTION SYMBOL A Type of Regulator B C D Output Voltage 08 ~ 40 DESCRIPTION : CE High Active, no CL discharge resistor : CE High Active, with CL discharge resistor : CE High Active, no CL discharge resistor, no GO pin (SSOT-24) : CE High Active, with CL discharge resistor, no GO pin (SSOT-24) : ex.) VOUT(T) = 3.0V = 3, = 0 : 100mV increments, When 0.8VVOUT(T)1.50V in HS mode;; HS mode: VOUT(T)+30mV PS mode: +70mV, -90mV ex.) 0.8V =0, =8, =2 : 100mV increments, When 1.6VVOUT(T)1.9V in HS mode; HS mode: VOUT(T) +30mV, PS mode: +3.5%, -4.5% ex.) 1.6V =1, =6, =2 : 100mV increments, When 2.0VVOUT(T)2.5V; HS mode: +2%, PS mode: +3.5%, -4.5% ex.) 2.0V =2, =0, =2 : 100mV increments, When VOUT(T)>2.6V; HS mode: +2% PS mode: +2.5%, -3.5% ex.) 3.0V =3, =0, =2 : 50mV increments, When 0.85VVOUT(T)1.55V; HS mode: VOUT(T)+30mV PS mode: +70mV, -90mV ex.) 0.85V =0, =8, =A : 50mV increments, When 1.65VVOUT(T)1.95V; HS mode: VOUT(T)+30mV, PS mode: +3.5%, -4.5% ex.) 1.65V =1, =6, =A : 50mV increments, When 2.05VVOUT(T)2.55V; HS mode: +2%, PS mode: +3.5%, -4.5% ex.) 2.05V =2, =0, =A : 50mV increments, When VOUT(T)>2.65V; HS mode: +2% PS mode: +2.5%, -3.5% ex.) 3.05V =3, =0, =A
2
Output Accuracy
A
3/30
XC6217 Series
PRODUCT CLASSIFICATION (Continued)
Ordering Information (Continued) XC6217 DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION : 100mV increments, When 0.8VVOUT(T)1.50V in HS mode;; HS mode: VOUT(T)+20mV PS mode: +50mV, -70mV ex.) 0.8V =0, =8, =1 : 100mV increments, When 1.6VVOUT(T)1.9V in HS mode; HS mode: VOUT(T) +20mV, PS mode: +2.5%, -3.5% ex.) 1.6V =1, =6, =1 : 100mV increments, When 2.0VVOUT(T)2.5V; HS mode: +1%, PS mode: +2.5%, -3.5% ex.) 2.0V =2, =0, =1 : 100mV increments, When VOUT(T)>2.6V; HS mode: +1% PS mode: +1.5%, -2.5% ex.) 3.0V =3, =0, =1 : 50mV increments, When 0.85VVOUT(T)1.55V; HS mode: VOUT(T)+20mV PS mode: +50mV, -70mV ex.) 0.85V =0, =8, =B : 50mV increments, When 1.65VVOUT(T)1.95V; HS mode: VOUT(T)+20mV, PS mode: +2.5%, -3.5% ex.) 1.65V =1, =6, =B : 50mV increments, When 2.05VVOUT(T)2.55V; HS mode: +1%, PS mode: +2.5%, -3.5% ex.) 2.05V =2, =0, =B : 50mV increments, When VOUT(T)>2.65V; HS mode: +1% PS mode: +1.5%, -2.5% ex.) 3.05V =3, =0, =B : USP-4D (XC6217A/B type) : SOT-25 (XC6217A/B type) : SSOT-24 (XC6217C/D type) : Embossed tape, standard feed : Embossed tape, reverse feed
1
Output Accuracy
B
G Package M N Device Orientation R L
4/30
XC6217
Series
PACKAGING INFORMATION
USP-4D
1. 20. 08
SOT-25 (SOT-23-5)
4 3
1. 60. 08
AA AA
1 2
M AX0. 6
0. 20. 1
0. 30. 05
1
2
0. 80. 1
(R 0. 05)
0. 20. 05
0. 007 +0. 005 -0. 004
.
0. 20. 05
* Soldering f illet surf ace is not f ormed because the sides of the pins are plated.
0. 20. 1
4
(0. 6)
3
1. 00. 1
SSOT-24
2.0+0.2 3 - 0.25
+0.05 -0.1 4 3
1.25 -0.1 2.1+0.3
+0.2
0 -0
+0
+0.1
1
2
0.35 -0.1 1.3+0.2
+0.05
0.3 -0.2 .
0.125 -0.05 0.9+0.1
+0.2 0.9 -0.1
+0.1
.
5/30
XC6217 Series
MARKING RULE
SOT-25
Represents product series MARK 1 PRODUCT SERIES XC6217xxxxxx
Represents type of regulators
SOT-25 (TOP VIEW)
MARK Represents type of regulators OUTPUT VOLTAGE OUTPUT VOLTAGE 100mV INCREMENTS 50mV INCREMENTS 0.8V~3.0V 3.1V~4.0V 0.85V~3.05V 3.15V~3.95V V A E L X B F M
PRODUCT SERIES
XC6217Axxxxx XC6217Bxxxxx
Represents output voltage MARK 0 1 2 3 4 5 6 7 8 9 A B C D E 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 OUTPUT VOLTAGE (V) 3.1 3.15 3.2 3.25 3.3 3.35 3.4 3.45 3.5 3.55 3.6 3.65 3.7 3.75 3.8 0.85 3.85 3.9 0.95 3.95 4.0 1.05 1.15 1.25 1.35 1.45 1.55 MARK F H K L M N P R S T U V X Y Z 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 OUTPUT VOLTAGE (V) 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 -
Represents production lot number 01 to 09, 10 to 99, 0A~ 0Z, 1A in order. (G, I, J, O, Q, W excepted) Note: No character inversion used.
6/30
XC6217
Series
MARKING RULE
SSOT-24
Represents type of regulators and output voltage range MARK OUTPUT VOLTAGE OUTPUT VOLTAGE 100mV INCREMENTS 50mV INCREMENTS 0.8V~3.0V 3.1V~4.0V 0.85V~3.05V 3.15V~3.95V 1 5 2 6 3 7 4 8
PRODUCT SERIES
SSOT-4 (TOP VIEW)
XC6217Cxxxxx XC6217Dxxxxx
Represents decimal point of output voltage MARK 0 1 2 3 4 5 6 7 8 9 A B C D E 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 OUTPUT VOLTAGE (V) 3.1 3.15 3.2 3.25 3.3 3.35 3.4 3.45 3.5 3.55 3.6 3.65 3.7 3.75 3.8 0.85 3.85 3.9 0.95 3.95 4.0 1.05 1.15 1.25 1.35 1.45 1.55 MARK F H K L M N P R S T U V X Y Z 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 OUTPUT VOLTAGE (V) 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 -
Represents production lot number 01 to 09, 10 to 99, 0A~ 0Z, 1A in order. (G, I, J, O, Q, W excepted) Note: No character inversion used.
7/30
XC6217 Series
MARKING RULE
USP-4D
Represents product series MARK 1 PRODUCT SERIES XC6217xxxxxx
Represents type of regulators
USP-4D (TOP VIEW) MARK A B TYPE OF REGULATORS CE High Active, without CL-Discharge CE High Active, with CL-Discharge PRODUCT SERIES XC6217Axxxxx XC6217Bxxxxx
Represents integer number of output voltage
ex.)
MARK 3 5
VOLTAGE (V) 3.x 5.x
PRODUCT SERIES XC6217x3xxGx XC6217x5xxGx
Represents decimal point of output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE(V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9 PRODUCT MARK SEIRES XC6217xx02/1Gx A XC6217xx12/1Gx B XC6217xx22/1Gx C XC6217xx32/1Gx D XC6217xx42/1Gx E XC6217xx52/1Gx F XC6217xx62/1Gx H XC6217xx72/1Gx K XC6217xx82/1Gx L XC6217xx92/1Gx M VOLTAGE (V) x.05 x.15 x.25 x.35 x.45 x.55 x.65 x.75 x.85 x.95 PRODUCT SEIRES XC6217xx0A/1Gx XC6217xx1A/1Gx XC6217xx2A/1Gx XC6217xx3A/1Gx XC6217xx4A/1Gx XC6217xx5A/1Gx XC6217xx6A/1Gx XC6217xx7A/1Gx XC6217xx8A/1Gx XC6217xx9A/1Gx
Represents production lot number 01 to 09, 10 to 99, 0A~ 0Z, 1A in order. (G, I, J, O, Q, W excepted) Note: No character inversion used.
8/30
XC6217
Series
BLOCK DIAGRAMS
XC6217A Series XC6217B Series
XC6217C Series
XC6217D Series
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage Output Current Output Voltage CE/GO Input Voltage USP-4D Power Dissipation SOT-25 SSOT-24 Operational Temperature Range Storage Temperature Range *1: IOUT=Less than Pd / (VIN-VOUT) SYMBOL VIN IOUT VOUT VCE/VGO Pd Topr Tstg RATINGS VSS -0.3 ~ +6.5 400 *1 VSS - 0.3 ~ VIN + 0.3 VSS - 0.3 ~ +6.5 120 250 150 - 40 ~ + 85 - 55 ~ +125 Ta=25 UNITS V mA V V mW
9/30
XC6217 Series
ELECTRICAL CHARACTERISTICS
XC6217A/B series
PARAMETER SYMBOL CONDITIONS High Speed Mode (HS), VOUT(T)>2.0V, VGO= VIN, VCE=VIN, IOUT=10mA High speed mode (HS), VOUT<1.95V, VGO=VIN, VCE=VIN, IOUT=10mA Power Save Mode (PS), VOUT(T)>2.6V, VGO= VIN, VCE=VIN, IOUT=0.1mA Power Save Mode (PS), 1.6VOutput Voltage
VOUT(E) (* 2)
x0.965 x1.025 (*3) VOUT(T) (*3) (*4) x 0.955 x 1.035 (*3) (*3) -0.09 (*3) 200 250 10 E-4 25 4.5 0.01 50 8.0 0.10 +0.07 (*3) 40
V
1
Output Current Load Regulation Dropout Voltage (*5) Supply Current 1 Supply Current 2 Standby Current
IOUTMAX VOUT Vdif ISS1 ISS2 ISTBY
mA mV mV A A A
1 1 1 2 2 2
Line Regulation
VOUT VINVOUT
Input Voltage Output Voltage Temperature Characteristics
Ripple Rejection Rate
1.6VVIN6.0V : VOUT(T)1.05V VGO=VIN (HS), VCE=VIN, IOUT=10mA 0.8VVOUT(T)1.55V VIN 1.6VVOUT(T)4.0V VOUT VGO=VIN (HS), VCE=VIN, TaVOUT IOUT=30mA, -40-
0.01
0.20
%/V
1
1.6 1.8 -
100
6.0 6.0 -
V ppm/
1 1
-
70
-
dB
3
Limit Current Short Current
200 -
250 30
-
mA mA
1 1
10/30
XC6217
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6217A/B series (Continued)
PARAMETER PS Switching Current HS Switching Current Switch Current Hysteresis Range PS Switching Delay Time CE High Level Voltage GO High Level Voltage CE Low Level Voltage GO Low Level Voltage CE High Level Current GO High Level Current CE Low Level Current GO Low Level Current CL Auto-Discharge Resistance (* 8) SYMBOL IGOR IGO IGOhys CONDITIONS VCE=VIN, VGO=VSS (GO mode), IOUT: heavy to light load VCE=VIN, VGO=VSS (GO mode), IOUT: light to heavy load IGOhys=IGO- IGOR VIN=CE=VOUT(T)+1.0V, VGO=VSS (GO mode), Time until HS mode is changed-over to PS mode by IGOR 1.2 VCE=VIN, ISS Search, IOUT=0mA VCE=VIN, ISS Search, IOUT=0mA VGO=VIN, VCE=VIN VGO=VIN, VCE=VIN VCE=VSS, VGO=VSS VCE=VSS, VGO=VSS VIN=6.0V, VOUT(T)=4.0V, VCE=VGO=VSS 1.2 -0.1 -0.1 -0.1 -0.1 MIN. 0.5 TYP. 3.5 MAX. 8.0 Ta=25 UNITS CIRCUIT mA mA mA 4 4 4
TDPS VCEH VGOH VCEL VGOL ICEH IGOH ICEL IGOL Rdischg
E-5 780 6.0 6.0 0.3 0.3 0.1 0.1 0.1 0.1 -
sec V V V V A A A A
4 4 4 4 4 4 4 4 4 1
NOTE: * 1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)1.0V. * 2: VOUT (E) = Effective output voltage (Refer to the voltage chart E-0 to E-3) (I.e. the output voltage when HS mode and an amply stabilized "VOUT (T)1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) * 3: The rated value of the setting output voltage VOUT(E) is shown in voltage chart E-0 to E-3) For the 1% accuracy products, please contact Torex sales person. * 4: VOUT (T) = Specified output voltage * 5: Vdif={VIN1(*7)-VOUT1(*6)} * 6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode. * 7: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. * 8: For the XC6217B series only. The XC6217A series discharges by resistors R1 and R2 only as shown in the block diagrams.
11/30
XC6217 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6217C/D series
PARAMETER SYMBOL CONDITIONS High Speed Mode (HS), VOUT(T)2.0V, VCE= VIN, IOUT=10mA High Speed Mode(HS), VOU T(T)1.95V, VCE=VIN, IOUT=10mA Power Save Mode (PS), VOUT(T)2.6V, VCE= VIN, IOUT=0.1mA Power Save Mode (PS), 1.6VVOUT(T)2.55V, VCE=VIN, IOUT=0.1mA Power Save Mode(PS), 0.8VVOUT(T)1.55V VCE=VIN, IOUT=0.1mA VCE=VIN, VIN=VOUT(T)+1.0V, 0.8VVOUT(T)4.0V VCE=VIN, 8mAIOUT100mA VCE=VIN, IOUT=100mA VIN=VOUT(T)+1.0V, IOUT=8mA VIN=VOUT(T)+1.0V, IOUT=0mA VIN=6.0V, VCE=VSS VOUT(T)+0.5VVIN6.0V : VOUT(T)1.1V VCE=VIN, IOUT=10mA 1.6VVIN6.0V : VOUT(T)1.05V VCE=VIN, IOUT=10mA 0.8VVOUT(T)1.55V 1.6VVOUT(T)4.0V VCE=VIN, IOUT=30mA, -40Output Voltage
VOUT(E) (* 2)
x0.965 x1.025 VOUT(T) (*3) (*3) (*4) x 0.955 x 1.035 (*3) (*3) -0.09 (*3) 200 25010 E-4 25 4.5 0.01 50 8.0 0.10 +0.07 (*3) 40
Output Current Load Regulation Dropout Voltage (*5) Supply Current 1 Supply Current 2 Standby Current
IOUTMAX VOUT Vdif ISS1 ISS2 ISTBY
mA mV mV A A A
1 1 1 2 2 2
Line Regulation
VOUT VINVOUT
-
0.01
0.20
%/V
1
Input Voltage Output Voltage Temperature Characteristics
VIN VOUT TaVOUT
1.6 1.8 -
100
6.0 6.0 -
V ppm/
1 1
Ripple Rejection Rate
PSRR
-
70
-
dB
3
Limit Current Short Current
Ilim Ishort
200 -
250 30
-
mA mA
1 1
12/30
XC6217
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6217C/D series (Continued)
PARAMETER PS Switching Current HS Switching Current Switch Current Hysteresis Range PS Switching Delay Time CE High Level Voltage CE Low Level Voltage CE High Level Current CE Low Level Current CL Auto-Discharge Resistance (* 8) SYMBOL IGOR IGO IGOhys TDPS VCEH VCEL ICEH ICEL Rdischg CONDITIONS VCE=VIN, IOUT: heavy to light load VCE=VIN, IOUT: light to heavy load IGOhys=IGO- IGOR VIN=CE=VOUT(T)+1.0V, Time until HS mode is changed-over to PS mode by IGOR 1.2 -0.1 -0.1 MIN. 0.5 TYP. 3.5 E-5 780 6.0 0.3 0.1 0.1 MAX. 8.0 mA mA mA sec V V A A Ta=25 UNITS CIRCUIT 4 4 4 4 4 4 4 4 1
VCE=VSS VCE=VSS VIN=6.0V, VOUT(T)=4.0V, VCE=VSS
NOTE: * 1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)1.0V. * 2: VOUT (E) = Effective output voltage (Refer to the voltage chart E-0 to E-3 chart) (I.e. the output voltage when HS mode and an amply stabilized "VOUT (T)1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) * 3: The rated value of the setting output voltage VOUT(E) is shown in the voltage chart E-0 to E-3. For the 1% accuracy products, please contact Torex sales person. * 4: VOUT (T) = Specified output voltage * 5: Vdif={VIN1(*7)-VOUT1(*6)} * 6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode. * 7: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. * 8: For the XC6217D series only. The XC6217C series discharges by resistors R1 and R2 only as shown in the block diagrams.
13/30
XC6217 Series
OUTPUT VOLTAGE CHART
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT(T)
0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95
E-0 OUTPUT VOLTAGE (HS MODE) Standard +2% (V) VOUT(E) MIN.
0.7700 0.8200 0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5200 1.5700 1.6200 1.6700 1.7200 1.7700 1.8200 1.8700 1.9200 1.9600 2.0090 2.0850 2.1070 2.1560 2.2050 2.2540 2.3030 2.3520 2.4010 2.4500 2.4990 2.5480 2.5970 2.6460 2.6950 2.7440 2.7930 2.8420 2.8910
E-1 OUTPUT VOLTAGE (PS MODE) Standard (V) VOUT(E) MAX.
0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5300 1.5800 1.6300 1.6800 1.7300 1.7800 1.8300 1.8800 1.9300 1.9800 2.0400 2.0910 2.1420 2.1930 2.2440 2.2950 2.3460 2.3970 2.4480 2.4990 2.5500 2.6010 2.6520 2.7030 2.7540 2.8050 2.8560 2.9070 2.9580 3.0090
E-2 OUTPUT VOLTAGE (HS MODE) High Accuracy +1% (V) VOUT(E) MAX.
0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5200 1.5700 1.6200 1.6560 1.7078 1.7595 1.8113 1.8630 1.9148 1.9665 2.0183 2.0700 2.1218 2.1735 2.2253 2.2770 2.3288 2.3805 2.4323 2.4840 2.5358 2.5875 2.6393 2.6650 2.7163 2.7675 2.8188 2.8700 2.9213 2.9725 3.0238
E-3
OUTPUT VOLTAGE (PS MODE) High Accuracy (V) VOUT(E) MIN.
0.7300 0.7800 0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5440 1.5923 1.6405 1.6888 1.7370 1.7853 1.8335 1.8818 1.9300 1.9783 2.0265 2.0748 2.1230 2.1713 2.2195 2.2678 2.3160 2.3646 2.4125 2.4608 2.5350 2.5838 2.6325 2.6813 2.7300 2.7788 2.8275 2.8763
MIN.
0.7100 0.7600 0.8100 0.8600 0.9100 0.9600 1.0100 1.0600 1.1100 1.1600 1.2100 1.2600 1.3100 1.3600 1.4100 1.460 1.5280 1.5758 1.6235 1.6713 1.7190 1.7668 1.8145 1.8623 1.9100 1.9578 2.0055 2.0533 2.1010 2.1488 2.1965 2.2443 2.2920 2.3398 2.3875 2.4353 2.5090 2.5573 2.6055 2.6538 2.7020 2.7503 2.7985 2.8468
MIN.
0.7800 0.8300 0.8800 0.9300 0.9800 1.0300 1.0800 1.1300 1.1800 1.2300 1.2800 1.3300 1.3800 1.4300 1.4800 1.5300 1.5800 1.6300 1.6800 1.7300 1.7800 1.8300 1.8800 1.9300 1.9800 2.0295 2.0790 2.1285 2.1780 2.2275 2.2770 2.3265 2.3760 2.4255 2.4750 2.5245 2.5740 2.6235 2.6730 2.7225 2.7720 2.8215 2.8710 2.9205
MAX.
0.8200 0.8700 0.9200 0.9700 1.0200 1.0700 1.1200 1.1700 1.2200 1.2700 1.3200 1.3700 1.4200 1.4700 1.5200 1.5700 1.6200 1.6700 1.7200 1.770 1.8200 1.8700 1.9200 1.9700 2.0200 2.0705 2.1210 2.1715 2.2220 2.2725 2.3230 2.3735 2.4240 2.4745 2.5250 2.5755 2.6260 2.6765 2.7270 2.7775 2.8280 2.8785 2.9290 2.9795
MAX.
0.8500 0.9000 0.9500 1.0000 1.0500 1.1000 1.1500 1.2000 1.2500 1.3000 1.3500 1.4000 1.4500 1.5000 1.5500 1.6000 1.6400 1.6913 1.7425 1.7938 1.8450 1.8963 1.9475 1.9998 2.0500 2.1013 2.1525 2.2038 2.2550 2.3063 2.3575 2.4088 2.4600 2.5113 2.5625 2.6138 2.6390 2.6898 2.7405 2.7913 2.8420 2.8928 2.9435 2.9943
14/30
XC6217
Series
OUTPUT VOLTAGE CHART (Continued)
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT(T)
3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00
E-0 OUTPUT VOLTAGE (HS MODE) Standard +2% (V) VOUT(E) MIN.
2.9400 2.8990 3.0380 3.0870 3.1360 3.1850 3.2340 3.2830 3.3320 3.3810 3.4300 3.4790 3.5280 3.5770 3.6260 3.6750 3.7240 3.7730 3.8220 3.8710 3.9200
E-1 OUTPUT VOLTAGE (PS MODE) Standard (V) VOUT(E) MAX.
3.0600 3.1100 3.1620 3.2130 3.2640 3.3150 3.3660 3.4170 3.4680 3.5190 3.570 3.6210 3.6720 3.7230 3.7740 3.8250 3.8760 3.9270 3.9780 4.0290 4.0800
E-2 OUTPUT VOLTAGE (HS MODE) High Accuracy +1% (V) VOUT(E) MAX.
3.0750 3.1263 3.1775 3.2288 3.2800 3.3313 3.3825 3.4338 3.4850 3.5363 3.5875 3.6388 3.6900 3.7413 3.7925 3.8438 3.8950 3.9463 3.9975 4.0488 4.1000
E-3
OUTPUT VOLTAGE (PS MODE) High Accuracy (V) VOUT(E) MIN.
2.9250 2.9738 3.0225 3.0713 3.1200 3.1688 3.2175 3.2663 3.3150 3.3638 3.4125 3.4613 3.5100 3.5588 3.6075 3.6563 3.7050 3.7538 3.8025 3.8513 3.9000
MIN.
2.8950 2.9433 2.9915 3.0398 3.0880 3.1363 3.1845 3.2328 3.2810 3.3293 3.3775 3.4258 3.4740 3.5223 3.5705 3.6188 3.6670 3.7153 3.7635 3.8118 3.8600
MIN.
2.9700 3.0195 3.0690 3.1185 3.1680 3.2175 3.2670 3.3165 3.3660 3.4155 3.4650 3.5145 3.5640 3.6135 3.6630 3.7125 3.7620 3.8115 3.8610 3.9105 3.9600
MAX.
3.0300 3.0805 3.1310 3.1815 3.2320 3.2825 3.3330 3.3835 3.4340 3.4845 3.5350 3.5855 3.6360 3.6855 3.7370 3.7875 3.8380 3.8885 3.9390 3.9895 4.0400
MAX.
3.0450 3.0958 3.1465 3.1973 3.2480 3.2988 3.3495 3.4003 3.4510 3.5018 3.5525 3.6033 3.6540 3.7048 3.7555 3.8063 3.8570 3.9078 3.9585 4.0093 4.0600
15/30
XC6217 Series
DROPOUT VOLTAGE CHART
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT(T)
0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 95 170 1200 115 195 850 125 210 160 250 200 160 360 290 230 410 330 650 850
E-4
DROPOUT VOLTAGE Vdif (mV) Vdif TYP. 500 410 MAX. 850 720
E-5
SYMBOL SETTING OUTPUT VOLTAGE (V) VOUT(T)
3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 80
E-4
DROPOUT VOLTAGE Vdif (mV) Vdif TYP. MAX.
E-5
PS SWITCHING DELAY TIME (GO MODE) (usc)
TDPS MAX
PS SWITCHING DELAY TIME (GO MODE) (usc)
TDPS MAX
140
1200
16/30
XC6217
Series
OPERATIONAL EXPLANATION
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. The GO function monitors the output current and switches a supply current to two values according to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
XC6217A and B series can be set as a fixed high-speed mode or a green operation (GO) mode via a signal to the green operation (GO) pin. Under the condition that the GO pin becomes low level, the IC operates in the GO mode and the IC operates in the fixed high-speed mode when the GO pin is at high level. The GO mode enables the IC to switch automatically the supply current to the high speed (HS) mode or the power save (PS) mode according to the level of output current. While having both high-speed operation and low supply current state, the series can acquire high efficiency. At the HS/PS automatic switching mode (GO mode), the switching point of the HS mode and the PS mode is being fixed inside the IC. When the output current becomes IGOR 0.5mA (MIN.) or below, the mode changes automatically to the PS mode after the delay time of hundreds sec(s), and it can reduce supply current in light load. Also when the output current becomes IGO 8mA (MAX.) or more, the mode changes automatically to the HS mode and the IC becomes high speed operation. With the XC6217 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase compensation circuit is built-in. Values required for the phase compensation are as the chart below. In order to ensure the stable phase compensation while avoiding run-out of values, please use the capacitor which does not depend on bias or temperature too much. For a stable power input, please connect an input capacitor (CIN) of 1.0F between the VIN pin and the VSS pin.
SETTING OUTPUT VOLTAGE (V) 0.8 ~ 1.15 1.2 ~ 1.35 1.4 ~ 4.0 OUTPUT CAPACITOR VALUE More than CL=4.7uF More than CL=2.2uF More than CL=1.0uF
XC6217B/D series can quickly discharge the electric charge at the output capacitor (CL), when a low signal to the CE pin, which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM). The CL auto-discharge resistance value is fixed to 780(VIN=6.0V, VOUT=4.0V at typical). The discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [Rdischg] and an output capacitor value (CL) as (=C x Rdischg), the output voltage after discharge via the N channel transistor is calculated by the following formulas. -t/ V = VOUT(E) x e , or t=In ( V / VOUT(E) ) ( V : Output voltage after discharge, VOUT(E) : Output voltage, t: Discharge time, : CL auto-discharge resistance RdischgxOutput capacitor (CL) value C)
17/30
XC6217 Series
OPERATIONAL EXPLANATION (Continued)
The XC6217 series' foldback circuit operates as an output current limiter and a short protection of the output pin. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. When the output pin is shorted to the VSS level, a current of about 30mA flows. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6217 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XC6217B/D series, the CL auto-discharge resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level becomes short. The output voltage becomes unstable, when the CE pin is open. If this IC is used with the correct output voltage for the CE pin, the logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium voltage is input.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
18/30
XC6217
Series
TEST CIRCUITS
Circuit 1: Output Voltage, Output Current, Dropout Voltage, Input/Operating Voltage, Line Regulation, Load Regulation, Current Limit, Short Current, CL Discharge Resistance
Circuit 2: Supply Current, Standby Current
Circuit 3: Ripple Rejection Rate
19/30
XC6217 Series
TEST CIRCUITS (Continued)
Circuit 4: HS/PS Switching Current, PS Switching Delay Time, CE/GO "H" "L" Level Voltage, CE/GO "H" "L" Level Current
20/30
XC6217
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
XC6217x182
High Speed Mode
XC6217x182
2.4
High Speed Mode
2.4
Output Voltage: VOUT (V)
Output Voltage: VOUT (V)
1.8
1.8
1.2
1.2
0.6
VIN=1.9V VIN=2.8V VIN=6.0V
0.6
Topr=25 Topr=-40 Topr=85
0 0 100 200 300 400 Output Current: IOUT (mA)
0 0 100 200 300 400 Output Current: IOUT (mA)
XC6217x302
High Speed Mode
XC6217x302
High Speed Mode
3.5 3 Output Voltage: VOUT (V) Output Voltage: VOUT (V) 2.5 2 1.5 1 0.5 0 0 100 200 300 400 Output Curernt: IOUT (mA) VIN=3.1V VIN=4.0V VIN=6.0V
3.5 3 2.5 2 1.5 1 0.5 0 0 100 200 300 400 Output Current: IOUT (mA) Topr=25 Topr=-40 Topr=85
(2) Output Voltage vs. Input Voltage
XC6217x182
High Speed Mode
XC6217x182
High Speed Mode
2 1.9 Output Voltage: VOUT (V) 1.8 1.7 1.6 1.5 1.4 1 1.5
CE=VIN, GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic) 1.9 1.85 Output Voltage: VOUT (V) 1.8 1.75 1.7 1.65 1.6 2 Input Voltage: VIN (V) 2.5 3 4 4.5
CE=VIN, GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic)
IOUT=1mA IOUT=10mA IOUT=30mA IOUT=100mA
IOUT=1mA IOUT=10mA IOUT=30mA IOUT=100mA 5 Input Voltage: VIN (V) 5.5 6
21/30
XC6217 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
XC6217x302
High Speed Mode High Speed Mode
XC6217x302
CE=VIN, GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic) 3.2 3.1 Output Voltage: VOUT (V) 3 2.9 2.8 IOUT=1mA 2.7 2.6 2.5 2 2.5 3 Input Voltage: VIN (V) 3.5 4 IOUT=10mA IOUT=30mA IOUT=100mA Output Voltage: VOUT (V)
3.1 3.05 3 2.95 2.9 2.85 2.8 4 4.5
CE=VIN, GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic)
IOUT=1mA IOUT=10mA IOUT=30mA IOUT=100mA 5 Input Voltage: VIN (V) 5.5 6
(3) Dropout Voltage vs. Output Current
XC6217x182
High Speed Mode
XC6217x302
High Speed Mode
0.4 0.35 Dropout Voltage: Vdif (V) 0.3
CE=VIN, GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic)
0.4 0.35
CE=VIN,GO=VIN(A/B Type), Topr=25 CIN=CL=1.0uF(ceramic)
Topr=85 Topr=25 Dropout Voltage: Vdif (V) 0.3 0.25 0.2 0.15 0.1 0.05 0 0 50 100 150 200 0
Topr=85 Topr=25 Topr=-40
0.25 0.2 0.15 0.1 0.05 0 Output Current: IOUT (mA) Topr=-40
50
100
150
200
Output Current: IOUT (mA)
(4) Output Voltage vs. Ambient Temperature
XC6217x182
High Speed Mode
XC6217x302
High Speed mode
1.9
VIN=CE=2.8V,GO=VIN(A/B Type), IOUT=30mA CIN=CL=1.0uF(ceramic)
3.1
VIN=CE=4.0V,GO=VIN(A/B Type), IOUT=30mA CIN=CL=1.0uF(ceramic)
Output Voltage: VOUT (V)
Output Voltage: VOUT (V)
1.85
3.05
1.8
3
1.75
2.95
1.7 -50
-25
0
25
50
75
100
2.9 -50
-25
0
25
50
75
100
Ambient Temperature: Topr ()
Ambient Temperature: Topr ()
22/30
XC6217
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Supply Current vs. Input Voltage
XC6217x182
Pow er Save Mode
XC6217x302
Pow er Save Mode
20 18 16 Supply Current: ISS (uA) 14 12 10 8 6 4 2 0 0
CE=VIN, GO=VSS(A/B Type), CIN=CL=1.0uF(ceramic)
20 18 16 Supply Current: ISS (uA) 14 12 10 8 6 4 2 0
CE=VIN, GO=VSS(A/B Type), CIN=CL=1.0uF(ceramic)
Topr=85 Topr=25 Topr=-40
Topr=85 Topr=25 Topr=-40
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage: VIN (V)
Input Voltage: VIN (V) High Speed Mode
XC6217x182
XC6217x302
High Speed Mode
CE=VIN, GO=VIN(A/B Type), CIN=CL=1.0uF(ceramic) 70 60 Supply Current: ISS (uA) 50 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage: VIN (V) Topr=85 Supply Current: ISS (uA) Topr=25 Topr=-40 70 60 50 40 30 20 10 0 0
CE=VIN, GO=VIN(A/B Type), CIN=CL=1.0uF(ceramic)
Topr=85 Topr=25 Topr=-40
1
2
3
4
5
6
Input Voltage: VIN (V)
(6) PS Switching Delay Time vs. Ambient Temperature
XC6217x182
GO Mode
XC6217x302
GO Mode
2500 PS Switching Delay Time TDPS (usec)
VIN=CE=2.8V, GO=VSS(A/B Type) IOUT=10mA 0.1mA, CIN=CL=1.0uF(ceramic) PS Switching Delay Time TDPS (usec)
2500
VIN=CE=4.0V, GO=VSS(A/B Type) IOUT=10mA 0.1mA, CIN=CL=1.0uF(ceramic)
2000
2000
1500
1500
1000
1000
500
500
0 -50
-25
0
25
50
75
100
0 -50
-25
0
25
50
75
100
Ambient Temperature: Topr ( )
Ambient Temperature: Topr ( )
23/30
XC6217 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) CL Auto-Discharge Resistance vs. Ambient Temperature
XC6217B/D
VIN=6.0V, CE=VSS, GO=VSS(A/B Type) VOUT=4.0V CIN=CL=1.0uF(ceramic)
(8) PS/HS Switching Current vs. Ambient Temperature
XC6217x181
GO Mode
CL Auto-Discharge Resistance: Rdischg ()
1200 1000
10 9 Output Current: IOUT (mA 8 7 6 5 4 3 2 1
VIN=CE=2.8V, GO=VSS(A/B Type) CIN=CL=1.0uF(ceramic)
HS Sw itching Current PS Sw itching Current
800 600 400 200 0 -50
-25
0
25
50
75
100
0 -50
-25
0
25
50
75
100
Ambient Temperature: Topr ( )
Ambient Temperature: Topr ( )
(9) Load Transient Response
XC6217x182
VIN=CE=2.8V, GO=VSS(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage 1.8 Output Voltage: VOUT (V) 1.7 1.6 1.5 1.4 1.3 50mA Output Current 50 0 Time (500usec/div) 250 Output Current: IOUT (mA Output Voltage: VOUT (V) 200 150 100 GO Mode
XC6217x182
VIN=CE=2.8V, GO=VSS(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage 1.8
GO Mode
1.9
300
1.9
300
250 200 Output Current: IOUT (mA Output Current: IOUT (mA
1.7 1.6 100mA Output Current
150 100
1.5 1.4
50 0.1mA Time (500usec/div) 0
0.1mA
1.3
XC6217x182
High Speed Mode
XC6217x302
VIN=CE=4.0V, GO=VSS(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage
GO Mode
1.9 1.8 Output Voltage: VOUT (V)
VIN=CE=2.8V, GO=VIN(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage
300
3.1 3 Output Current: IOUT (mA Output Voltage: VOUT (V) 2.9 2.8 2.7 2.6 2.5
300 250 200 150 100
250 200
1.7 1.6 100mA Output Current
150 100
1.5 1.4
50 10mA 0 Time (500usec/div)
50mA 0.1mA
Output Current 50 0 Time (500usec/div)
1.3
24/30
XC6217
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Load Transient Response
XC6217x302
VIN=CE=4.0V, GO=VSS(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage 3 Output Voltage: VOUT (V) 2.9 2.8 2.7 2.6 2.5 0.1mA Time (500usec/div) 100mA Output Current 100 50 0 250 Output Current: IOUT (mA Output Voltage: VOUT (V) 200 150 3 2.9 2.8 2.7 2.6 10mA 2.5 Time (500usec/div) 0 100mA Output Current 100 50 GO Mode
XC6217x302
High Speed Mode
3.1
300
3.1
VIN=CE=4.0V, GO=VIN(A/B Type), Tr=Tf=5usec Topr=25, CIN=CL=1uF(ceramic) Output Voltage
300 250 200 150 Output Current: IOUT (mA
Output Voltage: VOUT (V)
(10) Line Transient Response
XC6217x182
High Speed Mode
XC6217x182
High Speed Mode
5 4 Input Voltage: VIN (V) 3 2
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=1mA, Topr=25, CL=1uF(ceramic) Input Voltage
2 1.95 Output Voltage: VOUT (V) Input Voltage: VIN (V) 1.9 1.85
5 4 3 2
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=30mA, Topr=25, CL=1uF(ceramic) 2 Input Voltage 1.95 1.9 1.85 Output Voltage 1.8 1.75 1.7 Time (20usec/div)
Output Voltage 1 0 -1 Time (20usec/div) 1.8 1.75 1.7
1 0 -1
XC6217x182
High Speed Mode
5 4 Input Voltage: VIN (V) 3 2
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=100mA, Topr=25, CL=1uF(ceramic) Input Voltage
2 1.95 1.9 1.85 Output Voltage: VOUT (V)
Output Voltage 1 0 -1 Time (20usec/div) 1.8 1.75 1.7
25/30
XC6217 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Line Transient Response
XC6217x302
High Speed Mode
XC6217x302
High Speed Mode
6 5 Input Voltage: VIN (V) 4 3
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=1mA, Topr=25, CL=1uF(ceramic) Input Voltage
3.2 3.15 Output Voltage: VOUT (V) 3.1 3.05 Input Voltage: VIN (V)
6 5 4 3
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=30mA, Topr=25, CL=1uF(ceramic) Input Voltage
3.2 3.15 3.1 3.05 Output Voltage: VOUT (V)
Output Voltage 2 1 0 Time (20usec/div) 3 2.95 2.9
Output Voltage 2 1 0 Time (20usec/div) 3 2.95 2.9
XC6217x302
High Speed Mode
6 5 Input Voltage: VIN (V) 4 3 2 1 0
CE=VIN, GO=VIN(A/B Type), Tr=Tf=5usec IOUT=100mA, Topr=25, CL=1uF(ceramic) Input Voltage
3.2 3.15 3.1 3.05 Output Voltage: VOUT (V)
Output Voltage
3 2.95 2.9
Time (20usec/div)
(11) Turn-On Response
XC6217x182xx
High Speed Mode
XC6217x182xx
High Speed Mode
4 3 Input Voltage: VIN (V) 2 1 0 -1 -2 -3
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=1mA, Topr=25, CL=1.0uF(ceramic) Input Voltage
7 6 Output Voltage: VOUT (V) Input Voltage: VIN (V) 5 4 3
4 3 2 1 0 -1 -2 -3
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=30mA, Topr=25, CL=1.0uF(ceramic) 7 Input Voltage 6 5 4 3 Output Voltage 2 1 0 Time (40usec/div) Output Voltage: VOUT (V)
Output Voltage
2 1 0
Time (40usec/div)
26/30
XC6217
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Turn-On Response (Continued)
XC6217x182xx
High Speed Mode
XC6217x302xx
High Speed Mode
4 3 Input Voltage: VIN (V) 2 1 0 -1 -2 -3
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=100mA, Topr=25, CL=1.0uF(ceramic) Input Voltage
7 6 Output Voltage: VOUT (V) Input Voltage: VIN (V) 5 4 3
5 4 3 2 1
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=1mA, Topr=25, CL=1.0uF(ceramic) Input Voltage
8 7 Output Voltage: VOUT (V) 6 5 4
Output Voltage 0 -1 -2 -3 Time (40usec/div) 3 2 1 0
Output Voltage
2 1 0
Time (40usec/div)
XC6217x302xx
High Speed Mode
XC6217x302xx
High Speed Mode
5 4 3 Input Voltage: VIN (V) 2 1 0 -1 -2 -3
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=30mA, Topr=25, CL=1.0uF(ceramic) Input Voltage
8 7 Output Voltage: VOUT (V) 6 5 4
5 4 3 Input Voltage: VIN (V) 2 1 0 -1 -2 -3
CE=VIN, GO=VIN(A/B Type), Tr=5usec IOUT=100mA, Topr=25, CL=1.0uF(ceramic) Input Voltage
8 7 Output Voltage: VOUT (V) 6 5 4
Output Voltage
3 2 1 0
Output Voltage
3 2 1 0
Time (40usec/div)
Time (40usec/div)
(12) CE Turn-On Response
XC6217x182
High Speed Mode
XC6217x182
High Speed Mode
5 4 CE Input Voltge: VCE (V) 3 2 1 0 -1 -2 -3
VIN=2.8V, GO=VIN(A/B Type), Tr=5usec IOUT=1mA,Topr=25, CIN=CL=1.0uF(ceramic) 8 7 CE Input Voltage Output Voltage: VOUT (V) CE Input Voltage: VCE (V) 6 5 4 3 Output Voltage 2 1 0 Time (40usec/div)
5 4 3 2 1 0 -1 -2 -3
VIN=2.8V, GO=VIN(A/B Type), Tr=5usec IOUT=30mA,, Topr=25, CIN=CL=1.0uF(ceramic)
8 7
CE Input Voltage
5 4 3 Output Voltage 2 1 0 Time (40usec/div)
27/30
Output Voltage: VOUT (V)
6
XC6217 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) CE Turn-On Response (Continued)
XC6217x182
High Speed Mode
XC6217x302
High Speed Mode
5 4 CE Input Voltage: VCE (V) 3 2 1 0 -1 -2 -3
VIN=2.8V, GO=VIN(A/B Type), Tr=5usec IOUT=100mA, Topr=25, CIN=CL=1.0uF(ceramic)
8 7
5 4 CE Input Voltage: VCE (V) Output Voltage: VOUT (V) 3 2 1 0 -1 -2 -3
VIN=4.0V, GO=VIN(A/B Type), Tr=5usec IOUT=1mA, Topr=25, CIN=CL=1.0uF(ceramic) CE Input Voltage
8 7 Output Voltage: VOUT (V)
Output Voltage: VOUT (V)
CE Input Voltage
6 5 4 3
6 5 4 3 2 1 0 Time (40usec/div)
Output Voltage
Output Voltage
2 1 0
Time (40usec/div)
XC6217x302
High Speed Mode
XC6217x302
High Speed Mode
5 4 CE Input Voltage: VCE (V) 3 2 1
VIN=4.0V, GO=VIN(A/B Type), Tr=5usec IOUT=30mA, Topr=25, CIN=CL=1.0uF(ceramic) CE Input Voltage
8 7 Output Voltage: VOUT (V) CE Input Voltage: VCE (V) 6 5 4
5 4 3 2 1 0 -1 -2 -3
VIN=4.0V, GO=VIN(A/B Type), Tr=5usec IOUT=100mA, Topr=25, CIN=CL=1.0uF(ceramic) 8 CE input Voltage 7 6 5 4 3 2 1 0 Time (40usec/div)
Output Voltage 0 -1 -2 -3 Time (40usec/div) 3 2 1 0
Output Voltage
28/30
XC6217
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Ripple Rejection Rate
XC6217x182
High Speed Mode
XC6217x182
Pow er Save Mode
80 Ripple Rejection Rate: RR (dB) 70 60 50 40 30 20 10 0 0.01
VIN=CE=2.8VDC+0.5Vp-pAC, GO=VIN(A/B Type) IOUT=30mA, Topr=25, CL=1.0uF(ceramic)
70 Ripple Rejection Rate: RR (dB) 60 50 40 30 20 10 0 0.01
VIN=CE=2.8VDC+0.5Vp-pAC, GO=VSS(A/B Type) IOUT=0.1mA, Topr=25,CL=1.0uF(ceramic)
0.1
1
10
100
1000
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz)
XC6217x302
High Speed Mode
XC6217x302
Pow er Save Mode
80 70 Ripple Rejection Rate: RR (dB) 60 50 40 30 20 10 0 0.01
VIN=CE=4.0VDC+0.5Vp-pAC, GO=VSS(A/B Type) IOUT=30mA, Topr=25, CL=1.0uF(ceramic)
70 Ripple Rejection Rate: RR (dB) 60 50 40 30 20 10 0 0.01
VIN=CE=4.0VDC+0.5Vp-pAC, GO=VSS(A/B Type) IOUT=0.1mA, Topr=25, CL=1.0uF(ceramic)
0.1
1
10
100
1000
0.1
1
10
100
1000
Ripple Freaquency: f (kHz)
Ripple Frequency: f (kHz)
29/30
XC6217 Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
30/30


▲Up To Search▲   

 
Price & Availability of XC6217A082GL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X