Part Number Hot Search : 
M100D C1501 SB820FCT 320F280 C9870G 1209S 1N5834 AP3983E
Product Description
Full Text Search
 

To Download V43644Y04VCTG-10PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSEL VITELIC
V43644Y04V(C)TG-10PC 3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
Description
PRELIMINARY
Features
s JEDEC-standard 144 pin, Small-Outline, Dual in line Memory Module (SODIMM) s Serial Presence Detect with E2PROM s Nonbuffered s Fully Synchronous, All Signals Registered on Positive Edge of System Clock s Single +3.3V ( 0.3V) Power Supply s All Device Pins are LVTTL Compatible s 4096 Refresh Cycles every 64 ms s Self-Refresh Mode s Internal Pipelined Operation; Column Address can be changed every System Clock s Programmable Burst Lengths: 1, 2, 4, 8 or Full Page s Auto Precharge and Piecharge all Banks by A10 s Data Mask Function by DQM s Mode Register Set Programming s Programmable (CAS Latency: 2, 3 Clocks)
The V43644Y04V(C)TG-10PC memory module is organized 4,194,304 x 64 bits in a 144 pin SODIMM. The 4M x 64 memory module uses 4 Mosel-Vitelic 4M x 16 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required.
Speed Grade
-10PC 100 MHz)
Part Number
V43644Y04V(C)TG-10PC
Configuration
4M x 64
4M x 16
4M x 16
1
59
61
143
Pin 2 on Backside
Pin 144 on Backside
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
1
MOSEL VITELIC
Pin Configurations (Front Side/Back Side)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Front VSS VSS DQ0 DQ32 DQ1 DQ33 DQ2 DQ34 DQ3 DQ35 VDD VDD DQ4 DQ36 DQ5 DQ37 DQ6 DQ38 DQ7 DQ39 VSS VSS DQMB0 DQMB4 Pin 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Front DQMB1 DQMB5 VDD VDD A0 A3 A1 A4 A2 A5 VSS VSS DQ8 DQ40 DQ9 DQ41 DQ10 DQ42 DQ11 DQ43 VDD VDD DQ12 DQ44 Pin 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Front DQ13 DQ45 DQ14 DQ46 DQ15 DQ47 VSS VSS NC NC NC NC CLK0 CKE0 VDD VDD RAS CAS WE NC CS0 NC NC NC Pin 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 Back NC CLK1 VSS VSS NC NC NC NC VDD VDD DQ16 DQ48 DQ17 DQ49 DQ18 DQ50 DQ19 DQ51 VSS VSS DQ20 DQ52 DQ21 DQ53
V43644Y04V(C)TG-10PC
Pin 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 Back DQ22 DQ54 DQ23 DQ55 VDD VDD A6 A7 A8 BA0 VSS VSS A9 BA1 A10 A11 VDD VDD DQMB2 DQMB6 DQMB3 DQMB7 VSS VSS Pin 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 Back DQ24 DQ56 DQ25 DQ57 DQ26 DQ58 DQ27 DQ59 VDD VDD DQ28 DQ60 DQ29 DQ61 DQ30 DQ62 DQ31 DQ63 VSS VSS SDA SCL VDD VDD
Note:
1. RAS, CAS, WE CASx, CSx are active low signals.
Pin Names
A0-A11, BA0, BA1 DQ0-DQ63 RAS CAS WE CS0 DQMB0-DQMB7 CKE0 CLK0-CLK1 SDA SCL VDD VSS NC Address, Bank Select Data Inputs/Outputs Row Address Strobes Column Address Strobes Write Enable Chip Select Output Enable Clock Enable Clock Serial Input/Output Serial Clock Power Supply Ground No Connect (Open)
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
2
MOSEL VITELIC
Part Number Information
V
MOSEL-VITELIC MANUFACTURED SDRAM
V43644Y04V(C)TG-10PC
4
3
64
4
Y
0
4
V
C
T
G
-
10PC
-10PC PC100 2-2-2
GOLD TSOP COMPONENT REVISION LEVEL BLANK = B REV. C = C REV. WIDTH DEPTH 144 PIN UNBUFFERED SODIMM x16 COMPONENT LVTTL 4 BANKS REFRESH RATE 4K
V43644Y04V(C)TG-10PC-02
3.3V
Block Diagram
CS0 WE RAS CAS DQMB0 UDQMB DQ0-7 DQ32-39 UDQMB DQMB4
U0
DQMB1 LDQMB DQ8-15 DQ40-47
U2
LDQMB DQMB5
DQMB2
UDQMB DQ16-23 DQ48-54
UDQMB
DQMB6
U1
DQMB3 LDQMB DQ24-31 DQ55-63
U3
LDQMB DQMB7
VDD VSS A0-A11, BA0, BA1 CKE0
U0-U3 CLK0 U0-U3 U0-U3 CLK1
10 U0-U3 10 U0-U3 10 10 pF SPD SCL A0 A1 A2 SDA
V43644YO4V(C)TG-10PC-03
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
3
MOSEL VITELIC
Serial Presence Detect Information
A serial presence detect storage device - E PROM - is assembled onto the module. Information about the module configuration, speed, etc. is
2
V43644Y04V(C)TG-10PC
written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus)
SPD-Table for -10 PC modules:
Hex Value Byte Number
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Function Described
Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for x16 SDRAM) Number of DIMM Banks Module Data Width Module Data Width (continued) Module Interface Levels SDRAM Cycle Time at CL=3 SDRAM Access Time from Clock at CL=3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM Data Width Minimum Clock Delay from Back to Back Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General Minimum Clock Cycle Time at CAS Latency = 2 Maximum Data Access Time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1 Minimum Row Precharge Time tRP Minimum Row Active to Row Active Delay tRRD Minimum RAS to CAS Delay tRCD
SPD Entry Value
128 256 SDRAM 12 8 1 64 0 LVTTL 10.0 ns 6.0 ns none Self-Refresh, 15.6s x16 n/a / x8 tccd = 1 CLK 1, 2, 4, 8 & full Page 4 CL = 2 & 3 CS Latency = 0 WL = 0 Non Buffered/Non Reg. Vcc tol 10% 10.0 ns 6.0 ns Not Supported Not Supported 20 ns 16 ns 20 ns
100 MHz -10PC
80 08 04 0C 08 01 40 00 01 A0 60 00 80 10 00 01
16 17 18 19 20 21 22 23 24 25 26 27 28 29
8F 04 06 01 01 00 0E A0 60 00 00 14 10 14
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
4
MOSEL VITELIC
SPD-Table for -10 PC modules: (Continued)
V43644Y04V(C)TG-10PC
Hex Value Byte Number
30 31 32 33 34 35 36-61 62 63 64-125
Function Described
Minimum RAS Pulse Width tRAS Module Bank Density (Per Bank) SDRAM Input Setup Time SDRAM Input Hold Time SDRAM Data Input Setup Time SDRAM Data Input Hold Time Superset Information (May be used in Future) SPD Revision Checksum for Bytes 0 - 62 Manufacturers's Information (Optional) (FFh if not used) Max. Frequency Specification 100 MHz Support Details Unused Storage Location
SPD Entry Value
45 ns 32 MByte 2.0 ns 1 ns 2.0 ns 1 ns
100 MHz -10PC
2D 08 20 10 20 10 00
Revision 1
12 FD XX
126 127 128+
100 MHz
64 AF 00
Absolute Maximum Ratings
Parameter
Voltage on VDD Supply Relative to VSS Voltage on Input Relative to VSS Operating Temperature Storage Temperature Power Dissipation
Max.
-1 to 4.6 -1 to 4.6 0 to +70 -55 to 125 4
Units
V V C C W
TA = 0C to 70C; VSS = 0 V; VDD, VDDQ = 3.3V 0.3V
Limit Values Symbol
VIH VIL VOH VOL II(L) IO(L)
DC Characteristics
Parameter
Input High Voltage Input Low Voltage Output High Voltage (IOUT = -2.0 mA) Output Low Voltage (IOUT = 2.0 mA) Input Leakage Current, any input (0 V < VIN < 3.6 V, all other inputs = 0V) Output leakage current (DQ is disabled, 0V < VOUT < VCC)
Min.
2.0 -0.5 2.4 -- -20
Max.
VCC+0.3 0.8 -- 0.4 20
Unit
V V V V A A
-20
20
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
5
MOSEL VITELIC
Capacitance
Symbol
CI1 CI2 CICL CI3 CI4 CSC CIO
V43644Y04V(C)TG-10PC
TA = 0C to 70C; VDD = 3.3V 0.3V, f = 1 MHz
Parameter
Input Capacitance (A0 to A11, RAS, CAS, WE) Input Capacitance (CS0) Input Capacitance (CLK0-CLK1) Input Capacitance (CKE0) Input Capacitance (DQMB0-DQMB7) Input Capacitance (SCL, SA0-2) Input/Output Capacitance
Limit Values
18 18 25 18 8 8 10
Unit
pF pF pF pF pF pF pF
Standby and Refresh Currents1
TA = 0C to 70C, VCC = 3.3V 0.3V
Symbol Parameter
ICC1 Operating Current
Test Conditions
Burst length = 4, CL = 3 tRC> = tRC(min), tCK> = tCK(min), IO = 0 mA 2 Bank Interleave Operation CKE< = VIL(max), tCK> = tCK(min) CKE> = VIH(min), tCK> = tCK(min), Input changed once in 3 cycles
4M x 64
440
Unit
mA
Note
1,2
ICC2P ICC2N
Precharged Standby Current in Power Down Mode Precharged Standby Current in Non-Power Down Mode
16
mA
85
mA
CS = High
ICC3P ICC3N ICC4
Active Standby Current in Power Down Mode Active Standby Current in Non-Power Down Mode Burst Operating Current
CKE< = VIL(max), tCK> = tCK(min) CKE> = VIH(min), tCK> = tCK(min), Input changed one time Burst length = Full Page, tRC = Infinite, CL = 3, tCK> = tCK(min), IO = 0 mA 2 Banks Activated tRC>= tRC(min) CKE = <0,2 V L-Version
12
mA
150
mA
CS = High 1, 2
350
mA
ICC5 ICC6
Auto Refresh Current Self Refresh Current
380 4 1.6
mA mA mA
1,2 1,2
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
6
MOSEL VITELIC
AC Characteristics 3,4
TA = 0 to 70C; VSS = 0V; VCC = 3.3V 0.3V, tT = 1 ns
V43644Y04V(C)TG-10PC
Limit Values
-10PC # Symbol Parameter Min. Max. Unit Note
Clock and Clock Enable
1 tCK Clock Cycle Time CAS Latency = 3 CAS Latency = 2 System frequency CAS Latency = 3 CAS Latency = 2 Clock Access Time CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Input Setup time Input Hold Time CKE Setup Time (Power down mode) CKE Setup Time (Self Refresh Exit) Transition time (rise and fall) 10 10 - - - - 3 3 2 1 2.5 8 1 100 100 6 6 - - - - - - - ns ns MHz MHz 4,5 ns ns ns ns ns ns ns ns ns 6 6 7 7 8 9
2
fCK
3
tAC
4 5 6 7 8 9 10
tCH tCL tCS tCH tCKSP tCKSR tT
Common Parameters
11 12 13 14 15 16 tRCD tRC tRAS tRP tRRD tCCD RAS to CAS delay Cycle Time Active Command Period Precharge Time Bank to Bank Delay Time CAS to CAS delay time (same bank) 20 70 45 20 16 1 - 120k - - - - ns ns ns ns ns CLK
Refresh Cycle
17 18 tSREX tREF Self Refresh Exit Time Refresh Period (4096 cycles) 10 64 - - ns ms 9 8
Read Cycle
19 20 21 22 tOH tLZ tHZ tDQZ Data Out Hold Time Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency 3 0 3 2 - - 9 - ns ns ns CLK 10 4
Write Cycle
23 24 25 tDPL tDAL tDQW Data input to Precharge (write recovery) Data In to Active/refresh DQM Write Mask Latency 2 5 0 - - - CLK CLK CLK 11
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
7
MOSEL VITELIC
Notes:
V43644Y04V(C)TG-10PC
1. The specified values are valid when addresses are changed no more than once during tCK(min.) and when No Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module bank. 2. The specified values are valid when data inputs (DQ's) are stable during tRC(min.). 3. All AC characteristics are shown for device level. An initial pause of 100 s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 4. AC timing tests have VIL = 0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with a input signal of 1V / ns edge rate between 0.8V and 2.0V.
tCH 2.4V CLOCK 0.4V
+ 1.4 V 50 Ohm Z=50 Ohm I/O 50 pF
tCL
tSETUP tHOLD
tT
INPUT
1.4V
tAC tLZ tOH
tAC
I/O 50 pF
1.4V
OUTPUT
Measurement conditions for tac and toh
tHZ
5. If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter. 6. Rated at 1.5V 7. If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter. 8. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. 9. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. 10. Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
11. tDAL is equivalent to tDPL + tRP.
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
8
MOSEL VITELIC
Package Diagram
144 Pin SODIMM
V43644Y04V(C)TG-10PC
0.039
1.00 0.787
1
28
29
143
Pin 2 on Backside
3.3V 2.661
Pin 144 on Backside
0.140
NOTE: 1. All dimensions in inches. Tolerances 0.005 unless otherwise specified.
V43644YO4V(C)TG-10PC-04
Label Information
MOSEL VITELIC
Part Number Criteria of PC100 or PC133 (refer to MVI datasheet)
V43644Y04VCTG-10PC PC100U-222-612-A Taiwan XXXX-XXXXXXX
DIMM manufacture date code
Trace Code
PC100 U - 222 - 6 12 - A
UNBUFFERED DIMM CL = 2 (CLK) tRCD = 2 (CLK) tRP = 2 (CLK) Gerber file Intel(R) PC100 x 8 Based Intel SPD Revision 1.2 tAC = 6 ns
V43644Y04V(C)TG-10PC-05
V43644Y04V(C)TG-10PC Rev. 1.6 October 2000
9
MOSEL VITELIC
U.S.A.
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
WORLDWIDE OFFICES
TAIWAN
7F, NO. 102 MIN-CHUAN E. ROAD, SEC. 3 TAIPEI PHONE: 886-2-2545-1213 FAX: 886-2-2545-1209 NO 19 LI HSIN ROAD SCIENCE BASED IND. PARK HSIN CHU, TAIWAN, R.O.C. PHONE: 886-3-579-5888 FAX: 886-3-566-5888
V43644Y04V(C)TG-10PC
UK & IRELAND
SUITE 50, GROVEWOOD BUSINESS CENTRE STRATHCLYDE BUSINESS PARK BELLSHILL, LANARKSHIRE, SCOTLAND, ML4 3NQ PHONE: 44-1698-748515 FAX: 44-1698-748516
SINGAPORE
10 ANSON ROAD #23-13 INTERNATIONAL PLAZA SINGAPORE 079903 PHONE: 65-3231801 FAX: 65-3237013
HONG KONG
19 DAI FU STREET TAIPO INDUSTRIAL ESTATE TAIPO, NT, HONG KONG PHONE: 852-2666-3307 FAX: 852-2664-2406
JAPAN
ONZE 1852 BUILDING 6F 2-14-6 SHINTOMI, CHUO-KU TOKYO 104-0041 PHONE: 03-3537-1400 FAX: 03-3537-1402
GERMANY (CONTINENTAL EUROPE & ISRAEL)
BENZSTRASSE 32 71083 HERRENBERG GERMANY PHONE: +49 7032 2796-0 FAX: +49 7032 2796 22
U.S. SALES OFFICES
NORTHWESTERN
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
SOUTHWESTERN
302 N. EL CAMINO REAL #200 SAN CLEMENTE, CA 92672 PHONE: 949-361-7873 FAX: 949-361-7807
CENTRAL, NORTHEASTERN & SOUTHEASTERN
604 FIELDWOOD CIRCLE RICHARDSON, TX 75081 PHONE: 972-690-1402 FAX: 972-690-0341
(c) Copyright 2000, MOSEL VITELIC Inc.
10/00 Printed in U.S.A.
The information in this document is subject to change without notice. MOSEL VITELIC makes no commitment to update or keep current the information contained in this document. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of MOSEL-VITELIC.
MOSEL VITELIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. MOSEL VITELIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications.
MOSEL VITELIC
3910 N. First Street, San Jose, CA 95134-1501 Ph: (408) 433-6000 Fax: (408) 433-0952 Tlx: 371-9461


▲Up To Search▲   

 
Price & Availability of V43644Y04VCTG-10PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X