Part Number Hot Search : 
A5801027 MC10195 UGSA08J CKDIAAAA GM3842 110CA S20SC9MT E004868
Product Description
Full Text Search
 

To Download USB0403-LF-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05205
USB0403
thru
USB0424C
LOW CAPACITANCE TVS ARRAY
APPLICATIONS
Ethernet - 10/100 Base T Cellular Phones Audio & Video Inputs FireWire, SCSI & USB Interfaces
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Gnd) & Level 2(Line-Line)
SOT-143
FEATURES
500 Watts Peak Pulse Power per Line (tp=8/20s) Unidirectional & Bidirectional Configurations Available in Multiple Voltage Types Ranging From 3V to 24V Protects One Line ESD Protection > 40 kilovolts Low Leakage Low Capacitance: 5pF per Line Pair RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
Molded JEDEC SOT-143 Package Weight 9 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code
PIN CONFIGURATIONS
UNIDIRECTIONAL
BIDIRECTIONAL
1
4
1
4
2
3
2
3
05205.R1 6/06
1
www.protekdevices.com
USB0403
thru
USB0424C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature
SYMBOL
PPP TJ TSTG
VALUE
500 -55C to 150C -55C to 150C
UNITS
Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (See Notes 1-2) DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 5A VC VOLTS 9.0 9.0 11.0 11.0 16.6 16.6 24.0 24.0 30.0 30.0 N/A N/A
V WM VOLTS USB0403 USB0403C USB0405 USB0405C USB0408 USB0408C USB0412 USB0412C USB0415 USB0415C USB0424 USB0424C 3U 3B 5U 5B 8U 8B 12U 12B 15U 15B 24U 24B 3.3 3.3 5.0 5.0 8.0 8.0 12.0 12.0 15.0 15.0 24.0 24.0
@ 1mA V(BR) VOLTS 4.0 4.0 6.0 6.0 8.5 8.5 13.3 13.3 16.6 16.6 26.7 26.7
@8/20s VC @ IPP 19.0V @ 20.0A 19.0V @ 20.0A 18.3V @ 17.0A 18.3V @ 17.0A 18.5V @ 17.0A 18.5V @ 17.0A 28.6V @ 11.0A 28.6V @ 11.0A 31.8V @ 10.0A 31.8V @ 10.0A 56.0V @ 6.0A 56.0V @ 6.0A
@VWM ID A 125 125 20 20 10 10 1 1 1 1 1 1
0V @ 1 MHz C pF 5 5 5 5 5 5 5 5 5 5 5 5
Note 1: Part numbers with an additional "C" suffix are bidirectional devices, i.e., USB0405C. Note 2: Unidirectional Only: Positive potential is applied from pin 2 to 1 or pin 3 to 4.
10,000
PPP - Peak Pulse Power - Watts
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
IPP - Peak Pulse Current - % of IPP
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000
500W 8/20s Waveform
e-t
100
td = t I /2 PP
10 0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 20 t - Time - s
25
30
05205.R1 6/06
2
www.protekdevices.com
USB0403
thru
USB0424C
GRAPHS
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
40 Peak Pulse Power 8/20s
5 Volts per Division
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE FOR USB0405C
30
60
20
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
10
0
ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
FIGURE 5 INSERTION LOSS - USB0405C
FIGURE 6 RETURN LOSS - USB0405C
20 db
10 db per Division 10 db per Division
20 db
Ref 0 db
Ref 0 db
-20 db
-20 db
-50 db 100 MHz per Division
-50 db 100 MHz per Division
05205.R1 6/06
3
www.protekdevices.com
USB0403
thru
USB0424C
APPLICATIONS
The USB04 Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD and EFT. This product series provides both unidirectional and bidirectional protection, with a surge capability of 500 Watts PPP per line for an 8/20s waveform and ESD protection > 40kV. UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1) The two USB04 Series devices provide protection in a commonmode configuration as depicted in Figure 1. Circuit connectivity is as follows: TVS Device 1: Line 1(D+) is connected to Pins 2 & 3. TVS Device 2: Line 2(D-) is connected to Pins 2 & 3. Both TVS Devices: Pins 1 & 4 connected to ground.
USB OUTPUT CONNECTOR
Figure 1 - Unidirectional Configuration (Two TVS Devices) Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; 1 4 1 4 ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
GND SOLDER PAD
2
3
2
3
USB IC D+ D-
R
2
TX
3
CIRCUIT BOARD LAYOUT RECOMMENDATIONS Circuit board layout is critical for Electromagnetic Compatibility (EMC) protection. The following guidelines are recommended: The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. The path length between the TVS device and the protected line should be minimized. All conductive loops including power and ground loops should be minimized. The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.

05205.R1 6/06
4
www.protekdevices.com
RJ-45
Circuit connectivity is as follows: Line 1(RX) is connected to Pins 1 & 4. Line 2(TX) is connected to Pins 2 & 3.
ETHERNET TRANSCEIVER
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2) The USB04xxC Series provides protection in a differential-mode configuration as depicted in Figure 2.
Figure 2 - Bidirectional Configuration Differential-Mode Ethernet Protection RX
R
1
4
USB0403
thru
USB0424C
SOT-143 PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE SOT-143
A G L
B
S
J
DIM
PACKAGE DIMENSIONS MILLIMETERS MIN MAX 2.80 1.20 0.84 0.39 0.79 1.78 0.013 0.08 0.46 0.445 0.72 2.11 3.04 1.39 1.14 0.50 0.93 2.03 0.10 0.15 0.60 0.60 0.83 2.48 INCHES MIN MAX 0.110 0.047 0.033 0.015 0.031 0.070 0.0005 0.003 0.018 0.0175 0.028 0.083 0.120 0.055 0.045 0.020 0.037 0.080 0.004 0.006 0.024 0.024 0.033 0.098
K F D
H
C
R
MOUNTING PAD
TYPICAL DIM Millimeters Inches
1 2 3 4 5 6 7 8 9 10 1 1 2.85 2.00 1.80 1.90 1.05 2.75 1.20 0.80 0.85 0.85 0.85 0.112 0.079 0.071 0.075 0.041 0.108 0.047 0.031 0.033 0.033 0.033
A B C D F G H J K L R S
NOTES
1 2 10 4 5 11 6
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., USB0405C-T7. 3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., USB0405C-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., USB0405C-LF-T7.
3
7
8
9
Outline & Dimensions: Rev 2 - 6/06, 06011
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
3.10 0.10 2.70 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2 10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 F W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05205.R1 6/06
5


▲Up To Search▲   

 
Price & Availability of USB0403-LF-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X