Part Number Hot Search : 
AX7042T N5402G AQ1117 DBL2071 UPC1251 BAS21LT3 PQ60015 26S471C
Product Description
Full Text Search
 

To Download TEA4214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wide Band
TEA4214 is a wide band matching transformer operating in two impedance configurations and with the following features. * * * Very wide band. Low insertion loss. Low bridging loss.
Line Matching Transformer
Applications: TEA4214 is mainly used as Line Matching and Bridging Transformer. Windings connected in parallel for lower impedances ( 100 to 150 ) and connected in series for higher impedances ( 600 to 900 ).
TEA4214
MECHANICAL
ELECTRICAL
TEA4214.CHP
- Frequency Response
Windings connected in series (600 ) Windings connected parallel (150 )
95/04/05
1.0 dB max 0.5 dB max 1 dB max 30 nom
50 Hz - 200 KHz 100 Hz - 500 KHz @ 1000 Hz each winding
- Insertion Loss - Wind Resistance - Dielectric Strength - Cross-Talk
ISSUE: B
1000 V rms 110 dB min @ 0. 1 in. distance between two units
Filtran Limited
229 Colonnade Rd., Nepean, Ont., K2E-7K3, Canada Tel: (613) 226-1626, Fax: (613) 226-7124
7-7


▲Up To Search▲   

 
Price & Availability of TEA4214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X