Part Number Hot Search : 
2SK3150L MX5305 XRXXX ACA2408 C4550 NJM2761 BX6667 CMF1XA
Product Description
Full Text Search
 

To Download SY89825UHY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
Precision Edge 2.5/3.3V 1:22 HIGH-PERFORMANCE, (R) SY89825U LOW-VOLTAGE PECL BUS CLOCK DRIVER Precision Edge SY89825U & TRANSLATOR w/ INTERNAL TERMINATION
(R)
FEATURES
s LVPECL or LVDS input to 22 LVPECL outputs s 100K ECL compatible outputs s LVDS input includes 100 termination s Guaranteed AC parameters over voltage:
Precision Edge(R)
DESCRIPTION
The SY89825U is a High Performance Bus Clock Driver with 22 differential LVPECL output pairs. This part is designed for use in low voltage (2.5V, 3.3V) applications which require a large number of outputs to drive precisely aligned, ultra low skew signals to their destination. The input is multiplexed from either LVDS or LVPECL by the CLK_SEL pin. The LVDS input includes a 100 internal termination, thus eliminating the need for external termination. The Output Enable (OE) is synchronous so that the outputs will only be enabled/disabled when they are already in the LOW state. This eliminates any chance of generating a runt clock pulse when the device is enabled/ disabled as can happen with an asynchronous control. The SY89825U features low pin-to-pin skew (35ps max.) --performance previously unachievable in a standard product having such a high number of outputs. The SY89825U is available in a single space saving package which provides a lower overall cost solution. In addition, a single chip solution improves timing budgets by eliminating the multiple device solution with their corresponding large part-to-part skew.
s s s s
* > 2GHz fMAX (toggle) * < 35ps max. ch-ch skew Low voltage operation: 2.5V, 3.3V Temperature range: -40C to +85C Output enable pin Available in a 64-Pin EPAD-TQFP
APPLICATIONS
s High-performance PCs s Workstations s Parallel processor-based systems s Other high-performance computing s Communications
Precision Edge is a registered trademark of Micrel, Inc. M9999-011907 hbwhelp@micrel.com or (408) 955-1690
Rev.: D Amendment: /0
1
Issue Date: January 2007
Micrel, Inc.
Precision Edge(R) SY89825U
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 VCCO Q7 /Q7 Q8 /Q8 Q9 /Q9 Q10 /Q10 Q11 /Q11 Q12 /Q12 Q13 /Q13 VCCO
VCCO /Q6 Q6 /Q5 Q5 /Q4 Q4 /Q3 Q3 /Q2 Q2 /Q1 Q1 /Q0 Q0 VCCO
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 VCCO NC NC VCCI LVDS_CLK /LVDS_CLK CLK_SEL LVPECL_CLK /LVPECL_CLK GND OE NC NC /Q21 Q21 VCCO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Part Number SY89825UHI SY89825UHITR(2) SY89825UHY(3) SY89825UHYTR(2,3)
Package Operating Type Range H64-1 H64-1 H64-1 H64-1 Industrial Industrial Industrial Industrial
Package Marking SY89825UHI SY89825UHI
Lead Finish Sn-Pb SN-PB
64-Pin EPAD-TQFP (Top View)
SY89825UHY with Pb-Free Pb-Free bar-line indicator Matte-Sn SY89825UHY with Pb-Free Pb-Free bar-line indicator Matte-Sn
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64-Pin EPAD-TQFP (H64-1)
VCCO /Q20 Q20 /Q19 Q19 /Q18 Q18 /Q17 Q17 /Q16 Q16 /Q15 Q15 /Q14 Q14 VCCO
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC electricals only. 2. Tape and Reel. 3. Pb-Free package recommended for new designs.
PIN NAMES
Pin LVDS_CLK, /LVDS_CLK LVPECL_CLK, /LVPECL_CLK CLK_SEL OE Q0 - Q21, /Q0 - /Q21 GND VCCI Function Differential LVDS Inputs (Internal 100 termination included) Differential LVPECL Inputs. Input CLK Select (LVTTL) Output Enable (LVTTL) Differential LVPECL Outputs. Terminate with 50 to VCC-2V Ground Power Supply. Connect to VCC on PCB. VCCI and VCCO are not internally connected Power Supply for Output Buffer. Connect to VCCI on PCB. VCCI and VCCO are not internally connected
LOGIC SYMBOL
CLK_SEL LVDS_CLK /LVDS_CLK
0 22 22 Q0 - Q21 /Q0 - /Q21
LVPECL_CLK
1
/LVPECL_CLK LEN Q OE D
VCCO
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
Precision Edge(R) SY89825U
TRUTH TABLE
OE(1) 0 0 1 1 CLK_SEL 0 1 0 1 Q0 - Q21 LOW LOW LVDS_CLK LVPECL_CLK /Q0 - /Q21 HIGH HIGH /LVDS_CLK /LVPECL_CLK
SIGNAL GROUPS
Signal LVDS_CLK, /LVDS_CLK Q0 - Q21, /Q0 - /Q21 LVPECL_CLK, /LVPECL_CLK CLK_SEL, OE I/O Input Output Input Input LVDS LVPECL LVPECL LVCMOS/LVTTL Level
NOTE: 1. The OE (output enable) signal is synchronized with the low level of the LVDS_CLK and LVPECL_CLK signal.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCCI / VCCO VIN IOUT Tstore JA Rating VCC Pin Potential to Ground Pin Input Voltage DC Output Current Storage Temperature Package Thermal Resistance (Junction-to-Ambient) With exposed pad soldered to GND - Still-Air (multi-layer PCB) - 200lfpm (multi-layer PCB) - 500lfpm (multi-layer PCB) Exposed pad not soldered to GND - Still-Air (multi-layer PCB) - 200lfpm (multi-layer PCB) - 500lfpm (multi-layer PCB) Value -0.5 to +4.0 -0.5 to VCCI -50 -65 to +150 23 18 15 44 36 30 4.3 Unit V V mA C C/W C/W C/W C/W C/W C/W C/W
JC
Package Thermal Resistance (Junction-to-Case)
NOTE: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data book. Exposure to ABSOLUTE MAXIMUM RATING conditions for extended periods may affect device reliability.
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
Precision Edge(R) SY89825U
DC ELECTRICAL CHARACTERISTICS
Power Supply
TA = -40C Symbol VCCI, VCCO ICC Power Parameter Supply(1) Min. 2.37 -- Typ. -- 100 Max. 3.6 150 Min. 2.37 -- TA = +25C Typ. -- 100 Max. 3.8 150 Min. 2.37 -- TA = +85C Typ. -- 100 Max. 3.6 150 Unit V mA
Total Supply Current(2)
Notes: 1. VCCI and VCCO must be connected together on the PCB such that they remain at the same potential. VCCI and VCCO are not internally connected on the die. 2. No load. Outputs floating.
LVDS Input (VCC = 2.37V to 3.6V, GND = 0V)
TA = -40C Symbol VIN VID IIL RIN Parameter Input Voltage Range Differential Input Swing Input Low Current(1) LVDS Differential Input Resistance (LVDS_CLK to /LVDS_CLK) Min. 0 100 -1.25 80 Typ. -- -- -- 100 Max. 2.4 -- -- 120 Min. 0 100 -1.25 80 TA = +25C Typ. -- -- -- 100 Max. 2.4 -- -- 120 Min. 0 100 -1.25 80 TA = +85C Typ. -- -- -- 100 Max. 2.4 -- -- 120 Unit V mV mA
Note: 1. For IIL, both LVDS inputs are grounded.
LVPECL Input/Output (VCC = 2.37V to 3.6V, GND = 0V)
TA = -40C Symbol VIH VIL VPP VCMR VOH VOL IIH IIL Parameter Input HIGH Voltage (Single ended) Input LOW Voltage Minimum Input LVPECL_CLK Swing(1) Min. VCC - 1.165 VCC - 1.945 600 -1.5 Max. VCC - 0.88 TA = +25C Min. VCC - 1.165 Max. VCC - 0.88 VCC - 1.625 -- -0.4 TA = +85C Min. VCC - 1.165 VCC - 1.945 600 -1.5 Max. VCC - 0.88 VCC - 1.625 -- -0.4 Unit V V mV V V V A A
VCC - 1.625 VCC - 1.945 -- -0.4 600 -1.5
Common Mode Range(2) LVPECL_CLK Output HIGH Voltage(3) Output LOW Voltage(3) Input HIGH Current Input LOW Current
VCCO - 1.085 VCCO - 0.880 VCCO - 1.025 VCCO - 0.880 VCCO - 1.025 VCCO - 0.880 VCCO - 1.830 VCCO - 1.555 VCCO - 1.810 VCCO - 1.620 VCCO - 1.810 VCCO - 1.620 -- 0.5 150 -- -- 0.5 150 -- -- 0.5 150 --
Notes: 1. The VPP (min.) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. 2. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The numbers in the table are referenced to VCCI. The VIL level must be such that the peak-to-peak voltage is less than 1.0V and greater than or equal to VPP (min.). The lower end of the CMR range varies 1:1 with VCCI. The VCMR (min) will be fixed at 3.3V - |VCMR (min)|. 3. Outputs loaded with 50 to VCC -2V.
LVCMOS/LVTTL Control Inputs (OE, CLK_SEL) (VCC = 2.37V to 3.6V, GND = 0V)
TA = -40C Symbol VIH VIL IIH IIL Parameter Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Min. 2.0 -- +20 -- Typ. -- -- -- -- Max. -- 0.8 -250 -600 4 Min. 2.0 -- +20 -- TA = +25C Typ. -- -- -- -- Max. -- 0.8 -250 -600 Min. 2.0 -- +20 -- TA = +85C Typ. -- -- -- -- Max. -- 0.8 -250 -600 Unit V V A A
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
Precision Edge(R) SY89825U
AC ELECTRICAL CHARACTERISTICS(1)
VCC = 2.37V to 3.6V, GND = 0V
TA = -40C Symbol fMAX tPHL tPLH tSKEW tS(OE) tH(OE) tJITTER Parameter Max Toggle Frequency(2) Propagation Delay (Differential)(3) LVPECL IN LVDS IN Within-Device Skew(4) Part-to-Part OE Set-Up Random Total tr tf Skew(5) Time(6) Min. 2 0.600 0.800 -- -- 1.0 0.5 -- -- -- 300 -- Typ. -- -- -- -- 100 -- -- -- -- -- -- -- Max. -- 1.2 1.4 35 200 -- -- 1 1 10 600 1.2 Min. 2 0.600 0.800 -- -- 1.0 0.5 -- -- -- 300 -- TA = +25C Typ. -- 0.900 1.1 20 100 -- -- -- -- -- 450 -- Max. -- 1.2 1.4 35 200 -- -- 1 1 10 600 1.2 2 0.600 0.800 -- -- 1.0 0.5 -- -- -- 300 -- TA = +85C Min. Typ. -- -- -- -- 100 -- -- -- -- -- -- -- Max. -- 1.2 1.4 35 200 -- -- 1 1 10 600 1.2 ps ps ns ns ps(RMS) ps(RMS) ps(PP) ps ns Unit GHz ns
OE Hold Time(6) Jitter(7) Jitter(8) Cycle-to-Cylce Jitter(9)
Output Rise/Fall Time (20% - 80%)
t(switchover) Input Switchover CLK_SEL-to-valid output
Notes: 1. Outputs loaded with 50 to VCC - 2V. Airflow 300lfpm. 2. fMAX is defined as the maximum toggle frequency measured. Measured with a 750mV input signal, all loading with 50 to VCC -2V. 3. Differential propagation delay is defined as the delay from the crossing point of the differential input signals to the crossing point of the differential output signals. 4. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the same voltage and temperature. 5. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same voltage and temperature. Part-to-part skew is the total skew difference; pin-to-pin skew + part-to-part skew. 6. Set-up and hold time applies to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications, set-up and hold time does not apply. OE set-up time is defined with respect to the rising edge of the clock. OE HIGH to LOW transition ensures outputs remain disabled during the next clock cycle. OE LOW to HIGH transition enables normal operation of the next input clock. 7. Random jitter is measured using K28.7 pattern, measured at fMAX. 8. Cycle-to-cycle definition: the variation of periods between adjacent cycles, Tn-Tn-1 where T is the time between rising edges of the output signal. 9. Total jitter definition: with an ideal clock input of frequency fMAX, no more than one output edge in 1020 output edges will d eviate by more than the specified peak-to-peak jitter value.
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
5
Micrel, Inc.
Precision Edge(R) SY89825U
LVDS/LVPECL INPUTS
VCC
VCC
1.9k
1.9k
75k LVPECL_CLK 75k 75k
VIN 100
1.9k
1.9k
/LVPECL_CLK
VIN
GND
GND
LVPECL Input Stage Figure 1. Simplified LVPECL & LVDS Input Stage
LVDS Input Stage
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
6
Micrel, Inc.
Precision Edge(R) SY89825U
TYPICAL CHARACTERISTICS
Frequency Response vs. Output Amplitude
900 900
Frequency Response vs. Output Amplitude
OUTPUT AMPLITUDE (mV)
800 700 600 500 400 300 200 VSUP = 3.3V VDIFFIN = 800mV
OUTPUT AMPLITUDE (mV)
800 700 600 500 400 300 200
VSUP = 2.5V VDIFFIN = 800mV
0
1000
1500
2000
2500
3000
3500
4000
0
1000
1500
2000
2500
3000
3500
FREQUENCY (MHz)
FREQUENCY (MHz)
Frequency Response vs. Output Amplitude @2.5V
Frequency Response vs. Output Amplitude @3.3V
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
7
4000
500
500
100
100
Micrel, Inc.
Precision Edge(R) SY89825U
LVPECL TERMINATION RECOMMENDATIONS
Output Considerations Be sure to properly terminate all outputs as shown below, or equivalent. For AC coupled applications, be sure to include a pull
down resistor at the output of each driver. The emmiter follower outputs requires a DC current path to GND. Unused outputs can be left floating with minimal impact on skew and jitter.
+3.3V
+3.3V
R1 130 ZO = 50
R1 130
+3.3V
ZO = 50 R2 82 R2 82 Vt = VCC --2V
Figure 1. Parallel Termination-Thevenin Equivalent Notes: 1. For +2.5V systems: R1 = 250 R2 = 62.5
+3.3V "source"
Z = 50
+3.3V "destination"
Z = 50 50 50
46 to 49
Rb
Figure 2. Three-Resistor "Y-Termination" Notes: 1. Power-saving alternative to Thevenin termination. 2. Place termination resistors as close to destination inputs as possible. 3. Rb resistor sets the DC bias voltage equal to Vt. For +3.3V systems Rb = 46 to 49. 4. Precision, low-cost 3-Resistor networks are available from resistor manufacturers such as Thin Film Technology (www.thinfilm.com).
M9999-011907 hbwhelp@micrel.com or (408) 955-1690
8
Micrel, Inc.
Precision Edge(R) SY89825U
64-PIN EPAD-TQFP (DIE UP) (H64-1)
12.00 0.472 BSC SQ. 4 10.00 0.394 BSC SQ. 4.50 0.177
64
+0.05 -0.05 +0.012 -0.012
1.00 +0.05 -0.05 0.039 +0.002 -0.002
DETAIL "A"
0 MIN.
67 0.20 0.008 0.09 0.004
48
6
0.15 0.006 0.05 0.002
48
0- 7 4.50 +0.03 -0.03 0.177+0.012 -0.012 0.60 +0.15 -0.15 0.024 +0.006 -0.006 1.00 0.039 REF.
33
16
17
32
5 1.20 0.047 MAX 0.50 0.020
BSC SEE DETAIL "A"
0.01 0.004
7 0.22 +0.05 -0.05 0.009 +0.002 -0.002
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-011907 hbwhelp@micrel.com or (408) 955-1690
9


▲Up To Search▲   

 
Price & Availability of SY89825UHY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X