Part Number Hot Search : 
GFC9220 LBT13802 5N05L 15GD1 74LS3 UDA15 10100 AN1438
Product Description
Full Text Search
 

To Download SPN150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPN150
150 WATT , Universal Input Fully Enclosed Switching Power Supply
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load.
INPUT SPECIFICATIONS
Input Voltage.............................................. AC 85-264V Input Frequency.......................................... 47 ~ 63 Hz Input Current.............................................. 1.00 ~ 1.3A Typ Inrush Current (100/230VAC cold start) .................13A ~ 31 Typ Power Factor .............................................. .99
OUTPUT SPECIFICATIONS
Output Voltage........................................... See Chart Output Adjustment.................................... 10% Efficiency.................................................... 78 ~ 87% Over-Voltage Protection.............................. 115 - 150% Manual Reset Over-Current Protection.............................. Automatic Recovery (105% min) Ripple and Noise........................................ 100 mVp-p max. Hold-Up Time............................................. 50 mS Line/Load Regulation.................................. See Chart Rise Time.................................................... 470 - 1600 mS Leakage Current (100/230VAC)........................ Vin= 100V Vin= 230V 0.5mA max. 0.75mA max.
FEATURES
REMOTE SENSE POWER FACTOR CORRECTED UNIVERSAL INPUT (AC85-264V) OVERVOLTAGE PROTECTION OVERCURRENT PROTECTION LIGHTWEIGHT CONSTRUCTION METAL CHASSIS WITH COVER COMPACT, LOW-PROFILE PACKAGES 3 YEAR WARRANTY
GENERAL SPECIFICATIONS
MTBF ......................................................... >120,000 Hours Isolation Voltage Primary to Secondary............... 3000VAC Primary to Case........................ 1500VAC. Secondary to Case.................... 500VAC. Isolation Resistance.................................... 100 M-Ohms min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .............................. 0C~+60C Derates Linearly 2.5%/C After 50C Cooling........................................................ Convection Temperature Coefficient.............................. 0.02% / C Humidity.......................................................20-85% Rh (non-condensing) Storage Temperature.................................. -20C ~ +85C Shock Vibration.......................................... Shock: 20G (3 directions each 3 times) Vibration: 10 ~ 55Hz
SAFETIES / EMI
FCC-B EN 55022-B VCCI-II
PHYSICAL SPECIFICATIONS
Metal Enclosed Power Supply with Terminal Strip
74
Series
MODEL SPN150-05S SPN150-12S SPN150-15S SPN150-24S SPN150-48S OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC
CURRENT
85 ~ 264 VAC
EFFICIENCY
100VAC 230VAC
LINE REGULATION
(MV) MAX
LOAD REGULATION (mVmax)
(0~100% Load)
30.0 A 13.0 A 10.0 A 6.5 A 3.3 A
78% 82% 83% 83% 83%
81% 86% 87% 87% 87%
10 mVmax 10 mVmax 10 mVmax 20 mVmax 20 mVmax
20 mVmax 20 mVmax 20 mVmax 40 mVmax 40 mVmax
SPN150
0.787 LED V. ADJ. I/O TERMINAL M4 (20max) 0.610 (15.5) 7.717 (196 1) 6.732 (171 0.5)
2-No. 8-32UNC (MOUNTING HOLES) BOTTOM
+S +V
4.213 (1071)
1.772 (45 1)
0.335
0.827
INCH
0.394
NOTE: *MOUNTING SCREWS NOT TO EXCEED MAX. PENETRATION OF 6mm. *REMOVE SHORT BAR BETWEEN (+S) AND (+V) , (-S) AND (-V) WHEN USE REMOTE SENSING. *TOLERANCE 1mm. *ALL DIMENSIONS IN INCH (mm) (10) 6.949 (176.5 0.5)
SPN 150
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Mounting screw lenght should not exceed 0.31 inches or 8 mm. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
* No. 8-32 mounting holes standard * Dimensions in mm * Terminal block or "pin" type connector available
75
(21)
(8.5)
2-No. 8-32UNC (MOUNTING HOLES)
(88.5 0.5)
3.484
-V -S
L
N A/C IN


▲Up To Search▲   

 
Price & Availability of SPN150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X