Part Number Hot Search : 
TLMK3210 PSMN1R EUR2600M 155TM7 25LC640 PS7200 LM3S8971 ZVN0540A
Product Description
Full Text Search
 

To Download SP8660DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE INFORMATION
DS3668-1*1
SP8660
150MHz410 4
The SP8660 is a low power ECL counter with an open collector output capable of driving TTL or CMOS. It has internally biased inputs.
FEATURES s AC Coupled Inputs
CLOCK INPUT VCC NC OUTPUT
1 2
8 7
CLOCK INPUT NC NC VEE (0V)
s Low Power Consumption s CMOS/TTL Compatible Open Collector Output
QUICK REFERENCE DATA s Supply Voltage: 5*0V
SP8660
3 4 6 5
DP8
Fig. 1 Pin connections - top view
s Power Consumption: 50mW s Temperature Range: 230C to 170C s 8-Lead Plastic Package
ABSOLUTE MAXIMUM RATINGS
Supply voltage Open collector output voltage Storage temperature range Max. junction temperature Max. clock input voltage Output sink current 8V 12V 255C to 1150C 1150C 2*5V p-p 10mA
ORDERING INFORMATION SP8660 DP
VCC 2
D
Q REF
D
Q
D
Q
D
Q
4 OUTPUT STAGE
OUTPUT
CLOCK INPUT CLOCK INPUT
1 8
D Q CK CK
Q CK CK
D Q CK CK
D Q CK CK
5 VEE (0V)
Fig. 2 Functional diagram
SP8660
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply, frequency and temperature range Supply voltage, VCC = 5*0V0*25V, VEE = 0V Temperature, TAMB = 230C to 170C Value Characteristic Maximum frequency (sinewave input) Minimum frequency (sinewave input) Power supply current Output high voltage Output low voltage Symbol fMAX fMIN ICC VOH VOL Min. 150 40 13 9 400 Max. Units MHz MHz mA V mV Conditions Input = 200-1000mV p-p Input = 400-1000mV p-p VCC = 5*25V VCC = 5V, pin 4 = 1*5k to 10V, see note 3 VCC = 5V, pin 4 = 1*5k to 10V, see note 3
NOTES 1. The test configuration for dynamic testing is shown in Fig.5. 2. All characteristics above are tested at 25C only. 3. CLOAD 5pF.
1600 1400 TAMB = 230C TO 170C
INPUT AMPLITUDE (mV p-p)
1200 1000 800 600 400 200 0 0 50 100 INPUT FREQUENCY (MHz) 150 200
GUARANTEED * OPERATING WINDOW
* Tested as specified
in table of Electrical Characteristics
Fig. 3 Typical input characteristic
j1 j 0.5 j2
j 0.2 j5
0
0.2
0.5
1
2
5
50 100
2j 5 2j 0.2
150
2j 2 2j 0.5 2j 1
Fig. 4 Typical input impedance. Test conditions: supply voltage = 5*0V, ambient temperature = 25C, frequencies in MHz, Impedances normalised to 50
2
SP8660
OPERATING NOTES
1.The clock inputs (pins 1 and 8) should be capacitively coupled to the signal source. When driven single ended, the input signal path is completed by a capacitor from the unused input to ground. 2. In the absence of a signal the devices will self-oscillate. This can be prevented by connecting a 39k resistor from either input to ground. If the device is driven single ended, it is recommended that the pull-down resistor be connected to the decoupled unused input. There will be a loss in sensitivity of approximately 200mV. 3. The device will operate down to DC but input slew rate must be better than 100V/s. 4. The open collector output will drive three TTL loads, and therefore requires a a suitable resistor to VCC to maintain noise immunity. In order to maintain noise immunity on transitions, this resistor should not exceed 4*7k. For interfacing to CMOS, the open collector may be restored to a 110V line via a 3*3k resistor. The output sink current must not exceed 10mA and the use of too low a value of resistor may lead to a loss of noise immunity, especially at low temperatures. 5. Input impedance varies as a function of frequency; see Fig. 4. 6. The rise time of the open collector output waveform is directly proportional to the load capacitance and load resistor value. Therefore, the load capacitance should be minimised and the load resistor kept to a minimum compatible with system power requirements. In the test configuration of Fig. 5, the output rise time is approximately 20ns and the fall time is typically 10ns.
VCC FROM GENERATOR TO SAMPLING SCOPE 10n 1n 1 8 5 1n 2
110V
3*3k 4 1k 100n SAMPLING SCOPE INPUT
DUT
7p
Fig. 5 Test circuit
15V 1n
2 1n INPUT 1 15V/110V (DEPENDING ON CMOS SUPPLY VOLTAGE) 3*3k 8
DIVIDE BY 10
1*6k 1*6k
4
CMOS
39k
1n
BIAS 5
Fig. 6. Typical application circuit showing interfacing
15V
2
2*2k 4
SP8660
TTL
Fig. 7. Interfacing to TTL. Load not to exceed 3 TTL unit loads
3
SP8660
PACKAGE DETAILS
Dimensions are shown thus: mm (in).
1*14/1*65 (0*045/0*065) 1 7*11 (0*28) MAX 8 10*16 (0*40) MAX 5*08/(0*20) MAX SEATING PLANE PIN 1 REF NOTCH 7*62 (0*30) NOM CTRS
0*23/0*41 (0*009/0*016) 0*51 (0*02) 3*05 (0*120) MIN MIN
NOTES 1. Controlling dimensions are inches. 2. This package outline diagram is for guidance only. Please contact your GPS Customer Service Centre for further information.
0*38/0*61 (0*015/0*024)
8 LEADS AT 2*54 (0*10) NOM. SPACING
8-LEAD PLASTIC DIL - DP8
HEADQUARTERS OPERATIONS GEC PLESSEY SEMICONDUCTORS Cheney Manor, Swindon, Wiltshire SN2 2QW, United Kingdom. Tel: (0793) 518000 Fax: (0793) 518411 GEC PLESSEY SEMICONDUCTORS P.O. Box 660017 1500 Green Hills Road, Scotts Valley, CA95067-0017 United States of America. Tel (408) 438 2900 Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES q FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Fax : (1) 64 46 06 07 q GERMANY Munich Tel: (089) 3609 06-0 Fax : (089) 3609 06-55 q ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993 q JAPAN Tokyo Tel: (3) 5276-5501 Fax: (3) 5276-5510 q NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 7023. q SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872 q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36 q UK, EIRE, DENMARK, FINLAND & NORWAY Swindon Tel: (0793) 518510 Fax : (0793) 518582 These are supported by Agents and Distributors in major countries world-wide. (c) GEC Plessey Semiconductors 1994 Publication No. DS3668 Issue No. 1.1 March 1994
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior knowledge the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
4
http://www.zarlink.com
World Headquarters - Canada Tel: +1 (613) 592 0200 Fax: +1 (613) 592 1010
North America - West Coast Tel: (858) 675-3400 Fax: (858) 675-3450
North America - East Coast Tel: (978) 322-4800 Fax: (978) 322-4888
Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192
Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. trading as Zarlink Semiconductor or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink Semiconductor's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in an I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips
Zarlink and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2001, Zarlink Semiconductor Inc. All rights reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of SP8660DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X