Part Number Hot Search : 
B1184 M27W401 LT1381CN 2SD1682R MC6803 SMLJ16 AP112 6408BH
Product Description
Full Text Search
 

To Download SNPO471C050T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Ceramic Capacitors
Page 1
Quick Reference Series Multilayer Chip Type SNPO SX7R SY5V SZ5U Multilayer Radial Leaded Type RNPO RX7R RY5V RZ5U Multilayer Axial Leaded Type ANPO AX7R AZ5U 5mm Body Length 50 - 100V 5mm Body Length 50 - 100V 5mm Body Length 50 - 100V 9 2.5/5.0mm Lead Spacing 25 - 100V 2.5/5.0mm Lead Spacing 25 - 100V 2.5/5.0mm Lead Spacing 25 - 63V 2.5/5.0mm Lead Spacing 25 - 63V 8 0402-3035 Case Sizes 6.3 - 4KV 0402-3035 Case Sizes 6.3 - 4KV 0402-3035 Case Sizes 10 - 500V 0402-3035 Case Sizes 10 - 1KV 4 5 6 7 Features Page
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Example below indicates : SNPO series, 470 pF, 5%, 50 Volt, Tape/Reel packed, 0805 case size.
(EXAMPLE)
Series Series Code: SNPO, SX7R, SZ5U, SY5V. Note: SNPO indicates COG(NPO) dielectric Capacitance 3 Digit Capacitance Code (per EIA Standard):
Page 2
S
N
P
O
4
7
1
J
0
5
0
T
2
MULTILAYER
CERAMIC CHIP CAPACITORS
First Two Digits Represent Significant Figures of Capacitance in pF. Third Digit Indicates Number of Zeros For Values Below 10 pF, R replaces second digit to indicate a decimal point. Example: 471 = 470 pF. , 1R5 = 1.5 pF. Tolerance Capacitance Tolerance Code: Capacitance Tolerance .25 pF Code C Rated Voltage 3 Digit Voltage Code
.5 pF 1% D F
2% 5% G J
10% K
20% -20 + 80% M Z
Rated Voltage(V) Code
Packing Code Code T B
6.3 006
10 010
16 016
25 025
50 050
100 100
200 200
250 250
500 500
1000 1KV
2000 2KV
3000 3KV
4000 4KV
Style Tape & Reel Bulk
Case Code
Tolerance on Dimensions
'' L'' and ''W'': 0.35mm(0.014'')max.
Case Code Case Size
0 0402
1 0603
2 0805
3 1206
4 1210
5 1808
6 1812
7 2220
8 2225
9 3012
10 3035
CASE DIMENSIONS AND TOLERANCES Case Code 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 L 1.00(0.040) 1.60(0.063) 2.03(0.080) 3.20(0.125) 3.20(0.125) 4.50(0.177) 4.50(0.177) 5.70(0.224) 5.70(0.224) 7.60(0.299) 7.60(0.299) Dimensions mm(inches) W 0.50(0.020) 0.80(0.032) 1.27(0.050) 1.60(0.063) 2.50(0.098) 2.03(0.800) 3.20(0.125) 5.00(0.197) 6.30(0.248) 3.20(0.125) 8.90(0.350) T max. 0.55(0.022) 0.90(0.035) 1.27(0.050) 1.35(0.053) 1.60(0.063) 1.80(0.071) 2.20(0.087) 2.80(0.110) 2.80(0.110) 5.70(0.224) 6.30(0.248) e 0.20(0.008) 0.30(0.012) 0.50(0.020) 0.50(0.020) 0.50(0.020) 0.50(0.020) 0.60(0.027) 0.65(0.026) 0.65(0.026) 0.70(0.028) 0.70(0.028)
Tape/Reel & Packaging Specifications
Taping Dimensions
1.5 + 0.10 - 0.0 0.1 2.0 0.1 4.0
E
F W B
Tmax
A
P
A SIZE CODE 0402 0603 0805 1206 1210 1808 1812 2220 2225 0.1 mm or 0.004" 0.7 (0.028) 1.1 (0.043) 1.7 (0.067) 2 (0.079) 2.8 (0.110) 2.4 (0.094) 3.6 (0.142) 5.2 (0.205) 6.6 (0.260)
B 0.1 mm or 0.004" 1.3 (0.051) 1.9 (0.075) 2.4 (0.094) 3.6 (0.142) 3.7 (0.147) 4.9 (0.193) 4.9 (0.193) 6.0 (0.236) 6.0 (0.236)
W 0.3 mm or 0.012" 8.0 (0.315) 8.0 (0.315) 8.0 (0.315) 8.0 (0.315) 8.0 (0.315) 12.0 (0.472) 12.0 (0.472) 12.0 (0.472) 12.0 (0.472)
F 0.1 mm or 0.004" 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138) 3.5 (0.138)
E 0.1 mm or 0.004" 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069) 1.75 (0.069)
P 0.1 mm or 0.004" 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157) 4.0 (0.157)
Tmax
1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067) 1.7 (0.067)
"L " & "W" tolerances: 0.35mm(0.014)max.
Reel Dimensions
STANDARD PACKAGING QUANTITIES Case Code 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 Bulk 10000 pcs. 5000 pcs. 5000 pcs. 5000 pcs. 5000 pcs. 1000 pcs 1000 pcs 1000 pcs 1000 pcs 1000 pcs 1000 pcs Tape & Reel 10000 pcs/reel 4000 pcs/reel 4000 pcs/reel 4000 pcs/reel 4000 pcs/reel 1000 pcs/reel 1000 pcs/reel 1000 pcs/reel 1000 pcs/reel 500 pcs/reel 500 pcs/reel
Reel Dimensions in Millimeters
A o178 2.0 o330 2.0 B o50 min. o100 min. C 13.0 0.5 13.0 0.5 D 21.0 0.8 21.0 0.8 E 2.0 0.8 2.0 0.8 W 8.8/12.8 1.5 8.8/12.8 1.5 t 2.0 0.5 2.0 0.6
Reel Dimensions in Inches
A B o2.0 min. o4.0 min. C 5.0 0.02 5.0 0.3 D 0.83 0.03 0.83 0.03 E 0.08 0.3 0.08 0.3 W 0.35/0.50 0.06 0.35/0.50 0.06 t 0.08 0.02 0.08 0.02
Special package quantity available upon request and factory approval.
o7 0.08 o13 0.08
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors Reliability and Test Conditions
Parameter Capacitance Dissipation Factor (Tan d and Q) Specification Within tolerance specified in the part number Class (I) C<30 pF: Q400+20xC C30 pF: Q>1000 Class (II) X7R: DF3%, Z5U: DF3%, Y5V: DF5% C50,000 IR: >10 G Ohms C50,000 IR: >500 Ohms.F Test Method Class (I) C1000 pF: 1 MHz. 10% 0.5 to 5 V rms C>1000 pF: 1 KHz. 10% 1.0 0.2 V rms Class (II) 1 KHz. 10%, 1.0 0.2 V rms Apply rated voltage fro 60 seconds at room temperature and normal humidity (70% max.) Apply rated voltage (Class I) or 2.5 x rated voltage (Class II) to both terminations for 5 seconds. Charge and discharge current are less hat 50 mA. After soldering capacitor on the glass-epoxy PWB, 50 gms of steady pull is applied in direction of arrow for 10 seconds. ( See Figure 1) After soldering capacitor on the glass-epoxy PWB, 2 mm of bending shall be applied for 10 seconds as shown in the drawing. ( See Figure 2) Parameter Moisture Resistance Test - Capacitance change Specification Class (I): No more than 5% or 0.5 pf which ever is more. Class (II): X7R: 10% max. Z5U & Y5V: 30% max. Class (I) C<10 pF: Q200+10xC 10 pF C < 30 pF Q275+2xC: C30 pF: Q350 Class (II) X7R: DF5% Z5U & Y5V: DF7.5% 1000 M Ohms or 50 Ohms.F whichever is less Class (I): No more than 7.5% or 0.75 pf which ever is more. Class (II): X7R: 12.5% max. Z5U, Y5V: 30% max. Class (I) C<30 pF: Q 100+3xC C 30 pF: Q200 Class (II) X7R: DF5% Z5U & Y5V: DF7.5% 500 M Ohms or 25 Ohms.F whichever is less Class (I): No more than 2.5% or 0.25 pf which ever is more. Class (II): X7R: 7.5% max. Z5U, Y5V: 20% max. Parts to meet the initial specifications Parts to meet the initial specifications
Page 3
Test Method
Moisture Resistance Test - Q or DF
Insulation Resistance (IR)
The capacitor shall be subjected to 40 C and 90 to 95% RH for 500 hours. After this, samples shall be kept in room temperature for 24 hrs. (Class I) or 48 hrs. (Class II), and them shall be measured (Class I) or 48 hours (Class II) and then measured for the parameters indicated.
Dielectric Withstanding Voltage
There shall be no evidence of damage or flash over during the test.
Moisture Resistance Test - IR Humidity Load Test Capacitance change
Termination Adherence
No mechanical damage
Humidity Load Test Q or DF
Bend Strength
No mechanical damage
Life Test (High Temperature Loading test) - Capacitance Change
Life Test (High Temperature Loading test) - DF or Q
Life Test (High Temperature Loading test) - IR
Class (I): No more than 3% or 0.3 pf which ever is more. Class (II): X7R: 10% max. Z5U, Y5V: 30% max. Class (I) C<10 pF: Q200+10xC 10 pF C < 30 pF Q275+2xC: C>30 pF: Q>350 Class (II) X7R: DF5% Z5U & Y5V: DF7.5% 1000 M Ohms or 50 Ohms.F whichever is less
Apply 2 x rated voltage at maximum operating temperature for 1000 hours. The surge current shall not exceed 50 mA. After this, the samples shall be kept in room temperature for 24 hours (Class I) or 48 hours (class II) and then measured for the parameters indicated.
Humidity Load Test IR Temperature Cycling Test - Capacitance change
The capacitor shall be subjected to rated voltage at 40 C and 90 to 95 % RH for 500 hours. Surge current shall not exceed 50 mA. After this, samples shall be kept in room temperature for 24 hrs. (Class I) or 48 hours (Class II), and them shall be measured (Class I) or 48 hours (Class II) and then measured for the parameters indicated. Perform 5 cycles as follows: 1. Room temperature dwell for 15 minutes. 2. Minimum operating temperature dwell for 30 minutes. 3. Room temperature dwell for 30 minutes. 4. Maximum operating temperature dwell for 30 minutes. After the above testing condition, samples shall be kept in room temperature for 24 hrs. (Class I) or 48 hours (Class II), and them shall be measured (Class I) or 48 hours (class II) and then measured for the parameters indicated. The capacitors are completely immersed for 10 0.5 seconds in the molten solder with a temperature of 2605C solder. Cladding material of outerelectrode: Sn (~100%) The capacitors are completely immersed for 10 1.0 seconds in the molten solder with a temperature of 2705C solder. Preheat before immersion, 1. 80 to 100 C for 2 minutes 2. 150 to 180 C for 2 minutes The capacitance measurement shall be made after the samples have been kept at room temperature for 24 hours.
Temperature Cycling Test - Q or DF Temperature Cycling Test - IR
Figure 1
Solderability Termination area shall be at least 75% covered with a new solder coating. There shall be no crack and ceramic exposure of terminated surface due to melting. No more than 2.5% or 0.25 pf which ever is more. Class (II): X7R: 7.5% max. Z5U, Y5V: 20% max. Parts to meet the initial specifications Parts to meet the initial specifications
Resistance to Solder Heat Test Capacitance Change
Figure 2
Resistance to Solder Heat Test - Q or DF Resistance to Solder Heat Test - IR
Z Y X
Class II Dielectric Code Explanation First symbol Low temperature Second symbol High Temperature Third Symbol MAX. Capacitance change over requirement requirement temperature (a letter) (a number) (a letter)
+10 deg. C -30 deg. C -55 deg. C 2 4 5 6 7 +45 deg. C +65 deg. C +85 deg. C +105 deg. C +125 deg. C A B C D E F P R S T U V +1.0% +/- 1.5% +/- 2.2% +/- 3.3% +/- 4.7% +/- 7.5% +/- 10.0% +/- 15.0% +/- 22.0% +22%, -33% +22%, -56% +22%, -82%
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
SNPO Series
APPLICATION:
The SNPO series has a high Q, low K temperature compensating type of capacitance dielectric with stable electrical properties under varying voltage, temperature, frequency and time conditions. The series is suitable for circuits requiring low loss, circuits with pulse, timing circuits and for tuning applications. Typically used in R/F, microwave, and other communications equipment. Frequently designed in precision industrial controls, process control and test& measurement instrumentation. Because of it's wide range of temperature stability, often used in automotive and quality audio applications. Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval. * Nickel barrier terminations * Consistent dimensions and surface finish * Available in bulk and tape & reel packaging Note: See Reliability and Test Conditions page for more specifications * Low and high voltage options * High capacitance and miniature size * Stable electrical characteristics
Page 4
FEATURES:
* Very low temperature coefficient
GENERAL SPECIFICATIONS:
Operating temperature: -55 to +125 C Temperature coefficient: 30ppm per C Capacitance tolerance: 5%, <10pF .25pF or .5pF standard, 10% optional Capacitance range: .47pF to .1uF Voltage range: 6.3V to 4KV DC Dielectric withstanding voltage: 2 times the working VDC for 5 seconds Case code range: 0402 to 3035
COG(NPO) DIELECTRIC CAPACITANCE RANGE Tolerance: (J), <5pF: .25pF(C), 5pF<10pF:.5pF(D) standards. Optional:(K) Voltage/Case Code Options Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 6.3V 18-820pF 10V 12-680pF 16V .62-470pF 2-680pF 25V .47-560pF .47-1000pF .47-3300pF .47-4700pF 560pF-.01uF 1000pF-.015uF 1000pF-.047uF 50V .47-330pF .47-1000pF .47-2200pF .47-4700pF 10pF-.015uF 10-3300pF 10pF-.022uF 1000pf-.022uF 100V .47-1000pF .47-2200pF .47-3300pF 10-6800pF 10-4700pF 10pF-.01uF 10pF-.01uF 470pF-.022uF 200V .47-1000pF .47-1500pF .47-2200pF 10-3300pF 10-4700pF 10-5600pF 10pF-.012uF 470pF-01uF 250V .47-820pF .47-2200pF 10-3300pF 10-4700pF 10-5600pF 10pF-.012uF 470pF-01uF 500V .47-560pF .47-2700pF 10-2700pF 10-4700pF 10-4700pF 10-6800pF 470-6800pF 1KV .47-680pF 10-1000pF 10-4700pF 10-2200pF 10-2700pF 470-2700pF 2KV .47-470pF 10-470pF 10-2200pF 10-1000pF 10-1000pF 470-1000pF 3KV 10-1000pF 10-1000pF 10-680pF 470-1000pF 4KV 10-470pF 10-330pF 10-560pF 470-1000pF
COG / NPO is a dielectric with stable electrical properties under varying voltage, temperature, frequency and time. This dielectric has the least value of temperature coefficient. The temperature coefficient characteristics is illustrated in Figure 1.1 Figure 1.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figures 1.3 and 1.4 respectively.
3035
1000pF-.1uF 1000pF-.047uF 1000pF-.033uF
.01-.022uF
COG (NPO) Characteristic Graphs
FIGURE 1.1
FIGURE 1.2
FIGURE 1.3
FIGURE 1.4
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Page 5
SX7R Series
APPLICATION:
The SX7R series has a moderate K temperature compensating type of capacitance dielectric and is temperature stable. It shows moderate change in electrical properties under changing temperature, voltage and frequency conditions. The series is suitable for by-passing, coupling, and frequency discriminating circuit applications. Typically used in computer and data processing products and equipment. It offers relatively stable characteristics at a lower cost consideration than the SNPO series. This series has higher capacitance range options than the SNPO range. * Nickel barrier terminations Note: See Reliability and Test Conditions page for more specifications * Consistent dimensions and surface finish * Low and high voltage options * Available in bulk and tape & reel packaging * High capacitance and miniature size
FEATURES:
* Stable electrical characteristics
GENERAL SPECIFICATIONS:
Operating temperature: -55 to +125 C Temperature coefficient: 15% value change Capacitance tolerance: 10% standard, 20% optional Capacitance range: 10pF to 4.7uF Voltage range: 6.3V to 4KV DC Dielectric withstanding voltage: 2 times the working VDC for 5 seconds Case code range: 0402 to 3035
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
X7R DIELECTRIC CAPACITANCE RANGE Tolerance: (K) standard Optional: (M) Voltage/Case Code Options Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 6.3V .001-.0068uF .0082-1uF 1-4.7uF 10V 150pF-.033uF .12-.22uF .1-.47uF 1-4.7uF 16V 150pF-.033uF .12-.22uF .1-.47uF 1000pF-1uF 10pF-2.2uF 25V 150pF-.022uF .01-.1uF 220pF-1uF 1000pF-1uF 10pF-2.2uF .01-.47uF 50V 150pF-.01uF 150pF-.056uF 10pF-1uF 330pF-1uF 10pF-2uF .01-.33uF 100V 100pF-.01uF 10pF-.1uF 10pF-.33uF 10pF-.22uF 150pF-.22uF 150pF-.47uF 200V 100pF-.068uF 10pF-.022uF 10pF-.068uF 10pF-.1uF 150pF-.1uF 150pF-.22uF 250V 100-4700pF 10pF-.022uF 10pF-.047uF 10pF-.1uF 150pF-.1uF 150pF-.15uF 500V 10pF-.01uF 10pF-.026uF 150pF-.068uF 150pF-.047uF 150pF-.1uF 1KV 10pF-.01uF 150pF-.015uF 150pF-.022uF 150pF-.027uF 2KV 10pF-.027uF 150pF-.01uF 150pF-.01uF 150pF-.01uF 3KV 150-4700pF 150-2200pF 4KV 150-2000pF 150-1500pF
2220
2225
3012
3035
.01-1uF .01-1uF 150pF-1.2uF 6800pF-1uF 150pF-.47uF 6800pF-1uF 150pF-.47uF 6800pF-1uF 150pF-.39uF 1000pF-1uF 150pF-.056uF .0027-.047uF 150pF-.047uF .001-.022uF 150-6800pF 1000-6800pF 150-3900pF .001-.01uF
.01-2.2uF .01-2.2uF .01-1uF
X7R is a moderately stable dielectric under changing temperature, voltage and frequency conditions. This dielectric has moderate value of temperature coefficient. The temperature coefficient characteristics is illustrated in Figure 2.1. Figure 2.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figure 2.3 and 2.4 respectively.
X7R Characteristic Graphs
FIGURE 2.1
FIGURE 2.2
FIGURE 2.3
FIGURE 2.4
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Page 6
SY5V Series
APPLICATION:
The SY5V series has a relatively high K temperature compensating type of capacitance dielectric. The electrical properties can vary widely under changing temperature, voltage, and time conditions. They are suitable for all general purpose applications where higher capacitance values are required. Best when used in non-critical, room temperature stable conditions with low DC bias. Suitable for de-coupling applications in stable temperature conditions. * Consistent dimensions and surface finish * Nickel barrier terminations Note: See Reliability and Test Conditions page for more specifications * Low cost for high capacitance * Available in bulk and tape & reel packaging * Low and high voltage options * Miniature size
FEATURES:
* High capacitance values
GENERAL SPECIFICATIONS:
Operating temperature: -30 to +85 C Temperature coefficient: -82% to +22% value change over operating temperature Capacitance tolerance: 20% standard, -20%/ +80% optional Capacitance range: 2200pF to 10uF Voltage range: 10V to 500V DC Dielectric withstanding voltage: 2 times the working VDC for 5 seconds Case code range: 0402 to 3035
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Y5V DIELECTRIC CAPACITANCE RANGE Tolerance: (M) standard Optional: (Z) Voltage/Case Code Options Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 6.3V 10V .01-.1uF .27-1uF .27-3.3uF 16V .01-.1uF .27-1uF .27-3.3uF .27-6.8uF .1-10uF 25V .01-.056uF .047-.47uF .01-2.2uF .01-3.3uF .1-10uF .15-3.3uF 50V .01-..033uF .01-.22uF .01-.68uF .01-2.2uF .1-3.3uF .15-2.2uF 100V 2200pF-.068uF .01-.22uF 4700pF-1uF .22-2.2uF .01-.82uF .01-2.2uF 200V 4700pF-.068uF .01-.056uF .01-.47uF .01-.39uF 4700pF-.39uF .01-.47uF 250V .01-.056uF .01-.47uF .01-.39uF 4700pF-.39uF .01-.47uF 500V .012-.047uF 1KV 2KV 3KV 4KV
2220
2225
3012
3035
.68-4.7uF .68-3.3uF .01-2uF .01-.68uF .01-.68uF 6800pF-1.5uF 6800pF-1uF 6800pF-1uF
1-10uF 1-6.8uF
Y5V Characteristic Graphs
FIGURE 3.1
FIGURE 3.2
The temperature coefficient characteristics of Y5V is illustrated in Figure 3.1. Figure 3.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and aging pattern are illustrated in Figure 3.3 and 3.4 respectively.
FIGURE 3.3
FIGURE 3.4
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Page 7
SZ5U Series
APPLICATION:
The SZ5U series has a high K temperature compensating type of capacitance dielectric. The electrical properties of this dielectric changes considerably under changing temperature, voltage and time conditions. High capacitance values are available for general purpose applications. Well suited for filtering, transient suppression blocking, and charge storage requirements. * Available in bulk and tape & reel packaging * Low cost for high capacitance * Consistent dimensions and surface finish * Nickel barrier terminations * Low and high voltage options * Miniature size
FEATURES:
* High capacitance values
GENERAL SPECIFICATIONS:
Operating temperature: +10 to +85 C Temperature coefficient: -56% to +22% value change over operating temperature Capacitance tolerance: 20% standard, -20%/ +80% optional Capacitance range: 1000pF to 10uF Voltage range: 10V to 1KV DC Dielectric withstanding voltage: 2 times the working VDC for 5 seconds Case code range: 0603 to 3035 Note: See Reliability and Test Conditions page for more specifications
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Z5U DIELECTRIC CAPACITANCE RANGE Tolerance: (M) Standard Optional: (Z) Voltage/Case Code Options Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 6.3V 10V .18-.22uF .18-.47uF 16V .18-.22uF .18-.47uF .18-2.2uF .01-4.7uF 25V .01-.22uF .01-1uF .01-2.2uF .01-4.7uF .15-3.3uF 50V .01-.1uF .01-.68uF .01-1uF .01-2.2uF .15-2.2uF 100V .01-.22uF .01-.47uF .01-1uF .1-2.2uF 200V .01-.1uF .01-.22uF 250V 500V .01-.047uF .01-.1uF 1KV 1000-4700pF 1000pF-.01uF 2KV 3KV 4KV
2220
2225
3012
3035
.68-4.7uF .68-3.3uF
1-10uF 1-6.8uF
Z5U Characteristic Graphs
FIGURE 4.1
FIGURE 4.2 .
The temperature coefficient characteristics of Z5U is illustrated in Figure 4.1. Figure 4.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and aging pattern are illustrated in Figure 4.3 and 4.4 respectively.
FIGURE 4.3
FIGURE 4.4 .
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Introduction:
Page 8
MULTILAYER CERAMIC LEADED CAPACITORS
Radial Epoxy coated multilayer ceramic capacitors available in popular COG(NPO), X7R, Y5V and Z5U dielectrics. Ideal for industrial and general purpose electronic applications. These capacitors are available in both Bulk and Tape & Reel packing for automatic insertion.
Series Specifications: Temperature Range in C: Dissipation Factor % @25C & 1KHz: Insulation Resistance @25C: (minimum of) Overload Voltage(25C) 5 seconds max: Temperature Coefficient: Tolerance options:
COG/NPO -55 to +125 0.25 max 1 G Ohm or 100 Ohm F 2x rated voltage 30ppm/C J(5%), K(10%)
X7R -55 to +125 3.0 max 1 G Ohm or 100 Ohm F 2x rated voltage 15% chg. K(10%), M(20%)
Y5V -30 to +85 6.0 max 1 G Ohm or 100 Ohm F 2x rated voltage -82 to +22% chg. M(20%), Z(-20 to +80%)
Z5U +10 to +85 4.0 max 1 G Ohm or 100 Ohm F 2x rated voltage -56 to +22% chg. M(20%), Z(-20 to +80%)
Radial Leaded Series
Features
* * * COG(NPO) & X7R dielectrics in 25, 50 and 100 Volt rating. Y5V and Z5U in 25, 50, and 63 Volt rating. Radial configuration with choice of 2 standard lead spacing. Available in Bulk and Tape & Reel Packing (EIA Standard).
L
T
H
7.0mm min. (0.28" min.)
Style A : s = 2.5 0.5mm Style B : s = 5.0 0.5mm
s Style A 0.5mm (0.02") s Style B
CASE CODE/ CAPACITANCE, VOLTAGE, LEAD STYLE OPTIONS TABLE
Case Code
0805 1206 1210 1812 2225
Size Dimensions
L H T
4.1mm max. 5.5mm max. 6.5mm max. 8.5mm max. 10.5mm max. 3.8mm max. 6.0mm max. 7.5mm max. 7.5mm max. 10mm max. 3.2mm max. 4.5mm max. 5.0mm max. 5.0mm max. 6.5mm max.
Voltage
25V 50V 100V 25V 50V 100V 25V 50V(63V) 100V 25V 50V(63V) 100V 25V 50V(63V) 100V
COG(NPO)
10-3300pF 10-2200pF 10-1000pF 10-4700pF 10-4700pF 10-3300pF 560pF-.01uF 560pF-6800pF 560pF-4700pF 1000pF-.015uF 1000pF-.01uF 1000-6800pF 1000pF-.022uF 1000pF-.022uF 1000pF-.01uF
Capacitance Range
X7R Y5 V
220pF-1uF 220pF-.1uF 220pF-.068uF 1000pF-1uF 1000pF-.1uF 1000pF-.068uF 1000pF-.33uF 1000pF-2uF 1000pF-1uF .01-.47uF .01-.33uF .01-.15uF .01-1uF .01-1uF .01-.47uF 1-4.7uF 1-4.7uF .15-3.3uF .15-3.3uF .1-2.2uF .1-2.2uF .01-1.2uF .01-1uF .01-.1uF .01-.68uF
Z5U
.01-.22uF .01-.1uF .01-.33uF .01-.22uF .1-1uF .1-1uF .68-2.2uF .68-2.2uF 1.5-3.3uF 1.5-3.3uF
Lead Style
A,B A,B A,B A,B A,B A,B B B B B B B B B B
Note: Extended capacitance range values; special voltages, tolerances, lead spacing and forming may be available on factory approval.
PART NUMBERING EXPLANATION
Series: RNPO, RX7R, RY5V, RZ5U Capacitor Value: 3 digit EIA Code Tolerance Code: J (5%) K (10%) M (20%) Z (-20/+80%) Voltage Code: 025 - 25V 050 - 50V 063 - 63V 100 - 100V Case Code: 05 - 0805 06 - 1206 10 - 1210 12 - 1812 25 - 2225
Packaging: T - Taped B - Bulk Lead Style: A - 2.5mm B - 5.0mm
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
Page 9
Introduction: Axial Epoxy coated multilayer ceramic capacitors available in popular COG(NPO), X7R and Z5U dielectrics. Ideal for industrial and general purpose electronics applications. These capacitors are available in both Bulk and Tape & Reel packing for automatic insertion.
MULTILAYER
CERAMIC LEADED CAPACITORS
Axial Leaded
SERIES
Series Specifications: Temperature Range in C: Dissipation Factor % @25C & 1KHz: Insulation Resistance @ 2 5C : (minimum of)
NPO X7R Z5U -55 to +125 -55 to +125 +10 to +85 0.25 max 2.5 max 3.0 max 1 G Ohm or 1 G Ohm or 1 G Ohm or 100 Ohm F 100 Ohm F 100 Ohm F
DO
L
0.5mm (0.02")
25.4mm min. (1.0" min.
Axial Series ANPO
Rated Voltage V DC 50 Dielectric COG (NPO) Temperature Coefficient 30 ppm C / Capacitance Range pF Tolerance 10 to 750 J( 5%), K( 10%) Dimensions L max. D max. 5.0 mm 0.200" 3.0 mm 0.120"
Axial Series AX7R
Rated Voltage V DC 50 Dielectric X7R Temperature Coefficient 15% Capacitance Range pF Tolerance 560 to 15000 K( 10%), M( 20%) Dimensions L max. D max. 5.0 mm 0.200" 3.0 mm 0.120"
Axial Series AZ5U
Rated Voltage V DC 50 Dielectric Z5U Temperature Coefficient +22 to -56% Capacitance Range pF Tolerance 1000 to100000 M( 20%) Z(-20 to +80%) Dimensions L max. D max. 5.0 mm 0.200" 3.0 mm 0.120"
PART NUMBERING
Series: ANPO, AX7R, AZ5U Cap Value: 3 Digit EIA Code
Voltage Code: 050 - 50VDC 100 - 100VDC Tol Code: J5% K10% M20% Z - -20 +80% Lead Style: X- Axial
Packaging: T - Tape B- Bulk
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
SCY1, SCY2 Series
Safety Recognized Ceramic Capacitor
Specifications
Operating Temperature Capacitance Range Capacitance Tolerance Rated voltage Temperature Coefficient Dissipation Factor (tand) Insulation Resistance at 25 C Dielectric Strength -25 to +85 C C 100pF to 10000pF (Y2 series) 100pF to 4700pF (Y1 series) K=10%, M=20% 250VAC, 400VAC 10% for Y5P, +30% to -80% for Y5V (Y2 series) 10% for Y5P, +20% to -55% for Y5U (Y1 series) Y5P: 2.5% max at 25 and 1KHz, 10.2 Vrms C Y5V: 5% max at 25 and 1KHz, 10.2 Vrms (Y2 series) C Y5U: 2.5% max at 25 and 1KHz, 10.2 Vrms (Y1 series) C 10000Mohm at 500VDC for 1 minute 2600VAC for 60 seconds (Rated voltage: 400VAC) - Y2 series 4000VAC for 60 seconds (Rated voltage: 400VAC) - Y1 series
Dimensions and Tolerance: B = 3.0 mm max d = 0.60 mm 0.05 mm F = 7.5 or 9.5 0.8 mm (Y2 Series) F = 9.5 0.8 mm (Y1 Series) L = 5 ~ 25 mm
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
SCY1 Series
- Special size or items on request. - Tolerance Dimension 0.5 mm.
T.C.
CAP.
100PF 150PF 220PF
TOL.
D
8 8 8
Dimension (mm)
9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8 9.50.8
T
8 8 8 8 8 8 8 8 8 8 8 8 8 8
10% (Y5P)
330PF 470PF 560PF 680PF 1000PF 1000PF 1500PF
K10%
9 10 10 12 14 8 9
+20 ~ -55% 2200PF (Y5U) 3300PF 3900PF 4700PF
M20%
12 14 14 16
SCY2 Series
- Special size or items on request. - Tolerance Dimension 0.5 mm.
T.C.
CAP.
100PF 150PF 220PF
TOL.
D
8 8 8
Dimension (mm)
7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8
T
5 5 5 5 5 5 5 5
10% (Y5P)
330PF 470PF 560PF 680PF 1000PF
K10%
8 8 10 10 12
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Sharma Ceramic Capacitors
1000PF 1500PF 2200PF +30 ~ -80% (Y5V) 3300PF 3900PF 4700PF 6800PF 8200PF 10000PF M20%
8 8 9 10 12 12 16 16 18
7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 7.50.8 9.50.8 9.50.8 9.50.8
5 5 5 5 5 5 5 5 5
PART NUMBERING EXPLANATION
Series: SCY1, SCY2 Capacitor Value: 3 digit EIA Code Tolerance Code: K (10%) M (20%) Voltage Code: 250 - 250VAC RoHS compliant: RH
400 - 400VAC
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


▲Up To Search▲   

 
Price & Availability of SNPO471C050T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X