Part Number Hot Search : 
SMA475 TFS70L9 LT30101 TC610 40128 V2412 LT1617 N5936B
Product Description
Full Text Search
 

To Download SI1970DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SI1970DH Vishay Siliconix Dual N-Channel 30-V (D-S) MOSFET
CHARACTERISTICS
* N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0-V to 4.5-V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 74354 S-62325Rev. A, 27-Nov-06 www.vishay.com 1
SPICE Device Model SI1970DH Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Current
a
Symbol
Test Condition
Simulated Data
1.3 104 0.191 0.291 2.6 0.71
Measured Data
Unit
VGS(th) ID(on) rDS(on) gfs VSD
VDS = VGS, ID = 250 A VDS < 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 1.2 A VGS = 2.5 V, ID = 0.29 A VDS = 15 V, ID = 1.2 A IS = 1.1 A
V A 0.185 0.285 2.5 0.85 S V
Drain-Source On-State Resistancea Forward Transconductancea Forward Voltagea
b
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge
Ciss Coss Crss Qg Qgs Qgd VDS = 15 V, VGS = 10 V, ID = 1.4 A VDS = 15 V, VGS = 0 V, f = 1 MHz
112 17 7.5 1.8 0.90 VDS = 15 V, VGS = 4.5 V, ID = 1.4 A 0.40 0.30
95 17 9 2.5 1.15 0.40 0.30 nC pF
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com 2
Document Number: 74354 S-62325Rev. A, 27-Nov-06
SPICE Device Model SI1970DH Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 74354 S-62325Rev. A, 27-Nov-06
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of SI1970DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X