Part Number Hot Search : 
18N06 C330K TZ551 LT19331 VCH16245 ST8050 AD9734 FSM152
Product Description
Full Text Search
 

To Download SDM10M45SD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: SDM10M45SD
Lead-free Green
SDM10M45SD
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 4) "Green" Device (Note 5 and 6)
TOP VIEW
BC A
SOT-26 Dim A B C D F
M
Min 0.35 1.50 2.70 3/4 3/4 2.90 1.00 0.35 0.10 0
Max 0.50 1.70 3.00 3/4 3/4 3.10 1.30 0.55 0.20 8
Typ 0.38 1.60 2.80 0.95 0.55 3.00 0.05 1.10 0.40 0.15 3/4
Mechanical Data
* * * * * * * * *
H
Case: SOT-26 Case Material: Molded Plastic, "Green" Molding Compound, Note 6. UL Flammability Classification 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Polarity: See Diagram Marking: KLG, See Page 2 Ordering Information: See Below Weight: 0.016 grams (approximate)
K
H J K L M a
J
0.013 0.10
D
F
L
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 8.3ms Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj , TSTG Value 45 40 100 1.0 225 444 -40 to +125 Unit V V mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Reverse Leakage Current (Note 2) Total Capacitance
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 45 3/4 3/4 3/4 Typ 3/4 370 0.07 6.0 Max 3/4 450 1.0 3/4 Unit 3/4 mV mA pF Test Condition IR = 100mA IF = 10mA VR = 10V VR = 10V, f = 1.0MHz
Ordering Information
Device
(Note 3 & 6) Packaging SOT-26 Shipping 3000/Tape & Reel
SDM10M45SD-7-F
Note:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test to minimize self-heating effect. 3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. No purposefully added lead. 5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 6. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30386 Rev. 4 - 2
1 of 3 www.diodes.com
SDM10M45SD
a Diodes Incorporated
Marking Information
KLG YM
Date Code Key Year Code Month Code Jan 1 Feb 2 2003 P March 3
YM KLG
2004 R Apr 4 2005 S May 5
KLG = Product Type Marking Code YM = Date Code Marking Y = Year ex: P = 2003 M = Month ex: 9 = September
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
(see Note 1)
IO, AVERAGE RECTIFIED CURRENT (mA)
250
100
Pd, POWER DISSIPATION (mW)
200
80
150
60
100
40
50
20 Tj = 125 C 0 0 25 50 75 100 125 150
0 0 100 TA, AMBIENT TEMPERATURE ( C) Fig. 1, Power Derating Curve 200
TA, AMBIENT TEMPERATURE ( C) Fig. 2 Forward Current Derating Curve (Per Element)
1000
IF, INSTANTANEOUS FORWARD CURRENT (mA)
100
TA = 125C
100
TA = 75C
TA = 125C
10
TA = 25C
10
1.0
TA = -25C
1.0
TA = 75C
0.1
TA = 25C
0.1 0 200 400 600 800 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 3 Typical Forward Characteristics
0.01 0 10 20 30 40
VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 4 Typical Reverse Characteristics
DS30386 Rev. 4 - 2
2 of 3 www.diodes.com
SDM10M45SD
100
Tj = 25 C f = 1MHz
CT, TOTAL CAPACITANCE (pF)
10
1.0 0 5.0 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (V) Fig. 5 Total Capacitance vs. Reverse Voltage, Per Element
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30386 Rev. 4 - 2
3 of 3 www.diodes.com
SDM10M45SD


▲Up To Search▲   

 
Price & Availability of SDM10M45SD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X