Part Number Hot Search : 
DA152M 2500V 9L12A 35000 VSC73 TIP3055 2500V ULN2018A
Product Description
Full Text Search
 

To Download SBR4045PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR4045PT
Using state-of-the-art SBR IC process technology, the following features are made possible in a single device: Major ratings and characteristics Values Characteristics
IF(AV) Rectangular Waveform VRRM VF@20A, Tj=125OC Tj (operating/storage) 40 45 0.47 -65 to 150
Units
A V V, typ O C
Device optimized for low forward voltage drop to maximize efficiency in Power Supply applications MECHANICAL: * Molded Plastic TO-247 package
ELECTRICAL: * Low Forward Voltage Drop * Reliable High Temperature Operation * Super Barrier Design * Softest, fast switching capability * 150OC Operating Junction Temperature
Anode
1
Common Cathode
2
Anode
3
Maximum Ratings and Electrical Characteristics O (at 25 C unless otherwise specified)
SYMBOL DC Blocking Voltage Working Peak Reverse Voltage Peak Repetitive Reverse Voltage Average Rectified Forward Current (Rated VR-20Khz Square Wave) - 50% duty cycle Peak Forward Surge Current - 1/2 60hz Peak Repetitive Reverse Surge Current (2uS-1Khz) Instantaneous Forward Voltage (per leg) IF = 20A; TJ = 25OC IF = 20A; TJ= 125OC Maximum Instantaneous Reverse Current at Rated VRM TJ = 25OC TJ = 125OC Maximum Rate of Voltage Change (at Rated VR) Maximum Thermal Resistance JC (per leg) Package = TO-247 Operating and Storage Junction Temperature
* Pulse width < 300 uS, Duty cycle < 2%
UNITS 45 Volts
VRM VRWM VRRM IO IFSM IRRM
40 280 2
Amps Amps Amps
VF *
Typ ----Typ ----10,000 2 -65 to +150
Max 0.55 0.50 Max 0.5 100
Volts
IR *
mA
dv/dt RJC TJ
V/uS
O
C/W
O
C
________________________________________________________________________________________________ www.apdsemi.com Version 2.0 - April 2006 1
SBR4045PT
100
Tj=150C
100 If, Instantaneous Forward Current (Amps)
Ir, Reverse Current (mA)
Tj=125C
10
10
Tj=150C
Tj=75C
1
1
Tj=125C
Tj=75C
Tj=25C
Tj=25C
0.1 0 15 30 45
0.1 0.00
0.10
0.20
0.30
0.40
0.50
0.60
Vr, Reverse Voltage (Volts)
Vf, Instantaneous Forward Voltage (Volts)
Figure 1: Typical Reverse Current (per leg)
Figure 2: Typical Forward Voltage (per leg)
20 If, Average Forward Current (Amps)
10
0 0 25 50 75 100 125 150 Tc, Case Temp (C)
Figure 3: Current Derating, Case (per leg)
APD SEMICONDUCTOR reserves the right to make changes without further notice to any products herein. APD SEMICONDUCTOR makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does APD SEMICONDUCTOR assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in APD SEMICONDUCTOR data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. APD SEMICONDUCTOR does not convey any license under its patent rights nor the rights of others. APD SEMICONDUCTOR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the APD SEMICONDUCTOR product could create a situation where personal injury or death may occur. Should Buyer purchase or use APD SEMICONDUCTOR products for any such unintended or unauthorized application, Buyer shall indemnify and hold APD SEMICONDUCTOR and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that APD SEMICONDUCTOR was negligent regarding the design or manufacture of the part..
1 Lagoon Drive, Suite 410, Redwood City, CA 94065, USA Ph: 650 508 8896 FAX: 650 508 8865 Homepage: www.apdsemi.com email: info@apdsemi.com
________________________________________________________________________________________________ www.apdsemi.com Version 2.0 - April 2006 2


▲Up To Search▲   

 
Price & Availability of SBR4045PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X