|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODELS: SBG1630CT SBG1635CT SBG1640CT SBG1645CT SBG1630CT - SBG1645CT 16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features * * * * * * * Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 175A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish/RoHS Compliant (Note 3) E A 4 D2PAK G H B Dim A B C D E G H Min 9.65 14.60 0.51 2.29 4.37 1.14 1.14 8.25 0.30 2.03 2.29 Max 10.69 15.88 1.14 2.79 4.83 1.40 1.40 9.25 0.64 2.92 2.79 J Mechanical Data * * * * * * * * Case: D2PAK Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Solderable per MIL-STD-202, Method 208 e3 Ordering Information on Page 2 Polarity: See Diagram Marking: Type Number Weight: 1.7 grams (approximate) 1 2 3 M D C PIN 1 PIN 3 PIN 2 & 4 K L J K L M All Dimensions in mm Maximum Ratings and Electrical Characteristics Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 4) RMS Reverse Voltage Average Rectified Output Current @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load Forward Voltage, per Element Peak Reverse Current at Rated DC Blocking Voltage (Note 4) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range Notes: 1. 2. 3. 4. @ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJC Tj, TSTG SBG 1630CT 30 21 SBG 1635CT 35 25 16 175 0.55 1.0 50 275 3.0 SBG 1640CT 40 28 SBG 1645CT 45 32 Unit V V A A V mA pF C/W C @ IF = 8.0A @ Tj = 25C @ Tj = 125C -65 to +125 Thermal resistance: junction to case mounted on heat sink. Measured at 1.0MHz and applied reverse voltage of 4.0V DC, per element. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7. Short duration pulse test used to minimize self-heating effect. DS30090 Rev. 5 - 2 1 of 3 www.diodes.com SBG1630CT - SBG1645CT a Diodes Incorporated I(AV), AVERAGE FWD CURRENT (A) Total Package 16 IF, INSTANTANEOUS FORWARD CURRENT (A) 20 100 Tj = 125C 10 Tj = 25C 12 Per Element 8 1.0 4 0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 300 0.1 0 0.4 0.8 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, Per Element 1000 IFSM, PEAK FORWARD SURGE CURRENT (A) Tj = 25C f = 1.0MHz 250 C , TOTAL CAPACITANCE (pF) 500 200 150 100 200 50 100 0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100 T 0.1 1.0 10 100 VR, DC REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance, Per Element Ordering Information Device (Note 5) Packaging D2PAK D2PAK D2PAK D2PAK Shipping 800/Tape & Reel, 13-inch 800/Tape & Reel, 13-inch 800/Tape & Reel, 13-inch 800/Tape & Reel, 13-inch SBG1630CT-T-F SBG1635CT-T-F SBG1640CT-T-F SBG1645CT-T-F Notes: 5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02007.pdf. DS30090 Rev. 5 - 2 2 of 3 www.diodes.com SBG1630CT - SBG1645CT IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS30090 Rev. 5 - 2 3 of 3 www.diodes.com SBG1630CT - SBG1645CT |
Price & Availability of SBG1630CT1 |