Part Number Hot Search : 
1N5239B 74FCT AOD2610E TMC2081 LM32P10 ISL62 1N4005 2SC114
Product Description
Full Text Search
 

To Download SAHA335M04R202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Tantalum Capacitors
RoHS Compliant
SAH SERIES
INTRODUCTION SAH Series molded tantalum chip capacitors are specially developed for High Heat Resistance and High Reliability. Ideal for automotive electronics applications. FEATURES:
* HIGH HEAT RESISTANCE MAKES IT SUITABLE FOR ALL TYPES OF SOLDERING RESISTANCE * HIGH1000 HRS. TO HEAT - 125C WITH DERATED VOLTAGE FOR 2000 HRS. 150C STEADY STATE FOR * HIGH RESISTANCE TO MOISTURE. 85C & 85% RH FOR 500 HRS. 65C 95% RH WITH RATED VOLTAGE FOR 500 HRS. * HIGHEST RELIABILITY DUE TO EXCEPTIONALLY LOW FAILURE RATE OF 0.5% PER 1000 HRS. REEL PACKING STDS * COMPONENTS MEET EPOXY MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND SURFACE FINISH. * ENGINEERED FOR AUTOMATIC ONSERTION. * COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
EIAJ RC-3813 & JIS C 5102. EIAJ RC-1009B /EIA 481/IEC 286-3.
GENERAL SPECIFICATIONS CAPACITANCE RANGE: 1.0 F to 68 F. VOLTAGE RANGE: 4VDC to 50VDC. CAPACITANCE TOLERANCE: 20%(M), 10%(K), (5%(J) - UPON REQUEST). TEMPERATURE RANGE -55 TO +125C WITH DERATING ABOVE 85C. ENVIRONMENTAL CLASSIFICATION: 55/125/56(IEC68-2). DISSIPATION FACTOR: 0.1F TO 1F 4 % MAX,1.5F TO 68 F 6% MAX. LEAKAGE CURRENT: NOT MORE THAN 0.005CV A or 0.25 A WHICHEVER IS GREATER. FAILURE RATE: 0.5%PER 1000 HRS. LIFE TEST DETAILS CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85C for 2000 Hrs. or DERATED DC VOLTAGE APPLIED at 125C for 1000 Hrs. AFTER THE TEST: 1. CAPACITANCE CHANGE SHALL NOT EXCEED 10%OF INITIAL VALUE. 2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS. 3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT. 4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
CASE DIMENSIONS IN MILLIMETERS (INCHES) CASE B C D2 D EIA/IEC 3528 6032 6045 7343 L 3.5 0.2 (0.138 0.008) 6.0 0.3 (0.236 0.012) 5.8 0.3 (0.228 0.012) 7.3 0.3 (0.287 0.012) W 2.8 0.2 (0.110 0.008) 3.2 0.3 (0.126 0.012) 4.5 0.3 (0.177 0.012) 4.3 0.3 (0.170 0.012) H 1.9 0.2 (0.075 0.008) 2.5 0.3 (0.098 0.012) 3.1 0.3 (0.122 0.012) 2.8 0.3 (0.110 0.012) l 0.8 0.3 (0.031 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) a 2.2 0.1 (0.087 0.004) 2.2 0.1 (0.0870.004) 3.1 0.1 (0.122 0.004) 2.4 0.1 (0.095 0.004)
SAH SERIES RATINGS AND CASE CODES CAPACITANCE CODE 104 154 224 334 F 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 D2, D C D2, D C D2, D B C D2, D B C D2, D A B C D2, D A B C A B A B A A 4V 6.3V RATED VOLTAGE DC at 85 C 10V 16V 20V 25V 35V A A A A B B B C C C D2, D D2, D 50V A B B B C C C D2, D D2, D
HIGH RELIABILITY SERIES
474 684 105 155 225 335 475 685 106 156 226 336 476 686
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Sharma Tantalum Capacitors
RoHS Compliant
SAH SERIES SPECIFICATIONS
4 V DC Rated Voltage Surge Voltage 5 VDC @ 85C and 3.2 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
25 V DC Rated Voltage Surge Voltage 32 VDC @ 85C and 20 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAH SAH SAH SAH SAH
A B C D2 D
335 106 336 686 686
M M M M M
04 04 04 04 04
R R R R R
202 202 202 501 501
3.3 10 33 68 68
0.5 0.5 1.3 2.7 2.7
6 6 6 6 6
9.0 4.0 2.2 1.1 1.1
0.088 0.141 0.224 0.363 0.369
SAH SAH SAH SAH SAH
A B C D2 D
474 155 475 106 106
M M M M M
25 25 25 25 25
R R R R R
202 202 501 501 501
0.47 1.5 4.7 10 10
0.5 0.5 1.2 2.5 2.5
4 6 6 6 6
14.0 5.5 2.4 1.2 1.2
0.071 0.121 0.214 0.348 0.354
6.3 V DC Rated Voltage Surge Voltage 8 VDC @ 85C and 5 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAH SAH SAH SAH SAH
A B C D2 D
225 685 226 476 476
M M M M M
06 06 06 06 06
R R R R R
202 202 501 501 501
2.2 6.8 22 47 47
0.5 0.5 1.4 3.0 3.0
6 6 6 6 6
9.0 4.0 2.2 1.1 1.1
0.088 0.141 0.224 0.363 0.369
35 V DC Rated Voltage Surge Voltage 45 VDC @ 85C and 28 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
10 V DC Rated Voltage Surge Voltage 13 VDC @ 85C and 8 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAH SAH SAH SAH SAH
A B C D2 D
155 475 156 336 336
M M M M M
10 10 10 10 10
R R R R R
202 202 501 501 501
1.5 4.7 15 33 33
0.5 0.5 1.5 3.3 3.3
6 6 6 6 6
10.0 4.0 2.2 1.1 1.1
0.084 0.141 0.224 0.363 0.369
SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH
A A A A B B B C C C D2 D D2 D
104 154 224 334 474 684 105 155 225 335 475 475 685 685
M M M M M M M M M M M M M M
35 35 35 35 35 35 35 35 35 35 35 35 35 35
R R R R R R R R R R R R R R
202 202 202 202 202 202 202 501 501 501 501 501 501 501
0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 4.7 6.8 6.8
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.2 1.6 1.6 2.4 2.4
4 4 4 4 4 4 4 6 6 6 6 6 6 6
24.0 21.0 18.0 15.0 10.0 8.0 6.5 4.5 3.5 2.5 1.5 1.5 1.3 1.3
0.054 0.058 0.062 0.068 0.089 0.100 0.111 0.156 0.177 0.210 0.311 0.316 0.334 0.340
16 V DC Rated Voltage Surge Voltage 20 VDC @ 85C and 13 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAH SAH SAH SAH SAH
A B C D2 D
105 335 106 226 226
M M M M M
16 16 16 16 16
R R R R R
202 202 501 501 501
1 3.3 10 22 22
0.5 0.5 1.6 3.5 3.5
4 6 6 6 6
11.0 4.4 2.2 1.1 1.1
0.080 0.135 0.224 0.363 0.369
50 V DC Rated Voltage Surge Voltage 63 VDC @ 85C and 40 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
20 V DC Rated Voltage Surge Voltage 26 VDC @ 85C and 16 VDC @ 125C
SHARMA PART NUMBER CAP VALUE F DCL (MAX) A DF% (MAX) at+25C ESR(max) OHMS at 100KHz RIPPLE (max) Irms Amps at 100 KHz
SAH SAH SAH SAH SAH
A B C D2 D
684 225 685 156 156
M M M M M
20 20 20 20 20
R R R R R
202 202 501 501 501
0.68 2.2 6.8 15 15
0.5 0.5 1.4 3.0 3.0
4 6 6 6 6
12.0 5.0 2.4 1.1 1.1
0.076 0.126 0.274 0.363 0.369
SAH SAH SAH SAH SAH SAH SAH SAH SAH SAH
A B B B C C C D2 D D2
104 154 224 334 474 684 105 155 155 225
M M M M M M M M M M
50 50 50 50 50 50 50 50 50 50
R R R R R R R R R R
202 202 202 202 501 501 501 501 501 501
0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 1.5 2.2 2.2
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.1
4 4 4 4 4 4 4 6 6 6 6
22.0 17.0 14.0 12.0 8.0 7.5 5.5 4.0 3.5 2.5 2.5
0.056 0.069 0.076 0.082 0.117 0.121 0.141 0.132 0.141 0.249 0.241
SAH D
225 M 50 R 501
NOTE: FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K. FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J. STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3.
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of SAHA335M04R202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X