Part Number Hot Search : 
LTC31 2SC2412 LTC38 2SC2412 HER205 BT75AXX P103H VLMY3191
Product Description
Full Text Search
 

To Download RGL1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGL 1A ... RGL 1M Fast Switching Surface Mount Si-Rectifiers Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MiniMELF Kunststoffgehause MiniMELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
Schnelle Si-Gleichrichter fur die Oberflachenmontage 1A 50...1000 V SOD-80 DO-213AA 0.04 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
see page 18 siehe Seite 18
Marking:
1. red ring denotes "cathode" and "fast switching rectifier family" 2. ring denotes "repetitive peak reverse voltage" (see below) Kennzeichnung: 1. roter Ring kennzeichnet "Kathode" und "Schnelle Gleichrichter " 2. Ring kennzeichnet "Periodische Spitzensperrspannung" (siehe unten)
Maximum ratings Type Typ RGL 1A RGL 1B RGL 1D RGL 1G RGL 1J RGL 1K RGL 1M Rep. peak reverse voltage Period. Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000
Grenzwerte 2. Cathode ring 2. Kathodenring gray / grau red / rot orange yellow / gelb green / grun blue / blau violet(t)
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur 94
TT = 75/C TA = 25/C TA = 25/C
IFAV IFSM i2t Tj TS
1A 25 A 4.5 A2s - 50...+175/C - 50...+175/C
28.02.2002
RGL 1A ... RGL 1M Characteristics Forward voltage Durchlaspannung Leakage current Sperrstrom Reverse recovery time Sperrverzugszeit Tj = 25/C TA = 25/C TA = 125/C IF = 0.5A through/uber IR = 1A to/auf IR = 0.25A IF = 1 A VR = VRRM VR = VRRM RGL 1A - G RGL 1 J RGL 1K - M VF IR IR trr trr trr RthA RthT Kennwerte < 1.3 V < 5 :A < 50 :A < 150 ns < 250 ns < 500 ns < 150 K/W 1) < 60 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
1
95


▲Up To Search▲   

 
Price & Availability of RGL1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X