|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
05083 PSMDA05C-4 thru PSMDA24C-4 STANDARD CAPACITANCE TVS ARRAY APPLICATIONS RS-232 & RS-423 Data Lines Cellular Phones Audio/Video Inputs Portable Electronics Wireless Network Systems IEC COMPATIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s - Level 2(Line-Gnd) & Level 3(Line-Line) SO-8 FEATURES 500 Watts Peak Pulse Power per Line (tp=8/20s) Bidirectional Configurations Monolithic Design Available in Voltage Types Ranging From: 5V to 24V Protects Up to Four (4) Lines ESD Protection > 40 kilovolts RoHS Compliant MECHANICAL CHARACTERISTICS Molded JEDEC SO-8 Weight 70 milligrams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 12mm Tape and Reel Per EIA Standard 481 Marking: Marking Code, Logo, Date Code & Pin One Defined By Dot on Top of Package PIN CONFIGURATION 8 7 6 5 1 2 3 4 05083.R4 3/07 1 www.protekdevices.com PSMDA05C-4 thru PSMDA24C-4 DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TL TSTG VALUE 500 -55 to 150 -55 to 150 UNITS Watts C C ELECTRICAL CHARACTERISTICS PER LINE PART NUMBER (See Note 1) DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE @ 25C Unless Otherwise Specified MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 9.8 19.0 24.0 43.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE PER LINE @ VWM VOLTS PSMDA05C-4 PSMDA12C-4 PSMDA15C-4 PSMDA24C-4 TEB TED TEF TEH 5.0 12.0 15.0 24.0 @ 1mA V(BR) VOLTS 6.0 13.3 16.7 26.7 @8/20s VC @ IPP 19V @30A 29V @ 20A 32V @ 18A 45V @ 13A @VWM ID A 100 1 1 1 @0V, 1 MHz C pF 350 150 120 100 Note 1: Test individual pins 8 or 5 to pins 1, 2, 3, or 4. Pins 6 and 7 are open. 05083.R4 3/07 2 www.protekdevices.com PSMDA05C-4 thru PSMDA24C-4 GRAPHS 10,000 PPP - Peak Pulse Power - Watts FIGURE 1 PEAK PULSE POWER VS PULSE TIME 1,000 500W 8/20s Waveform 100 10 0.1 1 10 100 td - Pulse Duration - s 1,000 10,000 120 IPP - Peak Pulse Current - % of IPP FIGURE 2 PULSE WAVE FORM tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s 100 80 60 40 20 0 0 5 e-t td = t I /2 PP 10 15 t - Time - s 20 25 30 FIGURE 3 POWER DERATING CURVE 100 80 % Of Rated Power Peak Pulse Power 8/20s 60 40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150 05083.R4 3/07 3 www.protekdevices.com PSMDA05C-4 thru PSMDA24C-4 SO-8 PACKAGE OUTLINE & DIMENSIONS PACKAGE OUTLINE -A- SO-8 8 5 -B - P + 0.010 (0.25 MM) M B M 4 PL DIM A B C D F G J K P R NOTES 1. 2. 3. 4. 5. 6. PACKAGE DIMENSIONS MILLIMETERS MIN MAX 4.80 3.80 1.35 0.35 0.40 1.27 BSC 0.18 0.10 5.80 0.25 INCHES MIN MAX 1 4 G D C R x 45 0 - 10 K 0.010 (0.25 MM) M T B S A S 8 PL -T- + J F 0.196 5.00 0.189 0.150 0.157 4.00 1.75 0.054 0.068 0.49 0.014 0.019 0.049 1.250 0.016 1.27 BSC 0.05 BSC 0.05 BSC 0.25 0.007 0.009 0.004 0.008 0.25 6.20 0.229 0.244 0.019 0.50 0.010 MOUNTING PAD 0.050 0.005 0.030 0.005 - T - = Seating Plane and Datum Surface. Dimensions "A" and "B" are Datum. Dimensions "A" and "B" do not include mold protrusion. Maximum mold protrusion is 0.015" (0.380 mm) per side. Dimensioning and tolerances per ANSI Y14.5M, 1982. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape, i.e. PSMDA05C-4-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape, i.e., PSMDA05C-4-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., PSMDA05C-4-LF-T7. 5. No Suffix = Product Shipped in Tubes of 98 pcs per Tube. 0.160 0.005 0.245 MIN 0.045 0.005 Outline & Dimensions: Rev 1 - 11/01, 06009 COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com www.protekdevices.com 05083.R4 3/07 4 |
Price & Availability of PSMDA15C-4-T7 |