Part Number Hot Search : 
A1521 08140 DTB114 AAM3202 DMC16 36245 601F0575 LT347
Product Description
Full Text Search
 

To Download PSLC0307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05091
PSLC03
thru
PSLC24C
LOW CAPACITANCE TVS ARRAY
APPLICATIONS
Ethernet - 10/100 Base T Cellular Phones Audio & Video Inputs FireWire, SCSI & USB Interfaces
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 12A, 8/20s - Level 1(Line-Gnd) & Level 2(Line-Line)
SOT-143
FEATURES
350 Watts Peak Pulse Power per Line (tp=8/20s) Unidirectional & Bidirectional Configurations Available in Multiple Voltage Types Ranging From 3V to 24V Protects One Line ESD Protection > 40 kilovolts Low Clamping Voltage Low Capacitance: 5pF RoHS Compliant
MECHANICAL CHARACTERISTICS
Molded JEDEC SOT-143 Package Weight 9 milligrams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code
PIN CONFIGURATIONS
UNIDIRECTIONAL
BIDIRECTIONAL
1
4
1
4
2
3
2
3
05091.R11 2/07
1
www.protekdevices.com
PSLC03
thru
PSLC24C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature
SYMBOL
PPP TL TSTG
VALUE
350 -55 to 150 -55 to 150
UNITS
Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (See Notes 1-2) DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 5A VC VOLTS 9.0 9.0 11.0 11.0 16.6 16.6 24.0 24.0 30.0 30.0 N/A N/A
V WM VOLTS PSLC03 PSLC03C PSLC05 PSLC05C PSLC08 PSLC08C PSLC12 PSLC12C PSLC15 PSLC15C PSLC24 PSLC24C 3U 3B 5U 5B 8U 8B 12U 12B 15U 15B 24U 24B 3.3 3.3 5.0 5.0 8.0 8.0 12.0 12.0 15.0 15.0 24.0 24.0
@ 1mA V(BR) VOLTS 4.0 4.0 6.0 6.0 8.5 8.5 13.3 13.3 16.6 16.6 26.7 26.7
@8/20s VC @ IPP 19.0V @ 20.0A 19.0V @ 20.0A 18.3V @ 17.0A 18.3V @ 17.0A 18.5V @ 17.0A 18.5V @ 17.0A 28.6V @ 11.0A 28.6V @ 11.0A 31.8V @ 10.0A 31.8V @ 10.0A 56.0V @ 6.0A 56.0V @ 6.0A
@VWM ID A 125 125 20 20 10 10 1 1 1 1 1 1
0V @ 1 MHz C pF 5 5 5 5 5 5 5 5 5 5 5 5
Note 1: Part numbers with an additional "C" suffix are bidirectional devices, i.e., PSLC05C. Note 2: Unidirectional Only: Positive potential is applied from pin 2 to 1 or pin 3 to 4.
10,000
PPP - Peak Pulse Power - Watts
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
IPP - Peak Pulse Current - % of IPP
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000 350W 8/20s Waveform
e-t
100
td = t I /2 PP
10 0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 20 t - Time - s
25
30
05091.R11 2/07
2
www.protekdevices.com
PSLC03
thru
PSLC24C
GRAPHS
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
40 Peak Pulse Power 8/20s
5 Volts per Division
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE FOR PSLC03
30
60
20
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
10
0
ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
FIGURE 5 INSERTION LOSS - PSLC05
FIGURE 6 RETURN LOSS - PSLC05
20 db
10 db per Division 10 db per Division
20 db
Ref 0 db
Ref 0 db
-20 db
-20 db
-50 db 100 MHz per Division
-50 db 100 MHz per Division
05091.R11 2/07
3
www.protekdevices.com
PSLC03
thru
PSLC24C
APPLICATIONS
The PSLC Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD and EFT. This product series provides both unidirectional and bidirectional protection, with a surge capability of 500 Watts PPP per line for an 8/20s waveform and ESD protection > 40kV. UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1) The two PSLC Series devices provide protection in a commonmode configuration as depicted in Figure 1. Circuit connectivity is as follows: TVS Device 1: Line 1(D+) is connected to Pins 2 & 3. TVS Device 2: Line 2(D-) is connected to Pins 2 & 3. Both TVS Devices: Pins 1 & 4 connected to ground.
USB OUTPUT CONNECTOR
Figure 1 - Unidirectional Configuration (Two TVS Devices) Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; 1 4 1 4 ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
GND SOLDER PAD
2
3
2
3
USB IC D+ D-
R
2
TX
3
CIRCUIT BOARD LAYOUT RECOMMENDATIONS Circuit board layout is critical for Electromagnetic Compatibility (EMC) protection. The following guidelines are recommended: The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. The path length between the TVS device and the protected line should be minimized. All conductive loops including power and ground loops should be minimized. The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.

05091.R11 2/07
4
www.protekdevices.com
RJ-45
Circuit connectivity is as follows: Line 1(RX) is connected to Pins 1 & 4. Line 2(TX) is connected to Pins 2 & 3.
ETHERNET TRANSCEIVER
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2) The PSLCxxC Series provides protection in a differential-mode configuration as depicted in Figure 2.
Figure 2 - Bidirectional Configuration Differential-Mode Ethernet Protection RX
R
1
4
PSLC03
thru
PSLC24C
SOT-143 PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE SOT-143
A G L
B
S
J
DIM
PACKAGE DIMENSIONS MILLIMETERS MIN MAX 2.80 1.20 0.84 0.39 0.79 1.78 0.013 0.08 0.46 0.445 0.72 2.11 3.04 1.39 1.14 0.50 0.93 2.03 0.10 0.15 0.60 0.60 0.83 2.48 INCHES MIN MAX 0.110 0.047 0.033 0.015 0.031 0.070 0.0005 0.003 0.018 0.0175 0.028 0.083 0.120 0.055 0.045 0.020 0.037 0.080 0.004 0.006 0.024 0.024 0.033 0.098
K F D
H
C
R
MOUNTING PAD
TYPICAL DIM Millimeters Inches
1 2 3 4 5 6 7 8 9 10 1 1 2.85 2.00 1.80 1.90 1.05 2.75 1.20 0.80 0.85 0.85 0.85 0.112 0.079 0.071 0.075 0.041 0.108 0.047 0.031 0.033 0.033 0.033
A B C D F G H J K L R S
NOTES
1 2 10 4 5 11 6
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PSLC05C-T7. 3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., PSLC05C-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., PSLC05C-LF-T7.
3
7
8
9
Outline & Dimensions: Rev 2 - 6/06, 06011
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
3.10 0.10 2.70 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2 10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 F W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05091.R11 2/07
5


▲Up To Search▲   

 
Price & Availability of PSLC0307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X