Part Number Hot Search : 
ST2SA933 74LVT JANSR2N AC100 SAB80 SAB80 Z5240B HMM5135B
Product Description
Full Text Search
 

To Download PP0800SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05081
PP0640SA
thru
Only One Name Means ProT ek'TionTM
PP3500SC
THYRISTOR SURGE SUPPRESSOR
APPLICA TIONS T1/E1 Trunk & Line Card SLIC Line Card DBX Branch Exchange Switches FCC Part 68 Customer Premise Equipment Line Interface Modem xDSL Architecture Interface ISDN Architecture Interface IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 8/20s - 95A, L4(Line-Gnd), 48A, L4(Line-Line) & 83A, L2(Power) FEA TURES
DO-214AA
DEVICE SYMBOL (BIDIRECTIONAL)
Complies with: FCC Part 68, UL 1459, Bellcore 1089, ITU-K.20 & K.21 UL File Recognition # E208219 Peak Off-State Voltage from 25 to 300 Volts Surge Current Capability (See Table 1) ESD Protection > 40 kilovolts Low Capacitance for T1/E1 Trunk & Line Card Applications Bidirectional Configurations RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS Molded Plastic DO-214AA Package Weight 2.5 grams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability Rating UL 94V-0 12mm Tape and Reel Per EIA Standard 481 Marking: Logo & Marking Code TABLE 1 - SURGE RATINGS SERIES IPP 2 X 10s AMPS 150 300 500 IPP 8 X 20s AMPS 150 300 400 IPP IPP IPP 10 X 160s 10 X 560s 10 X 1000s AMPS AMPS AMPS 100 150 200 50 100 200 50 80 100 ITSM 60 Hz AMPS 20 32 60 di/dt dv/dt AMPS/s V/s (See Note 1) (See Note 1) 500 500 500 2000 2000 2000
SA SB SC
Note 1: Critital Rate of Rise for On-State Current (di/dt) and Off-State Voltage (dv/dt).
05081.R9 5/05
1
www.protekdevices.com
PP0640SA
thru
PP3500SC
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Surge Current - 50/60 Hz Junction Temperature Storage Temperature Thermal Resistance(Junction) - SA & SB Series Thermal Resistance(Junction) - SC Series Thermal Resistance(Ambient) - SA & SB Series Thermal Resistance(Ambient) - SC Series
SYMBOL
ITSM TJ TSTG RQJC RQJC RQJA RQJA
VALUE
60 -40 TO 150 -55 TO 150 28 26 90 85
UNITS
AMPS C C C/WATT C/WATT C/WATT C/WATT
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER DEVICE MARKING CODE REPETITIVE PEAK OFF-STATE VOLTAGE SWITCHING VOLTAGE MINIMUM HOLDING CURRENT (See Fig. 7) di/dt = 1A/ms IH mA 150 150 150 150 150 150 150 150 150 150 150 50 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 SWITCHING CURRENT MAXIMUM OFF-STATE CURRENT (See Fig. 4) @VDRM IDRM A 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAXIMUM ON-STATE VOLTAGE (See Fig. 5) @IT VT VOLTS 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 ON-STATE CURRENT TYPICAL CAPACITANCE (See Note 1)
VDRM VOLTS PP0640SA PP0720SA PP0800SA PP1100SA PP1300SA PP1500SA PP1800SA PP2300SA PP2600SA PP3100SA PP3500SA PP0300SB PP0640SB PP0720SB PP0800SB PP1100SB PP1300SB PP1500SB PP1800SB PP2300SB PP2600SB PP3100SB PP3500SB PP0640SC PP0720SC PP0800SC PP1100SC PP1300SC PP1500SC PP1800SC PP2300SC PP2600SC PP3100SC PP3500SC GC GD GE GF GG GH GI GJ GK GL GM GN GP GQ GR GS GT GU GV GW GX GY GZ HC HD HE HF HG HH HI HJ HK HL HM 58 65 75 90 120 140 160 190 220 275 300 25 58 65 75 90 120 140 160 190 220 275 300 58 65 75 90 120 140 160 190 220 275 300
@100V/s VS VOLTS 77 88 98 130 160 180 220 260 300 350 400 40 77 88 98 130 160 180 220 260 300 350 400 77 88 98 130 160 180 220 260 300 350 400
IS mA 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800
IT AMPS 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2
@2V, 1 MHz C pF 60 60 60 60 40 40 40 30 30 30 30 110 60 60 60 60 40 40 40 30 30 30 30 120 120 120 120 80 80 80 60 60 60 60
Note 1: Capacitance imbalance between positive and negative polarities is typically < 15pF.
05081.R9 5/05
2
www.protekdevices.com
PP0640SA
thru
PP3500SC
GRAPHS
100
IPP - Peak Pulse Current - % of IPP
FIGURE 1 PULSE WAVE FORM
tf TEST WAVEFORM PARAMETERS tf = 10s td = 1,000s td = t I /2 PP
FIGURE 2 V-I CHARACTERISTIC CURVE
IPP ITSM IT IS IH VS IDRM VT VDRM
Peak Value IPP
50
e-t 0 0 1 t - Time - s 2 3
Non-Repetitive On-State Current (ITSM) - Amps
100
FIGURE 3 ON-STATE CURRENT VS SURGE CURRENT DURATION
PPxxxxSA PPxxxxSC PPxxxxSB
10
1 1 10 100 Surge Current Duration - Full Cycles Supply Frequency - 60 Hz Sinusoidal 1,000
05081.R9 5/05
3
www.protekdevices.com
PP0640SA
thru
PP3500SC
GRAPHS
FIGURE 4 TYPICAL PEAK OFF-STATE CURRENT VS JUNCTION TEMPERATURE FIGURE 5 TYPICAL ON-STATE CURRENT VS ON-STATE VOLTAGE
10
100
IDRM - Peak Off-State Current - A
1
IT - On-State Current - A
10
0.1
0.01 -40
0
40 80 tJ- Temperature - C
120
1 0
1
2
3 4 VT - On-State Voltage - V
5
6
7
FIGURE 6 TYPICAL NORMALIZED SWITCHING VOLTAGE VS JUNCTION TEMPERATURE 1.15 1.1 1.05
Normalized VS Normalized IH
FIGURE 7 TYPICAL NORMALIZED HOLDING CURRENT VS JUNCTION TEMPERATURE 2.5
2
1 0.95 0.9
1.5
1
0.5 0.85 0.8 -40 0 -40
0
40 80 tJ- Temperature - C
120
0
40 80 tJ- Temperature - C
120
05081.R9 5/05
4
www.protekdevices.com
PP0640SA
thru
PP3500SC
APPLICA TION NOTE
FIGURE 1: UL 1459 & FCC Part 68 - Metallic Protection The TSS (Thyristor Surge Suppressor) device is located across the tip-to-ring after a limiting resistor and fuse combination. RTIP and RRING resistors are optional depending upon the TSS device selection. Without the resistors, the PP3100SB/SC is recommended. However, with a resistance value of 7.5 Ohms for tip and ring, the PP3100SA is recommended. Digital signals may use a lower TSS device depending upon the total tip to ring voltage range. Selection of the TSS device, either PPxxxxSA or SB/SC is based upon the value of the tip and ring resistors. For the National Electric Code (NEC) article 800, it is recommended that at least one fuse be used in the tip or ring line for metallic surges. Fuses may be replaced with a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device.
TIP RTip
Fuse
To Protected Equipment
RRing RING
FIGURE 1 - Metallic Protection
R
Tip
FIGURE 2 - UL 1459 & FCC Part 68 - Longitudinal Protection There are two TSS devices, one located from tip-to-ground and one ring-to-ground. For standard analog signals, the PP3100SA is recommended with a typical resistor value for tip and ring of 15 Ohms. The PP3100SB/SC is recommended for resistor values of 7.5 Ohms each. The National Electric Code (NEC) article 800 requires two fuse elements when connecting to ground. Fuses or a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device may be used. The purpose of this circuit is to limit AC power current from getting on the ground line causing any safety hazard.
TIP
To Protected Equipment
R RING
Ring
FIGURE 2 - Longitudinal Protection
FIGURE 3 - UL 1459 & FCC Part 68 - Metallic & Longitudinal Protection Three equal TSS devices are used in this application for metallic (tipto-ring) and longitudinal (tip-to-ground and ring-to-ground) protection. For analog signals, the PP3100SB/SC is recommended. With a resistance value of 15 Ohms for the tip and ring resistors, the PP3100SA may be used. The National Electric Code (NEC) article 800 requires two fuse elements when connecting to ground. Fuses or a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device may be used. This circuit is recommended for protection against the Bellcore requirement: First Level Lightning Surge Tests (Telecommunications Port), document # GR-1089-CORE.
R TIP
Tip
To Protected Equipment
R RING
Ring
FIGURE 3 - Metallic & Longitudinal Protection
05081.R9 5/05
5
www.protekdevices.com
PP0640SA
thru
PP3500SC
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
DO-214AA (SMB)
A
B
DIM A B C D E F G H
NOTES
DIMENSIONS MILLIMETERS MIN MAX 1.96 3.30 4.06 2.00 0.76 5.21 0.10 0.15 2.21 3.94 4.57 2.50 1.52 5.59 0.20 0.31 INCHES MIN MAX 0.077 0.130 0.160 0.079 0.030 0.205 0.004 0.006 0.087 0.155 0.180 0.098 0.060 0.220 0.008 0.012
C H D
G E F
1. Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T13 = 13 Inch Reel - 3,000 pieces per 12mm tape, i.e., PP0640SA-T13. 3. Suffix - LF = Lead-Free, Pure-Tin Plating, .e., PP0640SA-LF-T13.
Outline & Dimensions: Rev 0 - 4/02, 06030
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05081.R9 5/05
6
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PP0800SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X