Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download PLR0502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05245
PLR0502
STEERING DIODE/TVS ARRAY COMBO
APPLICATIONS
Ethernet - 10/100 Base T FireWire Wireless Communications USB Interface
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s - Level 2(Line-Gnd) & Level 3(Line-Line)
SOT-543
FEATURES
200 Watts Peak Power per Line (tp = 8/20s) ESD Protection > 25 kilovolts Low Clamping Voltage Unidirectional Configuration Protects 2 I/O Ports & Power Supply Ultra-Low Capacitance: 0.6pF RoHS Compliant
MECHANICAL CHARACTERISTICS
Molded JEDEC SOT-543 Weight 3 milligrams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code
PIN CONFIGURATION
GND
1
4
REF
I/O
2
3
I/O
05245.R1 2/07
1
www.protekdevices.com
PLR0502
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature Peak Forward Voltage - IF = 1A, 8/20s
SYMBOL
PPP TL TSTG VF
VALUE
200 -55 to 150 -55 to 150 1.5
UNITS
Watts C C Volts
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified MAXIMUM CLAMPING VOLTAGE (See Fig. 2) (See Note 2) 8/20s VC @ IPP VOLTS 20.0V @ 10.0A MAXIMUM LEAKAGE CURRENT MAXIMUM CAPACITANCE (See Note 1) (See Fig. 5) (Per Data Line) @0V, 1 MHz CJ(SD) pF 0.6
V WM VOLTS PLR0502 B5 5.0
@ 1mA V(BR) VOLTS 6.0
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) (See Note 2) @ IP = 1A VC VOLTS 9.8
@ VWM ID A 1.0
Note 1: As shown in Figure 5, REF 1 is connected to ground, REF 2 is connected to +VCC and input applies to VCC = 5V, Vsign = 30mV, F = 1MHz. Note 2: Measured across pin 1 to pin 4.
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000 200W, 8/20s Waveform 100
e-t
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 20 t - Time - s
25
30
05245.R1 2/07
2
www.protekdevices.com
PLR0502
GRAPHS
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
100 80
% Of Rated Power
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE
20
5 Volts per Division
10
0
-10
-20
ESD Test Pulse: 5 kilovolt, 1/30ns (waveform)
FIGURE 5 INPUT CAPACITANCE CIRCUIT
REF2
I/O
+VCC
VSIGN
G
REF1
05245.R1 2/07
3
www.protekdevices.com
PLR0502
SOT-543 PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE PACKAGE DIMENSIONS
A
R 3 B
C
K
DIM
A B C D G H J K R
NOTES
MILLIMETERS MIN MAX
1.50 1.10 0.50 0.17 0.50 BSC 1.50 0.08 0.10 0.05 1.70 1.30 0.60 0.27 1.70 0.16 0.30 0.15
INCHES MIN MAX
0.059 0.043 0.020 0.007 0.020 BSC 0.059 0.003 0.004 0.002 0.067 0.051 0.024 0.011 0.067 0.007 0.0120 0.006
4
H
1
2
D G Do not connect center stub.
MOUNTING PAD
TYPICAL DIM Millimeters Inches 1 2 3 4 0.30 1.02 1.40 0.51 0.012 0.040 0.055 0.020
J
1. 2. 3. 4.
Dimensioning and tolerances per ANSI Y14.5M, 1985. Controlling Dimension: Inches Pin 3 is the cathode (Unidirectional Only). Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PLR0502-T7. 3. Suffix - LF = Lead-Free Plating, i.e., PLR0502-LF-T7.
3
2
4
1
Outline & Dimensions: Rev 0 - 1/07, 06071
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
1.78 0.05 1.78 0.05 0.69 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2 10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 Pin 1 Indicated by Dot
F
W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05245.R1 2/07
4


▲Up To Search▲   

 
Price & Availability of PLR0502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X