Part Number Hot Search : 
WT6135 HC352 87340 APTDF400 00900 12D05 MBI1804 500FT
Product Description
Full Text Search
 

To Download OPR2100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OPR2100L August 1996
PRELIMINARY
Six Element SMD LED Array
Type OPR2100L
Features *Surface mountable *High temperature operation *Closely matched emissions *Matched to OPR2100 Photodiode
Array
Absolute Maximum Ratings (Each channel, TA = 25o C unless otherwise noted)
Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V Continous Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Peak Forward Current (1 A pulse width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . 1.0 A Storage and Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . -55o C to +125o C Power Dissipation (derate @ 1.00 mW/o C above 25o C) . . . . . . . . . . . . . . . . 100 mW
Description
Enclosed in a compact polyimide chip carrier, this six element LED has been specifically designed to be used as an illuminating source for the OPR2100. The light is spectrally matched to the responsivity for maximum efficency. The six chips are bonded with common cathodes and individual anodes to allow channel matching. The package can withstand multiple exposures to the most demanding solder conditions. The wrap around solder pads are gold plated for exceptional storage and wetting characteristics. PIN OUT: PIN#1 2 3 4 5 6 7 8 ANODE A ANODE F ANODE E COMMON CATHODE ANODE D ANODE C ANODE B COMMON CATHODE
Electrical Characteristics (TA = 25o C unless otherwise noted) SYMBOL
PO VF IR tr tf
PARAMETERS
Total Optical Power Forward Voltage Drop Reverse Leakage Current Peak Wavelength Rise Time Fall Time 1215 W. Crosby Road
MIN TYP MAX UNITS
350 1.8 100 870 910 600 350 Carrollton, Texas 75006 9-18 W V A nm ns ns
TEST CONDITIONS
IF = 20 mA IF = 20 mA VR = 2 V IF = 20 mA IP = 100 mA IP = 100 mA (972) 323-2200 Fax (972) 323-2396
Optek Technology, Inc.


▲Up To Search▲   

 
Price & Availability of OPR2100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X