Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download MMDT5451-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMDT5451
MMDT5451
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * * * *
Complementary Pair One 5551-Type NPN, One 5401-Type PNP Epitaxial Planar Die Construction Ideal for Medium Power Amplification and Switching Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 3)
K
E2 B2 C1 C2
A
B1 E1
SOT-363 Dim
BC
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
A B C D F
M
G H
0.65 Nominal
Mechanical Data
* * * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking (See Page 3): KNM Ordering & Date Code Information: See Page 3 Weight: 0.006 grams (approx.)
H J K L M a
J
D
F
L
E1, B1, C1 = PNP5401 Section E2, B2, C2 = NPN5551 Section
C2 B1 E1
All Dimensions in mm
E2
B2
C1
Maximum Ratings, NPN 5551 Section
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1, 2) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG NPN5551 180 160 6.0 200 200 625 -55 to +150 Unit V V V mA mW K/W C
Maximum Ratings, PNP 5401 Section
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1, 2) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Notes:
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG PNP5401 -160 -150 -5.0 -200 200 625 -55 to +150 Unit V V V mA mW K/W C
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Maximum combined dissipation. 3. No purposefully added lead.
DS30171 Rev. 8 - 2
1 of 5 www.diodes.com
MMDT5451
a Diodes Incorporated
Electrical Characteristics, NPN 5551 Section
Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 4) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure Cobo hfe fT NF hFE VCE(SAT) VBE(SAT) V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Symbol
@ TA = 25C unless otherwise specified Min 180 160 6.0 3/4 3/4 80 80 30 3/4 3/4 3/4 50 100 3/4 Max 3/4 3/4 3/4 50 50 3/4 250 3/4 0.15 0.20 1.0 Unit V V V nA mA nA Test Condition IC = 100mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100C VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 5.0V IC = 10mA, VCE = 5.0V IC = 50mA, VCE = 5.0V IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 10V, f = 1.0MHz, IE = 0 VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 200mA, RS = 1.0kW, f = 1.0kHz
3/4 V V
6.0 250 300 8.0
pF 3/4 MHz dB
Electrical Characteristics, PNP 5401 Section
Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 4) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
Notes:
@ TA = 25C unless otherwise specified Min -160 -150 -5.0 3/4 3/4 50 60 50 3/4 3/4 3/4 40 100 3/4 Max 3/4 3/4 3/4 -50 -50 3/4 240 3/4 -0.2 -0.5 -1.0 Unit V V V nA mA nA Test Condition IC = -100mA, IE = 0 IC = -1.0mA, IB = 0 IE = -10mA, IC = 0 VCB = -120V, IE = 0 VCB = -120V, IE = 0, TA = 100C VEB = -3.0V, IC = 0 IC = -1.0mA, VCE = -5.0V IC = -10mA, VCE = -5.0V IC = -50mA, VCE = -5.0V IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA VCB = -10V, f = 1.0MHz, IE = 0 VCE = -10V, IC = -1.0mA, f = 1.0kHz VCE = -10V, IC = -10mA, f = 100MHz VCE = -5.0V, IC = -200mA, RS = 10W, f = 1.0kHz
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO
hFE VCE(SAT) VBE(SAT)
3/4 V V
Cobo hfe fT NF
6.0 200 300 8.0
pF 3/4 MHz dB
4. Short duration test pulse used to minimize self-heating effect.
DS30171 Rev. 8 - 2
2 of 5 www.diodes.com
MMDT5451
Ordering Information (Note 5)
Device MMDT5451-7-F
Notes:
Packaging SOT-363
Shipping 3000/Tape & Reel
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KNM
Date Code Key Year Code Month Code
200
KNM= Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
1998 J Jan 1
1999 K Feb 2
2000 L March 3
2001 M Apr 4
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
0.15 0.14
2005 S Aug 8
IC = 10 IB
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
PD, POWER DISSIPATION (mW)
0.13 0.12 0.11 0.10 0.09 0.08 0.07 0.06 0.05 0.04 TA = -50C 1 10 100 1000 TA = 25C TA = 150C
150
100
50
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature (Total Device)
IC, COLLECTOR CURRENT (mA) Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current (NPN5551)
1000
1.0
VBE(ON), BASE EMITTER VOLTAGE (V)
VCE = 5V TA = 150C
VCE = 5V 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 TA = 150C TA = 25C TA = -50C
hFE, DC CURRENT GAIN (NORMALIZED)
100 TA = 25C
TA = -50C
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs Collector Current (NPN5551) 100
0.1
1
10
100
IC, COLLECTOR CURRENT (mA) Fig. 4, Base Emitter Voltage vs. Collector Current (NPN5551)
DS30171 Rev. 8 - 2
3 of 5 www.diodes.com
MMDT5451
1000
10.0
VCE = 5V
fT, GAIN BANDWIDTH PRODUCT (MHz)
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
IC = 10 IB
1.0 TA = 150C
100
10
0.1 TA = -50C TA = 25C
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 5, Gain Bandwidth Product vs. Collector Current (NPN5551) 100
0.01 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 6, Collector Emitter Saturation Voltage vs. Collector Current (PNP5401)
10,000
1.0
VCE = 5V
hFE, DC CURRENT GAIN (NORMALIZED)
VBE(ON), BASE EMITTER VOLTAGE (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VCE = 5V TA = -50C
1000 TA = 150C
TA = 25C
100
TA = 25C 10 TA = -50C
TA = 150C
1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 7, DC Current Gain vs. Collector Current (PNP5401)
0.1
1.0
10
100
IC, COLLECTOR CURRENT (mA) Fig. 8, Base Emitter Voltage vs. Collector Current (PNP5401)
1000
ft, GAIN BANDWIDTH PRODUCT (MHz)
VCE = 10V
100
10
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 9, Gain Bandwidth Product vs Collector Current (PNP5401)
DS30171 Rev. 8 - 2
4 of 5 www.diodes.com
MMDT5451
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30171 Rev. 8 - 2
5 of 5 www.diodes.com
MMDT5451


▲Up To Search▲   

 
Price & Availability of MMDT5451-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X