Part Number Hot Search : 
UPA1790 ST7529 74LV374 ISA1205 09231 24223 OH413 V585M
Product Description
Full Text Search
 

To Download MMBD4448HT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: MMBD4448HT MMBD4448HTA MMBD4448HTC MMBD4448HTS
Lead-free
MMBD4448HT /HTA /HTC /HTS
SURFACE MOUNT FAST SWITCHING DIODE
SOT-523
A
Features
* * * * *
Ultra-Small Surface Mount Package Fast Switching Speed For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 3) Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking: See Diagrams Below & Page 3 Weight: 0.002 grams (approx.) Ordering Information, see Sheet 2
J D L K TOP VIEW BC
Dim A B C D G H
N M
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * *
G H
J K L M N a
All Dimensions in mm
MMBD4448HT Marking: A3
MMBD4448HTA Marking: A6
MMBD4448HTC Marking: A7
MMBD4448HTS Marking: AB
Maximum
Ratings @ TA = 25C unless otherwise specified
Characteristic Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 80 57 500 250 4.0 2.0 150 833 -65 to +150 Unit V V V mA mA A mW C/W C
Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Symbol V(BR)R VF Min 80 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 3/4 0.72 0.855 1.0 1.25 100 50 30 25 3.5 4.0 Unit V V nA mA mA nA pF ns Test Condition IR = 2.5mA IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 70V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 6V, f = 1.0MHz VR = 6V, IF = 5mA
Leakage Current (Note 2) Total Capacitance Reverse Recovery Time
IR CT trr
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead
DS30263 Rev. 9 - 2
1 of 3 www.diodes.com
MMBD4448HT /HTA /HTC /HTS
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (mA)
IR, INSTANTANEOUS REVERSE CURRENT (nA)
1000
10000
TA = 125C
1000
100
TA = 75C
100
10
TA = -40C TA = 0C
10
TA = 25C
1
TA = 25C TA = 75C TA = 125C
1
TA = 0C TA = -40C
0.1 0 0.4 0.8 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
3
f = 1MHz
0.1 0 20 40 60 80 100 VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
250
CT, TOTAL CAPACITANCE (pF)
2.5
2
Pd, POWER DISSIPATION (mW)
0 10 20 30 40 50
200
150
1.5
100
1
0.5
50
0
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve, Total Package
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance vs. Reverse Voltage
DS30263 Rev. 9 - 2
2 of 3 www.diodes.com
MMBD4448HT /HTA /HTC /HTS
Ordering Information (Note 4)
Device MMBD4448HT-7-F MMBD4448HTA-7-F MMBD4448HTC-7-F MMBD4448HTS-7-F
Notes:
Packaging SOT-523 SOT-523 SOT-523 SOT-523
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXYM
XX = Product Type Marking Code (See Page 1 Diagrams) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code 2001 M Jan 1 2002 N Feb 2 2003 P March 3 2004 R Apr 4 2005 S May 5 2006 T Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30263 Rev. 9 - 2
3 of 3 www.diodes.com
MMBD4448HT /HTA /HTC /HTS


▲Up To Search▲   

 
Price & Availability of MMBD4448HT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X