Part Number Hot Search : 
SH223 BH16NFPB F60BDTR W21NM6 LM3390 HZD5C9N HAT1025R P11N60
Product Description
Full Text Search
 

To Download MMBD2004SW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free Green
MMBD2004SW
SURFACE MOUNT SWITCHING DIODE
Features
* * * * * * * * * * * * * * *
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 3) "Green" Device, Note 4 and 5
G H K M B C A
SOT-323 Dim A B C D E G H J K L M a Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0 Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin. Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe) Polarity: See Diagram Marking: KA9, See Page 2 Ordering Information, see Page 2 Weight: 0.006 grams (approximate)
0.65 Nominal
J
D
E
L
TOP VIEW
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Repetitive Peak Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Peak Repetitive Forward Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IF IFRM IFSM Pd RqJA Tj , TSTG Value 300 240 170 225 625 4.0 1.0 250 500 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Peak Reverse Current (Note 2) Total Capacitance, per Element Reverse Recovery Time
Notes:
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 300 3/4 3/4 3/4 3/4 Max 3/4 0.87 1.0 100 5.0 50 Unit V V nA mA pF ns Test Condition IR = 100mA IF = 20mA IF = 100mA VR = 240V VR = 240V, Tj = 150C VR = 0, f = 1.0MHz IF = IR = 30mA, Irr = 3.0mA, RL = 100W
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30443 Rev. 4 - 2
1 of 3 www.diodes.com
MMBD2004SW
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
Tj = 25 C
100
100
10
10
1
1.0
0.1
0.1
0.01 0 0.4 0.8 1.2 1.6 2.0
0.01 0 40 80 120 160 200
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
Tj, JUNCTION TEMPERATURE ( C) Fig. 2 Leakage Current vs Junction Temperature
250
Pd, POWER DISSIPATION (mW)
200
150
100
50
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE ( C) Fig. 3 Power Dissipation Derating
Ordering Information
Device
(Note 5 & 6) Packaging SOT-323 Shipping 3000/Tape & Reel
MMBD2004SW-7-F
Notes:
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KA9
Date Code Key Year Code Month Code Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S
YM
KA9 = Product Type Marking Code YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September 2007 U Jun 6 2008 V Jul 7 2009 W Aug 8 Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
2006 T May 5
Apr 4
DS30443 Rev. 4 - 2
2 of 3 www.diodes.com
MMBD2004SW
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30443 Rev. 4 - 2
3 of 3 www.diodes.com
MMBD2004SW


▲Up To Search▲   

 
Price & Availability of MMBD2004SW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X