Part Number Hot Search : 
BP104S MJ411 2SA1834S SNC15061 15SQ035 SL4017B Z13D5 STSA851
Product Description
Full Text Search
 

To Download MIMD10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: MIMD10A
MIMD10A
DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Built-In Biasing Resistors One 500mA PNP and One 100mA NPN Available in Lead Free/RoHS Compliant Version (Note 2)
E2 C2
A
B1 E1
SOT-363 Dim
BC
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
A B C D F
M
Mechanical Data
* * * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Also available in Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Please see Ordering Information, Note 4, on Page 2 Marking Code: C73 (See Page 2) Ordering & Date Code: See Page 2 Terminal Connections: See Diagram Weight: 0.015 grams (approx.) P/N MIMD10A Tr1 Tr2 R1 0.1K 10K R2 10K J K
B2
C1
G H
0.65 Nominal
H J K L M a
D
F
L
All Dimensions in mm
Tr2 R1 R 2 R1 Tr1
SCHEMATIC DIAGRAM
Maximum Ratings PNP Section Tr1
Characteristic Supply Voltage Input Voltage Output Current
@ TA = 25C unless otherwise specified Symbol VCC VIN IO Value -50 -5 to +5 -500 Unit V V mA
Maximum Ratings NPN Section Tr2
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Value 50 50 5 100 Unit V V V mA
Maximum Ratings - Total
Characteristic Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol Pd Tj, TSTG Value 200 -55 to +150 Unit mW C
Operating and Storage Temperature Range
Notes: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30381 Rev. 5 - 2
1 of 3 www.diodes.com
MIMD10A
a Diodes Incorporated
Electrical Characteristics PNP Section Tr1
@ TA = 25C unless otherwise specified Min -0.3 3/4 3/4 3/4 3/4 68 3/4 Typ 3/4 3/4 -0.1 3/4 3/4 3/4 200 Max 3/4 -1.5 -0.3 -25 -0.5 3/4 3/4 Unit V V mA mA 3/4 MHz Test Condition VCC = -5V, IO = -100mA VO = 0.3, IO = -100mA IO = -100mA/-5mA VI = -2V VCC = -50V, VI = 0V 3/4 VCE = -10V, IE = -50mA, f = 100MHz
NEW PRODUCT
Characteristic Input Voltage Output Voltage Input Current Output Current DC Current Gain Gain-Bandwidth Product* * Transistor - For Reference Only
Symbol Vl(off) Vl(on) VO(on) Il IO(off) Gl fT
Electrical Characteristics NPN Section Tr2
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product* * Transistor - For Reference Only Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Min 50 50 5 3/4 3/4 3/4 100 3/4
@ TA = 25C unless otherwise specified Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 Max 3/4 3/4 3/4 0.5 0.5 0.3 600 3/4 Unit V V V mA mA V 3/4 MHz Test Condition IC = 50mA IC = 1mA IE = 50mA VCB = 50V VEB = 4V IC/IB = 10mA / 1.0mA IC = 1mA, VCE = 5V VCE = 10V, IE = -5mA, f = 100MHz
Ordering Information
Device MIMD10A-7
(Note 3) Packaging SOT-363 Shipping 3000/Tape & Reel
Notes: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. For Lead Free/RoHS Compliant version part number, please add "-F" suffix to the part number above. Example: MIMD10-A-7-F.
Marking Information
Date Code Key Year Code Month Code Jan 1 2003 P Feb 2 2004 R March 3 2005 S Apr 4 May 5 2006 T Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 Oct O 2010 X Nov N 2011 Y Dec D
DS30381 Rev. 5 - 2
2 of 3 www.diodes.com
YM
C73
C73 = Product Type Marking Code YM = Date Code Marking Y = Year ex: P = 2003 M = Month ex: 9 = September
MIMD10A
TYPICAL CURVES - Tr2
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS) (TOTAL PACKAGE)
1
IC/IB = 10
200
0.1
150
75C -25C 25C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
1000 hFE, DC CURRENT GAIN (NORMALIZED)
75C
VCE = 10
4
IE = 0mA
COB, CAPACITANCE (pF)
-25C
100
25C
3
2
10
1
0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100 IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C 75C 25C
1
0.1
0.01
0.001 0
1
2
3
4
5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30381 Rev. 5 - 2
3 of 3 www.diodes.com
MIMD10A


▲Up To Search▲   

 
Price & Availability of MIMD10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X