Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download MC74HC1G14DTT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC1G14 Single Inverter with Schmitt-Trigger Input
The MC74HC1G14 is a high speed CMOS inverter with Schmitt-Trigger input fabricated with silicon gate CMOS technology. The internal circuit is composed of multiple stages, including a buffer output which provides high noise immunity and stable output. The MC74HC1G14 output drive current is 1/2 compared to MC74HC series.
http://onsemi.com MARKING DIAGRAMS
5 1 SC70-5/SC-88A/SOT-353 DF SUFFIX CASE 419A
* * * * * * *
High Speed: tPD = 7.0 ns (Typ) at VCC = 5.0 V Low Power Dissipation: ICC = 1.0 mA (Max) at TA = 25_C High Noise Immunity Balanced Propagation Delays (tPLH = tPHL) Symmetrical Output Impedance (IOH = IOL = 2.0 mA) Chip Complexity: FET = 101 Pb-Free Packages are Available
HAd
Pin 1
5 1 5 VCC 1 SOT23-5/TSOP-5/SC59-5 DT SUFFIX CASE 483 d = Date Code M = Month Code
HAM
NC
Pin 1
IN A
2
GND
3
4
OUT Y
Figure 1. Pinout (Top View) PIN ASSIGNMENT
1 2 3 IN A 1 OUT Y 4 5 NC IN A GND OUT Y VCC
Figure 2. Logic Symbol
FUNCTION TABLE
Inputs L H Outputs H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 10
Publication Order Number: MC74HC1G14/D
MC74HC1G14
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIK IOK IOUT ICC TSTG TL TJ qJA PD MSL FR VESD DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance Power Dissipation in Still Air at 85_C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Oxygen Index: 28 to 34 Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Above VCC and Below GND at 125_C (Note 5) SC70-5/SC-88A/SOT-353 (Note 1) SOT23-5/TSOP-5/SC59-5 SC70-5/SC-88A/SOT-353 SOT23-5/TSOP-5/SC59-5 Parameter Value *0.5 to )7.0 *0.5 to VCC )0.5 *0.5 to VCC )0.5 $20 $20 $12.5 $25 *65 to )150 260 )150 350 230 150 200 Level 1 UL 94 V-0 @ 0.125 in u2000 u200 N/A $500 V Unit V V V mA mA mA mA _C _C _C _C/W mW
ILATCHUP
Latchup Performance
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2 ounce copper trace with no air flow. 2. Tested to EIA/JESD22-A114-A. 3. Tested to EIA/JESD22-A115-A. 4. Tested to JESD22-C101-A. 5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA tr , tf DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Parameter Min 2.0 0.0 0.0 *55 - - Max 6.0 VCC VCC )125 No Limit No Limit Unit V V V _C ns/V
NORMALIZED FAILURE RATE
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
Junction Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR TJ = 130_C TJ = 120_C TJ = 100_C TJ = 110_C TJ = 90_C TJ = 80_C 100 TIME, YEARS
1 1 10 1000
Figure 3. Failure Rate vs. Time Junction Temperature
http://onsemi.com
2
MC74HC1G14
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VT+ Parameter Positive Threshold Voltage Negative Threshold Voltage Hysteresis Voltage Test Conditions (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VIN = VIH or VIL IOH = -20 mA 2.0 3.0 4.5 6.0 4.5 6.0 2.0 3.0 4.5 6.0 4.5 6.0 6.0 6.0 Min 1.85 2.86 3.50 0.9 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 5.9 4.18 5.68 TA = 25_C Typ 2.0 3.0 3.6 1.5 2.3 2.9 0.57 0.67 0.74 2.0 3.0 4.5 6.0 4.31 5.80 0.0 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.1 0.26 0.26 $0.1 1.0 Max 2.20 3.15 3.85 1.65 2.46 3.05 1.20 1.40 1.60 0.9 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.1 0.33 0.33 $1.0 10 1.20 1.40 1.60 TA v 85_C Min Max 2.20 3.15 3.85 0.9 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 5.9 4.08 5.58 0.1 0.1 0.1 0.1 0.40 0.40 $1.0 40 mA mA V 1.20 1.40 1.60 *55_C v TA v 125_C Min Max 2.20 3.15 3.85 Unit V
VT-
V
VH
V
VOH
Minimum High-Level Output Voltage
V
VIN v VT *Min IOH = *2 mA IOH = *2.6 mA VOL Maximum Low-Level Output Voltage VIN VT )Max IOL = 20 mA
VIN = VIH or VIL IOL = 2 mA IOL = 2.6 mA IIN ICC Maximum Input Leakage Current Maximum Quiescent Supply Current VIN = 6.0 V or GND VIN = VCC or GND
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 6.0 ns)
TA = 25_C Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A or B to Y Test Conditions VCC = 5.0 V CL = 15 pF CL = 50 pF Min Typ 3.5 Max 15 TA v 85_C Min Max 20 *55_C v TA v 125_C Min Max 25 Unit ns
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I I II I I I I I I I I I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I IIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIII I IIII I II
VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 6.0 V VCC = 5.0 V 19 10.5 7.5 6.5 3 100 27 20 17 10 125 35 25 21 15 155 90 35 26 20 tTLH, tTHL Output Transition Time CL = 15 pF CL = 50 pF ns VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 6.0 V 25 16 11 9 5 125 35 25 21 10 155 45 31 26 10 200 60 38 32 10 CIN Maximum Input Capacitance pF Typical @ 25_C, VCC = 5.0 V 10 CPD Power Dissipation Capacitance (Note 6) pF 6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
MC74HC1G14
tr 90% 50% 10% tPHL OUTPUT Y 90% 50% 10% tTHL tTLH tPLH tf VCC GND INPUT CL* OUTPUT
INPUT A
*Includes all probe and jig capacitance. A 1-MHz square input wave is recommended for propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature Device Order Number MC74HC1G14DFT1 MC74HC1G14DFT1G Logic Circuit Indicator MC MC Temp Range Identifier 74 74 Device Function 14 14 Package Suffix DF DF Tape and Reel Suffix T1 T1 Tape and Reel Size 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit
Technology HC1G HC1G
Package Type SC70-5/SC-88A/ SOT-353 SC70-5/SC-88A/ SOT-353 (Pb-Free) SC70-5/SC-88A/ SOT-353 SC70-5/SC-88A/ SOT-353 (Pb-Free) SOT23-5/TSOP-5/ SC59-5 SOT23-5/TSOP-5/ SC59-5 (Pb-Free)
MC74HC1G14DFT2 MC74HC1G14DFT2G
MC MC
74 74
HC1G HC1G
14 14
DF DF
T2 T2
MC74HC1G14DTT1 MC74HC1G14DTT1G
MC MC
74 74
HC1G HC1G
14 14
DT DT
T1 T1
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
MC74HC1G14
PACKAGE DIMENSIONS
SC70-5/SC-88A/SOT-353 DF SUFFIX 5-LEAD PACKAGE CASE 419A-02 ISSUE G
A G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
DIM A B C D G H J K N S
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MC74HC1G14
PACKAGE DIMENSIONS
SOT23-5/TSOP-5/SC59-5 DT SUFFIX 5-LEAD PACKAGE CASE 483-02 ISSUE C
D
5 1 2 4 3
S
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
L G A J C 0.05 (0.002) H K M
DIM A B C D G H J K L M S
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MC74HC1G14/D


▲Up To Search▲   

 
Price & Availability of MC74HC1G14DTT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X