Part Number Hot Search : 
705250F SG3527AN 2SC44 DY10F MOB73DR CFH800 PV100 MOB73DR
Product Description
Full Text Search
 

To Download MC14016BCPG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14016B Quad Analog Switch/ Quad Multiplexer
The MC14016B quad bilateral switch is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. Each MC14016B consists of four independent switches capable of controlling either digital or analog signals. The quad bilateral switch is used in signal gating, chopper, modulator, demodulator and CMOS logic implementation.
Features http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 P SUFFIX CASE 646 1 14 SOIC-14 D SUFFIX CASE 751A 1 14 SOEIAJ-14 F SUFFIX CASE 965 1 A WL, L YY, Y WW, W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Indicator MC14016B ALYWG 14016BG AWLYWW MC14016BCP AWLYYWWG
* * * * * * * *
Diode Protection on All Inputs Supply Voltage Range = 3.0 Vdc to 18 Vdc Linearized Transfer Characteristics Low Noise - 12 nV/Cycle, f 1.0 kHz typical Pin-for-Pin Replacements for CD4016B, CD4066B (Note improved transfer characteristic design causes more parasitic coupling capacitance than CD4016) For Lower RON, Use The HC4016 High-Speed CMOS Device or The MC14066B This Device Has Inputs and Outputs Which Do Not Have ESD Protection. Antistatic Precautions Must Be Taken. Pb-Free Packages are Available
Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input Current (DC or Transient) per Control Pin Switch Through Current Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 25 500 -55 to +125 -65 to +150 260 Unit V V mA mA mW C C C
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin, Vout Iin ISW PD TA Tstg TL
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 7
1
Publication Order Number: MC14016B/D
MC14016B
PIN ASSIGNMENT
IN 1 OUT 1 OUT 2 IN 2 CONTROL 2 CONTROL 3 VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD CONTROL 1 CONTROL 4 IN 4 OUT 4 OUT 3 IN 3 IN 1 CONTROL 2 IN 2 CONTROL 3 IN 3 CONTROL 4
BLOCK DIAGRAM
CONTROL 1 13 2 1 5 3 4 6 9 8 12 10 11 VDD = PIN 14 VSS = PIN 7 OUT 4 OUT 3 OUT 2 OUT 1
LOGIC DIAGRAM
(1/4 OF DEVICE SHOWN) OUT CONTROL
IN 4
Control LOGIC DIAGRAM RESTRICTIONS VSS Vin VDD VSS Vout VDD IN 0 = VSS 1 = VDD
Switch Off On
ORDERING INFORMATION
Device MC14016BCP MC14016BCPG MC14016BD MC14016BDG MC14016BDR2 MC14016BDR2G MC14016BFEL MC14016BFELG Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) 2000 / Tape & Reel 2500 / Tape & Reel 55 Units / Rail 25 / Tape & Ammo Box Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I III II I I I II I I I II I I I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I II III II I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II I I I I I II I I I I I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIII I I I II I I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII I I I I I II I I I IIIII I I II I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIII IIIIIII IIIIIIIIIII I II I I I II I I I I II I I I II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III II I I I II I I I I II I I I II I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II I I I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III II I I I II I I I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I I II II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I IIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIII IIIIIII IIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I II I I I I II I I I II I I I I II I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III II I I I II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I I I III II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIII IIII I II I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I III IIII I I I II I I I II I I I II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I IIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Input/Output Leakage Current (VC = VSS) (Vin = + 7.5, Vout = - 7.5 Vdc) (Vin = - 7.5, Vout = + 7.5 Vdc) D "ON" Resistance Between any 2 circuits in a common package (VC = VDD) (Vin = 5.0 Vdc, VSS = - 5.0 Vdc) (Vin = 7.5 Vdc, VSS = - 7.5 Vdc) "ON" Resistance (VC = VDD, RL = 10 kW) (Vin = + 5.0 Vdc) (Vin = - 5.0 Vdc) VSS = - 5.0 Vdc (Vin = 0.25 Vdc) Quiescent Current (Per Package) (3) Input Capacitance Control Switch Input Switch Output Feed Through Input Current Control Input Voltage Control Input (Vin = + 15 Vdc) (Vin = + 0.25 Vdc) VSS = 0 Vdc (Vin = + 9.3 Vdc) (Vin = + 10 Vdc) (Vin = + 0.25 Vdc) VSS = 0 Vdc (Vin = + 5.6 Vdc) (Vin = + 7.5 Vdc) (Vin = - 7.5 Vdc) VSS = - 7.5 Vdc (Vin = 0.25 Vdc) Characteristic Figure 4,5,6 2,3 - - - - 1 Symbol DRON RON VIH IDD Cin VIL Iin -
NOTE: All unused inputs must be returned to VDD or VSS as appropriate for the circuit application. 2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. For voltage drops across the switch (DV switch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e., the current out of the switch may contain both V DD and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded. (See first page of this data sheet.) Reference Figure 14.
http://onsemi.com
MC14016B
VDD Vdc
7.5 7.5
5.0 7.5
7.5
5.0
5.0 10 15
5.0 10 15
5.0 10 15
15
10
15
- - - -
3 Min - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 55_C 0.1 0.1 0.1 0.25 0.5 1.0 Max 360 360 360 600 600 600 360 360 360 600 600 600 - - - - - - - - - - - - MinIIII Typ (2) Max 3.0 8.0 13 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.00001 0.0015 0.0015 0.0005 0.0010 0.0015 25_C 260 260 300 260 310 310 240 240 180 300 300 280 5.0 5.0 5.0 0.2 2.0 6.0 11 1.5 1.5 1.5 15 10 0.1 0.1 0.1 0.25 0.5 1.0 400 400 400 660 660 660 400 400 400 660 660 660 0.9 0.9 0.9 - - - - - - - - - Min - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 125_C 1.0 1.0 1.0 Max 520 520 520 840 840 840 520 520 520 840 840 840 7.5 15 30 - - - - - - - - - - - - Ohms Ohms mAdc mAdc mAdc Unit Vdc Vdc pF
IIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III IIII I I I I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I I I I I II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I I I I I II II III II II I II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III IIII I I I I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I I I I I II II III II II III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I I I I IIIIIIIIIIIIIII I II II I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIII IIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
4. The formulas given are for typical characteristics only at 25_C. 5. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
ELECTRICAL CHARACTERISTICS (4) (CL = 50 pF, TA = 25_C)
Control to Output (Vin v 10 Vdc, RL = 10 kW)
OFF Channel Feedthrough Attenuation (VSS = - 5.0 Vdc) Vout + -50 dB) (VC = VSS, 20 log10 Vin (RL = 1.0 kW) (RL = 10 kW) (RL = 100 kW) (RL = 1.0 MW)
Bandwidth (- 3.0 dB) (VC = VDD, Vin = 1.77 Vdc, VSS = - 5.0 Vdc, RMS centered @ 0.0 Vdc) (RL = 1.0 kW) (RL = 10 kW) (RL = 100 kW) (RL = 1.0 MW)
Insertion Loss (VC = VDD, Vin = 1.77 Vdc, VSS = - 5.0 Vdc, RMS centered = 0.0 Vdc, f = 1.0 MHz) V Iloss + 20 log10 out) Vin (RL = 1.0 kW) (RL = 10 kW) (RL = 100 kW) (RL = 1.0 MW)
Second Harmonic Distortion (VSS = - 5.0 Vdc) (Vin = 1.77 Vdc, RMS Centered @ 0.0 Vdc, RL = 10 kW, f = 1.0 kHz)
Noise Voltage (VSS = 0 Vdc) (VC = VDD, f = 100 Hz)
Crosstalk between any two switches (VSS = 0 Vdc) (RL = 1.0 kW, f = 1.0 MHz, V crosstalk + 20 log10 out1) Vout2
Crosstalk, Control to Output (VSS = 0 Vdc) (VC = VDD, Rin = 10 kW, Rout = 10 kW, f = 1.0 kHz)
Propagation Delay Time (VSS = 0 Vdc) Vin to Vout (VC = VDD, RL = 10 kW)
(VC = VDD, f = 100 kHz)
Characteristic
http://onsemi.com
MC14016B
Figure
12,13
10,11
12
-
-
-
9
8
7
4 Symbol tPHZ, tPLZ, tPZH, tPZL tPLH, tPHL BW - - - - - - VDD Vdc 5.0 5.0 5.0 5.0 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 Min - - - - - - - - - - - - - - - - - - - - - - - - - - - - - Typ (5) 1250 140 18 2.0 2.3 0.2 0.1 0.05 0.16 - 80 30 50 100 15 7.0 6.0 54 40 38 37 12 12 15 24 25 30 34 20 15 Max 90 45 35 45 15 12 - - - - - - - - - - - - - - - - - - - - - - - nV/Cycle MHz Unit kHz mV dB dB ns ns %
MC14016B
VC Vin
IS Vout
VIL: VC is raised from VSS until VC = VIL. VIL: at VC = VIL: IS = 10 mA with Vin = VSS, Vout = VDD or Vin = VDD, Vout = VSS. VIH: When VC = VIH to VDD, the switch is ON and the RON specifications are met.
Figure 1. Input Voltage Test Circuit
10,000 VDD = 15 Vdc VDD PD , POWER DISSIPATION (W) 1000 TA = 25C 10 Vdc 5.0 Vdc
ID VDD Vout CONTROL INPUT VSS PD = VDD x ID Vin 10 k
100
PULSE GENERATOR
TO ALL 4 CIRCUITS fc
10
1.0 5.0 k 10 k
100 k 1.0 M fc, FREQUENCY (Hz)
10 M
50 M
Figure 2. Quiescent Power Dissipation Test Circuit
Figure 3. Typical Power Dissipation per Circuit (1/4 of device shown)
TYPICAL RON versus INPUT VOLTAGE
700 R ON, ON" RESISTANCE (OHMS) R ON, ON" RESISTANCE (OHMS) 600 500 400 300 200 100 0 - 10 - 8.0 VC = VDD = 7.5 Vdc VSS = - 7.5 Vdc VC = VDD = 5.0 Vdc VSS = - 5.0 Vdc RL = 10 kW TA = 25C 700 600 500 400 300 200 100 0 0 2.0 6.0 10 14 Vin, INPUT VOLTAGE (Vdc) 18 20 VC = VDD = 15 Vdc VC = VDD = 10 Vdc VSS = 0 Vdc RL = 10 kW TA = 25C
- 4.0 0 4.0 Vin, INPUT VOLTAGE (Vdc)
8.0
10
Figure 4. VSS = - 5.0 V and - 7.5 V
Figure 5. VSS = 0 V
http://onsemi.com
5
MC14016B
Vout RL Vin Vout VC RL Vin tPLH Vin Vout 20 ns 90% 50% tPHL 50% 20 ns VDD 10% VSS CL
Figure 6. RON Characteristics Test Circuit
Figure 7. Propagation Delay Test Circuit and Waveforms
Vout VC Vin 20 ns VC tPZH Vout Vout 10% tPZL 90% 10% 50% 90% 10% tPHZ 90% RL VX VDD VSS Vin = VDD Vx = VSS VC Vin 1k Vin = VSS Vx = VDD Vout 10 k 15 pF CL
tPLZ
Figure 8. Turn-On Delay Time Test Circuit and Waveforms
Figure 9. Crosstalk Test Circuit
35 NOISE VOLTAGE (nV/ CYCLE) 30 25 20 15 10 5.0 0 10 100 1.0 k f, FREQUENCY (Hz) 10 k 100 k 10 Vdc 5.0 Vdc VDD = 15 Vdc
OUT VC = VDD IN
QUAN-TECH MODEL 2283 OR EQUIV
Figure 10. Noise Voltage Test Circuit
Figure 11. Typical Noise Characteristics
http://onsemi.com
6
MC14016B
2.0 TYPICAL INSERTION LOSS (dB) 0 - 2.0 - 4.0 - 6.0 - 8.0 - 10 - 12 10 k Vin 100 k 1.0 M 10 M fin, INPUT FREQUENCY (Hz) 100 M 1.0 kW 3.0 dB (R = 1.0 MW ) - L - 3.0 dB (RL = 10 kW ) - 3.0 dB (RL = 1.0 kW ) VC Vout RL RL = 1 MW AND 100 kW 10 kW
+ 2.5 Vdc 0.0 Vdc - 2.5 Vdc
Figure 12. Typical Insertion Loss/Bandwidth Characteristics
Figure 13. Frequency Response Test Circuit
ON SWITCH CONTROL SECTION OF IC LOAD V
SOURCE
Figure 14. DV Across Switch
http://onsemi.com
7
MC14016B
APPLICATIONS INFORMATION Figure A illustrates use of the Analog Switch. The 0-to-5 V Digital Control signal is used to directly control a 5 Vp-p analog signal. The digital control logic levels are determined by V DD and VSS. The VDD voltage is the logic high voltage; the VSS voltage is logic low. For the example, VDD = +5 V logic high at the control inputs; V SS = GND = 0 V logic low. The maximum analog signal level is determined by VDD and V SS. The analog voltage must not swing higher than V DD or lower than V SS. The example shows a 5 V p-p signal which allows no margin at either peak. If voltage transients above V DD and/or below V SS are anticipated on the analog channels, external diodes (Dx) are recommended as shown in Figure B. These diodes should be small signal types able to absorb the maximum anticipated current surges during clipping. The absolute maximum potential difference between V DD and VSS is 18.0 V. Most parameters are specified up to 15 V which is the recommended maximum difference between V DD and V SS.
+5 V
VDD +5 V 5 Vp-p ANALOG SIGNAL SWITCH IN
VSS
+ 5.0 V
SWITCH OUT
5 Vp-p ANALOG SIGNAL
+ 2.5 V
EXTERNAL CMOS DIGITAL CIRCUITRY
0-TO-5 V DIGITAL CONTROL SIGNALS MC14016B
GND
Figure A. Application Example
VDD Dx SWITCH IN Dx SWITCH OUT
VDD Dx
Dx
VSS
VSS
Figure B. External Germanium or Schottky Clipping Diodes
http://onsemi.com
8
MC14016B
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
9
MC14016B
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
MC14016B
PACKAGE DIMENSIONS
SOEIAJ-14 CASE 965-01 ISSUE A
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE 0.50 LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.004 0.008 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
11
MC14016B/D


▲Up To Search▲   

 
Price & Availability of MC14016BCPG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X