Part Number Hot Search : 
1N5258 SL1710 120CRP EA40QC10 68HC908A WM8944B STN4346 5KP24A
Product Description
Full Text Search
 

To Download LTC3407EDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3407 Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
FEATURES

DESCRIPTIO
High Efficiency: Up to 96% Very Low Quiescent Current: Only 40A 1.5MHz Constant Frequency Operation High Switch Current: 1A on Each Channel No Schottky Diodes Required Low RDS(ON) Internal Switches: 0.35 Current Mode Operation for Excellent Line and Load Transient Response Short-Circuit Protected Low Dropout Operation: 100% Duty Cycle Ultralow Shutdown Current: IQ < 1A Output Voltages from 5V down to 0.6V Power-On Reset Output Externally Synchronizable Oscillator Small Thermally Enhanced MSOP and 3mm x 3mm DFN Packages
The LTC(R)3407 is a dual, constant frequency, synchronous step down DC/DC converter. Intended for low power applications, it operates from 2.5V to 5.5V input voltage range and has a constant 1.5MHz switching frequency, allowing the use of tiny, low cost capacitors and inductors 2mm or less in height. Each output voltage is adjustable from 0.6V to 5V. Internal synchronous 0.35, 1A power switches provide high efficiency without the need for external Schottky diodes. A user selectable mode input is provided to allow the user to trade-off ripple noise for low power efficiency. Burst Mode(R) operation provides high efficiency at light loads, while Pulse Skip Mode provides low ripple noise at light loads. To further maximize battery life, the P-channel MOSFETs are turned on continuously in dropout (100% duty cycle), and both channels draw a total quiescent current of only 40A. In shutdown, the device draws <1A.
, LTC and LT are registered trademarks of Linear Technology Corporation. Burst Mode is a registered trademark of Linear Technology Corporation.
APPLICATIO S

PDAs/Palmtop PCs Digital Cameras Cellular Phones Portable Media Players PC Cards Wireless and DSL Modems
TYPICAL APPLICATIO
VIN = 2.5V TO 5.5V C1 10F
RUN2
VIN
RUN1 POR
R5 100k RESET
MODE/SYNC L2 2.2H SW2 C5, 22pF LTC3407
EFFICIENCY (%)
VOUT2 = 2.5V AT 600mA
L1 2.2H SW1 C4, 22pF
VOUT1 = 1.8V AT 600mA
C3 10F
R4 887k
VFB2 R3 280k GND
VFB1 R2 R1 887k 442k C2 10F
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML
L1, L2: MURATA LQH32CN2R2M33
3407 TA01
Figure 1. 2.5V/1.8V at 600mA Step-Down Regulators
sn3407 3407fs
U
LTC3407 Efficiency Curve
100 95 90 85 80 75 70 65 60 1 VIN = 3.3V Burst Mode OPERATION NO LOAD ON OTHER CHANNEL 10 100 LOAD CURRENT (mA) 1000
3407 TA02
U
U
2.5V 1.8V
1
LTC3407
ABSOLUTE
(Note 1)
AXI U RATI GS
Junction Temperature (Note 5) ............................. 125C Storage Temperature Range LTC3407EMSE ................................. - 65C to 150C LTC3407EDD .................................... - 65C to 125C Lead Temperature (Soldering, 10 sec) LTC3407EMSE only .......................................... 300C
VIN Voltages.................................................- 0.3V to 6V VFB1, VFB2, RUN1, RUN2 Voltages ..................................... - 0.3V to VIN + 0.3V MODE/SYNC Voltage ...................... - 0.3V to VIN + 0.3V SW1, SW2 Voltage ......................... - 0.3V to VIN + 0.3V POR Voltage ................................................- 0.3V to 6V Ambient Operating Temperature Range (Note 2) ................................... - 40C to 85C
PACKAGE/ORDER I FOR ATIO
TOP VIEW VFB1 RUN1 VIN SW1 GND 1 2 3 4 5 11 10 VFB2 9 RUN2 8 POR 7 SW2 6 MODE/ SYNC
ORDER PART NUMBER LTC3407EDD
DD PACKAGE 10-LEAD (3mm x 3mm) PLASTIC DFN EXPOSED PAD IS PGND (PIN 11) MUST BE CONNECTED TO GND
DD PART MARKING LAGK
TJMAX = 125C, JA = 45C/W, JC = 10C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL VIN IFB VFB VLINE REG VLOAD REG IS PARAMETER Operating Voltage Range Feedback Pin Input Current Feedback Voltage (Note 3) Reference Voltage Line Regulation Output Voltage Load Regulation Input DC Supply Current Active Mode Sleep Mode Shutdown Oscillator Frequency Synchronization Frequency Peak Switch Current Limit Top Switch On-Resistance Bottom Switch On-Resistance Switch Leakage Current VIN = 3V, VFBX = 0.5V, Duty Cycle <35% (Note 6) (Note 6) VIN = 5V, VRUN = 0V, VFBX = 0V 0.75 0C TA 85C -40C TA 85C VIN = 2.5V to 5.5V (Note 3) (Note 3) VFB1 = VFB2 = 0.5V VFB1 = VFB2 = 0.63V, MODE/SYNC = 3.6V RUN = 0V, VIN = 5.5V, MODE/SYNC = 0V VFBX = 0.6V
ELECTRICAL CHARACTERISTICS
CONDITIONS

fOSC fSYNC ILIM RDS(ON) ISW(LKG)
2
U
U
W
WW
U
W
TOP VIEW VFB1 RUN1 VIN SW1 GND 1 2 3 4 5 10 9 8 7 6 VFB2 RUN2 POR SW2 MODE/ SYNC
ORDER PART NUMBER LTC3407EMSE
11
MSE PACKAGE 10-LEAD PLASTIC MSOP EXPOSED PAD IS PGND (PIN 11) MUST BE CONNECTED TO GND TJMAX = 125C, JA = 45C/W, JC = 10C/W
MSE PART MARKING LTABA
MIN 2.5 0.588 0.585
TYP
MAX 5.5 30
UNITS V nA V V %/V %
0.6 0.6 0.3 0.5 600 40 0.1
0.612 0.612 0.5
800 60 1 1.8 1.25 0.45 0.45 1
A A A MHz MHz A A
sn3407 3407fs
1.2
1.5 1.5 1 0.35 0.30 0.01
LTC3407
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL POR PARAMETER Power-On Reset Threshold Power-On Reset On-Resistance Power-On Reset Delay VRUN IRUN RUN Threshold RUN Leakage Current

ELECTRICAL CHARACTERISTICS
CONDITIONS VFBX Ramping Up, MODE/SYNC = 0V VFBX Ramping Down, MODE/SYNC = 0V
MIN
TYP 8.5 -8.5 100 262,144
MAX
UNITS % %
200 1.5 1
Cycles V A
0.3
1 0.01
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC3407E is guaranteed to meet specified performance from 0C to 70C. Specifications over the - 40C and 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: The LTC3407 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier. Note 4: Dynamic supply current is higher due to the internal gate charge being delivered at the switching frequency. Note 5: TJ is calculated from the ambient TA and power dissipation PD according to the following formula: TJ = TA + (PD * JA). Note 6: The DFN switch on-resistance is guaranteed by correlation to wafer level measurements.
TYPICAL PERFOR A CE CHARACTERISTICS
Burst Mode Operation
SW 5V/DIV SW 5V/DIV
VOUT 100mV/DIV IL 200mA/DIV
VIN = 3.6V 4s/DIV VOUT = 1.8V ILOAD = 50mA CIRCUIT OF FIGURE 1
Efficiency vs Input Voltage
100 TA = 25C 100mA
FREQUENCY (MHz)
90
EFFICIENCY (%)
1mA 85 80 75 70 600mA
10mA
1.60 1.55 1.50 1.45 1.40 1.35 6
3407 G04
OSCILLATOR FREQUENCY (MHz)
95
65 VOUT = 1.8V CIRCUIT OF FIGURE 1 60 4 5 2 3 INPUT VOLTAGE (V)
UW
Pulse Skipping Mode
VOUT 200mV/DIV
Load Step
VOUT 10mV/DIV IL 200mA/DIV
IL 500mA/DIV ILOAD 500mA/DIV
3407 G01
VIN = 3.6V 1s/DIV VOUT = 1.8V ILOAD = 50mA CIRCUIT OF FIGURE 1
3407 G02
VIN = 3.6V 20s/DIV VOUT = 1.8V ILOAD = 50mA TO 600mA CIRCUIT OF FIGURE 1
3407 G03
Oscillator Frequency vs Temperature
1.70 1.65 1.8
Oscillator Frequency vs Supply Voltage
TA = 25C 1.7 1.6 1.5 1.4 1.3 1.2
1.30 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
2
3
4 SUPPLY VOLTAGE (V)
5
6
3407 G06
3407 G05
sn3407 3407fs
3
LTC3407 TYPICAL PERFOR A CE CHARACTERISTICS
Reference Voltage vs Temperature
0.615 VIN = 3.6V 0.610
REFERENCE VOLTAGE (V)
RDS(ON) (m)
RDS(ON) (m)
0.605 0.600 0.595 0.590 0.585 -50 -25
50 25 75 0 TEMPERATURE (C)
Efficiency vs Load Current
100 2.7V 95 90
EFFICIENCY (%)
3.3V 4.2V
EFFICIENCY (%)
85 80 75 70 65 60 1 VOUT = 2.5V Burst Mode OPERATION CIRCUIT OF FIGURE 1 10 100 LOAD CURRENT (mA) 1000
3407 G10
85 80 PULSE SKIP MODE 75 70 65 60 1 VIN = 3.6V, VOUT = 1.8V NO LOAD ON OTHER CHANNEL 10 100 LOAD CURRENT (mA) 1000
3407 G11
VOUT ERROR (%)
Efficiency vs Load Current
100 95 90
EFFICIENCY (%)
3.3V 4.2V
2.7V
EFFICIENCY (%)
85 80 75 70 65 60 1
85 80 75 70
4.2V
VOUT ERROR (%)
VOUT = 1.2V Burst Mode OPERATION CIRCUIT OF FIGURE 1 10 100 LOAD CURRENT (mA) 1000
3407 G13
4
UW
100
3407 G07
RDS(ON) vs Input Voltage
500 TA = 25C 450 450 400 350 300 250 200 125 1 2 SYNCHRONOUS SWITCH MAIN SWITCH 400 350 300 250 200 150 3 4 VIN (V) 5 6 7
3407 G08
RDS(ON) vs Temperature
550 500 VIN = 4.2V VIN = 2.7V VIN = 3.6V
100 -50 -25
MAIN SWITCH SYNCHRONOUS SWITCH 0 25 50 75 100 125 150 TEMPERATURE (C)
3407 G09
Efficiency vs Load Current
100 95 Burst Mode OPERATION 90 4 3 2 1 0
Load Regulation
Burst Mode OPERATION
PULSE SKIP MODE -1 -2 -3 -4 1 VIN = 3.6V, VOUT = 1.8V NO LOAD ON OTHER CHANNEL 10 100 LOAD CURRENT (mA) 1000
3407 G12
Efficiency vs Load Current
100 95 3.3V 90 2.7V 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 65 60 1 VOUT = 1.5V Burst Mode OPERATION CIRCUIT OF FIGURE 1 10 100 LOAD CURRENT (mA) 1000
3407 G14
Line Regulation
VOUT = 1.8V IOUT = 200mA TA = 25C
-0.4 -0.5 2 3 4 VIN (V) 5 6
3407 G15
sn3407 3407fs
LTC3407
PI FU CTIO S
VFB1 (Pin 1): Output Feedback. Receives the feedback voltage from the external resistive divider across the output. Nominal voltage for this pin is 0.6V. RUN1 (Pin 2): Regulator 1 Enable. Forcing this pin to VIN enables regulator 1, while forcing it to GND causes regulator 1 to shut down. VIN (Pin 3): Main Power Supply. Must be closely decoupled to GND. SW1 (Pin 4): Regulator 1 Switch Node Connection to the Inductor. This pin swings from VIN to GND. GND (Pin 5): Main Ground. Connect to the (-) terminal of COUT, and (-) terminal of CIN. MODE/SYNC (Pin 6): Combination Mode Selection and Oscillator Synchronization. This pin controls the operation of the device. When tied to VIN or GND, Burst Mode operation or pulse skipping mode is selected, respectively. Do not float this pin. The oscillation frequency can be syncronized to an external oscillator applied to this pin and pulse skipping mode is automatically selected. SW2 (Pin 7): Regulator 2 Switch Node Connection to the Inductor. This pin swings from VIN to GND. POR (Pin 8): Power-On Reset . This common-drain logic output is pulled to GND when the output voltage is not within 8.5% of regulation and goes high after 175ms when both channels are within regulation. RUN2 (Pin 9): Output Feedback. Forcing this pin to VIN enables regulator 2, while forcing it to GND causes regulator 2 to shut down. VFB2 (Pin 10): Output Feedback. Receives the feedback voltage from the external resistive divider across the output. Nominal voltage for this pin is 0.6V. Exposed Pad (GND) (Pin 11): Power Ground. Connect to the (-) terminal of COUT, and (-) terminal of CIN. Must be soldered to electrical ground on PCB.
U
U
U
sn3407 3407fs
5
LTC3407
BLOCK DIAGRA
MODE/SYNC 6
REGULATOR 1 BURST CLAMP SLOPE COMP VIN
0.6V
VFB1
1
0.55V
0.65V
IRCMP
PGOOD1 RUN1 RUN2 2 0.6V REF 9 OSC PGOOD2 REGULATOR 2 (IDENTICAL TO REGULATOR 1) VFB2 10 OSC POR COUNTER
OPERATIO
The LTC3407 uses a constant frequency, current mode architecture. The operating frequency is set at 1.5MHz and can be synchronized to an external oscillator. Both channels share the same clock and run in-phase. To suit a variety of applications, the selectable Mode pin allows the user to trade-off noise for efficiency. The output voltage is set by an external divider returned to the VFB pins. An error amplfier compares the divided output voltage with a reference voltage of 0.6V and adjusts the peak inductor current accordingly. Overvoltage and undervoltage comparators will pull the POR output low if the output voltage is not within 8.5%. The POR output will go high after 262,144 clock cycles (about 175ms) of achieving regulation.
Main Control Loop During normal operation, the top power switch (P-channel MOSFET) is turned on at the beginning of a clock cycle when the VFB voltage is below the the reference voltage. The current into the inductor and the load increases until the current limit is reached. The switch turns off and energy stored in the inductor flows through the bottom switch (N-channel MOSFET) into the load until the next clock cycle. The peak inductor current is controlled by the internally compensated ITH voltage, which is the output of the error amplifier.This amplifier compares the VFB pin to the 0.6V reference. When the load current increases, the VFB voltage decreases slightly below the reference. This
sn3407 3407fs
6
-
SHUTDOWN
+
W
+
EA
-
ITH 0.35V
EN SLEEP
-
ICOMP
+
5
-
+
BURST S Q RS LATCH R Q SWITCHING LOGIC AND BLANKING CIRCUIT
-
UVDET
UV
+
ANTI SHOOTTHRU 4 SW1
+
OVDET OV
-
11 GND
VIN 3 VIN 8 POR
5 GND
7 SW2
U
LTC3407
OPERATIO
decrease causes the error amplifier to increase the ITH voltage until the average inductor current matches the new load current. The main control loop is shut down by pulling the RUN pin to ground. Low Current Operation Two modes are available to control the operation of the LTC3407 at low currents. Both modes automatically switch from continuous operation to to the selected mode when the load current is low. To optimize efficiency, the Burst Mode operation can be selected. When the load is relatively light, the LTC3407 automatically switches into Burst Mode operation in which the PMOS switch operates intermittently based on load demand with a fixed peak inductor current. By running cycles periodically, the switching losses which are dominated by the gate charge losses of the power MOSFETs are minimized. The main control loop is interrupted when the output voltage reaches the desired regulated value. A hysteretic voltage comparator trips when ITH is below 0.35V, shutting off the switch and reducing the power. The output capacitor and the inductor supply the power to the load until ITH exceeds 0.65V, turning on the switch and the main control loop which starts another cycle.
APPLICATIO S I FOR ATIO
A general LTC3407 application circuit is shown in Figure 2. External component selection is driven by the load requirement, and begins with the selection of the inductor L. Once the inductor is chosen, CIN and COUT can be selected. Inductor Selection Although the inductor does not influence the operating frequency, the inductor value has a direct effect on ripple current. The inductor ripple current IL decreases with higher inductance and increases with higher VIN or VOUT:
VOUT VOUT * 1- fO * L VIN Accepting larger values of IL allows the use of low inductances, but results in higher output voltage ripple, IL =
U
W
UU
U
For lower ripple noise at low currents, the pulse skipping mode can be used. In this mode, the LTC3407 continues to switch at a constant frequency down to very low currents, where it will begin skipping pulses. Dropout Operation When the input supply voltage decreases toward the output voltage, the duty cycle increases to 100% which is the dropout condition. In dropout, the PMOS switch is turned on continuously with the output voltage being equal to the input voltage minus the voltage drops across the internal p-channel MOSFET and the inductor. An important design consideration is that the RDS(ON) of the P-channel switch increases with decreasing input supply voltage (See Typical Performance Characteristics). Therefore, the user should calculate the power dissipation when the LTC3407 is used at 100% duty cycle with low input voltage (See Thermal Considerations in the Applications Information Section). Low Supply Operation The LTC3407 incorporates an Under-Voltage Lockout circuit which shuts down the part when the input voltage drops below about 1.65V to prevent unstable operation. greater core losses, and lower output current capability. A reasonable starting point for setting ripple current is IL = 0.3 * ILIM, where ILIM is the peak switch current limit. The largest ripple current IL occurs at the maximum input voltage. To guarantee that the ripple current stays below a specified maximum, the inductor value should be chosen according to the following equation:
L= VOUT fO * IL V * 1 - OUT VIN(MAX)
The inductor value will also have an effect on Burst Mode operation. The transition from low current operation begins when the peak inductor current falls below a level set by the burst clamp. Lower inductor values result in higher ripple current which causes this to occur at lower load
sn3407 3407fs
7
LTC3407
APPLICATIO S I FOR ATIO
currents. This causes a dip in efficiency in the upper range of low current operation. In Burst Mode operation, lower inductance values will cause the burst frequency to increase. Inductor Core Selection Different core materials and shapes will change the size/ current and price/current relationship of an inductor. Toroid or shielded pot cores in ferrite or permalloy materials are small and don't radiate much energy, but generally cost more than powdered iron core inductors with similar electrical characterisitics. The choice of which style inductor to use often depends more on the price vs size requirements and any radiated field/EMI requirements than on what the LTC3407 requires to operate. Table 1 shows some typical surface mount inductors that work well in LTC3407 applications. Input Capacitor (CIN) Selection In continuous mode, the input current of the converter is a square wave with a duty cycle of approximately VOUT/ VIN. To prevent large voltage transients, a low equivalent series resistance (ESR) input capacitor sized for the maximum RMS current must be used. The maximum RMS capacitor current is given by:
VOUT (VIN - VOUT ) VIN where the maximum average output current IMAX equals the peak current minus half the peak-to-peak ripple current, IMAX = ILIM - IL/2. IRMS IMAX
This formula has a maximum at VIN = 2VOUT, where IRMS = IOUT/2. This simple worst-case is commonly used to design because even significant deviations do not offer much relief. Note that capacitor manufacturer's ripple current ratings are often based on only 2000 hours lifetime. This makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. Several capacitors may also be paralleled to meet the size or height requirements of the design. An additional 0.1F to 1F ceramic capacitor is also recommended on VIN for high frequency decoupling, when not using an all ceramic capacitor solution.
8
U
Table 1. Representative Surface Mount Inductors
PART NUMBER Sumida CDRH3D16 VALUE (H) 1.5 2.2 3.3 4.7 2.2 3.3 4.7 3.3 4.7 1.0 2.2 4.7 DCR ( MAX) 0.043 0.075 0.110 0.162 0.116 0.174 0.216 0.17 0.20 0.060 0.097 0.150 MAX DC SIZE CURRENT (A) W x L x H (mm3) 1.55 1.20 1.10 0.90 0.950 0.770 0.750 1.00 0.95 1.00 0.79 0.65 3.8 x 3.8 x 1.8 Sumida CMD4D06 Panasonic ELT5KT Murata LQH32CN 3.5 x 4.3 x 0.8 4.5 x 5.4 x 1.2 2.5 x 3.2 x 2.0
W
U
U
Output Capacitor (COUT) Selection The selection of COUT is driven by the required ESR to minimize voltage ripple and load step transients. Typically, once the ESR requirement is satisfied, the capacitance is adequate for filtering. The output ripple (VOUT) is determined by:
1 VOUT IL ESR + 8fO C OUT
where f = operating frequency, COUT = output capacitance and IL = ripple current in the inductor. The output ripple is highest at maximum input voltage since IL increases with input voltage. With IL = 0.3 * ILIM the output ripple will be less than 100mV at maximum VIN and fO = 1.5MHz with: ESRCOUT < 150m Once the ESR requirements for COUT have been met, the RMS current rating generally far exceeds the IRIPPLE(P-P) requirement, except for an all ceramic solution. In surface mount applications, multiple capacitors may have to be paralleled to meet the capacitance, ESR or RMS current handling requirement of the application. Aluminum electrolytic, special polymer, ceramic and dry tantulum capacitors are all available in surface mount packages. The OS-CON semiconductor dielectric capacitor available from Sanyo has the lowest ESR(size) product of any aluminum electrolytic at a somewhat higher price. Special polymer
sn3407 3407fs
LTC3407
APPLICATIO S I FOR ATIO
capacitors, such as Sanyo POSCAP, offer very low ESR, but have a lower capacitance density than other types. Tantalum capacitors have the highest capacitance density, but it has a larger ESR and it is critical that the capacitors are surge tested for use in switching power supplies. An excellent choice is the AVX TPS series of surface mount tantalums, available in case heights ranging from 2mm to 4mm. Aluminum electrolytic capacitors have a significantly larger ESR, and are often used in extremely costsensitive applications provided that consideration is given to ripple current ratings and long term reliability. Ceramic capacitors have the lowest ESR and cost, but also have the lowest capacitance density, a high voltage and temperature coefficient, and exhibit audible piezoelectric effects. In addition, the high Q of ceramic capacitors along with trace inductance can lead to significant ringing. Other capacitor types include the Panasonic Special Polymer (SP) capacitors. In most cases, 0.1F to 1F of ceramic capacitors should also be placed close to the LTC3407 in parallel with the main capacitors for high frequency decoupling.
VIN = 2.5V TO 5.5V CIN BURST* PULSESKIP* L2 VOUT2 C5 SW2 SW1 C4 RUN2 VIN RUN1 POR R5 POWER-ON RESET L1 VOUT1
MODE/SYNC LTC3407
R4 COUT2 R3
VFB2 GND
VFB1 R2 R1 COUT1
3407 F02
*MODE/SYNC = 0V: PULSE SKIP MODE/SYNC = VIN: Burst Mode
Figure 2. LTC3407 General Schematic
Ceramic Input and Output Capacitors Higher value, lower cost ceramic capacitors are now becoming available in smaller case sizes. These are tempting for switching regulator use because of their very low ESR. Unfortunately, the ESR is so low that it can cause loop stability problems. Solid tantalum capacitor ESR generates a loop "zero" at 5kHz to 50kHz that is instrumental in giving acceptable loop phase margin. Ceramic capacitors remain capacitive to beyond 300kHz and usually resonate with their ESL before ESR becomes effective.
U
Also, ceramic caps are prone to temperature effects which requires the designer to check loop stability over the operating temperature range. To minimize their large temperature and voltage coefficients, only X5R or X7R ceramic capacitors should be used. A good selection of ceramic capacitors is available from Taiyo Yuden, TDK, and Murata. Great care must be taken when using only ceramic input and output capacitors. When a ceramic capacitor is used at the input and the power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce ringing at the VIN pin. At best, this ringing can couple to the output and be mistaken as loop instability. At worst, the ringing at the input can be large enough to damage the part. Since the ESR of a ceramic capacitor is so low, the input and output capacitor must instead fulfill a charge storage requirement. During a load step, the output capacitor must instantaneously supply the current to support the load until the feedback loop raises the switch current enough to support the load. The time required for the feedback loop to respond is dependent on the compensation and the output capacitor size. Typically, 3-4 cycles are required to respond to a load step, but only in the first cycle does the output drop linearly. The output droop, VDROOP, is usually about 3 times the linear drop of the first cycle. Thus, a good place to start is with the output capacitor size of approximately:
W
U
U
COUT 3
IOUT fO * VDROOP
More capacitance may be required depending on the duty cycle and load step requirements. In most applications, the input capacitor is merely required to supply high frequency bypassing, since the impedance to the supply is very low. A 10F ceramic capacitor is usually enough for these conditions. Setting the Output Voltage The LTC3407 develops a 0.6V reference voltage between the feedback pin, VFB, and the ground as shown in Figure 2. The output voltage is set by a resistive divider according to the following formula:
sn3407 3407fs
9
LTC3407
APPLICATIO S I FOR ATIO
R2 VOUT = 0.6V 1 + R1
Keeping the current small (<5A) in these resistors maximizes efficiency, but making them too small may allow stray capacitance to cause noise problems and reduce the phase margin of the error amp loop. To improve the frequency response, a feed-forward capacitor CF may also be used. Great care should be taken to route the VFB line away from noise sources, such as the inductor or the SW line. Power-On Reset The POR pin is an open-drain output which pulls low when either regulator is out of regulation. When both output voltages are within 8.5% of regulation, a timer is started which releases POR after 218 clock cycles (about 175ms). This delay can be significantly longer in Burst Mode operation with low load currents, since the clock cycles only occur during a burst and there could be milliseconds of time between bursts. This can be bypassed by tying the POR output to the MODE/SYNC input, to force pulse skipping mode during a reset. In addition, if the output voltage faults during Burst Mode sleep, POR could have a slight delay for an undervoltage output condition and may not respond to an overvoltage output. This can be avoided by using pulse skipping mode instead. When either channel is shut down, the POR output is pulled low, since one or both of the channels are not in regulation. Mode Selection & Frequency Synchronization The MODE/SYNC pin is a multipurpose pin which provides mode selection and frequency synchronization. Connecting this pin to VIN enables Burst Mode operation, which provides the best low current efficiency at the cost of a higher output voltage ripple. When this pin is connected to ground, pulse skipping operation is selected which provides the lowest output ripple, at the cost of low current efficiency. The LTC3407 can also be synchronized to an external 1.5MHz clock signal by the MODE/SYNC pin. During synchronization, the mode is set to pulse skipping and the top switch turn-on is synchronized to the rising edge of the external clock.
10
U
Checking Transient Response The regulator loop response can be checked by looking at the load transient response. Switching regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ILOAD * ESR, where ESR is the effective series resistance of COUT. ILOAD also begins to charge or discharge COUT generating a feedback error signal used by the regulator to return VOUT to its steady-state value. During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. The initial output voltage step may not be within the bandwidth of the feedback loop, so the standard secondorder overshoot/DC ratio cannot be used to determine phase margin. In addition, a feed-forward capacitor, CF, can be added to improve the high frequency response, as shown in Figure 2. Capacitor CF provides phase lead by creating a high frequency zero with R2 which improves the phase margin. The output voltage settling behavior is related to the stability of the closed-loop system and will demonstrate the actual overall supply performance. For a detailed explanation of optimizing the compensation components, including a review of control loop theory, refer to Application Note 76. In some applications, a more severe transient can be caused by switching in loads with large (>1F) input capacitors. The discharged input capacitors are effectively put in parallel with COUT, causing a rapid drop in VOUT. No regulator can deliver enough current to prevent this problem, if the switch connecting the load has low resistance and is driven quickly. The solution is to limit the turn-on speed of the load switch driver. A Hot SwapTM controller is designed specifically for this purpose and usually incorporates current limiting, short-circuit protection, and softstarting. Efficiency Considerations The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would
Hot Swap is registered trademark of Linear Technology Corporation.
sn3407 3407fs
W
U
U
LTC3407
APPLICATIO S I FOR ATIO
%Efficiency = 100% - (L1 + L2 + L3 + ...) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, 4 main sources usually account for most of the losses in LTC3407 circuits: 1)VIN quiescent current, 2) switching losses, 3) I2R losses, 4) other losses. 1) The VIN current is the DC supply current given in the Electrical Characteristics which excludes MOSFET driver and control currents. VIN current results in a small (<0.1%) loss that increases with VIN, even at no load. 2) The switching current is the sum of the MOSFET driver and control currents. The MOSFET driver current results from switching the gate capacitance of the power MOSFETs. Each time a MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of VIN that is typically much larger than the DC bias current. In continuous mode, IGATECHG = fO(QT + QB), where QT and QB are the gate charges of the internal top and bottom MOSFET switches. The gate charge losses are proportional to VIN and thus their effects will be more pronounced at higher supply voltages. 3) I2R losses are calculated from the DC resistances of the internal switches, RSW, and external inductor, RL. In continuous mode, the average output current flowing through inductor L, but is "chopped" between the internal top and bottom switches. Thus, the series resistance looking into the SW pin is a function of both top and bottom MOSFET RDS(ON) and the duty cycle (DC) as follows: RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 - DC) The RDS(ON) for both the top and bottom MOSFETs can be obtained from the Typical Performance Characteristics curves. Thus, to obtain I2R losses: I2R losses = IOUT2(RSW + RL) 4) Other `hidden' losses such as copper trace and internal battery resistances can account for additional efficiency produce the most improvement. Percent efficiency can be expressed as:
U
degradations in portable systems. It is very important to include these "system" level losses in the design of a system. The internal battery and fuse resistance losses can be minimized by making sure that CIN has adequate charge storage and very low ESR at the switching frequency. Other losses including diode conduction losses during dead-time and inductor core losses generally account for less than 2% total additional loss. Thermal Considerations In a majority of applications, the LTC3407 does not dissipate much heat due to its high efficiency. However, in applications where the LTC3407 is running at high ambient temperature with low supply voltage and high duty cycles, such as in dropout, the heat dissipated may exceed the maximum junction temperature of the part. If the junction temperature reaches approximately 150C, both power switches will be turned off and the SW node will become high impedance. To prevent the LTC3407 from exceeding the maximum junction temperature, the user will need to do some thermal analysis. The goal of the thermal analysis is to determine whether the power dissipated exceeds the maximum junction temperature of the part. The temperature rise is given by: TRISE = PD * JA where PD is the power dissipated by the regulator and JA is the thermal resistance from the junction of the die to the ambient temperature. The junction temperature, TJ, is given by: TJ = TRISE + TAMBIENT As an example, consider the case when the LTC3407 is in dropout on both channels at an input voltage of 2.7V with a load current of 600mA and an ambient temperature of 70C. From the Typical Performance Characteristics graph of Switch Resistance, the RDS(ON) resistance of the main switch is 0.425. Therefore, power dissipated by each channel is: PD = I2 * RDS(ON) = 153mW The MS package junction-to-ambient thermal resistance, JA, is 45C/W. Therefore, the junction temperature of the
sn3407 3407fs
W
U
U
11
LTC3407
APPLICATIO S I FOR ATIO
TJ = 2 * 0.153 * 45 + 70 = 84C which is below the absolute maximum junction temperature of 125C. Design Example As a design example, consider using the LTC3407 in an portable application with a Li-Ion battery. The battery provides a VIN = 2.8V to 4.2V. The load requires a maximum of 600mA in active mode and 2mA in standby mode. The output voltage is VOUT = 2.5V. Since the load still needs power in standby, Burst Mode operation is selected for good low load efficiency. First, calculate the inductor value for about 30% ripple current at maximum VIN:
regulator operating in a 70C ambient temperature is approximately:
L=
2.5V 2.5V * 1- = 2.25H 1.5MHz * 300mA 4.2V
Choosing the closest inductor from a vendor of 2.2H inductor, results in a maximum ripple current of:
2.5V 2.5V * 1- IL = = 307mA 1.5MHz * 2.2 4.2V
For cost reasons, a ceramic capacitor will be used. COUT selection is then based on load step droop instead of ESR requirements. For a 5% output droop:
COUT 3
600mA = 9.6F 1.5MHz * (5% * 2.5V)
The closest standard value is 10F. Since the output impedance of a Li-Ion battery is very low, CIN is typically 10F. The output voltage can now be programmed by choosing the values of R1 and R2. To maintain high efficiency, the current in these resistors should be kept small. Choosing 2A with the 0.6V feedback voltage makes R1~300k. A close standard 1% resistor is 280k, and R2 is then 887k. The PGOOD pin is a common drain output and requires a pull-up resistor. A 100k resistor is used for adequate speed. Figure 1 shows the complete schematic for this design example.
12
U
Board Layout Considerations When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the LTC3407. These items are also illustrated graphically in the layout diagram of Figure 3. Check the following in your layout: 1. Does the capacitor CIN connect to the power VIN (Pin 3) and GND (exposed pad) as close as possible? This capacitor provides the AC current to the internal power MOSFETs and their drivers. 2. Are the COUT and L1 closely connected? The (-) plate of COUT returns current to GND and the (-) plate of CIN. 3. The resistor divider, R1 and R2, must be connected between the (+) plate of COUT and a ground sense line terminated near GND (exposed pad). The feedback signals VFB should be routed away from noisy components and traces, such as the SW line (Pins 4 and 7), and its trace should be minimized. 4. Keep sensitive components away from the SW pins. The input capacitor CIN and the resistors R1 to R4 should be routed away from the SW traces and the inductors. 5. A ground plane is preferred, but if not available, keep the signal and power grounds segregated with small signal components returning to the GND pin at one point and should not share the high current path of CIN or COUT. 6. Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of power components. These copper areas should be connected to VIN or GND.
VIN CIN RUN2 VIN RUN1 POR MODE/SYNC LTC3407 L2 VOUT2 C5 SW2 SW1 C4 L1 VOUT1 R4 COUT2 R3 VFB2 GND VFB1 R2 R1 COUT1
3407 F03
W
U
U
BOLD LINES INDICATE HIGH CURRENT PATHS
Figure 3. LTC3407 Layout Diagram (See Board Layout Checklist)
sn3407 3407fs
LTC3407
TYPICAL APPLICATIO S
Low Ripple Buck Regulators Using Ceramic Capacitors
VIN = 2.5V TO 5.5V C1 10F RUN2 VIN RUN1 POR L2 4.7H SW2 C5, 22pF LTC3407 SW1 C4, 22pF L1 4.7H R5 100k POWER-ON RESET
VOUT2 = 1.8V AT 600mA
C3 10F
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML
EFFICIENCY (%)
U
VOUT1 = 1.2V AT 600mA
R4 887k
VFB2 R3 442k MODE/SYNC
VFB1 GND R2 R1 604k 604k C2 10F
L1, L2: MURATA LQH32CN4R7M11
3407 TA03
Efficiency
100 95 VOUT = 1.8V 90 85 80 75 70 65 60 1 VIN = 3.3V Burst Mode OPERATION NO LOAD ON OTHER CHANNEL 10 100 LOAD CURRENT (mA) 1000
3407 TA03b
VOUT = 1.2V
sn3407 3407fs
13
LTC3407
TYPICAL APPLICATIO S
2mm Height Core Supply
VIN = 3.6V TO 5.5V C1 10F RUN2 VIN RUN1 POR L1 2.2H SW1 C4, 22pF R5 100k POWER-ON RESET
VOUT2 = 3.3V AT 600mA
C3 10F
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML L1: MURATA LQH32CN2R2M33 L2: MURATA LQH32CN4R7M11
EFFICIENCY (%)
14
U
MODE/SYNC L2 4.7H SW2 C5, 22pF LTC3407
VOUT1 = 1.8V AT 600mA
R4 887k
VFB2 R3 196k GND
VFB1 R2 R1 604k 301k C2 10F
3407 TA07
Efficiency vs Load Current
100 95 90 85 80 75 70 65 60 1 VIN = 5V Burst Mode OPERATION NO LOAD ON OTHER CHANNEL 10 100 LOAD CURRENT (mA) 1000
3407 TA08
3.3V
1.8V
sn3407 3407fs
LTC3407
PACKAGE DESCRIPTIO
3.50 0.05 1.65 0.05 2.15 0.05 (2 SIDES) PACKAGE OUTLINE 0.25 0.05 0.50 BSC 2.38 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2). CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT 2. ALL DIMENSIONS ARE IN MILLIMETERS 3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE PIN 1 TOP MARK (SEE NOTE 5)
2.794 0.102 (.110 .004)
0.889 0.127 (.035 .005)
5.23 (.206) MIN
2.083 0.102 3.20 - 3.45 (.082 .004) (.126 - .136)
GAUGE PLANE
0.50 0.305 0.038 (.0197) (.0120 .0015) BSC TYP RECOMMENDED SOLDER PAD LAYOUT
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
DD Package 10-Lead Plastic DFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1699)
R = 0.115 TYP 6 0.675 0.05 10 0.38 0.10 3.00 0.10 (4 SIDES) 1.65 0.10 (2 SIDES)
(DD10) DFN 0403
5 0.200 REF 0.75 0.05 2.38 0.10 (2 SIDES)
1 0.25 0.05 0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD
4. EXPOSED PAD SHALL BE SOLDER PLATED 5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
MSE Package 10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1664)
3.00 0.102 (.118 .004) (NOTE 3) 10 9 8 7 6
BOTTOM VIEW OF EXPOSED PAD OPTION
0.497 0.076 (.0196 .003) REF 1 2.06 0.102 (.081 .004)
1.83 0.102 (.072 .004)
0.254 (.010)
DETAIL "A" 0 - 6 TYP
4.90 0.152 (.193 .006)
3.00 0.102 (.118 .004) (NOTE 4)
0.53 0.152 (.021 .006) DETAIL "A" 0.18 (.007) 1.10 (.043) MAX
12345 0.86 (.034) REF
10
SEATING PLANE
0.17 - 0.27 (.007 - .011) TYP
0.50 (.0197) BSC
0.127 0.076 (.005 .003)
MSOP (MSE) 0603
sn3407 3407fs
15
LTC3407
TYPICAL APPLICATIO
2mm Height Lithium-Ion Single Inductor Buck-Boost Regulator and a Buck Regulator
VIN = 2.8V TO 4.2V C1 10F RUN2 VIN RUN1 POR R5 100k POWER-ON RESET L1 2.2H SW1 C4, 22pF
VOUT2 = 3.3V AT 200mA M1
+
Efficiency vs Load Current
90 80 EFFICIENCY (%) EFFICIENCY (%) 70 60 50 40 VOUT = 3.3V Burst Mode OPERATION NO LOAD ON OTHER CHANNEL 30 1 10 100 LOAD CURRENT (mA) 4.2V 2.8V 3.6V 100 95
RELATED PARTS
PART NUMBER LT1616 LT1940 LTC3252 LTC3405/LTC3405A LTC3406/LTC3406B LTC3407 LTC3411 LTC3412 LTC3414 LTC3440/LTC3441 DESCRIPTION 500mA (IOUT), 1.4MHz, High Efficiency Step-Down DC/DC Converter Dual Output 1.4A(IOUT), Constant 1.1MHz, High Efficiency Step-Down DC/DC Converter Dual 250mA (IOUT), 1MHz, Spread Spectrum Inductorless Step-Down DC/DC Converter 300mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converters 600mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converters 600mA (IOUT), 1.5MHz, Dual Synchronous DC/DC Converter 1.25A (IOUT), 4MHz, Synchronous Step Down DC/DC Converter 2.5A (IOUT), 4MHz, Synchronous Step Down DC/DC Converter 4A (IOUT), 4MHz, Synchronous Step Down DC/DC Converter 600mA/1.2A (IOUT), 2MHz/1MHz, Synchronous Buck-Boost DC/DC Converter COMMENTS 90% Efficiency, VIN: 3.6V to 25V, VOUT(MIN) = 1.25V IQ = 1.9mA, ISD <1A, ThinSOT Package VIN: 3V to 25V, VOUT(MIN) = 1.2V IQ = 2.5mA, ISD <1A, TSSOP-16E Package 88% Efficiency, VIN: 2.7V to 5.5V, VOUT(MIN): 0.9V to 1.6V, IQ = 60A ISD < 1A, DFN-12 Package 96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 20A, ISD <1A, ThinSOT Package 96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V IQ = 20A, ISD <1A, ThinSOT Package 96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V IQ = 40A, ISD <1A, MS10E Package, DFN Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 60A, ISD <1A, MSOP-10 Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V IQ = 60A, ISD <1A, TSSOP-16E Package 95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V IQ = 64A, ISD <1A, TSSOP-28E Package 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V IQ = 25A, ISD <1A, MSOP-10 Package/DFN Package
sn3407 3407fs LT/TP 1203 1K * PRINTED IN USA
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
FAX: (408) 434-0507 www.linear.com
U
MODE/SYNC D1 L2 10H SW2 LTC3407 VOUT1 = 1.8V AT 600mA C6 47F C3 10F R4 887k R3 196k VFB2 GND VFB1 R2 R1 887k 442k C2 10F C1, C2, C3: TAIYO YUDEN JMK316BJ106ML C6: SANYO 6TPB47M D1: PHILIPS PMEG2010 L1: MURATA LQH32CN2R2M33 L2: TOKO A914BYW-100M (D52LC SERIES) M1: SILICONIX Si2302
3407 TA04
Efficiency vs Load Current
2.8V 90 85 80 75 70 65 VOUT = 1.8V Burst Mode OPERATION NO LOAD ON OTHER CHANNEL 1 10 100 LOAD CURRENT (mA) 1000
3407 TA06
3.6V 4.2V
1000
3407 TA05
60
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC3407EDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X