Part Number Hot Search : 
UFT40150 VMTB60 01545 T8301 TD62781 P4SMA30 TD62781 21789F
Product Description
Full Text Search
 

To Download LL4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL4148/LL4448 Surface Mount Switching Diodes
P b Lead(Pb)-Free
Features: *Silicon Epitaxial Planner Diode *Fast Switching Diodes *500 mW Power Dissipation Mechanical Data: *Case : MINI-MELF Glass Case (SOD-80) *Weight : Approx 0.05 gram
SMALL SIGNAL SWITCHING DIODES 150 m AMPERES 100 VOLTS
MINI-MELF
MINI-MELF Outline Dimensions
Unit:mm
A B C
MINI MELF
Dim A B C Min 3.30 1.30 0.28 Max 3.70 1.60 0.50
http//www.weitron.com.tw
WEITRON
LL4148/LL4448
Maximum Ratings (
Characteristic
Non-Repetitive Peak Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current (1) Non-Repetitive Peak Forward Surge Current @t=1.0us Power Dissipation Thermal Resistance Junction to Ambient Operating and Strorage Temperature Range
TA=25 C Unless otherwise noted)
Symbol
VRM VPWM VRWM VR IO IFSM Pd R JA
TJ ,TSTG
LL4148/ LL4448
100 75 150 2.0 500 300 -65 to +175
Unit
V V mA A mW K/W C
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage IR= 100ua Forward Voltage IF=10 mA LL4148 LL4448 IF=5 mA IF=100 mA Leakage Current VR=20V VR=75V VR=75V, Tj=150 C Junction Capacitance Reverse Recovery Time IF=10 mA, IR=1mA, VR=6V, RL=100
( TA=25 C Unless otherwise noted) Symbol
V(BR)R
Min
100
Max
-
Unit
V
VF
0.62
1.0 0.72 1.0 25 5 50 4 4
V
IR Cj Trr
-
A
PF nS
Note: 1.Valid Provided that device Terminals are Kept at Ambient Temperature.
http//www.weitron.com.tw
WEITRON
LL4148/LL4448
nA 60 D.U.T. V R F =2V 2nF 5K VO
103 104
RECITIFICATION EFFICIENCY MEASUREMENT CIRCUIT
102
10 VR=20V 1 0 100 200 C
FIG 1, LEAKAGE CURRENT VERSUS JUNCTION TEMPERATURE
A
100
V =tp /T T =1/fp
IFRM 10
n=0
0.1
tp
IF R M
T
1
0.2 0.5
0.1 10-4 10-3 10-2 10-4 tp 10-1 1 10S
FIG 2, ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
http//www.weitron.com.tw
WEITRON
LL4148/LL4448
mA 103
104 TJ=25 C f=1KHz
102 IF 10 TJ=100 C TJ=25 C
10
3
102 1 10-1 10-2 10
0
1 VF
2V
1
10-2
10-1
1
10 IF
102
mA
FIG 3, FORWARD CHARACTERISTICS
FIG 4, DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
mW 1000 900 800 Ptot 700 600 500 400 300 200 100 0 0 100 TA 200 C
1.1
TJ=25 C f=1MHz
Ctot(VR) Ctot(DV)
1.0 0.9 0.8 0.7 0 2 4 6 8
VR
10 V
FIG 5, ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
FIG 6, RELATIVE CAPACITANCE VERSUS VOLTAGE
http//www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of LL4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X