Part Number Hot Search : 
901CXC HT7465 CONDUCTO ZPD24 MMJT9435 RFN55C1 BS616L 3C220
Product Description
Full Text Search
 

To Download KF2003-GM50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KF2003-GM50A
Printhead
Thick film thermal printhead (with thermal historical control)
KF2003-GM50A
GM50 series is the new product that newly added the future history control and driver LSI which has the function of thermal historical control, to GL50 series which is employing the conventional thick-film fast response thermal element.
!Applications High speed label printer High speed bar code printer High speed ticket printer Various high speed terminal printers
!Features 1) Newly developed thick-film fast response thermal element and driver LSI with the function of thermal history control which is added the future history control are employed for this series. It is possible to print with super high speed of 10 inches / s or 250 mm / s. 2) 150km life realized by attributing durable new protection film. 3) New partial glaze construction makes it compatible with the thermal transfer application. 4) Market-proven G-series printhead construction ensures high reliability.
!External dimensions (Units : mm)
LABEL
91
6.10.4 (5) 3H10 Length 4 (Effective Depth 3)
3-M3(Effective Depth 3)
DOT #640 400.3 200.3 200.2
80(Effective Print Width) Dot #1 Dot #640
250.5
Max.45
Max.36
2
0
(20.8)
(3)
15.30.3
Max.12
60.50.3
20.50.3
Max.5.5 3H10 (Effective Depth 3) #2
#20
#6
#1
#1 CONNECTOR A
#19 CONNECTOR B
17.80.2
7.30.3
KF2003-GM50A
Printhead
!Equivalent circuit
VH(COM) 220F 35V GND 0.1F 50V VDD(+5) DOT #640 DOT #1
/ STB2
/ STB1
/ RESET
LATCH REGISTER
CLKIN2 DI2 DO2 CLKOUT2 CLKIN1 DI1 DO1 / LOAD START TO EACH IC INC SEL2 SEL1 TM TM DI,STB DIVISION DOT No. CORRESPONDENCE THERMISTOR 30k B : 3950
DI No. DI2 DI1
DOT No. 640~385 384~ 1
/ STB No. / STB2 / STB1
DOT No. 640~385 384~ 1
CLK No. CLKIN2 CLKIN1
DOT No. 640~385 384~ 1
Fig.1
!Pin assignments
CONNECTOR A No. 1 2 3 4 5 6 7 8 9 10 Circuit VDD VDD SEL2 SEL1 CLKIN2 (CP) NC DI2 DI1 INC / LOAD No. 11 12 13 14 15 16 17 18 19 20 Circuit / RESET START DO1 DO2 TM TM / STB2 / STB1 CLKOUT2 CLKIN1 CONNECTOR B No. 1 2 3 4 5 6 Circuit VH (COM) VH (COM) VH (COM) GND GND GND
KF2003-GM50A
Printhead
!Characteristics
Parameter Effective printing width Dot pitch Total dot number Average resistance value Applied voltage Applied power Print cycle Pulse width Maximum number of dots energized simultaneously Maximum clock frequency Maximum roller diameter Running life / pulse life Operating temperature Symbol - - - Rave VH PO SLT TON - - - - - Typical 80 0.125 640 550 24 0.897 0.49 0.246 640 8 20.0 150/(1x10 ) 5~45
8
Unit mm mm dots V W/dot ms ms dots MHz mm km/pulses C
!Data sheets
1.6 1.4
SLT : 0.82ms/line
MAXIMUM ENERGY (mJ/dot)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Level4 Level5 Level6 Level3 Level2 Level1
OPTICAL DENSITY
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
ENERGY (mJ/dot)
SCANNING LINE TIME (ms/line)
Fig.2 Representative density curve
Fig.3 Maximum energy curve
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of KF2003-GM50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X