Part Number Hot Search : 
UL1042N 3362X503 1N4574A 0524S 1046234 PZTA14T1 F4508 T5251
Product Description
Full Text Search
 

To Download JT1ADC5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMPACT ECONOMICAL 30 AMP. RELAY
JT-N*JT RELAYS
FEATURES
* High switching capacity -- 30 A for 1 Form A * 2 contact arrangements -- 1 Form A or 1 Form C * Sealed and "TMP" types available * UL/CSA recognized (PCB & TMP type: UL508 group A spacing, UL873 spacing) * Class F types standard for PCB & TMP type PCB type TMP type Open type
SPECIFICATIONS
Contacts
Arrangement Initial contact resistance, max. (By voltage drop method, 6 V DC 1 A) Contact material PCB & TMP type 1 Form A 1 Form C Open type 1 Form A 1 Form C
Characteristics
Initial insulation resistance*1 Between contacts Initial breakdown Between contacts voltage*2 and coil Operate time*3 (at nominal voltage) Release time (without diode)*3 (at nominal voltage) Functional*4 Shock resistance Destructive*5 Vibration resistance Functional*6 Destructive PCB & TMP type Open type Min. 100 MOhm at 500 V DC 1,200 Vrms 1,500 Vrms 2,500 Vrms 1,500 Vrms
50 mOhm
20 mOhm
Max. 15 ms Max. 10 ms Min. 98 m/s2 {10 G} Min. 980 m/s2 {100 G} Max. 88.2 m/s2 {9 G}, 10 to 55 Hz at double amplitude of 1.5 mm Max. 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2 mm -55C to +85C -67F to +185F
Silver alloy 8310 VA
N.C.: 2770 VA N.O.: 5440 VA
Max. switching power Rating Max. switching voltage Max. switching current
8310 VA 900 W
N.C.: 2770 VA, 300 W N.O.: 5440 VA, 600 W
277 V AC 30 A
277 V AC, 30 V DC N.C.: 10 A N.O.: 20 A
N.C.: 10 A 30 A N.O.: 20 A Min. 1x107
N.O.: Expected life 20 A 277 V AC Mechanical 20 A 277 V AC Min. 1x105* Electrical 5 N.C.: (Resistive load) Min. 1x10 * 10 A 277 V AC Min. 1x105*
N.O.: 20 A 277 V AC 20 A 30 V DC 30 A 277 V AC Min. 1x105 30 A 30 V DC N.C.: 5 Min. 1x10 10 A 277 V AC 10 A 30 V DC Min. 1x105
Conditions for Ambient operation, trans- temp. port and storage*7 (Not freezing and condensing at low Humidity temperature)
5 to 85% R.H.
Unit weight
* For sealed types, the life shown is for open venting-hole condition.
PCB type: Approx. 25 g (.88 oz) TMP type: Approx. 30 g (1.06 oz)
Approx. 20 g (.71 oz)
Coil at 20C 68F
JT-N PCB & TMP type Approx. 450 mW Approx. 800 mW JT Open type Approx. 500 mW Approx. 900 mW
Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Intial breakdown voltage" section *2 Detection current: 10 mA *3 Excluding contact bounce time *4 Half-wave pulse of sine wave: 11ms; detection time: 10s *5 Half-wave pulse of sine wave: 6ms *6 Detection time: 10s *7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61).
Minimum operating power Nominal operating power
TYPICAL APPLICATIONS
* Automotive * Air conditioner * Heating & ventilation * Home appliance 342
JT-N*JT
ORDERING INFORMATION
1. JT-N Relays (PCB and TMP type)
JTN Contact arrangement 1a: 1 Form A 1: 1 Form C 1a Protective construction S: Sealed type S TMP Mounting classtification PA: PCB type (UL508) TMP: TMP type (UL508) F DC12V
2. JT Relays (Open type)
JT Contact arrangement 1a: 1 Form A 1: 1 Form C 1a DC12V
Coil insulation
Coil voltage
Coil voltage
F: Class F
DC 5, 6, 9, 12, 15, 18, 24 V
DC 5, 6, 9, 12, 15, 18, 24 V
UL/CSA approved type is standard. Note: DC rating is available for class A type. For the class A type, please consult us.
COIL DATA (at 20C 68F)
Nominal Pick-up voltage, Drop-out voltage, voltage, V DC V DC (max.) (Initial) V DC (min.) (Initial) 5 3.75 0.5 6 4.5 0.6 9 6.75 0.9 12 9.0 1.2 15 11.25 1.5 18 13.5 1.8 24 18.0 2.4 Coil resistance, Ohm (10%) Open PCB & TMP 26 31 38 45 94 101 155 180 256 281 380 405 660 720 Nominal operating power, mW Max. allowable voltage, V DC (at 70C 158F) Open PCB & TMP 962 800 6 947 800 7.2 862 800 10.8 930 800 14.4 879 800 18 853 800 21.6 873 800 28.8 mm inch
3.60.5 20.20.6 .142.020 .795.024 Terminals 0.8x1.6 .031x.063
DIMENSIONS
1. PCB type
1 Form A
26.90.6 1.059.024
1 Form C
26.90.6 1.059.024
3.60.5 20.20.6 .142.020 .795.024
Terminals 2-0.8x1.6 2-.031x.063
31.90.6 1.256.024
31.90.6 1.256.024
PC board pattern (Copper-side view)
2-2.1 dia. 2-.083 dia. 2.54 .100 15.24 .600
Coil Terminals 2-0.6 dia. 2-.024 dia. Terminal 1.14x1.14 .045x.045
PC board pattern (Copper-side view)
3-2.1 dia. 3-.083 dia. 7.62 .300 15.24 2.54 .600 .100
Coil Terminals 2-0.6 dia. 2-.024 dia. Terminal 1.14x1.14 .045x.045
Schematic (Bottom view)
Schematic (Bottom view)
3.81 .150 13.97 .550 17.78 .700
2-1.1 dia. 2-.043 dia.
3.81 .150 13.97 .550 17.78 .700
2-1.1 dia. 2-.043 dia.
Tolerance: 0.1 .004
3.60.5 27.90.6 .142.020 1.096.024 Terminals 2-0.8x1.6 2-.031x.063
2. TMP type
1 Form A
0.80.1 .031.004 0.80.1 .031.004 27.40.6 1.079.024 6.350.1 .250.004 N.C. N.O.
3.60.5 27.90.6 .142.020 1.096.024
Terminals 0.8x1.6 .031x.063
1 Form C
0.80.1 .031.004
27.40.6 1.079.024 6.350.1 .250.004 N.C. N.O.
32.20.6 1.268.024
32.20.6 1.268.024 0.80.1 .031.004 COM COM
PC board pattern (Copper-side view)
6.200.5 .244.020 2.54 .100 15.24 .600 COM 3.81 .150 13.97 .550 17.78 .700 2-1.1 dia. 2-.043 dia. 2-2.1 dia. 2-.083 dia. 10.930.5 .430.020
Coil Terminals 2-0.6 dia. 2-.024 dia. Terminal 1.14x1.14 .045x.045
PC board pattern (Copper-side view)
6.200.5 .244.020 7.62 .300 15.24 2.54 .600 .100 COM 3.81 .150 13.97 .550 17.78 .700 2-1.1 dia. 2-.043 dia. 3-2.1 dia. 3-.083 dia. 10.930.5 .430.020 N.C.
Coil Terminals 2-0.6 dia. 2-.024 dia. Terminal 1.14x1.14 .045x.045
Schematic
N.O.
Schematic
N.O.
(Top view)
(Bottom view)
(Top view)
(Bottom view)
Tolerance: 0.1 .004
343
JT-N*JT
3. Open type
1 Form A
24.2 MAX. .953 MAX. 3.300.5 .130.020
mm inch 1 Form C
16.9 MAX. .665 MAX. Terminals 0.8x1.6 .031x.063 24.2 MAX. .953 MAX. 3.300.5 .130.020 16.9 MAX. .665 MAX. Terminals 2-0.8x1.6 2-.031x.063
30.5 MAX. 1.201 MAX.
30.5 MAX. 1.201 MAX.
PC board pattern (Copper-side view)
2.54 .100 15.4 .606 15.4 .606 3.8 .150 2-1.1 dia. 2-.043 dia. 3-2.1 dia. 3-.083 dia.
Coil Terminals 2-0.9 dia. 2-.035 dia. Terminals 2-1.14x1.14 2-.045x.045
PC board pattern (Copper-side view)
2.54 .100 7.7 .303 15.4 .600 15.4 .600 3.8 .150 2-1.1 dia. 2-.043 dia. 4-2.1 dia. 4-.083 dia.
Coil Terminals 2-0.9 dia. 2-.035 dia. Terminals 2-1.14x1.14 2-.045x.045
Schematic (Bottom view)
Schematic (Bottom view)
8.9 14.0 .350 .551 17.8 .701
8.9 14.0 .350 .551 17.8 .701
Tolerance: 0.1 .004
REFERENCE DATA
1. Change of rate of pick-up and drop-out voltage (at 20C 68F)
Sample: JTN1S-TMP-F-DC24V (6 pcs.)
Rate of change, % 40 30 20 10 Time, ms 20 Operate time
2. Operate & release time (at 20C 68F)
Sample: JTN1S-TMP-F-DC24V (6 pcs.)
3. Operate & release time (at 20C 68F)
Sample: JTN1aS-PA-F-DC24V (6 pcs.)
Drop-out voltage
Operate/release time, ms
20
Pick-up voltage -55 -35 -15 5 25 45 65 85 105 -67 -31 +5 +41 +113+149+185+221 +77 Ambient -10 temperature, C F -20 -30 -40
Operate time 10 Max. Min. Release time 0 80 Max. Min.
10 Release time Max. Min. Max. Min. 110 120
0
80
90
100
Coil applied voltage,%V
90 100 110 120 Coil applied voltage,%V
4. Distribution frequency of pick-up voltage (at 20C 68F)
Sample: JTN1S-TMP-F-DC12V (30 pcs.)
15 Distribution frequency
5. Distribution frequency of drop-out voltage (at 20C 68F)
Sample: JTN1S-TMP-F-DC12V (30 pcs.)
15 Distribution frequency
6.-(1) Coil temperature rise (TMP type)*
Ambient temperature: 20C 68F Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
80 Temperature rise, C 20 A 60 10 A 40
10
10
5
5
20
0
7.3 7.5 7.7 7.9 8.1 8.3 8.5 Pick-up voltage, V
0
3 3.2 3.4 3.6 3.8 4.0 4.2 Drop-out voltage, V
0
0
80
100
120
140
Coil applied voltage,%V
* Coil temperature rise of sealed types are same as data of the dust cover type.
344
JT-N*JT
Ambient temperature: 55C 131F Sample: JTN1aS-TMP-F-DC12V (6 pcs.) Ambient temperature: 85C 185F Sample: JTN1aS-TMP-F-DC12V (6 pcs.) Ambient temperature: 105C 221F Sample: JTN1aS-TMP-F-DC12V (6 pcs.)
80 20 A 60 10 A 40 Temperature rise, C 80 Temperature rise, C Temperature rise, C 20 A 60 10 A 40 80
60
20 A
40
10 A
20
20
20
0
0
80
100
120
140
0
0
80
100
120
140
0
0
80
100
120
140
Coil applied voltage,%V
Coil applied voltage,%V
Coil applied voltage,%V
6.-(2) Coil temperature rise (Open type)
Ambient temperature: 20C 68F Sample: JT1a-DC12V (6 pcs.) Ambient temperature: 50C 122F Sample: JT1a-DC12V (6 pcs.) Ambient temperature: 85C 185F Sample: JT1a-DC12V (6 pcs.)
70 Temperature rise, C Temperature rise, C 60 50 40 30 20 10 0 80 90 100 110 120 130 140 150 Coil applied voltage,%V 30 A 20 A 10 A 0A
70 60 50 40 30 20 10 0 80 90 100 110 120 130 140 150 Coil applied voltage,%V 30 A 20 A 10 A 0A Temperature rise, C
70 60 50 40 30 20 10 0 80 90 100 110 120 130 140 150 Coil applied voltage,%V 30 A 20 A 10 A 0A
2001 Matsushita Electric Works Group Europe For Cautions for Use, see Relay Technical Information.
345


▲Up To Search▲   

 
Price & Availability of JT1ADC5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X