![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) ISL83386E Data Sheet November 19, 2004 FN6034.1 15kV ESD Protected, +3V to +5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply The ISL83386E contains 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are PDAs, Palmtops, and cell phones where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with a manual powerdown function reduces the standby supply current to a 1A trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. The ISL83386E features a VL pin that adjusts the logic pin (see Pin Descriptions table) output levels and input thresholds to values compatible with the VCC powering the external logic (e.g., a UART). The single pin powerdown function (SHDN = 0) disables all the receiver and transmitter outputs, while shutting down the charge pump to minimize supply current drain. Table 1 summarizes the features of the ISL83386E, while Application Note AN9863 summarizes the features of each device comprising the 3V RS-232 family. Features * Pb-Free Available (RoHS Compliant) * VL Pin for Compatibility with Mixed Voltage Systems * ESD Protection for RS-232 I/O Pins to 15kV (IEC61000) * Low Power, Pin Compatible Upgrade for MAX3386E and SP3203E * Single SHDN Pin Disables Transmitters and Receivers * Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V * On-Chip Charge Pumps Require Only Four External 0.1F Capacitors * Receiver Hysteresis For Improved Noise Immunity * Very Low Supply Current . . . . . . . . . . . . . . . . . . . . 300A * Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps * Wide Power Supply Range. . . . . . . . Single +3V to +5.5V * Low Supply Current in Powerdown State . . . . . . . . . < 1A Applications * Any System Requiring RS-232 Communication Ports - Battery Powered, Hand-Held, and Portable Equipment - Laptop Computers, Notebooks, Palmtops - Digital Cameras - PDA's and PDA Cradles - Cellular/Mobile Phones Ordering Information PART NUMBER (BRAND) ISL83386EIV (83386EIV) ISL83386EIV-T (83386EIV) ISL83386EIVZ (83386EIVZ) (Note) ISL83386EIVZ-T (83386EIVZ) (Note) TEMP. RANGE (oC) -40 to 85 -40 to 85 -40 to 85 -40 to 85 PACKAGE 20 Ld TSSOP Tape and Reel 20 Ld TSSOP (Pb-free) Tape and Reel (Pb-free) PKG. DWG. # M20.173 M20.173 M20.173 M20.173 NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C. TABLE 1. SUMMARY OF FEATURES PART NUMBER ISL83386E NO. OF NO. OF DATA RATE Rx. ENABLE Tx. Rx. (kbps) FUNCTION? 3 2 250 NO VL LOGIC SUPPLY PIN? YES MANUAL AUTOMATIC POWER- DOWN? POWERDOWN FUNCTION? YES NO 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003, 2004. All Rights Reserved ISL83386E Pinout ISL83386E (TSSOP) TOP VIEW C1+ 1 V+ 2 20 SHDN 19 VCC 18 GND 17 T1OUT 16 T2OUT 15 T3OUT 14 R1IN 13 R2IN 12 VL 11 R1OUT C1- 3 C2+ 4 C2- 5 V- 6 T1IN 7 T2IN 8 T3IN 9 R2OUT 10 Pin Descriptions PIN VCC V+ VGND C1+ C1C2+ C2TIN TOUT RIN ROUT VL SHDN System power supply input (3.0V to 5.5V). Internally generated positive transmitter supply (+5.5V). Internally generated negative transmitter supply (-5.5V). Ground connection. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. TTL/CMOS compatible transmitter Inputs. The switching point is a function of the VL voltage. 15kV ESD Protected, RS-232 level (nominally 5.5V) transmitter outputs. 15kV ESD Protected, RS-232 compatible receiver inputs. TTL/CMOS level receiver outputs. Swings between GND and VL. Logic-Level Supply. All TTL/CMOS inputs and outputs are powered by this supply. Active low TTL/CMOS input to tri-state receiver and transmitter outputs and to shut down the on-board power supply to place device in low power mode. The switching point is a function of the VL voltage. FUNCTION 2 FN6034.1 November 19, 2004 ISL83386E Typical Operating Circuit +3.3V to +5V + 0.1F 1 + 3 4 + 5 7 C1+ C1C2+ C2- 19 VCC 2 V+ 6 + 17 + C3 0.1F C4 0.1F C1 0.1F C2 0.1F VT1 T1IN T1OUT T2IN TTL/CMOS LOGIC LEVELS 8 T2 16 T2OUT T3IN 9 T3 15 T3OUT RS-232 LEVELS R1 R1OUT 11 5k 10 R2OUT 5k VL SHDN GND 18 R2 14 R1IN 13 R2IN LOGIC VCC 0.1F 12 + 20 VCC 3 FN6034.1 November 19, 2004 ISL83386E Absolute Maximum Ratings VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V VL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V Input Voltages TIN, SHDN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Voltages TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2V ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VL +0.3V) Short Circuit Duration TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table Thermal Information Thermal Resistance (Typical, Note 1) JA (oC/W) 20 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . . 140 Moisture Sensitivity (see Technical Brief TB363) TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1 Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (Lead Tips Only) Operating Conditions Temperature Range ISL83386EIV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F, VL = VCC; Unless Otherwise Specified. Typicals are at TA = 25oC, VCC = VL = 3.3V TEST CONDITIONS TEMP (oC) MIN TYP MAX UNITS PARAMETER DC CHARACTERISTICS Supply Current, Powerdown Supply Current SHDN = GND, All Inputs at VCC or GND All Outputs Unloaded, SHDN = VCC, VCC = 3.15V 25 25 - 1 0.3 10 1 A mA LOGIC AND TRANSMITTER INPUTS Input Logic Threshold Low TIN, SHDN VL = 3.3V or 5V VL = 2.5V Input Logic Threshold High TIN, SHDN VL = 5V VL = 3.3V VL = 2.5V VL = 1.8V Transmitter Input Hysteresis Input Leakage Current RECEIVER OUTPUTS Output Leakage Current Output Voltage Low Output Voltage High RECEIVER INPUTS Input Voltage Range Input Threshold Low VL = 5.0V VL = 3.3V Input Threshold High VL = 5.0V VL = 3.3V Input Hysteresis Input Resistance Full 25 25 25 25 25 25 -25 0.8 0.6 3 1.5 1.2 1.8 1.5 0.5 5 25 2.4 2.4 7 V V V V V V k VCC = 0V or 3V to 5.5V, SHDN = GND IOUT = 1.6mA IOUT = -1.0mA Full Full Full VL - 0.6 0.05 VL - 0.1 10 0.4 A V V TIN, SHDN Full Full Full Full Full 25 25 Full 2.4 2.0 1.4 0.9 0.5 0.01 0.8 0.6 1 V V V V V V V A 4 FN6034.1 November 19, 2004 ISL83386E Electrical Specifications Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F, VL = VCC; Unless Otherwise Specified. Typicals are at TA = 25oC, VCC = VL = 3.3V (Continued) TEST CONDITIONS TEMP (oC) MIN TYP MAX UNITS PARAMETER TRANSMITTER OUTPUTS Output Voltage Swing Output Resistance Output Short-Circuit Current Output Leakage Current TIMING CHARACTERISTICS Maximum Data Rate Receiver Propagation Delay All Transmitter Outputs Loaded with 3k to Ground VCC = V+ = V- = 0V, Transmitter Output = 2V Shorted to GND VOUT = 12V, VCC = 0V or 3V to 5.5V, SHDN = GND Full Full Full Full 5.0 300 - 5.4 10M - 60 25 V mA A RL = 3k, CL = 1000pF, One Transmitter Switching Receiver Input to Receiver Output, CL = 150pF tPHL tPLH Full 25 25 25 25 250 6 4 500 0.15 0.15 200 200 100 100 50 18 13 30 30 kbps s s ns ns s ns ns V/s V/s Receiver Output Enable Time Receiver Output Disable Time Transmitter Output Enable Time Transmitter Skew Receiver Skew Transition Region Slew Rate From SHDN Rising Edge to TOUT = 3.7V tPHL - tPLH (Note 2) tPHL - tPLH CL = 150pF to 1000pF RL = 3k to 7k, Measured From 3V to -3V or CL = 150pF to 2500pF -3V to 3V, VCC = 3.3V 25 25 25 25 25 ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model IEC61000-4-2 Air Gap Discharge IEC61000-4-2 Contact Discharge NOTE: 2. Transmitter skew is measured at the transmitter zero crossing points. 25 25 25 15 15 8 kV kV kV Detailed Description The ISL83386E operates from a single +3V to +5.5V supply, guarantees a 250kbps minimum data rate, requires only four small external 0.1F capacitors, features low power consumption, and meets all ElA RS-232C and V.28 specifications. The circuit is divided into three sections: The charge pump, the transmitters, and the receivers. up to the nominal values), resulting in significant power savings. Transmitters The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232 output levels. Coupled with the on-chip 5.5V supplies, these transmitters deliver true RS-232 levels over a wide range of single supply system voltages. All transmitter outputs disable and assume a high impedance state when the device enters the powerdown mode (see Table 2). These outputs may be driven to 12V when disabled. All devices guarantee a 250kbps data rate for full load conditions (3k and 1000pF), VCC 3.0V, with one transmitter operating at full speed. Under more typical conditions of VCC 3.3V, RL = 3k, and CL = 250pF, one transmitter easily operates at 1.25Mbps. The transmitter input threshold is set by the voltage applied to the VL pin. Transmitter inputs float if left unconnected FN6034.1 November 19, 2004 Charge-Pump Intersil's new ISL83386E utilizes regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to generate 5.5V transmitter supplies from a VCC supply as low as 3.0V. This allows these devices to maintain RS-232 compliant output levels over the 10% tolerance range of 3.3V powered systems. The efficient on-chip power supplies require only four small, external 0.1F capacitors for the voltage doubler and inverter functions over the full VCC range; other capacitor combinations can be used as shown in Table 3. The charge pumps operate discontinuously (i.e., they turn off as soon as the V+ and V- supplies are pumped 5 ISL83386E (there are no pull-up resistors), and may cause ICC increases. Connect unused inputs to GND for the best performance. TABLE 2. POWERDOWN TRUTH TABLE SHDN TRANSMITTER RECEIVER INPUT OUTPUTS OUTPUTS MODE OF OPERATION L H High-Z Active High-Z Active Manual Powerdown Normal Operation VCC SHDN PWR MGT LOGIC I/O CHIP POWER SUPPLY VL ISL83386E Receivers The ISL83386E contains standard inverting receivers that convert RS-232 signals to CMOS output levels and accept inputs up to 25V while presenting the required 3k to 7k input impedance (see Figure 1) even if the power is off (VCC = 0V). The receivers' Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions. Receiver outputs swing from GND to VL, and tristate in powerdown. VL RXIN -25V VRIN +25V GND 5k RXOUT GND VROUT VL CPU I/O UART FIGURE 2. CONNECTIONS FOR MANUAL POWERDOWN VL Logic Supply Input Unlike other RS-232 interface devices where the CMOS outputs swing between 0 and VCC, the ISL83386E features a separate logic supply input (VL; 1.8V to 5V, regardless of VCC) that sets VOH for the receiver outputs. Connecting VL to a host logic supply lower than VCC, prevents the ISL83386E outputs from forward biasing the input diodes of a logic device powered by that lower supply. Connecting VL to a logic supply greater than VCC ensures that the receiver output levels are compatible even with the CMOS input VIH of AC, HC, and CD4000 devices. Note that the VL supply current increases to 100A with VL = 5V and VCC = 3.3V (see Figure 11). VL also powers the transmitter and logic inputs, thereby setting their switching thresholds to levels compatible with the logic supply. This separate logic supply pin allows a great deal of flexibility in interfacing to systems with different logic supplies. If logic translation isn't required, connect VL to the ISL83386E VCC. FIGURE 1. RECEIVER CONNECTIONS Low Power Operation This 3V device requires a nominal supply current of 0.3mA, even at VCC = 5.5V, during normal operation (not in powerdown mode). This is considerably less than the 11mA current required by comparable 5V RS-232 devices, allowing users to reduce system power simply by replacing the old style device with the ISL83386E in new designs. Powerdown Functionality The already low current requirement drops significantly when the device enters powerdown mode. In powerdown, supply current drops to 1A, because the on-chip charge pump turns off (V+ collapses to VCC, V- collapses to GND), and the transmitter and receiver outputs tristate. This micropower mode makes these devices ideal for battery powered and portable applications. Capacitor Selection The ISL83386E charge pumps only require 0.1F capacitors for the full operational voltage range. Table 3 lists other acceptable capacitor values for various supply voltage ranges. Do not use values smaller than those listed in Table 3. Increasing the capacitor values (by a factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption. TABLE 3. REQUIRED CAPACITOR VALUES VCC (V) 3.0 to 3.6 4.5 to 5.5 3.0 to 5.5 C1 (F) 0.1 0.047 0.22 C2, C3, C4 (F) 0.1 0.33 1 Software Controlled (Manual) Powerdown The ISL83386E may be forced into its low power, standby state via a simple shutdown (SHDN) pin (see Figure 2). Driving this pin high enables normal operation, while driving it low forces the IC into its powerdown state. The time required to exit powerdown, and resume transmission is less than 100s. Connect SHDN to VCC if the powerdown function isn't needed. 6 FN6034.1 November 19, 2004 ISL83386E When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with temperature. If in doubt, use capacitors with a larger nominal value. The capacitor's equivalent series resistance (ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-. VCC 0.1F + + C1 C1+ C1- VCC VL V+ + C3 Power Supply Decoupling In most circumstances a 0.1F bypass capacitor is adequate. In applications that are particularly sensitive to power supply noise, decouple VCC to ground with a capacitor of the same value as the charge-pump capacitor C1. Connect the bypass capacitor as close as possible to the IC. C2 ISL83386E + C2+ C2TIN ROUT TOUT RIN 5k VCC SHDN 1000pF VC4 + Transmitter Outputs when Exiting Powerdown Figure 3 shows the response of two transmitter outputs when exiting powerdown mode. As they activate, the two transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients. Each transmitter is loaded with 3k in parallel with 2500pF. Note that the transmitters enable only when the magnitude of the supplies exceed approximately 3V. FIGURE 4. TRANSMITTER LOOPBACK TEST CIRCUIT 5V/DIV. T1IN 5V/DIV SHDN T1 T1OUT 2V/DIV R1OUT VCC = +3.3V C1 - C4 = 0.1F 5s/DIV. T2 FIGURE 5. LOOPBACK TEST AT 120kbps VCC = +3.3V C1 - C4 = 0.1F TIME (20s/DIV.) 5V/DIV. T1IN FIGURE 3. TRANSMITTER OUTPUTS WHEN EXITING POWERDOWN High Data Rates The ISL83386E maintains the RS-232 5V minimum transmitter output voltages even at high data rates. Figure 4 details a transmitter loopback test circuit, and Figure 5 illustrates the loopback test result at 120kbps. For this test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF, at 120kbps. Figure 6 shows the loopback results for a single transmitter driving 1000pF and an RS-232 load at 250kbps. The static transmitters were also loaded with an RS-232 receiver. T1OUT R1OUT VCC = +3.3V C1 - C4 = 0.1F 2s/DIV. FIGURE 6. LOOPBACK TEST AT 250kbps 7 FN6034.1 November 19, 2004 ISL83386E Interconnection with 3V and 5V Logic Standard 3.3V powered RS-232 devices interface well with 3V and 5V powered TTL compatible logic families (e.g., ACT and HCT), but the logic outputs (e.g., ROUTS) fail to reach the VIH level of 5V powered CMOS families like HC, AC, and CD4000. The ISL83386E VL supply pin solves this problem. By connecting VL to the same supply (1.8V to 5V) powering the logic device, the ISL83386E logic outputs will swing from GND to the logic VCC. respect to all other pins. The RS-232 pins on "E" family devices can withstand HBM ESD events to 15kV. IEC61000-4-2 Testing The IEC61000 test method applies to finished equipment, rather than to an individual IC. Therefore, the pins most likely to suffer an ESD event are those that are exposed to the outside world (the RS-232 pins in this case), and the IC is tested in its typical application configuration (power applied) rather than testing each pin-to-pin combination. The lower current limiting resistor coupled with the larger charge storage capacitor yields a test that is much more severe than the HBM test. The extra ESD protection built into this device's RS-232 pins allows the design of equipment meeting level 4 criteria without the need for additional board level protection on the RS-232 port. AIR-GAP DISCHARGE TEST METHOD For this test method, a charged probe tip moves toward the IC pin until the voltage arcs to it. The current waveform delivered to the IC pin depends on approach speed, humidity, temperature, etc., so it is difficult to obtain repeatable results. The "E" device RS-232 pins withstand 15kV air-gap discharges. CONTACT DISCHARGE TEST METHOD During the contact discharge test, the probe contacts the tested pin before the probe tip is energized, thereby eliminating the variables associated with the air-gap discharge. The result is a more repeatable and predictable test, but equipment limits prevent testing devices at voltages higher than 8kV. All "E" family devices survive 8kV contact discharges on the RS-232 pins. 15kV ESD Protection All pins on the 3V interface devices include ESD protection structures, but the ISL83386E incorporates advanced structures which allow the RS-232 pins (transmitter outputs and receiver inputs) to survive ESD events up to 15kV. The RS-232 pins are particularly vulnerable to ESD damage because they typically connect to an exposed port on the exterior of the finished product. Simply touching the port pins, or connecting a cable, can cause an ESD event that might destroy unprotected ICs. These new ESD structures protect the device whether or not it is powered up, protect without allowing any latchup mechanism to activate, and don't interfere with RS-232 signals as large as 25V. Human Body Model (HBM) Testing As the name implies, this test method emulates the ESD event delivered to an IC during human handling. The tester delivers the charge through a 1.5k current limiting resistor, making the test less severe than the IEC61000 test which utilizes a 330 limiting resistor. The HBM method determines an ICs ability to withstand the ESD transients typically present during handling and manufacturing. Due to the random nature of these events, each pin is tested with Typical Performance Curves 6.0 TRANSMITTER OUTPUT VOLTAGE (V) 4.0 2.0 1 TRANSMITTER AT 250kbps OTHER TRANSMITTERS AT 30kbps 0 -2.0 -4.0 -6.0 VCC = 3.3V, TA = 25oC 30 VOUT+ 25 SLEW RATE (V/s) 20 +SLEW -SLEW 10 15 VOUT - 0 1000 2000 3000 4000 5000 5 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF) LOAD CAPACITANCE (pF) FIGURE 7. TRANSMITTER OUTPUT VOLTAGE vs LOAD CAPACITANCE FIGURE 8. SLEW RATE vs LOAD CAPACITANCE 8 FN6034.1 November 19, 2004 ISL83386E Typical Performance Curves 45 40 250kbps SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) 35 30 120kbps 25 20 20kbps 15 10 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF) VCC = 3.3V, TA = 25oC (Continued) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 2.5 NO LOAD ALL OUTPUTS STATIC 3.0 3.5 4.0 4.5 5.0 5.5 6.0 SUPPLY VOLTAGE (V) FIGURE 9. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA 10m 1m 100 10 IL (A) 1 NO LOAD ALL OUTPUTS STATIC VCC = 3.3V FIGURE 10. SUPPLY CURRENT vs SUPPLY VOLTAGE 100n 10n 1n 2.0 2.5 3.0 3.5 4.0 4.5 VL (V) 5.0 5.5 6.0 6.5 7.0 FIGURE 11. VL SUPPLY CURRENT vs VL VOLTAGE Die Characteristics SUBSTRATE POTENTIAL (POWERED UP) GND TRANSISTOR COUNT 422 PROCESS Si Gate CMOS 9 FN6034.1 November 19, 2004 ISL83386E Thin Shrink Small Outline Plastic Packages (TSSOP) N INDEX AREA E E1 -B1 2 3 L 0.05(0.002) -AD -CSEATING PLANE A 0.25 0.010 GAUGE PLANE 0.25(0.010) M BM M20.173 20 LEAD THIN SHRINK SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 b c D MIN 0.002 0.031 0.0075 0.0035 0.252 0.169 MAX 0.047 0.006 0.051 0.0118 0.0079 0.260 0.177 MILLIMETERS MIN 0.05 0.80 0.19 0.09 6.40 4.30 MAX 1.20 0.15 1.05 0.30 0.20 6.60 4.50 NOTES 9 3 4 6 7 8o Rev. 1 6/98 A1 0.10(0.004) A2 c e b 0.10(0.004) M C AM BS E1 e E L N 0.026 BSC 0.246 0.0177 20 0o 8o 0.256 0.0295 0.65 BSC 6.25 0.45 20 0o 6.50 0.75 NOTES: 1. These package dimensions are within allowable dimensions of JEDEC MO-153-AC, Issue E. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimension at maximum material condition. Minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. (Angles in degrees) All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com 10 FN6034.1 November 19, 2004 |
Price & Availability of ISL83386E04
![]() |