Part Number Hot Search : 
35GQ150 ON0663 MUR840 P5020 MMBR931L 24VDC 1N2973 LW15M23C
Product Description
Full Text Search
 

To Download ISL558504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL5585
Data Sheet October 21, 2004 FN6026.6
3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
The 3.3V family of ringing subscriber line interface circuits (SLIC) supports analog Plain Old Telephone Service (POTS) in short and medium loop length, wireless and wireline voice over broadband applications. Ideally suited for customer premise equipment, this family of products offers flexibility to designers with high ringing voltage and low power consumption system requirements. The ISL5585 family is capable of operating with 100V ringing battery supply, which translates directly to the amount of ringing voltage supplied to the subscriber. With the high operating voltage, subscriber loop lengths can be extended to 500 (i.e., 5,000 feet) and beyond, allowing this family to serve emerging Fiber In The Loop (FITL) markets. Other key features across the product family include: 3.3V VCC operation, low power consumption, ringing using sinusoidal or trapezoidal waveforms, robust auto-detection mechanisms for when subscribers go on or off hook, and minimal external discrete application components. Integrated test access features are also offered on selected products to support loopback testing as well as line measurement tests. There are ten product offerings of the ISL5585 providing various grades of ringing battery voltage and longitudinal balance.
Features
* 3.3V Operation * Onboard Ringing Generation * Low Standby Power Consumption (75V, 65mW) * Programmable Transient Current Limit * Improved Off Hook Software Interface * Integrated MTU DC Characteristics * Low External Component Count * Silent Polarity Reversal * Pulse Metering and On Hook Transmission * Tip Open Ground Start Operation * Balanced and Unbalanced Ringing * Thermal Shutdown with Alarm Indicator * 28 Lead Surface Mount Packaging * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile * Pb-Free Available (RoHS Compliant)
Applications
* Short Loop Access Platforms * Voice Over Internet Protocol (VoIP) * Voice Over Cable and DSL Modems
Block Diagram
POL ILIM CDC VBL VBH
DC CONTROL
BATTERY SWITCH
RINGING PORT
VRS
* Internet Protocol PBX * FiberTo The Home (FTTH)
TIP RING TL
2-WIRE PORT TRANSIENT CURRENT LIMIT TRANSMIT SENSING 4-WIRE PORT
* Remote Subscriber Units
AUX VTX -IN VFB
* Ethernet Terminal Adapters
Related Literature
* AN1038, User's Guide for Development Board * AN9824, Modeling of the AC Loop * TB379 Thermal Characterization of Packages for ICs * AN9922, Thermal Characterization and Modeling of the RSLIC18 in the Micro Leadframe Package
SW+ SW-
TEST ACCESS
DETECTOR LOGIC
CONTROL LOGIC
F2 F1 F0
RT SH E0 DET ALM
BSEL SWC
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2002-2004. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL5585 Ordering Information
HIGH BATTERY (VBH) PART NUMBER ISL5585AIM ISL5585AIMZ (See Note) ISL5585BIM ISL5585BIMZ (See Note) ISL5585CIM ISL5585CIMZ (See Note) ISL5585DIM ISL5585DIMZ (See Note) ISL5585ECM ISL5585ECMZ (See Note) ISL5585ECR ISL5585ECRZ (See Note) ISL5585FCM ISL5585FCMZ (See Note) ISL5585FCR ISL5585FCRZ (See Note) ISL5585GCM ISL5585GCMZ (See Note) ISL5585GCR ISL5585GCRZ (See Note) ISL5585 XXX 100V 85V 75V LONGITUDINAL BALANCE 58dB 53dB FULL TEST TEMP. RANGE (C) -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 0 to 75 0 to 75 0 to 75 0 to 75
PACKAGE 28 Ld PLCC 28 Ld PLCC (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 32 Pad QFN 32 Pad QFN (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 32 Pad QFN 32 Pad QFN (Pb-free) 28 Ld PLCC 28 Ld PLCC (Pb-free) 32 pad QFN 32 pad QFN (Pb-free)
PKG. DWG. # N28.45 N28.45 N28.45 N28.45 N28.45 N28.45 N28.45 N28.45 N28.45 N28.45 L32.7x7* L32.7x7* N28.45 N28.45 L32.7x7* L32.7x7* N28.45 N28.45 L32.7x7* L32.7x7*
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * *
* * * * * * * *
0 to 85 0 to 85 0 to 85 0 to 85 0 to 85 0 to 85 0 to 85 0 to 85
Evaluation board platform, including CODEC.
Also available in Tape and Reel *Reference "Special Considerations for the QFN Package" text. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pbfree peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
2
ISL5585 Device Operating Modes
MODE Low Power Standby Forward Active Unbalanced Ringing Reverse Active Ringing Forward Loop Back Tip Open Power Denial F2 0 0 0 0 1 1 1 1 F1 0 0 1 1 0 0 1 1 F0 0 1 0 1 0 1 0 1 E0 = 1 E0 = 0 ISL5585A SHD SHD RTD SHD RTD SHD SHD n/a GKD GKD RTD GKD RTD GKD GKD n/a ISL5585B ISL5585C ISL5585D ISL5585E ISL5585F ISL5585G
* *
* *
* *
* *
* *
* *
* * *
* * * * *
* * * * *
* * * * *
* * * * *
* *
* * * *
* * * * *
*
ISL5585 QFN TOP VIEW
BGND RING SCC 26
*
Pinouts
VBH VBL
TIP
NC
BGND
RING
VBH
VBL
TIP
ILIM
32 SW+ SW1 2 3 4 5 6 7 8 9 DET
31
30
29
28
27
25 24 ILIM 23 RT 22 CDC 21 VCC 20 -IN 19 VFB 18 VTX 17 AUX
4 SW+ SWSWC F2 F1 F0 E0 5 6 7 8 9 10 11 12 DET
3
2
1
28
27
SH
26 25 24 23 22 21 20 19 RT SWC CDC VCC -IN VFB VTX AUX F2 F1 F0 E0 NC
13 ALM
14 AGND
15 BSEL
16 TL
17 POL
18 VRS
10 ALM
11 AGND
12 BSEL
13 TL
14 POL
15 VRS
16 NC
Pin Description
PLCC 1 2 3 4 5 6 7 8 9 QFN 29 30 31 32 1 2 3 4 5 SYMBOL TIP BGND VBL VBH SW+ SWSWC F2 F1 TIP power amplifier output. Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground. Internally separate from AGND. This ground must be connected to the same potential as AGND. Low battery supply connection. High battery supply connection for the most negative battery. Uncommitted switch positive terminal. Uncommitted switch negative terminal. Switch control input. This TTL compatible input controls the uncommitted switch, with a logic "0" enabling the switch and logic "1" disabling the switch. Mode Control Input - MSB. F2-F0 for the TTL compatible parallel control interface for controlling the various modes of operation of the device. Mode control input. DESCRIPTION
3
SH
ISL5585 (PLCC) TOP VIEW
ISL5585 Pin Description
PLCC 10 11 QFN 6 7 F0 E0 (Continued) DESCRIPTION Mode control input. Detector Output Selection Input. This TTL input controls the multiplexing of the SHD (E0 = 1) and GKD (E0 = 0) comparator outputs to the DET output based upon the state at the F2-F0 pins (see the Device Operating Modes table shown on page 2). Detector Output - This TTL output provides on-hook/off-hook status of the loop based upon the selected operating mode. The detected output will either be switch hook, ground key or ring trip (see the Device Operating Modes table shown on page 2). DET will be latched low following a ring trip. Unlatching the DET pin is accomplished by changing logic state. Thermal Shutdown Alarm. This pin signals the internal die temperature has exceeded safe operating temperature (approximately 175C) and the device has been powered down automatically. Analog ground reference. This pin should be externally connected to BGND. Selects between high and low battery, with a logic "1" selecting the high battery and logic "0" the low battery. Programming pin for the transient current limit feature, set by an external resistor to ground. External capacitor on this pin sets the polarity reversal time. Ringing Signal Input - Analog input for driving 2-wire interface while in Ring Mode. Auxiliary input - Float if not used. Transmit Output Voltage - Output of impedance matching amplifier, AC couples through a resistor to CODEC. Feedback voltage for impedance matching. This voltage is scaled to accomplish impedance matching. The CFB capacitor connects between this pin and the -IN pin. The CFB cap needs to be non-polarized for proper device operation in the Reverse Active mode. Ceramic surface mount capacitors (1206 body style) are available from Panasonic with a 6.3V voltage rating. These can be used for CFB since it is internally limited to approximately 3V. Analog Receive Voltage - 4-wire analog audio input voltage. connects to CODEC via receive gain setting resistor RIN (see Figure 18). Resistor RIN needs to be as close to the -IN pin as possible to minimize parasitic capacitance. Positive voltage power supply,+3.3V DC Biasing Filter Capacitor - Connects between this pin and VCC.The CDC capacitor may be either polarized or non polarized with a 6.3V voltage rating. Ring trip filter network. Loop Current Limit programming resistor. Switch hook detection threshold programming resistor. Substrate Common Connection - Connect this pin to VBH Supply. This pin is used to connect the substrate of the die and the thermal heatsink plane of the QFN package. RING power amplifier output.
SYMBOL
12
9
DET
13 14 15 16 17 18 19 20 21
10 11 12 13 14 15 17 18 19
ALM AGND BSEL TL POL VRS AUX VTX VFB
22 23 24 25 26 27 --28
20 21 22 23 24 25 26 27
-IN VCC CDC RT ILIM SH SCC RING
4
ISL5585
Absolute Maximum Ratings TA = 25C
Maximum Supply Voltages VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V VCC - VBH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V Uncommitted Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . -110V Maximum Tip/Ring Negative Voltage Pulse (Note 8). . . . . . . VBH -15V Maximum Tip/Ring Positive Voltage Pulse (Note 8) . . . . . . . . . . . .+8V ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) PLCC (Note 1) . . . . . . . . . . . . . . . . . . . 55 N/A QFN (Note 2) . . . . . . . . . . . . . . . . . . . . 28 1 Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (PLCC - Lead Tips Only) For Recommended soldering conditions see Tech Brief TB389.
Operating Conditions
Temperature Range Commercial (C suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 85C Industrial (I suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to 85C Positive Power Supply (VCC) . . . . . . . . . . . . . . . . . . . . +3.3V 10% Low Battery Power Supply (VBL) . . . . . . . . . . . . . -16V to -52V, 5% High Battery Power Supply (VBH) ISL5585AIM, CIM, GCM, GCR . . . . . . . . . . . . . . .VBL to 100V, 5% ISL5585BIM, DIM. . . . . . . . . . . . . . . . . . . . . . . . VBL to -85V, 10% ISL5585ECM, ECR, FCM, FCR. . . . . . . . . . . . . VBL to -75V, 10% Uncommitted Switch (loop back or relay driver). . . . . . +5V to -100V
Die Characteristics
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBH Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. JC, the "case temp" is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Unless Otherwise Specified, TA = -40C to 85C for industrial (I) grade and TA = 0C to 85C for commercial (C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0W. TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER RINGING PARAMETERS VRS Input Impedance (Note 3) Differential Ringing Gain (Note 4)
450 Balanced Ringing, VRS to 2-Wire, RLOAD= Unbalanced Ringing, VRS to 2-Wire, RLOAD= 78 38 -
80 40 2.5 2.5 67 33.5 90 80
82 42 4.0 -
k V/V V/V V V VRMS VRMS % dB dB
Centering Voltage Accuracy
Tip, Referenced to VBH/2 + 0.5 (Note 9) Ring, Referenced to VBH/2 + 0.5
Open Circuit Ringing Voltage
Balanced Ringing, VRS Input=0.840VRMS Unbalanced Ringing, VRS Input=0.840VRMS
Ringing Voltage Total Distortion 4-Wire to 2-Wire Ringing Off Isolation 2-Wire to 4-Wire Transmit Isolation AC TRANSMISSION PARAMETERS Auxiliary Input Impedance (Note 3) Transmit Output Impedance (Note 3) 4-Wire Port Overload Level 2-Wire Port Overload Level
RL=1.3 k, VT-R=|VBH| -5 Active Mode, Referenced to VRS Input Ringing Mode Referenced to the Differential Ringing Amplitude
160 THD=1% THD=1% 3.1
1.0 3.5
1 -
k VPK VPK
5
ISL5585
Electrical Specifications
Unless Otherwise Specified, TA = -40C to 85C for industrial (I) grade and TA = 0C to 85C for commercial (C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0W. (Continued) TEST CONDITIONS 300Hz 1kHz 3.4kHz 2-Wire Longitudinal Balance (Notes 5, 6) 300Hz to 1kHz 2-Wire Longitudinal Balance (Notes 5, 6) 1kHz to 3.4kHz 4-Wire Longitudinal Balance (Notes 5, 6) 300Hz to 1kHz 4-Wire Longitudinal Balance (Notes 5, 6) 1kHz to 3.4kHz 2-Wire to 4-Wire Level Linearity 4-Wire to 2-Wire Level Linearity Referenced to -10dBm Forward Active, Grade A and B Forward Active, Grade C, D and E Forward Active, Grade A and B Forward Active, Grade C, D and E Forward Active, Grade A and B Forward Active, Grade C, D and E Forward Active, Grade A and B Forward Active, Grade C, D and E +3 to -40dBm, 1kHz -40 to -50dBm, 1kHz -50 to -55dBm, 1kHz Longitudinal Current Capability Per Wire (Note 3) 4-Wire to 2-Wire Insertion Loss 2-Wire to 4-Wire Insertion Loss 4-Wire to 4-Wire Insertion Loss Forward Active Idle Channel Noise (Note 6) 2-Wire C-Message, T=25C 4-Wire C-Message, T=25C Reverse Active Idle Channel Noise (Note 6) 2-Wire C-Message, T=25C 4-Wire C-Message, T=25C DC PARAMETERS Off Hook Loop Current Limit Programming Accuracy(1% programming resistor) Programming Range Off Hook Transient Current Limit Programming Accuracy (1% programming resistor) Programming Range Loop Current During Low Power Standby Open Circuit Voltage (|Tip - Ring|) Forward Polarity Only VBL=-16V VBL=-24V VBH > -60V Low Power Standby, Open Circuit Voltage (Tip - Ring) Absolute Open Circuit Voltage TEST ACCESS FUNCTIONS Switch On Voltage Loopback Max Battery (VBL or VBH) IOL=45mA 0.20 0.60 52 V V VBL=-48V VBH > -60V VRG in LPS and FA; VTG in RA; VBH > -60V -8.5 15 -20 40 18 14 43 43 8.0 15.5 49 44.5 51.5 -53 +8.5 45 +20 100 26 17 -56 % mA % mA mA VDC VDC VDC VDC VDC VDC OHT, Active MIN 58 53 54 53 58 53 54 53 20 -0.20 -6.22 -6.22 TYP 24 40 21 62 59 58 58 67 64 66 63 0.025 0.050 0.100 0.00 -6.02 -6.02 10 4 10 4 MAX +0.20 -5.82 -5.82 13 7 13 7
1
PARAMETER 2-Wire Return Loss
UNITS dB dB dB dB dB dB dB dB dB dB dB dB dB dB mARMS dB dB dB dBrnC dBrnC dBrnC dBrnC
6
ISL5585
Electrical Specifications
Unless Otherwise Specified, TA = -40C to 85C for industrial (I) grade and TA = 0C to 85C for commercial (C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0W. (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER LOOP DETECTORS AND SUPERVISORY FUNCTIONS Switch Hook Programming Range Switch Hook Programming Accuracy Dial Pulse Distortion Ring Trip Comparator Threshold Ring Trip Programming Current Accuracy Ground Key Threshold E0 Transition, DET Output Delay Thermal Alarm Output
5 (1% programming resistor) -10 1.12 (1% programming resistor) -10 IC Junction Temperature -
1.0 1.25 12 20 175
15 +10 1.37 +10 -
mA % % V % mA s C
LOGIC INPUTS (F0, F1, F2, E0, SWC, BSEL) Input Low Voltage Input High Voltage Input Low Current Input High Current LOGIC OUTPUTS (DET, ALM) Output Low Voltage Output High Voltage SUPPLY CURRENTS Low Power Standby, BSEL=1 ICC IBH Forward or Reverse Active, BSEL=0 ICC IBL Forward Active, BSEL=1 ICC IBL IBH Ringing, BSEL=1 (Balanced Ringing, 100) ICC IBL IBH Ringing, BSEL=1 (Unbalanced Ringing, 010) ICC IBL IBH Forward Loopback, BSEL=0 ICC IBL Tip Open, BSEL=1 ICC IBL IBH 3.9 0.66 4.9 1.2 7.0 0.9 2.2 6.4 1.0 2.0 9.3 1.0 2.4 10.3 23.5 3.8 0.4 0.6 6.0 0.90 6.5 2.5 9.5 2.0 3.0 9.0 1.3 3.0 9.0 1.3 3.0 13.5 32 5.5 1.0 1.0 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA IOL=1mA IOH=100A 2.4 .15 2.8 0.4 V V VIL=0.4V VIH=2.4V 2.0 -20 -10 0.8 1 V V A A
7
ISL5585
Electrical Specifications
Unless Otherwise Specified, TA = -40C to 85C for industrial (I) grade and TA = 0C to 85C for commercial (C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0W. (Continued) TEST CONDITIONS ICC IBL IBH ON HOOK POWER DISSIPATION (Note 7) Forward or Reverse Low Power Standby VBL=-24V VBH=-100V VBH=-85V VBH=-75V Ringing VBH=-100V VBH=-85V VBH=-75V OFF HOOK POWER DISSIPATION (Note 7) Forward or Reverse POWER SUPPLY REJECTION RATIO VCC to 2-Wire f=300Hz f=1kHz f=3.4kHz VCC to 4-Wire f=300Hz f=1kHz f=3.4kHz VBL to 2-Wire VBL to 4-Wire VBH to 2-Wire VBH to 4-Wire 300Hz f 3.4kHz 300Hz f 3.4kHz 300Hz f 3.4kHz 300Hz f 1kHz 1kHz < f 3.4kHz NOTES: 3. These parameters are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial design release and upon design changes which would affect these characteristics. 4. Differential Ringing Gain is measured with VRS = 0.795VRMS for -100V devices, VRS = 0.663 VRMS for -85V devices and VRS = 0.575VRMS for -75V devices. 5. Longitudinal Balance is tested per IEEE455-1985, with 368 per Tip and Ring terminal. 6. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical characterization and design. 7. The power dissipation is based on actual device measurements and will be less than worst case calculations based on data sheet supply current limits. 8. Characterized with 2 x 10s, and 10 x 1000s first level lightning surge waveforms (GR-1089-CORE) 9. For Unbalanced Ringing the Tip terminal is offset to 0V and the Ring terminal is centered at Vbh/2 + 0.5V. 40 35 28 45 43 33 30 35 33 40 45 dB dB dB dB dB dB dB dB dB dB dB VB =-24V 305 mW 55 85 75 65 250 230 225 mW mW mW mW mW mW mW MIN TYP 4.0 0.4 0.4 MAX 6.0 1.0 0.6 mA UNITS mA
PARAMETER Power Denial, BSEL=0 or 1
8
ISL5585 Design Equations
Switch Hook Detect
The switch hook detect threshold is set by a single external resistor, RSH . Equation 1 is used to calculate the value of RSH.
R SH = 600 I SH (EQ. 1)
The term ISH is the desired DC loop current threshold. The loop current threshold programming range is from 5mA to 15mA (40k < RSH<120k).
For example a source current limit setting of 95mA is programmed with a 18.7k (RTL) resistor connected from the TL pin of the device to ground. This setting determines the maximum amount of current which flows from Tip to Ring during an off hook event until the DC loop current limit responds. In addition this setting also determines the amount of current which will flow from Tip or Ring when external battery faults occur.
Transient Sink Current Programming
The sink current limit is internally offset 20% higher than the externally programmed source current limit setting.
I SNK = 1.20 x I SRC (EQ. 5)
Ground Key Detect
The ground key detector senses a DC current imbalance between the Tip and Ring terminals when the ring terminal is connected to ground. The ground key detect threshold is not externally programmable and is internally fixed to 12mA regardless of the switch hook threshold.
If the source current limit is set to 95mA, the sink current limit will be 114mA. This setting will determine the maximum current that flows into Tip or Ring when external ground faults occur.
Ring Trip Detect
The ring trip detect threshold is set by a single external resistor, RRT. IRT should be set between the peak ringing current and the peak off hook current while still ringing.
R RT = 1800 I RT (EQ. 2)
Understanding Transient Current Limit
Each tip and ring amplifier is designed to limit source current and sink current. Figure 1 shows the functionality of the circuit for the case of limiting the source current. A similar diagram applies to the sink current limit with current polarity changed accordingly. During normal operation, the error current (IERR) is zero and the output voltage is determined by the signal current (ISIG) multiplied by the 200K feedback resistor. With the current polarity as shown for ISIG , the output voltage moves positivewith respect to half battery. Assuming the amplifier output is driving a load at a more negative potential, the amplifier output will source current.
IO/K IERR 200K IREF = 1.21/TL
In addition, the ring trip current must be set below the transient current limit, including tolerances. The capacitor CRT, in parallel with RRT, will set the ring trip response time.
Loop Current Limit
The loop current limit of the device is programmed by the external resistor RIL. The value of RIL can be calculated using Equation 3.
1760 R IL = -----------I LIM (EQ. 3)
The term ILIM is the desired loop current limit. The loop current limit programming range is from 15mA to 45mA (39k < RIL<117k).
TIP or RING IO 20
+ VB/2
Transient Current Limit
The drive current capability of the output tip and ring amplifiers is programmed by an external resistor RTL. This output current limit is separate from the DC loop current limit function. The current limit circuit works in both the source and sink direction, with an internally fixed offset to prevent the current limit functions from turning on simultaneously. The current limit function is provided by sensing line current and reducing the voltage drive to the load when the externally set threshold is exceeded, hence forcing a constant source or sink current.
ISIG
FIGURE 1. CURRENT LIMIT FUNCTIONAL DIAGRAM
During excessive output source current flow, the scaled output current (IO/K) exceeds the reference current (IREF) forcing an error current (IERR). With the polarity as shown the error current subtracts from the signal current, which reduces the amplifier output voltage. By reducing the output voltage the source current to the load is decreased and the output current is limited.
Transient Source Current Programming
The source current is externally programmed as shown in Equation 4.
1650 R TL = ------------I SRC (EQ. 4)
Setting the Proper Transient Current Limit
Since this feature programs the maximum output current of the device, the setting must be high enough to allow for
9
ISL5585
detection of ring trip or programmed off hook loop current, whichever is greater. To allow for proper ring trip operation, the transient current limit setting should be set at least 25% higher than the peak ring trip current setting. Setting the transient current 25% higher should account for programming tolerances of both the ring trip threshold and the transient current limit. If loop current is larger than ring trip current (low REN applications) then the transient current limit should be set at least 35% higher than the loop current setting. The slightly higher offset accounts for the slope of the loop current limit function. Attention to detail should be exercised when programming the transient current limit setting. If ring trip detect does not occur while ringing, then re-examine the transient current limit and ring trip threshold settings.
ILOOP (mA) ISC ILIM m=11.11k SHORT LOOP IA LONG LOOP IB m=Vtr(oc)/Rloop
CONSTANT CURRENT 2RP RLOOP ()
CONSTANT VOLTAGE OR RESISTIVE FEED
RKNEE
FIGURE 3. ILOOP vs. RLOOP LOAD CHARACTERISTIC
The slope of the feed characteristic and the battery voltage define the maximum loop current on the shortest possible loop as the short circuit current ISC.
V TR ( OC ) - 2RP I LIM I SC = I LIM + ----------------------------------------------------11.11k (EQ. 7)
DC Loop Feed
The feedback mechanism for monitoring the DC portion of the loop current is the loop detector. A low pass filter is used in the feedback to block voice band signals from interfering with the loop current limit function. The pole of the low pass filter is set by the external capacitor CDC . The value of the external capacitor should be 4.7F, 6.3V rated polarized or non-polarized capacitor. Most applications will operate the device from low battery while off hook. The DC feed characteristic of the device will drive Tip and Ring towards half battery to regulate the DC loop current. For light loads or Long Loops, Tip will be near -4V and Ring will be near VVBL + 5V. Figure 2 shows the DC feed characteristic in terms of tip to ring voltage and loop current.
LONG LOOP VTR(OC) VTR , DC (V) SHORT LOOP m = (VTR/IL) = 11.1k
The term ILIM is the programmed current limit, 1760/RIL. The line segment IA represents the constant current region of the loop current limit function.
V TR ( OC ) - R LOOP I LIM I A = I LIM + -------------------------------------------------------------11.11k (EQ. 8)
Process variations in the ISL5585 effect the ILIM and 11.11k slope in Equation 8. All units are tested with: a 300 load across tip and ring, VBAT=-24V and ILIM set to 25mA. Equation 8 can be used to predict the ideal current at this setting (25.76mA). All units are tested to be within 8.5% of this ideal value (23.57mA to 27.95mA). The maximum loop impedance for a programmed loop current is defined as RKNEE .
V TR ( OC R KNEE = -----------------------) I LIM (EQ. 9)
When RKNEE is exceeded, the device will transition from constant current feed to constant voltage or resistive feed. The line segment IB represents the resistive feed portion of the load characteristic
ILOOP (mA)
ILIM
V TR ( OC I B = -----------------------) R LOOP
(EQ. 10)
FIGURE 2. DC FEED CHARACTERISTIC
Impedance Matching
The impedance of the device is programmed with the external component RS . RS is the gain setting resistor for the Transmit Amplifier that provides impedance matching. If complex impedance matching is required, then a complex network can be substituted for RS . The feedback mechanism for monitoring the AC portion of the loop current consists of two amplifiers, the Sense Amplifier (SA) and the Transmit Amplifier (TA). The AC feedback signal is used for impedance synthesis. A detailed model of the AC feed back loop is shown in Figure 4.
The point on the y-axis labeled VTR(OC) is the open circuit Tip to Ring voltage and is defined by the feed battery voltage in Equation 6.
(EQ. 6) V TR ( OC ) = V BL - 9
Figure 3 illustrates the actual loop current for a given set of loop conditions. The loop conditions are determined by the low battery voltage and the DC loop impedance. The DC loop impedance is the sum of the protection resistance, copper resistance (ohms/foot) and the telephone off hook DC resistance. 10
ISL5585
The gain of the Transmit Amplifier, set by RS , determines the programmed impedance of the device. The capacitor CFB blocks the DC component of the loop current. The ground symbols in the model represent AC grounds, not actual DC potentials. The Sense Amplifier is configured as a 4 input differential amplifier with a gain of 3/4. The voltage at the output of the sense amplifier (VSA) is calculated using superposition. VSA1 is the voltage resulting from V1, VSA2 is the voltage resulting from V2 and so on (reference Figure 4).
3 V SA 1 = - -- ( V 1 ) 4 3 V SA 2 = -- ( V 2 ) 4 3 V SA 3 = - -- ( V 3 ) 4 3 V SA 4 = -- ( V 4 ) 4 3 3 V SA = [ ( V 2 - V 1 ) + ( V 4 - V 3 ) ] -- = [ V + V ] -4 4 (EQ. 11) (EQ. 12) (EQ. 13) (EQ. 14)
The voltage at VTX is equal to:
RS RS RS RS V TX = - V IN --------- - V SA ------- = - V IN --------- - ( I M 30 ) ------- 8k 8k R IN R IN (EQ. 17)
VTR is defined in Figure 4, note polarity assigned to VTR:
RS RS V TR = 2 ( V TX ) = 2 V IN --------- + ( I M 30 ) ------- 8k R IN (EQ. 18)
Setting VIN equal to zero in EQ 18, defining ZO = -VTR/IM and substituting it into EQ18 will enable the user to determine the required feedback to match the line impedance at V2W as shown in Equation 19.
1Z O = ----------------- R S 133.33 (EQ. 19)
2-Wire Impedance Matching
ZO is the source impedance of the device and is defined as.
Z O = Z L - 2RP (EQ. 20)
(EQ. 15)
Where V is equal to IMRSENSE (RSENSE = 20)
3 V SA = 2 ( I M x 20 ) -- = I M 30 4 (EQ. 16)
ZL is the line impedance and RP is the external protection resistor. RS is defined as:
R S = 133.33 ( Z L - 2R P ) (EQ. 21)
IX I +M R V2 RSENSE
20
+
INTERSIL ISL5585 IX RECEIVE BLOCK + 1:1 IX
TIP
V1
R
AUX
RP + V2W IM VTR + E -G - IM + RP + + RING ZL Z0
I +M
-
FEED AMPLIFIER R
VTX FEED AMPLIFIER RSENSE V3 V4 + 20 IX - IM + + R 4R 4R 4R 4R + 3R 8k VSA = IM30 SENSE AMPLIFIER + VTX -
FEEDBACK AMPLIFIER 3R
TA RS -IN CFB VFB + RIN
VIN FROM CODEC
FIGURE 4. AC SIGNAL TRANSMISSION MODEL
11
ISL5585
Complex Impedance Synthesis
Substituting the impedance programming resistor, RS, with a complex programming network provides complex impedance synthesis.
2-WIRE NETWORK C2 R1 R2 RParallel PROGRAMMING NETWORK CParallel RSeries
Loop Equation at Tip/Ring interface V 2W -I M 2R P + V TR = 0
(EQ. 31)
Substitute Equation 30 into Equation 31 and combine terms
Z L + Z O + 2R P RS V 2W -------------------------------------- = 2V IN --------R IN ZL (EQ. 32)
where: VIN = The input voltage at the -IN pinthrough resistor RIN. AUX = Auxiliary input of SLIC. Not used for AC gains. VSA = An internal node voltage that is a function of the loop current and the output of the Sense Amplifier. IX = Internal current in the SLIC that is the difference between the input receive current and the feedback current. IM = The AC metallic current. RP = A protection resistor (typical 49.9). RS = An external resistor/network for matching the line impedance. VTR = The tip to ring voltage at the output pins of the SLIC. V2W = The tip to ring voltage including the voltage across the protection resistors. ZL = The line impedance. ZO = The source impedance of the device.
FIGURE 5. COMPLEX PROGRAMMING NETWORK
The reference designators in the programming network match the evaluation board. The component RS has a different design equation than the RS used for resistive impedance synthesis. The design equations for each component are provided below.
R Series = 133.3 x ( R 1 - 2 ( R P ) ) R Parallel = 133.3 x R 2 * C Parallel = C 2 133.3 Node Equation at ISL5585 AUX input, Figure 4 AUX V TX I X = ------------ + ---------R R (EQ. 25) (EQ. 22)
(EQ. 23) (EQ. 24)
4-Wire to 2-Wire Gain
4-wire to 2-wire gain across the ISL5585 is equal to the V2W divided by the input voltage VIN, reference Figure 4. The receive gain is calculated using Equation 32. Equation 33 expresses the receive gain (VIN to V2W) in terms of network impedances. From Equation 21, the value of RS was set to match the line impedance (ZL) to the ISL5585 plus the protection resistors (Z0 + 2RP). This results in a 4-wire to 2-wire gain equal to RS/RIN, as shown in EQ. 33.
ZL V 2W ZL RS RS G 4-2 = ----------- = 2 --------- --------------------------------------- = 2 ------------------- = --------V IN R IN Z L + Z O + 2 RP ZL + ZL R IN (EQ. 27) (EQ. 33)
Substituting EQ 17 for VTX with AUX =0 and IM= -V2W/ZL gives us EQ 26. Note: AUX input is not used. Substitute EQ 17 into EQ 21
V IN R S V 2w 30 R S V TX I X = ---------- = - --------- --------- - ----------------- ---------- R R IN Z L R8k R Loop Equation at ISL5585 feed amplifiers and load. I X R - V TR + I X R = 0 (EQ. 26)
2-Wire to 4-Wire Gain
Substitute EQ 26 into EQ 27
R S 2V 2w 30 R S V TR = - 2V IN --------- + --------------------- ------- R IN Z L 8k (EQ. 28)
The 2-wire to 4-wire gain is equal to VTX/EG with VIN = 0, reference Figure 4.
Loop Equation - E G + Z L I M + 2R P I M - V TR = 0 (EQ. 34)
Substitute Equation 19 for RS/8k in Equation 28.
R S 2V 2w 30 133.33Z O V TR = - 2V IN --------- + --------------------- -------------------------- 8k R IN Z L (EQ. 29)
From Equation 30 with VIN = 0
Z O V 2W V TR = -------------------ZL (EQ. 35)
Substituting Equation 35 into Equation 34 and simplify. Simplifying
R S V 2w V TR = - 2V IN --------- + ---------- ( Z O ) R IN Z L (EQ. 30) Z L + 2RP + Z O E G = - V 2W -------------------------------------ZL (EQ. 36)
12
ISL5585
Substituting Equation 19 into Equation 17 (VIN =0) and defining IM = -V2W/ZL results in Equation 37 for VTX.
V 2W Z L - 2R P V TX = ----------- ----------------------2 ZL (EQ. 37)
Understanding Phase Across the ISL5585
4-Wire to 2-Wire Phase
The phase of a signal through the ISL5585 is dependent upon whether the source is driving the signal 4-wire to 2-wire or 2-wire to 4-wire. Figure 6 illustrates the phase of the input signal across the ISL5585 when the signal is applied at the -IN pin of the ISL5585 through the RIN resistor. The Transmit Amplifier (TA) inverts the signal 180 degrees at the VTX pin. The feedback around the tip amplifier inverts the signal again on the tip lead. The input signal will cause AC loop current to flow through the 20 sense resistors in the direction from V 1 to V2 and V3 to V4. This results in an inverted signal (referenced from tip) on the VSA and thus the VFB pin. This out of phase signal is the signal used by the feedback path to match the line impedance of the 2-wire side.
Combining Equations 36 and 37 results in Equation 38.
V TX ZO Z L - 2R P (EQ. 38) G 2-4 = ---------- = - ----------------------------------------------- = - ----------------------------------------------EG 2 ( Z L + 2R P + Z O ) 2 ( Z L + 2R P + Z O )
A more useful form of the equation is rewritten in terms of VTX /V2W. A voltage divider equation is written to convert from EG to V2W as shown in Equation 39.
Z O + 2 RP V 2W = --------------------------------------- E G Z L + Z O + 2 RP (EQ. 39)
Substituting ZL = ZO + 2RP and rearranging Equation 39 in terms of EG results in Equation 40.
E G = 2V 2W (EQ. 40)
2-Wire to 4-Wire Phase
Figure 7 Illustrates the phase of the input signal across the ISL5585 when the signal is applied across tip and ring. When you're driving the 2-wire side with a source the ISL5585 looks like a predetermined impedance (programmed with resistor RS). The current flows through the 20 sense resistors in the direction V2 to V1 and V4 to V3. This results in a non-inverted signal (referenced from tip) on the VSA and thus the VFB pin. This signal is then inverted by the TA amplifier and the signal appearing on the VTX putput is out of phase with the signal on tip.
Substituting Equation 40 into Equation 38 results in an equation for 2-wire to 4-wire gain that's a function of the synthesized input impedance of the SLIC and the protection resistors.
V TX ZO G 2-4 = ----------- = - ------------------------------------------- = 0.416 V 2W ( Z L + 2R P + Z O ) (EQ. 41)
If ZL is set to 600, ZO is programmed with RS to be 498.76 (66.5k/133.33), and RP is equal to 49.9. This results in a 2-wire to 4-wire gain of 0.416 or -7.6dB. When the protection resistors are set to zero, the transmit gain is -6dB.
Summary of the Phase Through the ISL5585
4-Wire to 2-Wire (VIN to V2W) is 180 out of phase 2-Wire to 4-Wire (V2w to VTX) is 180 out of phase 4-Wire to 4-Wire (VIN to VTX) is 180 out of phase
Transhybrid Gain
The transhybrid gain is defined as the 4-wire to 4-wire gain (G44).
G 44 = G 42 x G
24
ZO RS = - --------- -------------------------------------- R IN Z L + 2R P + Z O
(EQ. 42)
13
ISL5585
2-WIRE SIDE IM
IX R + V2 RP RSENSE
20 IM +
+
INTERSIL ISL5585 IX RECEIVE BLOCK + 1:1 R VTX + VTX IX
4-WIRE SIDE
TIP
-
V1
R
AUX
+ V2W -
ZL + IM RP
FEED AMPLIFIER
RING
FEED RSENSE AMPLIFIER V3 V4 + 20 IX + IM + R
INPUT TA RS -IN 8k VSA = IM30 SENSE AMPLIFIER CFB VFB FROM CODEC + RIN
4R 4R 4R 4R
3R
VIN
+ 3R
FIGURE 6. 4-WIRE TO 2-WIRE SIGNAL PHASE ACROSS THE ISL5585
2-WIRE SIDE I +M
IX R V2 RSENSE
20
+
INTERSIL ISL5585 IX RECEIVE BLOCK + 1:1 R VTX + VTX IX
4-WIRE SIDE
TIP INPUT + V2W -
V1
R
AUX
RP
I +M
-
FEED AMPLIFIER
- IM + RP
RING
FEED RSENSE AMPLIFIER V3 V4 + 20 IX IM + + R
TA RS -IN 8k VSA = IM30 SENSE AMPLIFIER CFB VFB FROM CODEC + RIN
4R 4R 4R 4R
3R
VIN
+ 3R
FIGURE 7. 2-WIRE TO 4-WIRE SIGNAL PHASE ACROSS THE ISL5585
14
ISL5585 Low Power Standby
Overview
The low power standby mode (LPS, 000) should be used during idle line conditions. The device is designed to operate from the high battery during this mode. Most of the internal circuitry is powered down, resulting in low power dissipation. If the 2-wire (tip/ring) DC voltage requirements are not critical during idle line conditions, the device may be operated from the low battery. Operation from the low battery will decrease the standby power dissipation.
TABLE 1. DEVICE INTERFACES DURING LPS INTERFACE Receive Ringing Transmit 2-Wire Loop Detect x x ON OFF x x x Amplifiers disabled. Switch hook or ground key. NOTES AC transmission, impedance matching and ringing are disabled during this mode.
voltage exceeds the MTU reference of -56V, the Ring terminal will be clamped by the internal reference (typically 54V). The same Ring relationships apply when operating from the low battery voltage. For high battery voltages (VBH) less than or equal to the internal MTU reference threshold:
V RING = V BH + 5 (EQ. 43)
Loop Current
During LPS, the device will provide current to a load. The current path is through resistors and switches, and is a function of the off hook loop resistance (RLOOP). This includes the off hook phone resistance and copper loop resistance. The current available during LPS is determined by Equation 44.
I LOOP = ( - 1 - ( - 54 ) ) ( 600 + 600 + R LOOP ) (EQ. 44)
Internal current limiting of the standby switches will limit the maximum current to approximately 20mA. Another loop current related parameter is longitudinal current capability. The longitudinal current capability is reduced. The reduction in longitudinal current capability is a result of turning off the Tip and Ring amplifiers.
2-Wire Interface
During LPS, the 2-wire interface is maintained with internal switches and voltage references. The Tip and Ring amplifiers are turned off to conserve power. The device will provide MTU compliance, loop current and loop supervision. Figure 8 represents the internal circuitry providing the 2-wire interface during low power standby.
GND 600 TIP AMP TIP
On Hook Power Dissipation
The on hook power dissipation of the device during LPS is determined by the operating voltages and quiescent currents and is calculated using Equation 45.
P LPS = V BH x I BHQ + V BL x I BLQ + V CC x I CCQ (EQ. 45)
RING RING AMP 600 MTU REF
The quiescent current terms are specified in the electrical tables for each operating mode. Load power dissipation is not a factor since this is an on hook mode. Some applications may specify a standby current. The standby current may be a charging current required for modern telephone electronics.
Standby Current Power Dissipation
Any standby line current, ISLC , introduces an additional power dissipation term PSLC . Equation 46 illustrates the power contribution is zero when the standby line current is zero.
P SLC = I SLC x ( V BH - 54 + 1 + I SLC x1200 ) (EQ. 46)
FIGURE 8. LPS 2-WIRE INTERFACE CIRCUIT DIAGRAM
MTU Compliance
Maintenance Termination Unit or MTU compliance places DC voltage requirements on the 2-wire terminals during idle line conditions. The minimum idle voltage is 42.75V. The high side of the MTU range is 56V. The voltage is expressed as the difference between Tip and Ring. The Tip voltage is held near ground through a 600 resistor and switch. The Ring voltage is limited to a maximum of -56V (by MTU REF) when operating from either the high or low battery. A switch and 600 resistor connect the MTU reference to the Ring terminal. When the high battery 15
If the battery voltage is less than -54V (the MTU clamp is off), the standby line current power contribution reduces to Equation 47.
P SLC = I SLC x ( V BH + 1 + I SLC x1200 ) (EQ. 47)
ISL5585
Most applications do not specify charging current requirements during standby. When specified, the typical charging current may be as high as 5mA.
Transhybrid Balance
The final step in completing the impedance synthesis design is calculating the necessary gains for transhybrid balance. The AC feed back loop produces an echo at the VTX output of the signal injected at VIN . The echo must be cancelled to maintain voice quality. Most applications will use a summing amplifier in the CODEC front end as shown in Figure 10 to cancel the echo signal.
R R 1:1 TA + VTX RS -IN AUX RF + TX IN RIN RB +2.4V
Forward Active
Overview
The forward active mode (FA, 001) is the primary AC transmission mode of the device. On hook transmission, DC loop feed and voice transmission are supported during forward active. Loop supervision is provided by either the switch hook detector (E0 = 1) or the ground key detector (E0 = 0). The device may be operated from either high or low battery for onhook transmission and low battery for loop feed.
RA
On-Hook Transmission
The primary purpose of on hook transmission will be to support caller ID and other advanced signalling features. The transmission over load level while on hook is 1 VPEAK . When operating from the high battery, the DC voltages at Tip and Ring are MTU compliant. The typical Tip voltage is -4V and the Ring voltage is a function of the battery voltage for battery voltages less than -60V as shown in Equation 48.
V RING = V BH + 5 (EQ. 48)
RX OUT ISL5585 CODEC
FIGURE 10. TRANSHYBRID BALANCE INTERFACE
The resistor ratio, RF /RA , provides the final adjustment for the transmit gain, GTX (V2w to PCM, Figure 18). The transmit gain is calculated using Equation 49.
ZO R F R F G TX = - G 24 ------- = - ------------------------------------------- ------- R A ( Z L + 2R P + Z O ) R A (EQ. 49)
Loop supervision is provided by the switch hook detector at the DET output. When DET goes low, the low battery should be selected for DC loop feed and voice transmission.
Feed Architecture
The design implements a voltage feed current sense architecture. The device controls the voltage across Tip and Ring based on the sensing of load current.Internal resistors (RCS) are placed in series with Tip and Ring outputs to provide the current sensing. The diagram below illustrates the concept.
RB RCS VOUT RL RA VIN
Most applications set RF = RA , hence the device 2-wire to 4-wire equals the transmit gain. Typically RA is greater than 20k to prevent loading of the device transmit output. The value of the RF resistor should greater than the minimum load spec of the CODEC's internal amplifier (typical value 30.1k). The resistor ratio, RF /RB , is determined by the transhybrid gain of the device, G44 . RF is previously defined by the transmit gain requirement and RB is calculated using Equation 50.
RA R IN Z L + 2R P + Z O R B = --------- = R A --------- -------------------------------------- ZO G 44 RS (EQ. 50)
+
RC
Power Dissipation
The power dissipated by the device during on hook transmission is strictly a function of the quiescent currents for each supply voltage during Forward Active operation.
+ V BL x I BLQ + V CC x I CCQ P FAQ = V BH x I BHQ (EQ. 51)
-
+ KS
FIGURE 9. VOLTAGE FEED CURRENT SENSE DIAGRAM
By monitoring the current at the amplifier output, a negative feedback mechanism sets the output voltage for a defined load. The amplifier gains are set by resistor ratios (RA , RB , RC) providing all the performance benefits of matched resistors. The internal sense resistor, RCS , is much smaller than the gain resistors and is typically 20 for this device. The feedback mechanism, KS , represents the amplifier configuration providing the negative feedback.
Off hook power dissipation is increased above the quiescent power dissipation by the DC load. If the loop length is less than or equal to RKNEE , the device is providing constant current, IA , and the power dissipation is calculated using Equation 52.
P FA ( IA ) = P FA ( Q ) + ( V BL xI A ) - ( R LOOP xI 2 A ) (EQ. 52)
16
ISL5585
If the loop length is greater than RKNEE , the device is operating in the constant voltage, resistive feed region. The power dissipated in this region is calculated using Equation 53.
P FA ( IB ) = P FA ( Q ) + ( V BL xI B ) - ( R LOOP xI 2 B ) (EQ. 53)
a differential pair which controls the reversal time of the Tip and Ring DC voltages.
time C POL = ---------------75000 (EQ. 54)
Since the current relationships are different for constant current versus constant voltage, the region of device operation is critical to valid power dissipation calculations.
Where time is the required reversal time. Polarized capacitors may be used for CPOL . The low voltage at the POL pin and minimal voltage excursion 0.75V, are well suited to polarized capacitors.
Reverse Active
Overview
The reverse active mode (RA, 011) provides the same functionality as the forward active mode. On hook transmission, DC loop feed and voice transmission are supported. Loop supervision is provided by either the switch hook detector (E0 = 1) or the ground key detector (E0 = 0). The device may be operated from either high or low battery. During reverse active the Tip and Ring DC voltage characteristics exchange roles. That is, Ring is typically 4V below ground and Tip is typically 4V more positive than battery. Otherwise, all feed and voice transmission characteristics are identical to forward active.
Power Dissipation
The power dissipation equations for forward active operation also apply to the reverse active mode.
Ringing
Overview
The ringing mode (RNG, 100) provides linear amplification to support a variety of ringing waveforms. A programmable ring trip function provides loop supervision and auto disconnect upon ring trip. The device is designed to operate from the high battery during this mode.
Architecture
The device provides linear amplification to the signal applied to the ringing input, VRS . The differential ringing gain of the device is 80V/V. The circuit model for the ringing path is shown in Figure 12. The voltage gain from the VRS input to the Tip output is 40V/V. The resistor ratio provides a gain of 8 and the current mirror provides a gain of 5. The voltage gain from the VRS input to the Ring output is -40V/V.
R 20 TIP R/8 +
Silent Polarity Reversal
Changing from forward active to reverse active or vice versa is referred to as polarity reversal. Many applications require slew rate control of the polarity reversal event. Requirements range from minimizing cross talk to protocol signalling. The device uses an external low voltage capacitor, CPOL , to set the reversal time. Once programmed, the reversal time will remain nearly constant over various load conditions. In addition, the reversal timing capacitor is isolated from the AC loop, therefore loop stability is not impacted. The internal circuitry used to set the polarity reversal time is shown in Figure 11.
5:1
+
VRS
600K
20 RING
+
I1 POL R 75k I2 CPOL
-
+ VBH 2
FIGURE 12. LINEAR RINGING MODEL
The equations for the Tip and Ring outputs during ringing are provided below.
FIGURE 11. REVERSAL TIMING CONTROL V BH V T = ----------- + ( 40 x VRS ) 2 (EQ. 55)
During forward active, the current from source I1 charges the external timing capacitor CPOL and the switch is open. The internal resistor provides a clamping function for voltages on the POL node. During reverse active, the switch closes and I2 (roughly twice I1) pulls current from I1 and the timing capacitor. The current at the POL node provides the drive to
V BH V R = ----------- - ( 40 x VRS ) 2
(EQ. 56
17
ISL5585
When the input signal at VRS is zero, the Tip and Ring amplifier outputs are centered at half battery. The device provides auto centering for easy implementation of sinusoidal ringing waveforms. Both AC and DC control of the Tip and Ring outputs is available during ringing. This feature allows for DC offsets as part of the ringing waveform. The terms tR and tS represent the cadence. The ringing interval is tR and the silent interval is tS . The typical cadence ratio tR :tS is 1:2. The quiescent power of the device in the ringing mode is defined in Equation 58.
P r ( Q ) = V BH x I BHQ + V BL x I BLQ + V CC x I CCQ (EQ. 58)
Ringing Input
The ringing input, VRS , is a high impedance input. The high impedance allows the use of low value capacitors for AC coupling the ring signal. The VRS input is enabled only during the ringing mode, therefore a free running oscillator may be connected to VRS at all times. When operating from a battery of -100V, each amplifier, Tip and Ring, will swing a maximum of 95VP-P. Hence, the maximum signal swing at VRS to achieve full scale ringing is approximately 2.4VP-P. The low signal levels are compatible with the output voltage range of the CODEC. The digital nature of the CODEC ideally suits it for the function of programmable ringing generator.
The total power during the ringing interval is the sum of the quiescent power and loading power:
V RMS P r = P r ( Q ) + V BH x I AVG - ----------------------------------------Z +R
REN 2
(EQ. 59)
LOOP
For sinusoidal waveforms, the average current, IAVG , is defined in Equation 60.
V RMS x 2 2 I AVG = -- ---------------------------------------- Z +R
REN
(EQ. 60)
LOOP
The silent interval power dissipation will be determined by the quiescent power of the selected operating mode.
Logic Control
Ringing patterns consist of silent intervals. The ringing to silent pattern is called the ringing cadence. During the silent portion of ringing, the device can be programmed to any other operating mode. The most likely candidates are low power standby or forward active. Depending on system requirements, the low or high battery may be selected. Loop supervision is provided with the ring trip detector. The ring trip detector senses the change in loop current when the phone is taken off hook. The loop detector full wave rectifies the ringing current, which is then filtered with external components RRT and CRT. The resistor RRT sets the trip threshold and the capacitor CRT sets the trip response time. Most applications will require a trip response time less than 150ms. Three very distinct actions occur when the devices detects a ring trip. First, the DET output is latched low. The latching mechanism eliminates the need for software filtering of the detector output. The latch is cleared when the operating mode is changed externally. Second, the VRS input is disabled, removing the ring signal from the line. Third, the device is internally forced to the forward active mode.
Unbalanced Ringing
The ISL5585GCM offers Unbalanced Ringing mode (010). This feature accommodates some Analog PBX Trunk Lines that require the Tip terminal to be held near ground for the duration of the ringing bursts. The Tip terminal is offset to 0V's with an internal current source that is applied to the inverting input of the Tip amplifier. This reduces the differential ringing gain to 40V/V. The Ring terminal will center at Vbh/2 and swing from -Vbh to ground. As in Balanced Ringing, off hook detection is accomplished by sensing the peak current and comparing it to a preset threshold. This allows the same sensing, comparing and threshold circuitry to be used in both Ringing modes. This mode of operation does not require any additional external components.
Forward Loop Back
Overview
The Forward Loop Back mode (FLB, 101) provides test capability for the device. An internal signal path is enabled allowing for both DC and AC verification. The internal 600 terminating resistor has a tolerance of 20%. The device is intended to operate from only the low battery during this mode.
Power Dissipation
The power dissipation during ringing is dictated by the load driving requirements and the ringing waveform. The key to valid power calculations is the correct definition of average and RMS currents. The average current defines the high battery supply current. The RMS current defines the load current. The cadence provides a time averaging reduction in the peak power. The total power dissipation consists of ringing power, Pr , and the silent interval power, Ps .
tr ts P RNG = P r x ------------- + P s x ------------t +t t +t
r s r s
Architecture
(EQ. 57)
18
ISL5585
When the forward loop back mode is initiated internal switches connect a 600 load across the outputs of the Tip and Ring amplifiers.
TIP TIP AMP 600 RING AMP RING
DC Verification
When the internal signal path is provided, DC current will flow from Tip to Ring. The DC current will force DET low, indicating the presence of loop current. In addition, the ALM output will also go low. This does not indicate a thermal alarm condition. Rather, proper logic operation is verified in the event of a thermal shutdown. In addition to verifying device functionality, toggling the logic outputs verifies the interface to the system controller.
AC Verification
The entire AC loop of the device is active during the forward loop back mode. Therefore a 4-wire to 4-wire level test capability is provided. Depending on the transhybrid balance implementation, test coverage is provided by a one or two step process. System architectures which cannot disable the transhybrid function would require a two step process. The first step would be to send a test tone to the device while on hook and not in forward loop back mode. The return signal would be the test level times the gain RF /RA of the transhybrid amplifier. Since the device would not be terminated, cancellation would not occur. The second step would be to program the device to FLB and resend the test tone. The return signal would be much lower in amplitude than the first step, indicating the device was active and the internal termination attenuated the return signal. System architectures which disable the transhybrid function would achieve test coverage with a signal step. Once the transhybrid function is disable, program the device for FLB and send the test tone. The return signal level is determined by the 4-wire to 4-wire gain of the device.
FIGURE 13. FORWARD LOOP BACK INTERNAL TERMINATION
Tip Open
Overview
The tip open mode (110) is intended for compatibility for PBX type interfaces. Used during idle line conditions, the device does not provide transmission. Loop supervision is provided by either the switch hook detector (E0 = 1) or the ground key detector (E0 = 0). The ground key detector will be used in most applications. The device may be operated from either high or low battery.
Functionality
During tip open operation, the Tip switch is disabled and the Ring switch is enabled. The minimum Tip impedance is 30k. The only active path through the device will be the Ring switch. In keeping with the MTU characteristics of the device, Ring will not exceed -56V when operating from the high battery. Though MTU does not apply to tip open, safety requirements are satisfied.
19
ISL5585 Power Denial
Overview
The power denial mode (111) will shutdown the entire device except for the logic interface. Loop supervision is not provided. This mode may be used as a sleep mode or to shut down in the presence of a persistent thermal alarm. Switching between high and low battery will have no effect during power denial.
High Battery Operation
Other than during ringing, the high battery should be used for standby conditions which must provide MTU compliance. During standby operation the power consumption is typically 85mW with -100V battery. If ringing requirements do not require full 100V operation, then a lower battery will result in lower standby power.
High Voltage Decoupling
The 100V rating of the device will require a capacitor of higher voltage rating for decoupling. Suggested decoupling values for all device pins are 0.1F. Standard surface mount ceramic capacitors are rated at 100V. For applications driven at low cost and small size, the decoupling scheme shown below could be implemented.
Functionality
During power denial, both the Tip and Ring amplifiers are disabled, representing high impedances. The voltages at both outputs are near ground.
Thermal Shutdown
In the event the safe die temperature is exceeded, the ALM output will go low and DET will go high and the part will automatically shut down. When the device cools, ALM will go high and DET will reflect the loop status. If the thermal fault persists, ALM will go low again and the part will shut down. Programming power denial will permanently shutdown the device and stop the self cooling cycling.
0.22
0.22
VBL
VBH
ISL5585
Battery Switching
Overview
The integrated battery switch selects between the high battery and low battery. The battery switch is controlled with the logic input BSEL. When BSEL is a logic high, the high battery is selected and when a logic low, the low battery is selected. All operating modes of the device will operate from high or low battery except forward loop back, which requires low battery for thermal reasons.
FIGURE 14. ALTERNATE DECOUPLING SCHEME
It is important to place the external diode between the VBH pin and the decoupling capacitor. Attaching the decoupling capacitor directly to the VBH pin will degrade the reliability of the device. Refer to Figure 14 for the proper arrangement. This applies to both single and stacked and decoupling arrangements. If VBL and VBH are tied together to override the battery switch function, then the external diode is not needed and the decoupling may be attached directly to VBH.
Functionality
The logic control is independent of the operating mode decode. Independent logic control provides the most flexibility and will support all application configurations. When changing device operating states, battery switching should occur simultaneously with or prior to changing the operating mode. In most cases, this will minimize overall power dissipation and prevent glitches on the DET output. The only external component required to support the battery switch is a diode in series with the VBH supply lead. In the event that high battery is removed, the diode allows the device to transition to low battery operation.
Uncommitted Switch
Overview
The uncommitted switch is a three terminal device designed for flexibility. The independent logic control input, SWC, allows switch operation regardless of device operating mode. The switch is activated by a logic low. The positive and negative terminals of the device are labeled SW+ and SW- respectively.
Relay Driver
The uncommitted switch may be used as a relay driver by connecting SW+ to the relay coil and SW- to ground. The
Low Battery Operation
All off hook operating conditions should use the low battery. The prime benefit will be reduced power dissipation. The typical low battery for the device is -24V. However this may be increased to support longer loop lengths or high loop current requirements. Standby conditions may also operate from the low battery if MTU compliance is not required, further reducing standby power dissipation.
20
ISL5585
switch is designed to have a maximum on voltage of 0.6V with a load current of 45mA.
+V RELAY
TABLE 2. ISL5585 3V APPLICATION CIRCUIT COMPONENTS COMPONENT U1 - Ringing SLIC RTL RRT VALUE ISL5585 18.7k 23.7k 49.9k 71.5k 66.5k 30.1k 36.5k 42.2Kk 45.3k 0.47F 4.7F 0.1F 0.1F TOL N/A 1% 1% 1% 1% 1% 1% 1% 1% 1% 20% 20% 20% 20% RATING N/A 0.1W 0.1W 0.1W 0.1W 0.1W 0.1W 0.1W 0.1W 0.1W 10V 6.3V >100V 100V
SW+ SWSWC
RSH RIL RS RF RA RB RIN CRS , CTX , CRT , CPOL CDC, CFB CPS1 CPS2 , CPS3 D1
FIGURE 15. EXTERNAL RELAY SWITCHING
Since the device provides the ringing waveform, the relay functions which may be supported include subscriber disconnect, test access or line interface bypass. An external snubber diode is not required when using the uncommitted switch as a relay driver.
Test Load
The switch may be used to connect test loads across Tip and Ring. The test loads can provide external test termination for the device. Proper connection of the uncommitted switch to Tip and Ring is shown below.
TIP
1N400X type with breakdown > 100V.
RP1 , RP2 Standard applications will use 49 per side. Protection resistor values are application dependent and will be determined by protection requirements. Design Parameters: Ring Trip Threshold = 76mAPEAK , Switch Hook Threshold = 12mA, Loop Current Limit = 24.6mA, Synthesize Device Impedance = (3*66.5k)/400 = 498.8, with 49.9 protection resistors, impedance across Tip and Ring terminals = 599. Transient current limit = 95mA.
RING
Special Considerations for the QFN Package
TEST LOAD SW+ SWSWC
FIGURE 16. TEST LOAD SWITCHING
The diode in series with the test load blocks current from flowing through the uncommitted switch when the polarity of the Tip and Ring terminals are reversed. In addition to the reverse active state, the polarity of Tip and Ring are reversed for half of the ringing cycle. With independent logic control and the blocking diode, the uncommitted switch may be continuously connected to the Tip and Ring terminals.
The new Quad Flatpack No-lead (QFN) package offers a significant footprint reduction (65%) and improved thermal performance with respect to the 28 lead PLCC. To realize the thermal enhancements and maintain the high voltage (-100V) performance, the exposed pad on the bottom of the QFN package should be soldered to a power/heat sink plane that is electrically connected to the ISL5585 Substrate Common Connection (SCC) pin. The heat is distributed evenly across the board by way of the heat sink plane. This is accomplished by using conductive thermal vias. Reference technical brief TB379 and AN9922 for additional information on thermal characterization and board layout considerations.
21
ISL5585
CPS1 CPS2 CPS3 RP1 49.9 + V2W 600 RP2 49.9 RING CRT ISL5585 RRT RSH SH RIL ILIM CDC VRS AGND POL RTL TL BGND CRS RT VFB PCM to V2W Gain = +3.33dB, digital gain set to 0dB CDC CPOL VCC V2W to PCM Gain = -9.3 dB, digital gain set to 0dB 0 dBm0, CODEC output voltage = 0.531Vrms 0 dBm0, V2W = 0.7795Vrms Design Equations RS = 133.33(ZL - 2RP) Gain PCM to V2W = RS/RIN = 66.5k/45.3k =1.46 dB Gain =20log (0.7795/ 0.531) = +3.33dB V2W to PCM Gain = V2W (G2-4)(RF/RA) = (0.7795)(0.416)(30.1k/36.5k) = 0.267 dB Gain =20log (0.267/0.7795) = - 9.3dB -IN CFB 45.3k 0.47uF Digital Gain 0dB VCC TIP U1 VBL VBH AUX 0.47uF VTX 36.5k RS 66.5k RIN 42.2k RA 0.47uF 30.1k RB RF + TX IN +2.4V PCM Digital Gain 0dB PCM D1 1N4004 CODEC
FIGURE 17. ISL5585 3.3V APPLICATION CIRCUIT
22
ISL5585 Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
2X 0.15 C A A 9 D1 D1/2 6 INDEX AREA N 1 2 3 E1/2 E1 9 2X 0.15 C B 2X 0.15 C A 4X C 0.08 C SEATING PLANE SIDE VIEW NX b 4X P D2 (DATUM B) 4X P 1 (DATUM A) 6 INDEX AREA NX L Ne 8 (Nd-1)Xe REF. BOTTOM VIEW A1 NX b 5 2 3 E2 7 E2/2 8 (Ne-1)Xe REF. D2 2N 5 0.10 M C A B 7 8 NX k A3 A1 0 TOP VIEW A2 A / / 0.10 C B E/2 E 2X 0.15 C B D
L32.7x7
32 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VKKC ISSUE C) MILLIMETERS SYMBOL MIN 0.80 0.23 TYP 0.90 0.20 REF 0.28 7.00 BSC 6.75 BSC 4.55 4.70 7.00 BSC 6.75 BSC 4.55 0.25 0.50 4.70 0.65 BSC 0.60 32 8 8 0.60 12 0.75 0.15 4.85 4.85 0.38 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 4 8/03 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P
D/2
9
9 CORNER OPTION 4X
C L
SECTION "C-C" C L
9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation.
10 L
L1 e CC
10
L L1 e
10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
TERMINAL TIP FOR ODD TERMINAL/SIDE FOR EVEN TERMINAL/SIDE
23
ISL5585 Plastic Leaded Chip Carrier Packages (PLCC)
0.042 (1.07) 0.048 (1.22) PIN (1) IDENTIFIER C L 0.042 (1.07) 0.056 (1.42) 0.050 (1.27) TP
N28.45 (JEDEC MS-018AB ISSUE A)
0.004 (0.10) C
28 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE INCHES SYMBOL A A1 MIN 0.165 0.090 0.485 0.450 0.191 0.485 0.450 0.191 28 MAX 0.180 0.120 0.495 0.456 0.219 0.495 0.456 0.219 MILLIMETERS MIN 4.20 2.29 12.32 11.43 4.86 12.32 11.43 4.86 28 MAX 4.57 3.04 12.57 11.58 5.56 12.57 11.58 5.56 NOTES 3 4, 5 3 4, 5 6 Rev. 2 11/97
0.025 (0.64) R 0.045 (1.14)
D2/E2 C L E1 E D2/E2 VIEW "A"
D D1 D2 E E1 E2 N
D1 D 0.020 (0.51) MAX 3 PLCS
A1 A
0.020 (0.51) MIN
SEATING -C- PLANE 0.026 (0.66) 0.032 (0.81) 0.013 (0.33) 0.021 (0.53)
0.045 (1.14) MIN VIEW "A" TYP.
0.025 (0.64) MIN
NOTES: 1. Controlling dimension: INCH. Converted millimeter dimensions are not necessarily exact. 2. Dimensions and tolerancing per ANSI Y14.5M-1982. 3. Dimensions D1 and E1 do not include mold protrusions. Allowable mold protrusion is 0.010 inch (0.25mm) per side. Dimensions D1 and E1 include mold mismatch and are measured at the extreme material condition at the body parting line. 4. To be measured at seating plane -C- contact point. 5. Centerline to be determined where center leads exit plastic body. 6. "N" is the number of terminal positions.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 24


▲Up To Search▲   

 
Price & Availability of ISL558504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X