Part Number Hot Search : 
091000 SDB412WS 01M2A 150LR5A PT22162 A1606 GK03N F3330
Product Description
Full Text Search
 

To Download ISL55008IEZ-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL55008
Data Sheet May 22, 2006 FN6215.0
MMIC Silicon Bipolar Broadband Amplifier
The ISL55005, ISL55007, ISL55008 and ISL55009, ISL55010, ISL55011 constitute a family of high performance gain blocks featuring a Darlington configuration using high ft transistors and excellent thermal performance. They are an ideal choice for DVB-S LNB cable receiver applications. ISL55005, ISL55007, ISL55008 offer higher OIP3 performance while the ISL55009, ISL55010, ISL55011 offer lower operating supply currents. ISL55005 and ISL55009 match a 75 source to a 50 load. ISL55007 and ISL55010 match a 75 source to a 75 load. ISL55008 and ISL55011 match a 50 source to a 50 load.
Features
* Input impedance of 50 * Output impedance of 50 * Noise figure of 3.9dB * OIP3 of 18dBm * Low input and output return losses * Pb-free plus anneal available (RoHS compliant)
Applications
* LNB and LNB-T line amplifiers * IF gain blocks for satellite and terrestrial HDTV STBs * PA driver amplifier
Ordering Information
PART NUMBER (Note) PART MARKING TAPE & REEL PACKAGE (Pb-Free) PKG. DWG. # P6.049
* Wireless data, satellite * Bluetooth/WiFi * Satellite locator and signal strength meters
ISL55008IEZ-T7 CBE
7" (3k pcs) 6 Ld SC-70
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Typical Application Circuit
+3.3V
Pinout
6 LD SC-70
GND 1 2 3 6 5 4 OUT GND VSP
0.1F
100pF
100pF
0.1F
GND IN
3 68pF 1, 2, 5
4 6
100nH
68pF
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2006. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL55008
Absolute Maximum Ratings (TA = 25C)
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V Power Dissipation . . . . . . . . . . . . See Packging Information Section Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +125C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .300V
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER Gt
VSP = +3.3V, Zrsc = Zload = 50, TA = 25C, unless otherwise specified. CONDITIONS 1.0GHz 1.5GHz 2.0GHz MIN 14.3 14.1 13.7 5.7 5.0 TYP 15.5 15.3 14.9 7.2 6.5 18.6 17.9 3.1 15.0 15.6 20.2 3.9 17.5 20.8 23.5 MAX 16.8 16.6 16.2 8.7 8.0 UNIT dB dB dB dBm dBm dBm dBm GHz dB dB dB dB mA
DESCRIPTION Small Signal Gain
P1dB
Output Power at 1dB Compression
1.0GHz 2.0GHz
OIP3
Output Third Order Intercept Point
1.0GHz 2.0GHz
BW IRL ORL RISOL NF ID
3dB Bandwidth Input Return Loss Output Return Loss Reverse Isolation Noise Figure Device Operating Current
3dB below Gain @ 500MHz 1.0GHz 1.0GHz 2.0GHz 2.0GHz
Device Test Setup
Agilent _8753ES VNA
50 CONNECTORLESS PLATFORM 50 DC BLOCK PIN 3 DUT PIN 6 50 BIAS TEE
50 PICOSECOND LABS MODEL 5542
PICOSECOND LABS MODEL 5508-110
3.3V
I1
I2 IDEVICE
INPUT REFERENCE PLANE
OUTPUT REFERENCE PLANE
3.3V POWER SUPPLY
2
FN6215.0 May 22, 2006
ISL55008 Typical Performance Curves 50 environment
20 18
ORL (dB) 20 18 16 14 12 10
IRL (dB)
16 14 12 10 0.5 1.0 1.5 2.0 FREQUENCY (GHz) 2.5 3.0
0.5
1.0 1.5 2.0 FREQUENCY (GHz)
2.5
3.0
FIGURE 1. INPUT RETURN LOSS vs FREQUENCY
FIGURE 2. OUTPUT RETURN LOSS vs FREQUENCY
18 16 S21 (dB) S11 (dB) 14 12 10 0.5 1.0 1.5 2.0 FREQUENCY (GHz) 2.5 3.0
-10 -12 -14 -16 -18 -20 0.5 1.0 1.5 2.0 FREQUENCY (GHz) 2.5 3.0
FIGURE 3. |S21| vs FREQUENCY
FIGURE 4. |S11| vs FREQUENCY
-18 -19 S12 (dB) -20 -21 -22 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0 S22 (dB)
-10 -12 -14 -16 -18 -20 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0
FIGURE 5. |S12| vs FREQUENCY
FIGURE 6. |S22| vs FREQUENCY
3
FN6215.0 May 22, 2006
ISL55008 Typical Performance Curves 50 environment (Continued)
21 20 OIP3 (dBm) 19 dBm 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0 7 6 5 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0 18 17 16 9 8
FIGURE 7. OIP3 vs FREQUENCY
FIGURE 8. P1dB vs FREQUENCY
6 NOISE FIGURE (dB) 5 4 3 2 1 0 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0
FIGURE 9. NOISE FIGURE vs FREQUENCY
0.9
1.0
0.8
1.2
0.7
1.4
0.6
1.6
0.2
1.8
0.4
2.0
3 GHz
S22
0.7 0.8 0.9
0.1
0.3
0.4
0.5
0.6
1.0
1.2
1.4
1.6
1.8
2.0
3.0
4.0
0.2
5.0
10
20
50
8.0 9.0 10
0
2.2
0.1
0.5 GHz
0.2
1.0
0.2
0.4
0.5 GHz 1.0 2.2
0.8
20
0.6
0.3
0.4
0.4
0.6
0.7
0.8
0.9
RF Cafe 2002
FIGURE 10. S11 AND S22 vs FREQUENCY
4
1.0
1.2
1.4
1.6
1.8
2.0
0.5
0.2
5.0
1.0
1.0
6.0
3 GHz
7.0
S11
4.0
50
3.0
1.0
0.8
0.8
0.6
0.6
0.4
0.2
0.5
0.4
0.6
3.0
0.3
0.8
4.0
1.0
5.0
6.0
7.0 8.0 9.0 10
0.2
0.1
20
50
FN6215.0 May 22, 2006
ISL55008 Packaging Information
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 0.3 POWER DISSIPATION (W) 0.25 0.2 0.15 0.1 0.05 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) 176mW
SC 7 =5 0-6 67 C /W
JA
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
5
FN6215.0 May 22, 2006
ISL55008 Small Outline Transistor Plastic Packages (SC70-6)
0.20 (0.008) M C L b e C VIEW C
P6.049
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES SYMBOL MIN 0.031 0.000 0.031 0.006 0.006 0.003 0.003 0.073 0.071 0.045 MAX 0.043 0.004 0.039 0.012 0.010 0.009 0.009 0.085 0.094 0.053 MILLIMETERS MIN 0.80 0.00 0.00 0.15 0.15 0.08 0.08 1.85 1.80 1.15 MAX 1.10 0.10 1.00 0.30 0.25 0.22 0.20 2.15 2.40 1.35 6 6 3 3 4 NOTES -
6 C L 1
5
4 C L E E1
A A1 A2 b b1
2
3
e1 C D C L
c c1 D E E1
A1 SEATING PLANE -C-
A
A2
e e1 L
0.0256 Ref 0.0512 Ref 0.010 0.018
0.65 Ref 1.30 Ref 0.26 0.46
0.10 (0.004) C
L1 L2
0.017 Ref. 0.006 BSC 6 0.004 0.004 0o 0.010 8o
0.420 Ref. 0.15 BSC 6 0.10 0.15 0o 0.25 8o Rev. 2 9/03 5
WITH PLATING c
b b1 c1
N R R1
NOTES:
BASE METAL
4X 1 R1 R GAUGE PLANE SEATING PLANE C L1 4X 1 VIEW C L
1. Dimensioning and tolerance per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO203AB. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs. 4. Footlength L measured at reference to gauge plane. 5. "N" is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 7. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only
L2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 6
FN6215.0 May 22, 2006


▲Up To Search▲   

 
Price & Availability of ISL55008IEZ-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X