Part Number Hot Search : 
LTC222 SID1010M T1190N SA120 MGW30N60 4532A AO6704 FDB075
Product Description
Full Text Search
 

To Download ISL12020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL12020
Real Time Clock with On Chip Temp Compensation 5ppm
Data Sheet March 29, 2007 FN6450.0
Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 5ppm with Auto Day Light Saving
The ISL12020 device is a low power real time clock with an embedded Temp sensor for oscillator compensation, clock/calendar, power fail, low battery monitor, brown out indicator, single periodic or polled alarms, intelligent battery backup switching and 128 bytes of battery-backed user SRAM. The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction. Daylight Savings time adjustment is done automatically, using parameters entered by the user. Power fail and battery monitors offer user-selectable trip levels. A time stamp function records the time and date of switchover from VDD to battery power, and also from battery to VDD power.
Features
* Real Time Clock/Calendar - Tracks Time in Hours, Minutes and Seconds - Day of the Week, Day, Month and Year * On-chip Oscillator Compensation Over the Operating Temp Range - 5ppm over -20C to +70C * Day Light Saving Time - Customer Programmable * 15 Selectable Frequency Outputs * 1 Alarm - Settable to the Second, Minute, Hour, Day of the Week, Day, or Month - Single Event or Pulse Interrupt Mode * Automatic Backup to Battery or Super Cap - Operation to VBAT = 1.8V - 1.0A Battery Supply Current * Battery Status Monitor, 2 Levels, Selectable by Customer to: - Seven Selectable Voltages for Each Level * Power Status Brown Out Monitor * Six Selectable Trip Level, from 4.675V to 2.295V Power Failure Detection * Time Stamp during Power to Battery and Battery to Power Cross Over - Time Stamp. First VDD to VBAT, and Last VBAT to VDD * 128 Bytes Battery-Backed User SRAM * I2C Interface - 400kHz Clock Frequency * 8 Ld SOIC Package ISL12020 * Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL12020 (8 LD SOIC) TOP VIEW
X1 X2 VBAT
GND 1 2 3 4 8 7 6 5
VDD IRQ/FOUT SCL SDA
Applications
* Utility Meters * POS Equipment * Medical Application * Security Related Application * Vending Machine * White Goods
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL12020 Ordering Information
PART NUMBER (Note) Future Product ISL12020IBZ* ISL12020CBZ* PART MARKING 12020 IBZ 12020 CBZ VDD RANGE 2.7V to 5.5V 2.7V to 5.5V TEMP RANGE (C) -40 to +85 -20 to +70 PACKAGE (Pb-free) 8 Ld SOIC 8 Ld SOIC PKG DWG # M8.15 M8.15
*Add "-T" suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Block Diagram
SDA SCL SDA BUFFER SCL BUFFER I2C INTERFACE SECONDS CONTROL LOGIC REGISTERS MINUTES HOURS DAY OF WEEK CRYSTAL OSCILLATOR RTC DIVIDER DATE MONTH VDD VTRIP SWITCH VBAT GND INTERNAL SUPPLY TEMPERATURE SENSOR FREQUENCY CONTROL POR FREQUENCY OUT YEAR ALARM CONTROL REGISTERS USER SRAM IRQ/ FOUT
X1 X2
Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 SYMBOL X1 X2 VBAT GND SDA SCL IRQ/FOUT VDD DESCRIPTION X1. The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. X1 can also be driven directly from a 32.768kHz source. X2. The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. X2 should be left open when X1 is driven from external source. VBAT. This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the VDD supply fails. This pin should be tied to ground if not used. Ground. Serial Data (SDA). SDA is a bi-directional pin used to transfer serial data into and out of the device. It has an open drain output and may be wire OR'ed with other open drain or open collector outputs. Serial Clock (SCL). The SCL input is used to clock all serial data into and out of the device. Interrupt Output IRQ, /Frequency Output FOUT. Multi-functional pin that can be used as interrupt or frequency output pin. The function is set via the configuration register. VDD. Power supply.
2
FN6450.0 March 29, 2007
ISL12020
Absolute Maximum Ratings
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V Voltage on X1 and X2 pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V ESD Rating Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>2kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>150V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics-RTC Test Conditions: VDD = +2.7 to +5.5V, Temperature = -20C to +70C, unless otherwise stated.
SYMBOL VDD VBAT IDD1 PARAMETER Main Power Supply Battery Supply Voltage Supply Current VDD = 5V VDD = 3V IDD2 IDD3 IBAT Supply Current (I2C communications active) Supply Current (Temperature Conversion Active) Battery Supply Current VDD = 5V VDD = 5V VBAT = 3V @ +25C VBAT = 3V IBATLKG ILI ILO VBATM VPBM VTRIP VTRIPHYS VBATHYS Battery Input Leakage Input Leakage Current on SCL I/O Leakage Current on SDA Battery Level Monitor Threshold Brown Out Level Monitor Threshold VBAT Mode Threshold VTRIP Hysteresis VBAT Hysteresis Frequency Stability vs Temperature Frequency Stability vs Voltage ATR Sensitivity per LSB Temperature Sensor Accuracy IRQ/FOUT VOL Output Low Voltage VDD = 5V, IOL = 3mA VDD = 2.7V, IOL = 1mA 0.4 0.4 V V 2.7V VDD 3.6V, 2.7V VDD 3.6V BETA (3:0) = 1000 VDD = VBAT = 3.3 V -100 -100 2.1 10 2.2 30 50 5 3 1 3 VDD = 5.5V, VBAT = 1.8V 100 100 +100 +100 2.6 50 CONDITIONS MIN 2.7 1.8 4.1 3.5 300 250 1.0 1.0 TYP (Note 7) MAX 5.5 5.5 6.5 5.5 500 400 1.6 2.1 100 UNITS V V A A A A A A nA nA nA mV mV V mV mV ppm ppm ppm C 9 9 9 9 9 4 4 2 3, 5 3, 5 3, 4 3, 4 3 3 NOTES
Power-Down Timing Test Conditions: VDD = +2.7 to +5.5V, Temperature = -20C to +70C, unless otherwise stated.
SYMBOL VDD SRPARAMETER VDD Negative Slew rate CONDITIONS MIN TYP (Note 7) MAX 10 UNITS V/ms NOTES 8
3
FN6450.0 March 29, 2007
ISL12020
I2C Interface Specifications Test Conditions: VDD=+2.7 to +5.5V, Temperature = -20C to +70C, unless otherwise specified.
SYMBOL VIL VIH Hysteresis VOL CPIN PARAMETER SDA and SCL input buffer LOW voltage SDA and SCL Input Buffer HIGH Voltage SDA and SCL Input Buffer Hysteresis SDA Output Buffer LOW Voltage, Sinking 3mA SDA and SCL Pin Capacitance VDD = 5V, IOL = 3mA TA = +25C, f = 1MHz, VDD = 5V, VIN = 0V, VOUT = 0V TEST CONDITIONS MIN -0.3 0.7 x VDD 0.05 x VDD 0.4 10 TYP (Note 7) MAX 0.3 x VDD VDD + 0.3 UNITS V V V V pF NOTES
fSCL tIN tAA
SCL Frequency Pulse Width Suppression Time at SDA and SCL Inputs SCL Falling Edge To SDA Output Data Valid Any pulse narrower than the max spec is suppressed. SCL falling edge crossing 30% of VDD, until SDA exits the 30% to 70% of VDD window. 1300
400 50 900
kHz ns ns
tBUF
Time the Bus Must be Free Before SDA crossing 70% of VDD The Start of a New Transmission during a STOP condition, to SDA crossing 70% of VDD during the following START condition. Clock LOW Time Clock HIGH Time START Condition Setup Time Measured at the 30% of VDD crossing. Measured at the 70% of VDD crossing. SCL rising edge to SDA falling edge. Both crossing 70% of VDD. From SDA falling edge crossing 30% of VDD to SCL falling edge crossing 70% of VDD. From SDA exiting the 30% to 70% of VDD window, to SCL rising edge crossing 30% of VDD. From SCL falling edge crossing 30% of VDD to SDA entering the 30% to 70% of VDD window. From SCL rising edge crossing 70% of VDD, to SDA rising edge crossing 30% of VDD. From SDA rising edge to SCL falling edge. Both crossing 70% of VDD.
ns
tLOW tHIGH tSU:STA
1300 600 600
ns ns ns
tHD:STA
START Condition Hold Time
600
ns
tSU:DAT
Input Data Setup Time
100
ns
tHD:DAT
Input Data Hold Time
0
900
ns
tSU:STO
STOP Condition Setup Time
600
ns
tHD:STO
STOP Condition Hold Time
600
ns
4
FN6450.0 March 29, 2007
ISL12020
I2C Interface Specifications Test Conditions: VDD=+2.7 to +5.5V, Temperature = -20C to +70C, unless otherwise specified. (Continued)
SYMBOL tDH PARAMETER Output Data Hold Time TEST CONDITIONS From SCL falling edge crossing 30% of VDD, until SDA enters the 30% to 70% of VDD window. From 30% to 70% of VDD. From 70% to 30% of VDD. Total on-chip and off-chip MIN 0 TYP (Note 7) MAX UNITS ns NOTES
tR tF Cb RPU
SDA and SCL Rise Time SDA and SCL Fall Time Capacitive loading of SDA or SCL
20 + 0.1 x Cb 20 + 0.1 x Cb 10 1
300 300 400
ns ns pF k
SDA and SCL Bus Pull-up Resistor Maximum is determined by Off-chip tR and tF. For Cb = 400pF, max is about 2~2.5k. For Cb = 40pF, max is about 15~20k
NOTES: 2. Temperature Conversion is inactive below 2.7V VBAT 3. IRQ/FOUT Inactive. 4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz 5. VDD > VBAT +VBATHYS 6. Bit BSW = 0 (Standard Mode), VBAT 1.8V 7. Specified at +25C. 8. In order to ensure proper timekeeping, the VDD SR- specification must be followed. 9. Parameter is not 100% tested. 10. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate specification.
5
FN6450.0 March 29, 2007
ISL12020 SDA vs SCL Timing
tF tHIGH tLOW tR
SCL tSU:STA tHD:STA SDA (INPUT TIMING)
tSU:DAT tHD:DAT tSU:STO
tAA SDA (OUTPUT TIMING)
tDH
tBUF
Symbol Table
WAVEFORM INPUTS Must be steady OUTPUTS Will be steady
May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed N/A
Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
6
FN6450.0 March 29, 2007
ISL12020
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V 5.0V 1533 SDA AND IRQ/FOUT 100pF FOR VOL= 0.4V AND IOL = 3mA
Pin Descriptions
X1, X2
The X1 and X2 pins are the input and output, respectively, of an inverting amplifier. An external 32.768kHz quartz crystal is used with the device to supply a timebase for the real time clock. Internal compensation circuitry with internal temperature sensor provides frequency corrections for selected popular crystals to 5ppm over the operating temperature range from -40C to +85C. (See "Application Section" on page 22 for recommended crystal). ISL12020 allows the user to input via I2C serial bus the temperature variation profile of crystals not listed in the "Application Section" on page 22. This oscillator compensation network can also be used to calibrate the initial crystal timing accuracy at room temperature. The device can also be driven directly from a 32.768kHz source at pin X1.
FIGURE 1. STANDARD OUTPUT LOAD FOR TESTING THE DEVICE WITH VDD = 5.0V
General Description
The ISL12020 devices are low power real time clocks (RTCs) with embedded temperature sensors. They contain crystal frequency compensation circuitry over the operating temperature range, clock/calendar, power fail and low battery monitors, brown out indicator with separate (LVRSET) reset pin (ISL12021 only), 1 periodic or polled alarm, intelligent battery backup switching and 128 Bytes of battery-backed user SRAM. The oscillator uses an external, low cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction. In addition, both the ISL12020 could be programmed for automatic Daylight Saving Time (DST) adjustment by entering local DST information. The ISL1202x's alarm can be set to any clock/calendar value for a match. For example, every minute, every Tuesday or at 5:23 AM on March 21. The alarm status is available by checking the Status Register, or the device can be configured to provide a hardware interrupt via the IRQ pin. There is a repeat mode for the alarm allowing a periodic interrupt every minute, every hour, every day, etc. The device also offers a backup power input pin. This VBAT pin allows the device to be backed up by battery or Super Cap with automatic switchover from VDD to VBAT. The ISL12020 devices are specified for VDD = 2.7V to 5.5V and the clock/calendar portion of the device remains fully operational in battery backup mode down to 1.8V (Standby Mode). The VBAT level is monitored and reported against preselected levels. The first report is registered when the VBAT level falls below 85% of nominal level, the second level is set for 75%. Battery levels are stored in VBATM registers. The ISL12020 offers a "Brown Out" alarm once the VDD falls below a pre-selected trip level. In the ISL12020, this allows system Micro to save vital information to memory before complete power loss. There are six VDD levels that could be selected for initiation of brown out alarm.
X1 X2
FIGURE 2. RECOMMENDED CRYSTAL CONNECTION
VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the VDD supply fails. This pin can be connected to a battery, a Super Capacitor or tied to ground if not used. See the Battery Monitor parameter in the DC Operating Characteristics-RTC on page 3.
IRQ/FOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency out control bits of the control/status register. * Interrupt Mode. The pin provides an interrupt signal output. This signal notifies a host processor that an alarm has occurred and requests action. It is an open drain active low output. * Frequency Output Mode. The pin outputs a clock signal which is related to the crystal frequency. The frequency output is user selectable and enabled via the I2C bus. It is an open drain output.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the device. The input buffer on this pin is always active (not gated). It is disabled when the backup power supply on the VBAT pin is activated to minimize power consumption.
7
FN6450.0 March 29, 2007
ISL12020
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out of the device. It has an open drain output and may be ORed with other open drain or open collector outputs. The input buffer is always active (not gated) in normal mode. An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time of the output signal with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds. It is disabled when the backup power supply on the VBAT pin is activated.
BATTERY BACKUP MODE
VDD VTRIP VBAT VBAT - VBATHYS
2.2V 1.8V VBAT + VBATHYS
VDD, GND
Chip power supply and ground pins. The device will operate with a power supply from VDD = 2.7V to 5.5VDC. A 0.1F capacitor is recommended on the VDD pin to ground.
FIGURE 3. BATTERY SWITCHOVER WHEN VBAT < VTRIP
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input. Many types of batteries can be used with Intersil RTC products. For example, 3.0V or 3.6V Lithium batteries are appropriate, and battery sizes are available that can power the ISL1202x for up to 10 years. Another option is to use a Super Capacitor for applications where VDD is interrupted for up to a month. See the "Application Section" on page 22 for more information.
VDD VBAT VTRIP VTRIP
BATTERY BACKUP MODE
3.0V 2.2V
VTRIP + VTRIPHYS
FIGURE 4. BATTERY SWITCHOVER WHEN VBAT > VTRIP The I2C bus is deactivated in battery backup mode to reduce
Normal Mode (VDD) to Battery Backup Mode (VBAT)
To transition from the VDD to VBAT mode, both of the following conditions must be met: Condition 1: VDD < VBAT - VBATHYS where VBATHYS 50mV Condition 2: VDD < VTRIP where VTRIP 2.2V
power consumption. Aside from this, all RTC functions are operational during battery backup mode. Except for SCL and SDA, all the inputs and outputs of the ISL12020 are active during battery backup mode unless disabled via the control register. The device Time Stamps the switchover from VDD to VBAT and VBAT to VDD, and the time is stored in TSV2B and TSB2V registers respectively. If multiple VDD power down sequences occur before status is read, the earliest VDD to VBAT power down time is stored and the most recent VBAT to VDD time is stored. Temperature conversion and compensation can be enabled in battery backup mode. Bit BTSE in the BETA register controls this operation as described in that register section.
Battery Backup Mode (VBAT) to Normal Mode (VDD)
The ISL12020 device will switch from the VBAT to VDD mode when one of the following conditions occurs: Condition 1: VDD > VBAT + VBATHYS where VBATHYS 50mV Condition 2: VDD > VTRIP + VTRIPHYS where VTRIPHYS 30mV These power control situations are illustrated in Figure 3 and Figure 4.
Power Failure Detection
Both the ISL12020 provide a Real Time Clock Failure Bit (RTCF) to detect total power failure. It allows users to determine if the device has powered up after having lost all power to the device (both VDD and VBAT).
Brownout Detection
The ISL12020 monitor the VDD level continuously and provide warning if the VDD level drops below prescribed levels. There are six (6) levels that can be selected for the trip level. These values are 85% below popular VDD levels. The LVDD bit in the Status Register will be set to "1" when Brownout is detected. Note. The I2C serial bus remains active unless the Battery Vtrip levels are reached.
8
FN6450.0 March 29, 2007
ISL12020
Battery Level Monitor
The ISL12020 have a built in warning feature once the Back Up battery level drops first to 85% and then to 75% of the battery's nominal VBAT level. When the battery voltage drops to between 85% and 75%, the LBAT85 bit is set in the status register. When the level drops below 75%, both LBAT85 and LBAT75 bits are set in the status register. There is a Battery Timestamp Function available. Once the VDD is low enough to enable switchover to the battery, the RTC time/date are written into the TSVTB register. This information can be read from the TSVTB registers to discover the point in time of the VDD powerdown. If there are multiple powerdown cycles before reading these registers, the first values stored in these registers will be retained. These registers will hold the original powerdown value until they are cleared by writing "00h" to each register. that when the frequency output function is enabled, the alarm function is disabled. The standard alarm allows for alarms of time, date, day of the week, month, and year. When a time alarm occurs in single event mode, an IRQ pin will be pulled low and the alarm status bit (ALM) will be set to "1". The pulsed interrupt mode allows for repetitive or recurring alarm functionality. Hence, once the alarm is set, the device will continue to alarm for each occurring match of the alarm and present time. Thus, it will alarm as often as every minute (if only the nth second is set) or as infrequently as once a year (if at least the nth month is set). During pulsed interrupt mode, the IRQ pin will be pulled low for 250ms and the alarm status bit (ALM) will be set to "1". The ALM bit can be reset by the user or cleared automatically using the auto reset mode (see ARST bit). The alarm function can be enabled/disabled during battery backup mode using the FOBATB bit. For more information on the alarm, please see "ALARM Registers (10h to 15h)" on page 17.
Low Power Mode
The normal power switching of the ISL12020 is designed to switch into battery backup mode only if the VDD power is lost. This will ensure that the device can accept a wide range of backup voltages from many types of sources while reliably switching into backup mode. Another mode (called Low Power Mode) is available to allow direct switching from VDD to VBAT without requiring VDD to drop below VTRIP. Since the additional monitoring of VDD vs VTRIP is no longer needed, that circuitry is shut down and less power is used while operating from VDD. Power savings are typically 600nA at VDD = 5V. Low Power Mode is activated via the BSW bit in the control and status registers. Low Power Mode is useful in systems where VDD is normally higher than VBAT at all times. The device will switch from VDD to VBAT when VDD drops below VBAT, with about 50mV of hysteresis to prevent any switchback of VDD after switchover. In a system with VDD = 5V and backup lithium battery of VBAT = 3V, Low Power Mode can be used. However, it is not recommended to use Low Power Mode in a system with VDD = 3.3V 10%, VBAT 3.0V, and when there is a finite I-R voltage drop in the VDD line.
Frequency Output Mode
The ISL12020 has the option to provide a clock output signal using the IRQ/FOUT open drain output pin. The frequency output mode is set by using the FO bits to select 15 possible output frequency values from 1/32Hz to 32kHz. The frequency output can be enabled/disabled during battery backup mode using the FOBATB bit.
General Purpose User SRAM
The ISL12020 provides 128 bytes of user SRAM. The SRAM will continue to operate in battery backup mode. However, it should be noted that the I2C bus is disabled in battery backup mode.
I2C Serial Interface
The ISL12020 has an I2C serial bus interface that provides access to the control and status registers and the user SRAM. The I2C serial interface is compatible with other industry I2C serial bus protocols using a bi-directional data signal (SDA) and a clock signal (SCL).
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz quartz crystal to maintain an accurate internal representation of second, minute, hour, day of week, date, month, and year. The RTC also has leap-year correction. The clock also corrects for months having fewer than 31 days and has a bit that controls 24 hour or AM/PM format. When the ISL12020 powers up after the loss of both VDD and VBAT, the clock will not begin incrementing until at least one byte is written to the clock register.
Oscillator Compensation
The ISL12020 provides both initial timing correction and temperature correction due to variation of the crystal oscillator. Analog and Digital trimming control is provided for initial adjustment, and a temperature compensation function is provided to automatically correct for temperature drift of the crystal. Initial values for the temperature coefficient (ALPHA) and crystal capacitance (BETA) are required for best accuracy. The function can be enabled/disabled at any time and can be used in battery mode as well.
Single Event and Interrupt
The alarm mode is enabled via the MSB bit. Choosing single event or interrupt alarm mode is selected via the IM bit. Note
9
FN6450.0 March 29, 2007
ISL12020 Register Descriptions
The battery-backed registers are accessible following a slave byte of "1101111x" and reads or writes to addresses [00h:13h]. The defined addresses and default values are described in the Table 1. The battery backed general purpose SRAM has a different slave address (1010111x), so it is not possible to read/write that section of memory while accessing the registers. REGISTER ACCESS The contents of the registers can be modified by performing a byte or a page write operation directly to any register address. The registers are divided into 8 sections. They are: 1. Real Time Clock (7 bytes): Address 00h to 06h. 2. Control and Status (9 bytes): Address 07h to 0Fh. 3. Alarm (6 bytes): Address 10h to 15h. 4. Time Stamp for Battery Status (5 bytes): Address 16h to 1Ah. 5. Time Stamp for VDD Status (5 bytes): Address 1Bh to 1Fh. 6. Day Light Saving Time (8 bytes): 20h to 27h. 7. TEMP (2 bytes): 28h to 29h 8. Scratch Pad (6 bytes): Address 2Ah to 2Fh. Write capability is allowable into the RTC registers (00h to 06h) only when the WRTC bit (bit 6 of address 08h) is set to "1". A multi-byte read or write operation is limited to one section per operation. Access to another section requires a new operation. A read or write can begin at any address within the section. A register can be read by performing a random read at any address at any time. This returns the contents of that register location. Additional registers are read by performing a sequential read. For the RTC and Alarm registers, the read instruction latches all clock registers into a buffer, so an update of the clock does not change the time being read. At the end of a read, the master supplies a stop condition to end the operation and free the bus. After a read, the address remains at the previous address +1 so the user can execute a current address read and continue reading the next register. It is not necessary to set the WRTC bit prior to writing into the control and status, alarm, and user SRAM registers.
10
FN6450.0 March 29, 2007
ISL12020
TABLE 1. REGISTER MEMORY MAP REG NAME SC MN HR RTC DT MO YR DW SR INT PWR_VDD PWR_VBAT CSR ITRO ALPHA BETA FATR FDTR SCA0 MNA0 HRA0 ALARM DTA0 MOA0 DWA0 VSC VMN TSV2B VHR VDT VMO BSC BMN TSB2V BHR BDT BMO BIT 7 0 0 MIL 0 0 YR23 0 BUSY ARST CLRTS BSW IDTR01 D TSE 0 0 ESCA0 EMNA0 EHRA0 EDTA0 EMOA00 EDWA0 0 0 VMIL 0 0 0 0 BMIL 0 0 6 SC22 MN22 0 0 0 YR22 0 OSCF WRTC D D IDTR00 ALPHA6 BTSE 0 0 SCA022 MNA022 D D D D VSC22 VMN22 0 0 0 BSC22 BMN22 0 0 0 5 SC21 MN21 HR21 DT21 0 YR21 0 DSTADJ IM D VB85Tp2 IATR05 ALPHA5 BTSR FFATR5 0 SCA021 MNA021 HRA021 DTA021 D D VSC21 VMN21 VHR21 VDT21 0 BSC21 BMN21 BHR21 BDT21 0 4 SC20 MN20 HR20 DT20 MO20 YR20 0 ALM FOBATB D VB85Tp1 IATR04 ALPHA4 D FATR4 0 SCA020 MNA020 HRA020 DTA020 MOA020 D VSC20 VMN20 VHR20 VDT20 VMO20 BSC20 BMN20 BHR20 BDT20 BMO20 3 SC13 MN13 HR13 DT13 MO13 YR13 0 LVDD FO3 D VB85Tp0 IATR03 ALPHA3 BETA3 FATR3 0 SCA013 MNA013 HRA013 DTA013 MOA013 D VSC13 VMN13 VHR13 VDT13 VMO13 BSC13 BMN13 BHR13 BDT13 BMO13 2 SC12 MN12 HR12 DT12 MO12 YR12 DW2 LBAT85 FO2 VDDTrip2 VB75Tp2 IATR02 ALPHA2 BETA2 FATR2 FDTR2 SCA012 MNA012 HRA012 DTA012 MOA012 DWA02 VSC12 VMN12 VHR12 VDT12 VMO12 BSC12 BMN12 BHR12 BDT12 BMO12 1 SC11 MN11 HR11 DT11 MO11 YR11 DW1 LBAT75 FO1 VDDTrip1 VB75Tp1 IATR01 ALPHA1 BETA1 FATR1 FDTR1 SCA011 MNA011 HRA011 DTA011 MOA011 DWA01 VSC11 VMN11 VHR11 VDT11 VMO11 BSC11 BMN11 BHR11 BDT11 BMO11 0 SC10 MN10 HR10 DT10 MO10 YR10 DW0 RTCF FO0 VDDTrip0 VB75Tp0 IATR00 ALPHA0 BETA0 FATR0 FDTR0 SCA010 MNA010 HRA010 DTA010 MOA010 DWA00 VSC10 VMN10 VHR10 VDT10 VMO10 BSC10 BMN10 BHR10 BDT10 BMO10 RANGE 0 to 59 0 to 59 0 to 23 1 to 31 1 to 12 0 to 99 0 to 6 N/A N/A N/A N/A N/A N/A N/A N/A N/A 00 to 59 00 to 59 0 to 23 01 to 31 01 to 12 0 to 6 0 to 59 0 to 59 0 to 23 1 to 31 1 to 12 0 to 59 0 to 59 0 to 23 1 to 31 1 to 12 DEFAULT 00h 00h 00h 01h 01h 00h 00h 01h 00h 00h 00h 08h 25h 08h 00h 00h 00h 00h 00h 01h 01h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h
ADDR. SECTION 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh
11
FN6450.0 March 29, 2007
ISL12020
TABLE 1. REGISTER MEMORY MAP (Continued) REG NAME DstMoFd DstDwFd DstDtFd DstHrFd DSTCR DstMoRv DstDwRv DstDtRv DstHrRv TK0L TEMP TK0M GPM1 GPM2 GPM3 GPM GPM4 GPM5 GPM6 BIT 7 DSTE DstDwEFd D D D DstDwERv D D TK07 0 GPM17 GPM27 GPM37 GPM47 GPM57 GPM67 6 D D D D D D D D TK06 0 GPM16 GPM26 GPM36 GPM46 GPM56 GPM66 5 D D DstDtFd21 DstHrFd21 D D DstDtRv21 DstHrRv21 TK05 0 GPM15 GPM25 GPM35 GPM45 GPM55 GPM65 4 3 2 1 0 RANGE 1 to 12 0 to 6 1 to 31 0 to 23 01 to 12 0 to 6 01 to 31 0 to 23 00 to FF 00 to 03 00 to FF 00 to FF 00 to FF 00 to FF 00 to FF 00 to FF DEFAULT 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h
ADDR. SECTION 20h 21h 22h 23h 24h 25h 26h 27h 28h 29h 2Ah 2Bh 2Ch 2Dh 2Eh 2Fh
DstMoFd20 DstMoFd13 DstMoFd12 DstMoFd11 DstMoFd10 D DstDtFd20 DstHrFd20 D DstDtFd13 DstHrFd13 DstDwFd12 DstDwFd11 DstDwFd10 DstDtFd12 DstHrFd12 DstDtFd11 DstHrFd11 DstDtFd10 DstHrFd10
XDstMoRv2 DstMoRv13 DstMoR12v DstMoRv11 DstMoRv10 0 D DstDtRv20 DstHrRv20 TK04 0 GPM14 GPM24 GPM34 GPM44 GPM54 GPM64 D DstDtRv13 DstHrRv13 TK03 0 GPM13 GPM23 GPM33 GPM43 GPM53 GPM63 DstDwRv12 DstDwRv11 DstDwRv10 DstDtRv12 DstHrRv12 TK02 0 GPM12 GPM22 GPM32 GPM42 GPM52 GPM62 DstDtRv11 DstHrRv11 TK01 TK09 GPM11 GPM21 GPM31 GPM41 GPM51 GPM61 DstDtRv10 DstHrRv10 TK00 TK08 GPM10 GPM20 GPM30 GPM40 GPM50 GPM60
12
FN6450.0 March 29, 2007
ISL12020 Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DT, MO, YR, DW) These registers depict BCD representations of the time. As such, SC (Seconds) and MN (Minutes) range from 0 to 59, HR (Hour) can either be a 12-hour or 24-hour mode, DT (Date) is 1 to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99, and DW (Day of the Week) is 0 to 6. The DW register provides a Day of the Week status and uses three bits DW2 to DW0 to represent the seven days of the week. The counter advances in the cycle 0-1-2-3-4-5-6-0-12-... The assignment of a numerical value to a specific day of the week is arbitrary and may be decided by the system software designer. The default value is defined as "0". 24 HOUR TIME If the MIL bit of the HR register is "1", the RTC uses a 24-hour format. If the MIL bit is "0", the RTC uses a 12-hour format and HR21 bit functions as an AM/PM indicator with a "1" representing PM. The clock defaults to 12-hour format time with HR21 = "0". LEAP YEARS Leap years add the day February 29 and are defined as those years that are divisible by 4. Years divisible by 100 are not leap years, unless they are also divisible by 400. This means that the year 2000 is a leap year and the year 2100 is not. The ISL12020 does not correct for the leap year in the year 2100. DAYLIGHT SAVING TIME CHANGE BIT (DSTADJ) DSTADJ is the Daylight Saving Time Adjusted Bit. It indicates the daylight saving time adjustment has happened. DSTADJ is reset to 0 upon power up. If DST event happens (at either the beginning or the end of DST), DSTADJ will be set to 1. A read of the SR will reset the DSTADJ, or it will be automatically reset on the following month. ALARM BIT (ALM) These bits announce if the alarm matches the real time clock. If there is a match, the respective bit is set to "1". This bit can be manually reset to "0" by the user or automatically reset by enabling the auto-reset bit (see ARST bit). A write to this bit in the SR can only set it to "0", not "1". An alarm bit that is set by an alarm occurring during an SR read operation will remain set after the read operation is complete. LOW VDD INDICATOR BIT (LVDDVDD) Indicates VDD dropped below the pre-selected trip level. (Brown Out Mode). The Trip points for Brown Out levels are selected by three bits VDDTrip2, VDDTrip1 and VDDTrip0 in PWR_VDD registers. LOW BATTERY INDICATOR 85% BIT (LBAT85) Indicates battery level dropped below the pre-selected trip levels (85% of battery voltage). The trip points are selected by three bits: VB85Tp2, VB85Tp1 and VB85Tp0 in the PWR_VBAT registers. LOW BATTERY INDICATOR 75% BIT (LBAT75) Indicates battery level dropped below the pre-selected trip levels (75% of battery voltage). The trip points are selected by three bits VB75Tp2, VB75Tp1 and VB75Tp0 in the PWR_VBAT registers. REAL TIME CLOCK FAIL BIT (RTCF) This bit is set to a "1" after a total power failure. This is a read only bit that is set by hardware (ISL12020 internally) when the device powers up after having lost all power (defined as VDD = 0V and VBAT = 0V). The bit is set regardless of whether VDD or VBAT is applied first. The loss of only one of the supplies does not set the RTCF bit to "1". The first valid write to the RTC section after a complete power failure resets the RTCF bit to "0" (writing one byte is sufficient).
Control and Status Registers (CSR)
Addresses [07h to 0Fh]
The Control and Status Registers consist of the Status Register, Interrupt and Alarm Register, Analog Trimming and Digital Trimming Registers.
Status Register (SR)
The Status Register is located in the memory map at address 07h. This is a volatile register that provides either control or status of RTC failure (RTCF), Battery Level Monitor (LBAT85, LBAT75), alarm trigger, Daylight Saving Time, crystal oscillator enable and temperature conversion in progress bit.
TABLE 2. STATUS REGISTER (SR) ADDR 07h 7 6 5 4 3 2 1 0
Interrupt Control Register (INT)
TABLE 3. INTERRUPT CONTROL REGISTER (INT) ADDR 08h 7 6 5 IM 4 3 2 1 0
BUSY OSCF DSTDJ ALM LVDD LBAT85 LBAT75 RTCF
ARST WRTC
FOBATB FO3 FO2 FO1 FO0
BUSY BIT (BUSY) Busy Bit indicates temperature sensing is in progress. In this mode, Alpha, Beta and ITRO registers are disabled and cannot be accessed. OSCILLATOR FAIL BIT (OSCF) Indicates oscillator stopped. 13
AUTOMATIC RESET BIT (ARST) This bit enables/disables the automatic reset of the ALM, LVDD, LBAT85, and LBAT75 status bits only. When ARST bit is set to "1", these status bits are reset to "0" after a valid read of the respective status register (with a valid STOP
FN6450.0 March 29, 2007
ISL12020
condition). When the ARST is cleared to "0", the user must manually reset the ALM, LVDD, LBAT85, and LBAT75 bits. WRITE RTC ENABLE BIT (WRTC) The WRTC bit enables or disables write capability into the RTC Timing Registers. The factory default setting of this bit is "0". Upon initialization or power up, the WRTC must be set to "1" to enable the RTC. Upon the completion of a valid write (STOP), the RTC starts counting. The RTC internal 1Hz signal is synchronized to the STOP condition during a valid write cycle. INTERRUPT/ALARM MODE BIT (IM) This bit enables/disables the interrupt mode of the alarm function. When the IM bit is set to "1", the alarm will operate in the interrupt mode, where an active low pulse width of 250ms will appear at the IRQ/FOUT pin when the RTC is triggered by the alarm as defined by the alarm registers (0Ch to 11h). When the IM bit is cleared to "0", the alarm will operate in standard mode, where the IRQ/FOUT pin will be set low until the ALM status bit is cleared to "0".
TABLE 4. IM BIT 0 1 INTERRUPT/ALARM FREQUENCY Single Time Event Set By Alarm Repetitive/Recurring Time Event Set By Alarm TABLE 5. FREQUENCY SELECTION OF FOUT PIN (Continued) FREQUENCY, FOUT UNITS 16 8 4 2 1 1/2 1/4 1/8 1/16 1/32 Hz Hz Hz Hz Hz Hz Hz Hz Hz Hz FO3 0 0 1 1 1 1 1 1 1 1 FO2 1 1 0 0 0 0 1 1 1 1 FO1 1 1 0 0 1 1 0 0 1 1 FO0 0 1 0 1 0 1 0 1 0 1
POWER SUPPLY CONTROL REGISTER (PWR_VDD) Clear Time Stamp Bit (CLRTS)
ADDR 09h 7 CLRTS 6 0 5 0 4 0 3 0 2 1 0
VDDTrip2 VDDTrip1 VDDTrip0
FREQUENCY OUTPUT AND INTERRUPT BIT (FOBATB) This bit enables/disables the FOUT/IRQ pin during battery backup mode (i.e. VBAT power source active). When the FOBATB is set to "1" the FOUT/IRQ pin is disabled during battery backup mode. This means that both the frequency output and alarm output functions are disabled. When the FOBATB is cleared to "0", the FOUT/IRQ pin is enabled during battery backup mode. Note that the open drain FOUT/IRQ pin will need a pullup to the battery voltage to operate in battery backup mode. FREQUENCY OUT CONTROL BITS (FO <3:0>) These bits enable/disable the frequency output function and select the output frequency at the IRQ/FOUT pin. See Table 5 for frequency selection. When the frequency mode is enabled, it will override the alarm mode at the IRQ/FOUT pin.
TABLE 5. FREQUENCY SELECTION OF FOUT PIN FREQUENCY, FOUT UNITS 0 32768 4096 1024 64 32 Hz Hz Hz Hz Hz Hz FO3 0 0 0 0 0 0 FO2 0 0 0 0 1 1 FO1 0 0 1 1 0 0 FO0 0 1 0 1 0 1
This bit clears Time Stamp VDD to Battery (TSV2B) and Time Stamp Battery to VDD Registers (TSB2V). The default setting is 0 (CLRTS = 0) and the Enabled setting is 1 (CLRTS = 1)
VDD Brown Out Trip Voltage BITS (VDDTrip)<2:0
These bits set the 6 trip levels for the VDD alarm, indicating that VDD has dropped below a preset level, in this event, the LVDD bit in the Status Register is set to "1". See Table 6.
TABLE 6. VDD TRIP LEVELS TRIP VOLTAGE (V) 2.295 2.550 2.805 3.060 4.250 4.675
VDDTrip2 0 0 0 0 1 1
VDDTrip1 0 0 1 1 0 0
VDDTrip0 0 1 0 1 0 1
Battery Voltage Trip Voltage Register (PWR_VBAT)
This register controls the trip points for the two VBAT alarms, with levels set to approximately 85% and 75% of the nominal battery level.
TABLE 7. ADDR 0Ah 7 BSW 0 6 5 VB85 Tp2 4 VB85 Tp1 3 VB85 Tp0 2 VB75 Tp2 1 VB75 Tp1 0 VB75 Tp0
14
FN6450.0 March 29, 2007
ISL12020
BATTERY SWITCHOVER BIT (BSW) This bit selects either standard mode or low power mode battery switchover. In standard Mode (BSW = 0), the VDD switches over to battery at the low trip point, typically 2.2V. In Low Power Mode (BSW = 1), VDD switches over to battery at the battery voltage (VBAT). Low power mode uses less power in battery backup for applications requiring longer backup times. BATTERY LEVEL MONITOR TRIP BITS (VB85TP <2:0>) Three bits selects the first alarm (85% of Nominal VBAT) level for the battery voltage monitor. There are total of 7 levels that could be selected for the first alarm.Any of the of levels could be selected as the first alarm with no reference as to nominal Battery voltage level. See Table 8.
TABLE 8. VB85T ALARM LEVEL BATTERY ALARM TRIP LEVEL (V) 2.125 2.295 2.550 2.805 3.060 4.250 4.675 0 0 1 1
Initial ATR and DTR setting Register (ITRO)
These bits are to be used to trim the initial error (at room temperature) of the crystal. Both digital (DTR) and analog (ATR) trimming methods are available. The digital trimming uses clock pulse skipping and insertion for frequency adjustment. Analog trimming uses load capacitance adjustment to pull the oscillator frequency. A range of +64ppm to -63ppm is possible with combined Digital and Analog trimming. AGING AND INITIAL TRIM DIGITAL TRIMMING BITS (IDTR0) <2:0> These bits allow 32ppm initial trimming range for the crystal frequency. This is meant to be a coarse adjustment if the range needed is outside that of the IATR control. See Table 10. The IDTR0 register should only be changed while the TSE (Temp Sense Enable) bit is "0".
TABLE 10. IDTR0 TRIMMING RANGE IDTR01 0 1 0 1 IDTR00 TRIMMING RANGE Default /Disabled +32ppm 0ppm -32ppm
VB85Tp2 0 0 0 0 1 1 1
VB85Tp1 0 0 1 1 0 0 1
VB85Tp0 0 1 0 1 0 1 0
AGING AND INITIAL ANALOG TRIMMING BITS (IATR0)<6:0> The analog trimming register allows +32ppm to -31ppm adjustment in 1ppm/bit increments. This enables fine frequency adjustment for trimming initial crystal accuracy error or to correct for aging drift. The IATR0 register should only be changed while the TSE (temp sense enable) bit is "0".
TABLE 11. INITIAL ATR AND DTR SETTING REGISTER ADDR 0Bh 7 6 5 4 3 2 1 0
BATTERY LEVEL MONITOR TRIP BITS (VB75TP <2:0>) Three bits selects the second alarm (75% of Nominal VBAT) level for the battery voltage monitor. There are total of 7 levels that could be selected for the second alarm. Any of the of levels could be selected as the second alarm with no reference as to nominal Battery voltage level. See Table 9.
TABLE 9. BATTERY LEVEL MONITOR TRIP BITS (VB75TP <2:0>) BATTERY ALARM TRIP LEVEL (V) 1.875 2.025 2.250 2.475 2.700 3.750 4.125
IDTR01 IDTR00 IATR05 IATR04 IATR03 IATR02 IATR01 IATR00
TABLE 12. IATRO TRIMMING RANGE IATR05 IATR04 IATR03 IATR02 IATR01 IATR00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 TRIMMING RANGE +32 +31 +30 +29 +28 +27 +26 +25 +24 +23 +22 +21
VB75Tp2 0 0 0 0 1 1 1
VB75Tp1 0 0 1 1 0 0 1
VB75Tp0 0 1 0 1 0 1 0
15
FN6450.0 March 29, 2007
ISL12020
TABLE 12. IATRO TRIMMING RANGE (Continued) IATR05 IATR04 IATR03 IATR02 IATR01 IATR00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 TRIMMING RANGE
ADDR 7 0 6
ALPHA Register (ALPHA)
TABLE 13. ALPHA REGISTER
5 4 3 2 1 0
+20 +19 +18 +17 +16 +15 +14 +13 +12 +11 +10 +9 +8 +7 +6 +5 +4 +3 +2 +1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 -22 -23 -24 -25 -26 -27 -28 -29 -30 -31 ADDR 0Dh 7 TSE 6 5 TABLE 14. 4 3 2 1 0
0Ch ALPHA6 ALPHA5 ALPHA4 ALPHA3 ALPHA2 ALPHA1 ALPHA0
The Alpha variable is 7 bits and is defined as the temperature coefficient of Crystal, normally given in units of ppm/C2 = and with a typical value of -0.034. The ISL12020 devices use a scaled version of the absolute value of this coefficient in order to get an integer value. Therefore, Alpha <6:0> is defined as the (|Actual Alpha Value| x 1024) and converted to binary. For example, a crystal with Alpha of 0.034ppm/C2 is first scaled: |1024*(-0.034)| = 35d and then converted to a binary number of 0100011b. The practical range of Actual Alpha values is from -0.020 to -0.060. The ALPHA register should only be changed while the TSE (Temp Sense Enable) bit is "0".
BETA Register (BETA)
BTSE BTSR 0
BETA3 BETA2 BETA1 BETA0
TEMPERATURE SENSOR ENABLED BIT (TSE) This bit enables the Temperature Sensing operation, including the temperature sensor, A/D converter and ATR/DTR register adjustment. The default mode after power up is disabled (TSE = 0). To enable the operation, TSE should be set to 1 (TSE = 1). When temp sense is disabled, the initial values for IATR and IDTR registers are used for frequency control. All changes to the IDTR, IATR, ALPHA and BETA registers must be made with TSE = 0. After loading the new values, then TSE can be enabled and the new values are used. TEMP SENSOR CONVERSION IN BATTERY MODE BIT (BTSE) This bit enables the Temperature Sensing and Correction in battery mode. BTSE = 0 defualt no conversion in battery mode. BTSE = 1 Temp Sensing enabled in battery mode.The BTSE is disabled when battery voltage is lower than 2.6V. FREQUENCY OF TEMPERATURE SENSING AND CORRECTION BIT (BTSR) This bit controls the frequency of Temp Sensing and Correction. BTSR = 0 default mode is every 10 minutes, BTSR = 1 is every 1.0 minute. Note that BTSE has to be enabled in both cases. See Table 15.
16
FN6450.0 March 29, 2007
ISL12020
TABLE 15. FREQUENCY OF TEMPERATURE SENSING AND CORRECTION BIT BTSE 0 0 1 1 BTSR 0 1 0 1 TC PERIOD IN BATTERY MODE OFF OFF 10 Minutes 1 Minute
Final Digital Trimming Register (FDTR)
This Register shows the final setting of DTR after temperature correction. It is read-only, the user cannot overwrite a value to this register. The value is accessible as a means of monitoring the temperature compensation function. The corresponding clock adjustment values are shown in Table 19. The DTR setting is only positive as it is used to correct for the negative drift of a normal crystal over temperature.
TABLE 18. FINAL DIGITAL TRIMMING REGISTER ADDR 0Fh 7 6 5 4 3 2 FDTR2 1 FDTR1 0 FDTR0
GAIN FACTOR OF ATR BIT (BETA)<3:0> Beta is specified to take care of the Cm variations of the crystal. Most crystals specify Cm around 2.2fF. For example, if Cm > 2.2fF, the actual ATR steps may reduce from 1ppm/step to approximately 0.80ppm/step. Beta is then used to adjust for this variation and restore the step size to 1ppm/step. The value for BETA should only be changed while the TSE (Temp Sense Enable) bit is "0". The procedure for writing the BETA register involves two steps. First, Write the new value of BETA with TSE = 0. Then Write the same value of BETA with TSE = 1. This will insure the next temp sense cycle will use the new BETA value. BETA values are limited in the range from 0100 to 1100 as shown in Table 16.
TABLE 16. BETA VALUES BETA<3:0> 0100 0101 0110 0111 1000 1001 1010 1011 1100 ATR STEP ADJUSTMENT 0.500 0.625 0.750 0.875 1.00 1.125 1.250 1.375 1.500
TABLE 19. CLOCK ADJUSTMENT VALUES FOR FINAL DIGITAL TRIMMING REGISTER DTR<2:0> 000 001 010 011 100 101 110 111 DECIMAL 0 1 2 3 4 5 6 7 ppm ADJUSTMENT 0 32 64 96 128 160 196 -32
ALARM Registers (10h to 15h)
The alarm register bytes are set up identical to the RTC register bytes, except that the MSB of each byte functions as an enable bit (enable = "1"). These enable bits specify which alarm registers (seconds, minutes, etc.) are used to make the comparison. Note that there is no alarm byte for year. The alarm function works as a comparison between the alarm registers and the RTC registers. As the RTC advances, the alarm will be triggered once a match occurs between the alarm registers and the RTC registers. Any one alarm register, multiple registers, or all registers can be enabled for a match. There are two alarm operation modes: Single Event and periodic Interrupt Mode: * Single Event Mode is enabled by setting the bit 7 on any of the Alarm registers (ESCA0... EDWA0) to "1", the IM bit to "0", and disabling the frequency output. This mode permits a one-time match between the Alarm registers and the RTC registers. Once this match occurs, the ALM bit is set to "1" and the IRQ output will be pulled low and will remain low until the ALM bit is reset. This can be done manually or by using the auto-reset feature. * Interrupt Mode is enabled by setting the bit 7 on any of the Alarm registers (ESCA0... EDWA0) to "1", the IM bit to
Final Analog Trimming Register (FATR)
This register shows the final setting of ATR after temperature correction. It is read-only, the user cannot overwrite a value to this register. This value is accessible as a means of monitoring the temperature compensation function. See Table 17.
TABLE 17. FINAL ANALOG TRIMMING REGISTER ADDR 0Eh 7 0 6 0 5 4 3 2 1 0
FATR5 FATR4 FATR3 FATR2 FATR1 FATR0
17
FN6450.0 March 29, 2007
ISL12020
"1", and disabling the frequency output. The IRQ output will now be pulsed each time an alarm occurs. This means that once the interrupt mode alarm is set, it will continue to alarm for each occurring match of the alarm and present time. This mode is convenient for hourly or daily hardware interrupts in microcontroller applications such as security cameras or utility meter reading. To clear a single event alarm, the ALM bit in the status register must be set to "0" with a write. Note that if the ARST bit is set to 1 (address 08h, bit 7), the ALM bit will automatically be cleared when the status register is read. Following are examples of both Single Event and periodic Interrupt Mode alarms. Example 1 * Alarm set with single interrupt (IM = "0") * A single alarm will occur on January 1 at 11:30am. * Set Alarm registers as follows:
ALARM REGISTER 7 SCA0 MNA0 HRA0 DTA0 MOA0 DWA0 0 1 1 1 1 0 BIT 6 0 0 0 0 0 0 5 0 1 0 0 0 0 4 0 1 1 0 0 0 3 0 0 0 0 0 0 2 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 1 1 1 0 HEX DESCRIPTION
60s
BIT ALARM REGISTER 7 6 5 4 3 2 1 0 HEX MOA0 DWA0
DESCRIPTION
0 0 0 0 0 0 0 0 00h Month disabled 0 0 0 0 0 0 0 0 00h Day of week disabled
Once the registers are set, the following waveform will be seen at IRQ:
RTC AND ALARM REGISTERS ARE BOTH "30s"
FIGURE 5. IRQ WAVEFORM
Note that the status register ALM bit will be set each time the alarm is triggered, but does not need to be read or cleared
Time Stamp VDD to Battery Registers (TSV2B)
The TSV2B Register bytes are identical to the RTC register bytes, except they do not extend beyond the Month. The Time Stamp captures the FIRST VDD to Battery Voltage transition time, and will not update upon subsequent events, until cleared (only the first event is captured before clearing). Set CLRTS = 1 to clear this register (Add 09h, PWR_VDD register). Note that the time stamp registers are cleared to all "0", including the month and day, which is different from the RTC and alarm registers (those registers default to 01h). This is the indicator that no time stamping has occurred since the last clear or initial powerup. Once a time stamp occurs, there will be a non-zero time stamp.
00h Seconds disabled B0h Minutes set to 30, enabled 91h Hours set to 11, enabled 81h Date set to 1, enabled 81h Month set to 1, enabled 00h Day of week disabled
Time Stamp Battery to VDD Registers (TSB2V)
The Time Stamp Battery to VDD Register bytes are identical to the RTC register bytes, except they do not extend beyond Month. The Time Stamp captures the LAST transition of VBAT to VD (only the last event of a series of power up/down events is retained). Set CLRTS = 1 to clear this register (Add 09h, PWR_VDD register).
BMODE
After these registers are set, an alarm will be generated when the RTC advances to exactly 11:30am on January 1 (after seconds changes from 59 to 00) by setting the ALM bit in the status register to "1" and also bringing the IRQ output low. Example 2 * Pulsed interrupt once per minute (IM = "1") * Interrupts at one minute intervals when the seconds register is at 30 seconds. * Set Alarm registers as follows:
BIT ALARM REGISTER 7 6 5 4 3 2 1 0 HEX SCA0 MNA0 HRA0 DTA0
CLRTS CLRTS INT+ VDDTS
DESCRIPTION
VBATTS
1 0 1 1 0 0 0 0 B0h Seconds set to 30, enabled 0 0 0 0 0 0 0 0 00h Minutes disabled 0 0 0 0 0 0 0 0 00h Hours disabled 0 0 0 0 0 0 0 0 00h Date disabled
FIGURE 6.
DST Control Registers (DSTCR)
8 bytes of control registers have been assigned for the Daylight Savings Time (DST) functions. DST beginning time is controlled by the registers DstMoFd, DstDwFd, DstDtFd
18
FN6450.0 March 29, 2007
ISL12020
and DstHrFd. DST ending time is controlled by DstMoRv, DstDwRv, DstDtRv and DstHrRv. The following tables describe the structure and functions of the DSTCR. DST FORWARD REGISTERS (20H TO 23H) DSTE is the DST Enabling Bit located in bit 7 of register 20h (DstMoFdxx). Set DSTE = 1 will enable the DSTE function. Upon powering up for the first time (including battery), the DSTE bit defaults to "0". The beginning of DST is controlled by the following DST Registers. DstMoFd sets the Month that DST starts. The default value for the DST begin month is April (04h). DstDw sets the Day of the Week that DST starts. DstDwFdE sets the priority of the Day of the Week over the Date. For DstDwFdE=1, Day of the week is the priority. Note that Day of the week counts from 0 to 6, like the RTC registers. The default for the DST Forward Day of the Week is Sunday (80h). DstDtfd control which Date DST begins. The defaulted value for DST date is on the first date of the month. DstDtFd is only effective if DstDwFdE = 0. DstHrFd controls the hour that DST begins. It includes the MIL bit which is in the corresponding RTC register. These
TABLE 20. DST FORWARD REGISTERS Name DstMoFd DstDwFd DstDtFd DstHrFd 7 DSTE DstDwFdE Not Used MIL 6 Not Used Not Used Not Used Not Used 5 Not Used Not Used DstDtFd21 DstHrFd21 4 DstMoFd20 Not Used DstDtFd20 DstHrFd20 3 DstMoFd13 Not Used DstDtFd13 DstHrFd13 2 DstMoFd12 DstDwFd12 DstDtFd12 DstHrFd12 1 DstMoFd11 DstDwFd11 DstDtFd11 DstHrFd11 0 DstMoFd10 DstDwFd10 DstDtFd10 DstHrFd10
two registers need to match formats (Military or AM/PM) in order for the DST function to work. The default value for DST hour is 2:00AM. The time is advanced from 2:00:00AM to 3:00:00AM for this setting. DST REVERSE REGISTERS (24H TO 27H) The end of DST is controlled by the following DST Registers. DstMoRv sets the Month that DST ends. The default value for the DST end month is October (10h). DstDwRv controls which count of the Day of the Week that DST should end. DstDwRvE sets the priority of the Day of the Week over the Date. For DstDwRvE = 1, Day of the week is the priority. Note that Day of the week counts from 0 to 6, like the RTC registers. The default for DST end is Sunday (80h). DstDtRv controls which Date DST ends. The default value DST is set to end is the first date of the month. The DstDtRv is only effective if the DstDwRvE = 0. DstHrRv controls the hour that DST ends. It includes the MIL bit which is in the corresponding RTC register. These two registers need to match formats (Military or AM/PM) in order for the DST function to work. The default value sets the DST end at 2:00AM. The time is set back from 2:00:00AM to 1:00:00AM for this setting.
TABLE 21. DST REVERSE REGISTERS Name DstMoRv DstDwRv DstDtRv DstHrRv 7 Not Used DstDwRvE Not Used MIL 6 Not Used Not Used Not Used Not Used 5 Not Used Not Used DstDtRv21 DstHrRv21 4 DstMoRv20 Not Used DstDtRv20 DstHrRv20 3 DstMoRv13 Not Used DstDtRv13 DstHrRv13 2 DstMoRv12 DstDwRv12 DstDtRv12 DstHrRv12 1 DstMoRv11 DstDwRv11 DstDtRv11 DstHrRv11 0 DstMoRv10 DstDwRv10 DstDtRv10 DstHrRv10
19
FN6450.0 March 29, 2007
ISL12020
TEMP Registers (TEMP)
The temperature sensor produces an analog voltage output and is input to an A/D converter which outputs a 10-bit temperature value in degrees Kelvin. The output is coded to produce greater resolution for the temperature control. TK07:00 are the LSBs of the code, and TK09:08 are the MSBs of the code. The output code can be converted to degrees Centigrade by first converting from binary to decimal and then subtracting 369d.
Temperature in C = [(TK <9:0>)/2] - 369 (EQ. 1)
All communication over the I2C interface is conducted by sending the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW periods. SDA state changes during SCL HIGH are reserved for indicating START and STOP conditions (See Figure 7). On power up of the ISL12020, the SDA pin is in the input mode. All I2C interface operations must begin with a START condition, which is a HIGH to LOW transition of SDA while SCL is HIGH. The ISL12020 continuously monitors the SDA and SCL lines for the START condition and does not respond to any command until this condition is met (See Figure 7). A START condition is ignored during the power-up sequence. All I2C interface operations must be terminated by a STOP condition, which is a LOW to HIGH transition of SDA while SCL is HIGH (See Figure 7). A STOP condition at the end of a read operation or at the end of a write operation to memory only places the device in its standby mode. An acknowledge (ACK) is a software convention used to indicate a successful data transfer. The transmitting device, either master or slave, releases the SDA bus after transmitting eight bits. During the ninth clock cycle, the receiver pulls the SDA line LOW to acknowledge the reception of the eight bits of data (See Figure 8). The ISL12020 responds with an ACK after recognition of a START condition followed by a valid Identification Byte, and once again after successful receipt of an Address Byte. The ISL12020 also responds with an ACK after receiving a Data Byte of a write operation. The master must respond with an ACK after receiving a Data Byte of a read operation.
The practical range for the temp sensor register output is from 658d to 908d, or -40C to +85C. The TSE bit must be set to "1" to enable temperature sensing.
TABLE 22.
7 6 5 4 3 2 1 0
TK0L TK0M
TK07 TK06 TK05 TK04 TK03 TK02 TK01 TK00 0 0 0 0 0 0 TK09 TK08
User Registers (accessed by using Slave Address 1010111x)
Addresses [00h to 7Fh]
These registers are 128 bytes of battery-backed user SRAM.
I2C Serial Interface
The ISL12020 supports a bi-directional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is the master and the device being controlled is the slave. The master always initiates data transfers and provides the clock for both transmit and receive operations. Therefore, the ISL12020 operates as a slave device in all applications.
SCL
SDA
START
DATA STABLE
DATA CHANGE
DATA STABLE
STOP
FIGURE 7. VALID DATA CHANGES, START AND STOP CONDITIONS
20
FN6450.0 March 29, 2007
ISL12020
SCL FROM MASTER
1
8
9
SDA OUTPUT FROM TRANSMITTER
HIGH IMPEDANCE
SDA OUTPUT FROM RECEIVER
HIGH IMPEDANCE
START
ACK
FIGURE 8. ACKNOWLEDGE RESPONSE FROM RECEIVER
WRITE SIGNALS FROM THE MASTER S T A R T S T O P
IDENTIFICATION BYTE
ADDRESS BYTE
DATA BYTE
SIGNAL AT SDA SIGNALS FROM THE ISL12020
11011110 A C K
0000 A C K A C K
FIGURE 9. BYTE WRITE SEQUENCE (SLAVE ADDRESS FOR CSR SHOWN)
Device Addressing
Following a start condition, the master must output a Slave Address Byte. The 7 MSBs are the device identifier. These bits are "1101111" for the RTC registers and:1010111" for the User SRAM. The last bit of the Slave Address Byte defines a read or write operation to be performed. When this R/W bit is a "1", then a read operation is selected. A "0" selects a write operation (refer to Figure 10). After loading the entire Slave Address Byte from the SDA bus, the ISL12020 compares the device identifier and device select bits with "1101111" or "1010111". Upon a correct compare, the device outputs an acknowledge on the SDA line. Following the Slave Byte is a one byte word address. The word address is either supplied by the master device or obtained from an internal counter. On power up the internal address counter is set to address 00h, so a current address read starts at address 00h. When required, as part of a random read, the master must supply the 1 Word Address Bytes as shown in Figure 12. In a random read operation, the slave byte in the "dummy write" portion must match the slave byte in the "read" section. For a random read of the Control/Status Registers, the slave byte must be "1101111x" in both places. 21
1 1 0 1 1 1 1 R/W
SLAVE ADDRESS BYTE
A7
A6
A5
A4
A3
A2
A1
A0
WORD ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
FIGURE 10. SLAVE ADDRESS, WORD ADDRESS, AND DATA BYTES
Write Operation
A Write operation requires a START condition, followed by a valid Identification Byte, a valid Address Byte, a Data Byte, and a STOP condition. After each of the three bytes, the ISL12020 responds with an ACK. At this time, the I2C interface enters a standby state.
Read Operation
A Read operation consists of a three byte instruction followed by one or more Data Bytes (See Figure 12). The master initiates the operation issuing the following sequence: a START, the Identification byte with the R/W bit set to "0", an Address Byte, a second START, and a second Identification byte with the R/W bit set to "1". After each of the three bytes, the ISL12020 responds with an ACK. Then
FN6450.0 March 29, 2007
ISL12020
the ISL12020 transmits Data Bytes as long as the master responds with an ACK during the SCL cycle following the eighth bit of each byte. The master terminates the read operation (issuing a STOP condition) following the last bit of the last Data Byte (See Figure 12). The Data Bytes are from the memory location indicated by an internal pointer. This pointers initial value is determined by the Address Byte in the Read operation instruction, and increments by one during transmission of each Data Byte. After reaching the memory location 13h, the pointer "rolls over" to 00h, and the device continues to output data for each ACK received.
TABLE 23. SUGGESTED SURFACE MOUNT CRYSTALS MANUFACTURER Citizen Epson Raltron SaRonix Ecliptek ECS Fox PART NUMBER CM200S MC-405, MC-406 RSM-200S 32S12 ECPSM29T-32.768K ECX-306 FSM-327
The crystal should have a required parallel load capacitance of 12.5pF and an equivalent series resistance of less than 50k. The crystal's temperature range specification should match the application. Many crystals are rated for -10C to +60C (especially through hole and tuning fork types), so an appropriate crystal should be selected if extended temperature range is required.
Layout Considerations
The crystal input at X1 has a very high impedance, and oscillator circuits operating at low frequencies such as 32.768kHz are known to pick up noise very easily if layout precautions are not followed. Most instances of erratic clocking or large accuracy errors can be traced to the susceptibility of the oscillator circuit to interference from adjacent high speed clock or data lines. Careful layout of the RTC circuit will avoid noise pickup and insure accurate clocking. Figure 11 shows a suggested layout for the ISL12020 device using a surface mount crystal. Two main precautions should be followed: * Do not run the serial bus lines or any high speed logic lines in the vicinity of the crystal. These logic level lines can induce noise in the oscillator circuit to cause misclocking. * Add a ground trace around the crystal with one end terminated at the chip ground. This will provide termination for emitted noise in the vicinity of the RTC device.
Application Section
Battery Backup Details
Note that any input signal conditioning circuitry that is added in regular operation or battery backup should have minimum supply current drain, or have the capability to be put in a low power standby mode. Op Amps such as the EL8176 have low normal supply current (50A) and standby power drain (3A), so can be used in battery backup applications.
Oscillator Crystal Requirements
The ISL12020 uses a standard 32.768kHz crystal. Either through hole or surface mount crystals can be used. Table 23 lists some recommended surface mount crystals and the parameters of each. This list is not exhaustive and other surface mount devices can be used with the ISL12020 if their specifications are very similar to the devices listed.
FIGURE 11. SUGGESTED LAYOUT FOR ISL12020 AND CRYSTAL
SIGNALS FROM THE MASTER
S T A R T
IDENTIFICATION BYTE WITH R/W=0
ADDRESS BYTE
S T IDENTIFICATION A BYTE WITH R R/W = 1 T
A C K
A C K
S T O P
SIGNAL AT SDA SIGNALS FROM THE SLAVE
11011110 A C K A C K
11011111 A C K
FIRST READ DATA BYTE
LAST READ DATA BYTE
FIGURE 12. READ SEQUENCE (CSR SLAVE ADDRESS SHOWN)
22
FN6450.0 March 29, 2007
ISL12020
In addition, it is a good idea to avoid a ground plane under the X1 and X2 pins and the crystal, as this will affect the load capacitance and therefore the oscillator accuracy of the circuit. If the ~IRQ/FOUT pin is used as a clock, it should be routed away from the RTC device as well. The traces for the VBAT and VDD pins can be treated as a ground, and should be routed around the crystal. dT = CBAT*dV/ITOT to solve for backup time.
(EQ. 3)
Super Capacitor Backup
The ISL12020 device provides a VBAT pin which is used for a battery backup input. A Super Capacitor can be used as an alternative to a battery in cases where shorter backup times are required. Since the battery backup supply current required by the ISL12020 is extremely low, it is possible to get months of backup operation using a Super Capacitor. Typical capacitor values are a few F to 1F or more depending on the application. If backup is only needed for a few minutes, then a small inexpensive electrolytic capacitor can be used. For extended periods, a low leakage, high capacity Super Capacitor is the best choice. These devices are available from such vendors as Panasonic and Murata. The main specifications include working voltage and leakage current. If the application is for charging the capacitor from a +5V 5% supply with a signal diode, then the voltage on the capacitor can vary from ~4.5V to slightly over 5.0V. A capacitor with a rated WV of 5.0V may have a reduced lifetime if the supply voltage is slightly high. The leakage current should be as small as possible. For example, a Super Capacitor should be specified with leakage of well below 1A. A standard electrolytic capacitor with DC leakage current in the microamps will have a severely shortened backup time. Following are some examples with equations to assist with calculating backup times and required capacitance for the ISL12020 device. The backup supply current plays a major part in these equations, and a typical value was chosen for example purposes. For a robust design, a margin of 30% should be included to cover supply current and capacitance tolerances over the results of the calculations. Even more margin should be included if periods of very warm temperature operation are expected.
CBAT is the backup capacitance and dV is the change in voltage from fully charged to loss of operation. Note that ITOT is the total of the supply current of the ISL12020 (IBAT) plus the leakage current of the capacitor and the diode, ILKG. In these calculations, ILKG is assumed to be extremely small and will be ignored. If an application requires extended operation at temperatures over +50C, these leakages will increase and hence reduce backup time. Note that IBAT changes with VBAT almost linearly. This allows us to make an approximation of IBAT, using a value midway between the two endpoints. The typical linear equation for IBAT vs VBAT is: IBAT = 1.031E-7*(VBAT) + 1.036E-7A
(EQ. 4)
Using this equation to solve for the average current given 2 voltage points gives: IBATAVG = 5.155E-8*(VBAT2 + VBAT1) + 1.036E-7A
(EQ. 5)
Combining with Equation 3 gives the equation for backup time: tBACKUP = CBAT*(VBAT2 - VBAT1) / (IBATAVG + ILKG) seconds (EQ. 6) where CBAT = 0.47F VBAT2 = 4.7V VBAT1 = 1.8V ILKG = 0 (assumed minimal) Solving Equation 5 for this example, IBATAVG = 4.387E-7A tBACKUP = 0.47*(2.9)/4.38E-7 = 3.107E6s Since there are 86,400 seconds in a day, this corresponds to 35.96 days. If the 30% tolerance is included for capacitor and supply current tolerances, then worst case backup time would be: CBAT = 0.70*35.96 = 25.2 days
(EQ. 7)
Example 1. Calculating Backup Time Given Voltages and Capacitor Value
In Figure 13, use CBAT = 0.47F and VDD = 5.0V. With VDD = 5.0V, the voltage at VBAT will approach 4.7V as the diode turns off completely. The ISL12020 is specified to operate down to VBAT = 1.8V. The capacitance charge/discharge equation is used to estimate the total backup time: I = CBAT*dV/dT Rearranging gives
(EQ. 2)
1N4148
2.7V to 5.5V
VDD
VBAT CBAT
GND
FIGURE 13. SUPERCAPACITOR CHARGING CIRCUIT
23
FN6450.0 March 29, 2007
ISL12020
Example 2. Calculating a Capacitor Value for a Given Backup Time
Referring to Figure 13 again, the capacitor value needs to be calculated to give 2 months (60 days) of backup time, given VDD = 5.0V. As in Example 1, the VBAT voltage will vary from 4.7V down to 1.8V. We will need to rearrange Equation 3 to solve for capacitance: CBAT = dT*I/dV
(EQ. 8)
Using the terms described above, this equation becomes: CBAT = tBACKUP*(IBATAVG + ILKG)/(VBAT2 - VBAT1)
(EQ. 9)
where tBACKUP = 60 days*86, 400s/day = 5.18 E6s IBATAVG = 4.387 E-7A (same as Example 1) ILKG = 0 (assumed) VBAT2 = 4.7V VBAT1 = 1.8V Solving gives CBAT = 5.18 E6 * (4.387 E-7)/(2.9) = 0.784F If the 30% tolerance is included for tolerances, then worst case cap value would be: CBAT = 1.3 *.784 = 1.02F
24
FN6450.0 March 29, 2007
ISL12020 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 8 0 8 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 NOTES 9 3 4 5 6 7 Rev. 1 6/05
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050
B C D E e H
C
A1 0.10(0.004)
0.050 BSC
1.27 BSC
e
B 0.25(0.010) M C AM BS
h L N
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 25
FN6450.0 March 29, 2007


▲Up To Search▲   

 
Price & Availability of ISL12020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X