Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download ICL320705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ICL3207, ICL3217
Data Sheet October 20, 2005 FN4892.6
Low Power, +3V to +5.5V, 250kbps, RS-232 Transmitters/Receivers
The Intersil ICL32X7 devices are 3.0V to 5.5V powered RS-232 transmitters (five)/receivers (three) which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are ISDN Terminal Adaptors, PDAs, Palmtops, peripherals, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. The ICL3217's efficient on-chip charge pumps, coupled with an automatic powerdown function, reduces the standby supply current to a 1A trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3V only systems, mixed 3.3V and 5.0V systems, and 5.0V only systems, and is a lower power, pin-for-pin replacement for `207 and `237 type devices. The ICL3217 features an automatic powerdown function which powers down the on-chip power-supply and driver circuits. This occurs when an attached peripheral device is shut off or the RS-232 cable is removed, conserving system power automatically, without changes to the hardware or operating system. The ICL3217 powers up again when a valid RS-232 voltage is applied to any receiver input. Table 1 summarizes the features of the devices represented by this data sheet, while application Note AN9863 summarizes the features of each device comprising the ICL32XX 3V family.
Features
* Pb-Free Plus Anneal Available (RoHS Compliant) (see Ordering Information) * 15kV ESD Protected (Human Body Model) * 5V Lower Power Replacement for MAX207, HIN207, HIN237 * Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V * Latch-Up Free * On-Chip Voltage Converters Require Only Four External 0.1F Capacitors * Automatic Powerdown (ICC = 1A, ICL3217 Only) * Receiver Hysteresis For Improved Noise Immunity * Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps * Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/s * Wide Power Supply Range . . . . . . . Single +3V to +5.5V
Applications
* Any System Requiring RS-232 Communication Ports - Battery Powered, Hand-Held, and Portable Equipment - Laptop Computers, Notebooks, Palmtops - Modems, Printers and other Peripherals - ISDN Terminal Adaptors and Set Top Boxes
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)"
TABLE 1. SUMMARY OF FEATURES NO. OF Tx. 5 5 NO. OF Rx. 3 3 NO. OF MONITOR Rx. (ROUTB) 0 0 DATA RATE (kbps) 250 250 Rx. ENABLE FUNCTION? NO NO MANUAL POWERDOWN? NO NO AUTOMATIC POWERDOWN FUNCTION? NO YES
PART NUMBER ICL3207 ICL3217
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2001, 2004-2005. All Rights Reserved
ICL3207, ICL3217 Ordering Information
PART NUMBER* ICL3207CA ICL3207CAZ (Note) ICL3207CB ICL3207CBZ (Note) ICL3207IA ICL3207IAZ (Note) ICL3217CA ICL3217CAZ (Note) ICL3217CB ICL3217CBZ (Note) ICL3217IA ICL3217IAZ (Note) ICL3217IB ICL3217IBZ (Note) PART MARKING ICL3207CA ICL3207CAZ ICL3207CB ICL3207CBZ ICL3207IA ICL3207IAZ ICL3217CA ICL3217CAZ ICL3217CB ICL3217CBZ ICL3217IA ICL3217IAZ ICL3217IB ICL3217IBZ TEMPERATURE RANGE (C) 0 to 70 0 to 70 0 to 70 0 to 70 -40 to 85 -40 to 85 0 to 70 0 to 70 0 to 70 0 to 70 -40 to 85 -40 to 85 -40 to 85 -40 to 85 24 Ld SSOP 24 Ld SSOP (Pb-free) 24 Ld SOIC 24 Ld SOIC (Pb-free) 24 Ld SSOP 24 Ld SSOP (Pb-free) 24 Ld SSOP 24 Ld SSOP (Pb-free) 24 Ld SOIC 24 Ld SOIC (Pb-free) 24 Ld SSOP 24 Ld SSOP (Pb-free) 24 Ld SOIC 24 Ld SOIC (Pb-free) PACKAGE PKG. DWG. # M24.209 M24.209 M24.3 M24.3 M24.209 M24.209 M24.209 M24.209 M24.3 M24.3 M24.209 M24.209 M24.3 M24.3
*Most surface mount devices are available on tape and reel; add "-T" to suffix. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ICL3207, ICL3217 (SOIC, SSOP) TOP VIEW
T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC 1 2 3 4 5 6 7 8 9 24 T4OUT 23 R2IN 22 R2OUT 21 T5IN 20 T5OUT 19 T4IN 18 T3IN 17 R3OUT 16 R3IN 15 V14 C213 C2+
Pin Descriptions
PIN VCC V+ VGND C1+ C1C2+ C2TIN FUNCTION System power supply input (3.0V to 5.5V). Internally generated positive transmitter supply (+5.5V). Internally generated negative transmitter supply (-5.5V). Ground connection. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. TTL/CMOS compatible transmitter Inputs.
C1+ 10 V+ 11 C1- 12
TOUT RS-232 level (nominally 5.5V) transmitter Outputs. RIN RS-232 compatible receiver inputs.
ROUT TTL/CMOS level receiver outputs.
2
ICL3207, ICL3217 Typical Operating Circuit
ICL32X7
VCC
0.1F C1 C2
9

10 C1+ + 12 C113 C2+ + 14 C27
VCC
V+
11
+ +
C3 (OPTIONAL CONNECTION) +
C3

VT1 T2
15 + 2 3 C4
T1IN T2IN
T1OUT T2OUT
6
T3IN T4IN TTL/CMOS LOGIC LEVELS
18
T3 T4 T5
1
T3OUT T4OUT
RS-232 LEVELS
19
24
T5IN
21
20
T5OUT
R1OUT
5 R1 22 5k
4
R1IN
R2OUT R2 17 R3OUT R3 5k 5k
23
R2IN
RS-232 LEVELS
16
R3IN
- FOR VCC = 3.3V, C1 - C4 = 0.1F or 0.22F
FOR VCC = 5V, C1 - C4 = 0.1F OR 1F
GND 8
3
ICL3207, ICL3217
Absolute Maximum Ratings
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V V- to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V Input Voltages TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Voltages TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2V ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V Short Circuit Duration TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 24 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . 74 24 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 100 Maximum Junction Temperature (Plastic Package) . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (Lead Tips Only)
Operating Conditions
Temperature Range ICL32X7CX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C ICL32X7IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F; Unless Otherwise Specified. Typicals are at TA = 25C TEST CONDITIONS TEMP (C) MIN TYP MAX UNITS A mA
PARAMETER DC CHARACTERISTICS Supply Current, Automatic Powerdown Supply Current, Automatic Powerdown Disabled
All RIN Open (ICL3217 Only) All Outputs Unloaded
25 25
-
1.0 0.3
10 1.0
TRANSMITTER INPUTS AND RECEIVER OUTPUTS Input Logic Threshold Low Input Logic Threshold High TIN TIN TIN VCC = 3.3V VCC = 5.0V Input Leakage Current Output Leakage Current (ICL3217 Only) Output Voltage Low Output Voltage High IOUT = 1.6mA IOUT = -1.0mA ICL3217 Powers Up (Figure 4) ICL3217 Powers Down (Figure 4) Full Full Full Full Full Full Full 2.0 2.4 0.01 0.05 0.8 1.0 10 0.4 V V V A A V V
VCC-0.6 VCC-0.1 -2.7 -0.3 100 30
AUTOMATIC POWERDOWN (ICL3217 Only) Receiver Input Thresholds to Enable Transmitters Receiver Input Thresholds to Disable Transmitters Receiver Threshold to Transmitters Enabled Delay (tWU) Receiver Positive or Negative Threshold to Transmitters Disabled Delay RECEIVER INPUTS Input Voltage Range Input Threshold Low VCC = 3.3V VCC = 5.0V Input Threshold High VCC = 3.3V VCC = 5.0V Full 25 25 25 25 -25 0.6 0.8 1.2 1.5 1.5 1.8 25 2.4 2.4 V V V V V Full Full 25 25 2.7 0.3 V V s s
4
ICL3207, ICL3217
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F; Unless Otherwise Specified. Typicals are at TA = 25C (Continued) TEST CONDITIONS TEMP (C) 25 25 MIN 3 5.0 300 TYP 0.3 5 5.4 10M 35 MAX 7 UNITS V k
PARAMETER Input Hysteresis Input Resistance TRANSMITTER OUTPUTS Output Voltage Swing Output Resistance Output Short-Circuit Current Output Leakage Current (ICL3217 Only) TIMING CHARACTERISTICS Maximum Data Rate (One Transmitter Switching)
All Transmitter Outputs Loaded with 3k to Ground VCC = V+ = V- = 0V, Transmitter Output = 2V VOUT = 12V, VCC = 0V or 3V to 5.5V In Automatic Powerdown
Full Full Full Full
60 25
V mA A
VCC = 3.15V, C1 - C4 = 0.1F, RL = 3k, CL = 1000pF VCC = 3.0V, C1 - C4 = 0.22F, RL = 3k, CL = 1000pF VCC 4.5V, C1 - C4 = 0.1F, RL = 3k, CL = 1000pF Receiver Input to Receiver Output, CL = 150pF tPHL - tPLH tPHL - tPLH CL = 200pF to 2500pF VCC = 3.3V, RL = 3k to 7k, Measured From +3V to -3V or -3V CL = 200pF to 1000pF to +3V tPHL tPLH
Full Full Full 25 25 Full Full 25 25
250 250 250 4 6
500 286 310 0.3 0.3 200 100 15 15
1000 500 30 30
kbps kbps kbps s s ns ns V/s V/s
Receiver Propagation Delay
Transmitter Skew Receiver Skew Transition Region Slew Rate
ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model IEC61000-4-2 Contact Discharge IEC61000-4-2 Air Gap Discharge All Other Pins Human Body Model 25 25 25 25 15 8 6 2 kV kV kV kV
Detailed Description
The ICL32X7 interface ICs operate from a single +3V to +5.5V power supply, guarantee a 250kbps minimum data rate, require only four small external 0.1F capacitors, feature low power consumption, and meet all ElA RS-232C and V.28 specifications. The circuit is divided into three sections: The charge pump, the transmitters, and the receivers.
Transmitters
The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232 output levels. Coupled with the on-chip 5.5V supplies, these transmitters deliver true RS-232 levels over a wide range of single supply system voltages. ICL3217 transmitter outputs disable and assume a high impedance state when the device enters the automatic powerdown mode. These outputs may be driven to 12V when disabled. Both devices guarantee a 250kbps data rate for full load conditions (3k and 1000pF), VCC 3.0V, with one transmitter operating at full speed. Under more typical conditions of VCC 3.3V, RL = 3k, and CL = 250pF, one transmitter easily operates at 800kbps. Transmitter inputs float if left unconnected, and may cause ICC increases. Connect unused inputs to GND for the best performance.
Charge-Pump
Intersil's new ICL32XX family utilizes regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to generate 5.5V transmitter supplies from a VCC supply as low as 3.0V. This allows these devices to maintain RS-232 compliant output levels over the 10% tolerance range of 3.3V powered systems. The efficient on-chip power supplies require only four small, external 0.1F capacitors for the voltage doubler and inverter functions at VCC = 3.3V. See the "Capacitor Selection" section, and Table 3 for capacitor recommendations for other operating conditions. The charge pumps operate discontinuously (i.e., they turn off as soon as the V+ and V- supplies are pumped up to the nominal values), resulting in significant power savings. 5
ICL3207, ICL3217
Receivers
The ICL32X7 each contain inverting receivers that convert RS-232 signals to CMOS output levels and accept inputs up to 25V while presenting the required 3k to 7k input impedance (see Figure 1) even if the power is off (VCC = 0V). The receivers' Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions. Receivers on the ICL3207 are always active. The ICL3217 receivers disable when in the automatic powerdown state, thereby eliminating the possible current path through a shutdown peripheral's input protection diode (see Figures 2 and 3).
VCC RXIN -25V VRIN +25V GND 5k RXOUT GND VROUT VCC VCC
TRANSITION DETECTOR TO WAKE-UP LOGIC VCC VICL3217
RX POWERED DOWN UART
VOUT = HI-Z*
TX * IN AUTOMATIC POWERDOWN
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
FIGURE 1. INVERTING RECEIVER CONNECTIONS
When replacing a `207 or `237 device in an existing 5V application, it is acceptable to terminate C3 to VCC as shown on the "Typical Operating Circuit". Nevertheless, terminate C3 to GND if possible, as slightly better performance results from this configuration.
VCC VCC VCC VOUT = VCC Rx POWERED DOWN UART Tx GND SHDN = GND OLD RS-232 CHIP CURRENT FLOW
Automatic Powerdown (ICL3217 Only)
Even greater power savings is available by using the ICL3217 which features an automatic powerdown function. When no valid RS-232 voltages (see Figure 4) are sensed on any receiver input for 30s, the ICL3217 automatically enters its powerdown state (see Figure 5). In powerdown, supply current drops to 1A, because the on-chip charge pump turns off (V+ collapses to VCC, V- collapses to GND), and the receiver and transmitter outputs three-state (see Table 2). This micro-power mode makes the ICL3217 ideal for battery powered and portable applications. Invalid receiver levels occur whenever the driving peripheral's outputs are shut off (powered down) or when the RS-232 interface cable is disconnected. The ICL3217 powers back up whenever it detects a valid RS-232 voltage level on any receiver input (such as when the RS-232 cable is reconnected). The time to recover from automatic powerdown mode is typically 100s.
TABLE 2. ICL3217 AUTOMATIC POWERDOWN OPERATION RS-232 SIGNAL PRESENT AT RECEIVER INPUT? YES MODE OF TRANSMITTER RECEIVER OUTPUTS OUTPUTS OPERATION Active Active Normal Operation Powerdown Due to Auto Powerdown Logic
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN PERIPHERAL
Low Power Operation
These 3V devices require a nominal supply current of 0.3mA, even at VCC = 5.5V, during normal operation (not in powerdown mode). This is considerably less than the 11mA current required by comparable 5V RS-232 devices, allowing users to reduce system power simply by replacing the old style device with the ICL3207.
Low Power, Pin Compatible Replacement
Pin compatibility with existing 5V products (e.g., MAX207), coupled with the wide operating supply range, make the ICL32X7 potential lower power, higher performance drop-in replacements for existing `2X7 5V applications. As long as the 5V RS-232 output swings are acceptable, the ICL32X7 devices should work in most 5V applications.
NO
High-Z
High-Z
6
ICL3207, ICL3217
VALID RS-232 LEVEL - ICL3217 IS ACTIVE 2.7V INDETERMINATE - POWERDOWN MAY OR MAY NOT OCCUR 0.3V INVALID LEVEL - POWERDOWN OCCURS AFTER 30s -0.3V INDETERMINATE - POWERDOWN MAY OR MAY NOT OCCUR -2.7V VALID RS-232 LEVEL - ICL3217 IS ACTIVE
in Table 3. Increasing the capacitor values (by a factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption. C2, C3, and C4 can be increased without increasing C1's value, however, do not increase C1 without also increasing C2, C3, and C4 to maintain the proper ratios (C1 to the other capacitors). When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with temperature. If in doubt, use capacitors with a larger nominal value. The capacitor's equivalent series resistance (ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-.
TABLE 3. REQUIRED CAPACITOR VALUES VCC (V) 3.15 to 3.6 C1 (F) 0.1 0.22 0.1 to 1.0 0.22 C2, C3, C4 (F) 0.1 0.22 0.1 to 1.0 0.22
FIGURE 4. DEFINITION OF VALID RS-232 RECEIVER LEVELS
RECEIVER INPUTS
} INVALID REGION
3.0 to 3.6 4.5 to 5.5
TRANSMITTER OUTPUTS
3.0 to 5.5
AUTOPWDN V+ VCC 0 V-
PWR UP (tWU)
Power Supply Decoupling
In most circumstances a 0.1F bypass capacitor is adequate. In applications that are particularly sensitive to power supply noise, decouple VCC to ground with a capacitor of the same value as the charge-pump capacitor C1. Connect the bypass capacitor as close as possible to the IC.
FIGURE 5. AUTOMATIC POWERDOWN TIMING DIAGRAM
Transmitter Outputs when Exiting Powerdown
Figure 6 shows the response of two ICL3217 transmitter outputs when exiting powerdown mode. As they activate, the two transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients. Each transmitter is loaded with 3k in parallel with 2500pF. Note that the transmitters enable only when the magnitude of the supplies exceed approximately 3V.
.
This automatic powerdown feature provides additional system power savings without changes to the existing operating system or hardware. Utilizing power management circuitry, to power down the rest of the communication circuitry (e.g., the UART) when the ICL3217 powers down, produces even greater power savings. Connecting a transition detector to the V- pin (see Figure 3) is an easy way for the power management logic to determine when the ICL3217 enters and exits powerdown.
5V/DIV
RXIN T1
Capacitor Selection
The charge pumps require 0.1F, or greater, capacitors for 3.3V operation. With 0.1F capacitors, five percent tolerance supplies (e.g., 3.14V minimum) deliver greater than 5V transmitter swings at full data rate, while ten percent tolerance supplies (e.g., 2.97V minimum) deliver 4.95V transmitter swings. If greater than 5V transmitter swings are required with a ten percent tolerance 3.3V supply, 0.22F capacitors are recommended (see Table 3). Existing 5V applications typically utilize either 0.1F or 1F capacitors, and the ICL32X7E works well with either value. New 5V designs should use 0.22F capacitors for the best results. For other supply voltages refer to Table 3 for capacitor values. Do not use values smaller than those listed
2V/DIV
T2 VCC = +3.3V C1 - C4 = 0.1F TIME (20s/DIV.)
FIGURE 6. TRANSMITTER OUTPUTS WHEN EXITING POWERDOWN (ICL3217ONLY)
7
ICL3207, ICL3217 High Data Rates
The ICL32XX maintain the RS-232 5V minimum transmitter output voltages even at high data rates. Figure 7 details a transmitter loopback test circuit, and Figure 8 illustrates the loopback test result at 120kbps. For this test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF, at 120kbps. Figure 9 shows the loopback results for a single transmitter driving 1000pF and an RS-232 load at 250kbps. The static transmitters were also loaded with an RS-232 receiver.
VCC 0.1F + 5V/DIV. T1IN
T1OUT
R1OUT VCC = +3.3V C1 - C4 = 0.1F 2s/DIV. VCC
+ C1
C1+ C1-
V+
+ C3
FIGURE 9. LOOPBACK TEST AT 250kbps
ICL32X7 + C2 C2TIN ROUT TOUT RIN 5k 1000pF C2+ VC4 +
Interconnection with 3V and 5V Logic
The ICL32X7 directly interface with most 5V logic families, including ACT and HCT CMOS. See Table 4 for more information on possible combinations of interconnections.
TABLE 4. LOGIC FAMILY COMPATIBILITY WITH VARIOUS SUPPLY VOLTAGES SYSTEM POWER-SUPPLY VOLTAGE (V) 3.3 5 VCC SUPPLY VOLTAGE (V) 3.3 5 3.3
FIGURE 7. TRANSMITTER LOOPBACK TEST CIRCUIT
COMPATIBILITY Compatible with all CMOS families. Compatible with all TTL and CMOS logic families. Compatible with ACT and HCT CMOS, and with TTL. Incompatible with AC, HC, or CD4000 CMOS.
5V/DIV. T1IN
5
T1OUT
R1OUT VCC = +3.3V C1 - C4 = 0.1F 5s/DIV.
FIGURE 8. LOOPBACK TEST AT 120kbps
8
ICL3207, ICL3217 Typical Performance Curves
6.0 TRANSMITTER OUTPUT VOLTAGE (V) 4.0 2.0 1 TRANSMITTER AT 250kbps OTHER TRANSMITTERS AT 30kbps 0 -2.0 -4.0 -6.0 VOUT -SLEW 0 1000 2000 3000 4000 5000 5 0 1000 2000 3000 4000 5000 VOUT+ 20 SLEW RATE (V/s) -SLEW
VCC = 3.3V, TA = 25C
25
15 +SLEW 10
LOAD CAPACITANCE (pF)
LOAD CAPACITANCE (pF)
FIGURE 10. TRANSMITTER OUTPUT VOLTAGE vs LOAD CAPACITANCE
55 1 TRANSMITTER SWITCHING 50 SUPPLY CURRENT (mA)
FIGURE 11. SLEW RATE vs LOAD CAPACITANCE
3.5 3.0 250kbps SUPPLY CURRENT (mA)
NO LOAD ALL OUTPUTS STATIC
45 40 35 30 25 20 15 0 1000 2000
2.5 2.0 1.5 1.0 0.5
120kbps
20kbps
3000
4000
5000
0 2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
LOAD CAPACITANCE (pF)
SUPPLY VOLTAGE (V)
FIGURE 12. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
FIGURE 13. SUPPLY CURRENT vs SUPPLY VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: ICL3207: 469 ICL3217: 488 PROCESS: Si Gate CMOS
9
ICL3207, ICL3217 Shrink Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 GAUGE PLANE H 0.25(0.010) M BM
M24.209 (JEDEC MO-150-AG ISSUE B)
24 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B C D MIN 0.002 0.065 0.009 0.004 0.312 0.197 0.072 0.014 0.009 0.334 0.220 MAX 0.078 MILLIMETERS MIN 0.05 1.65 0.22 0.09 7.90 5.00 MAX 2.00 1.85 0.38 0.25 8.50 5.60 NOTES 9 3 4 6 7 8o Rev. 1 3/95
A1 0.10(0.004) A2 C
E e H L N
e
B 0.25(0.010) M C AM BS
0.026 BSC 0.292 0.022 24 0o 8o 0.322 0.037
0.65 BSC 7.40 0.55 24 0o 8.20 0.95
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
10
ICL3207, ICL3217 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M24.3 (JEDEC MS-013-AD ISSUE C)
24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 2.35 0.10 0.33 0.23 15.20 7.40 MAX 2.65 0.30 0.51 0.32 15.60 7.60 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0926 0.0040 0.013 0.0091 0.5985 0.2914
MAX 0.1043 0.0118 0.020 0.0125 0.6141 0.2992
A1 B C D E
A1 0.10(0.004) C
e H h L N
0.05 BSC 0.394 0.010 0.016 24 0o 8o 0.419 0.029 0.050
1.27 BSC 10.00 0.25 0.40 24 0o 10.65 0.75 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11


▲Up To Search▲   

 
Price & Availability of ICL320705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X