Part Number Hot Search : 
63000 TD6124P P8100 60N12 D240SC4M LTC4400 TC124 M54HCT86
Product Description
Full Text Search
 

To Download HW-105C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HW-105C
Shipped in packet-tape reel(5,000pcs per reel)
Notice : It is requested to read and accept "IMPORTANT NOTICE" written on the back of the front cover of this catalogue.
Absolute Maximum Ratings
Item Symbol c Limit 20 Unit mA
Max. Input Current
Const. Current Drive 40
Operating Temp. Range
Topr.
110
Classification of Output Hall Voltage (VH)
Tstg. 40 125 Rank VH [ mV ] 41 57 B=50mT, Vc=1V Constant Voltage Drive 51 74 Conditions
Storage Temp. Range
Electrical Characteristics(Ta=25 )
Item Symbol VH Rin Conditions Const. Voltage Drive B=50mT, Vc=1V B=0mT, c=0.1mA Min. 41 250 250 7 Typ. Max. 74 450 450 7 mV Unit mV
Output Hall Voltage
Note : When ordering, specify both Q and R rank.
Input Resistance Output Resistance Offset Voltage
Rout B=0mT, c=0.1mA Vos(Vu) B=0mT, Vc=1V VH 20 0 40 Average on 0 40 B=50mT, c=5mA
Input Current Derating Curve
20 Input Resistance Rin : 250 450
Temp. Coefficient of Rin Dielectric Strength
20 0 40 Rin Average on 0 40 B=0mT, c=0.1mA 100V D.C 1.0
1.8
%/
Input Current
Temp. Coefficient of VH
1.8
%/
10
M
Notes : 1. VH = VHM - Vos(Vu) (VHM:meter indication) 2. VH = 3. Rin =
1 VH (T3) - VH (T2) VH (T1) X (T3 - T2) 1 Rin (T3) - Rin (T2) Rin (T1) X (T3 - T2)
X 100 X 100
0 -60
-40
-20
0
20
T1 = 20C, T2 = 0C, T3 = 40C
40 60 80 Ambient Temp.
100
120
Dimensional Drawing (Unit : mm)
Note : Rin of Hall element decreases rapidly as ambient temperature increases. Ensure compliance with input current derating curve envelope, throughout the operating temperature range.
Input Voltage Derating Curve
2 Input Resistance Rin : 250 450
Input Voltage Pinning Input Output 1 2 3 4
1
0 -60
-40
-20
0
20
40 60 80 Ambient Temp.
100
120
Note : For constant-voltage drive, stay within this input voltage derating curve envelope.
34
HW-105C
*
*Please be aware that AKE products are not intended for use in life support equipment, devices, or systems. Use of AKE products in such applications requires the advance written approval of the appropriate AKE officer. Certain applications using semiconductor devices may involve potential risks of personal injury, property damage, or loss of life. In order to minimize these risks, adequate design and operating safeguards should be provided by the customer to minimize inherent or procedural hazards. Inclusion of AKE products in such applications is understood to be fully at the risk of the customer using AKE devices or systems.
Characteristic Curves
1600 1400 1200 Input Resistance 1000 800 600 400 200 0 -50 0 50 100 150
Ambient Temperature(C)
400 350 300 Output Hall Voltage 250 200 150 100
Ic const
300 250 Output Hall Voltage 200 150 100 50 0 0.0 5 0.5 10 15 20 : Ic const Vc const
B =50 [mT] Ta =25 [ ]
Ic
Vc const
Ic = 5 [mA] Vc = 1 [V] B =50 [mT]
Ic
Vc
Vc
50 0 -50 0 50 100 150
Ambient Temperature(C)
1.0 1.5 Input Current Vc:[V] Input Voltage
2.0 Vc:[V]
20 18 16 14 12 Offset Voltage 10 8 6 4 2 0 -50 Vc 0 50 100 150 Ic Ic const Vc const
Ic = 5 [mA] Vc = 1 [V] B = 0 [mT]
20 18 16 14 12 Offset Voltage 10 8 6 4 2 0 0.0
5
Ic const Vc const
B = 0 [mT] Ta =25 [ ]
Ic
Vc 10 1.0 Input Current Input Voltage 15 1.5 20 :
0.5
2.0 Vc:[V]
Ambient Temperature(C)
Magnetic Flux Density 1[mT]=10[G]
In This Example : Rin=340 , Vos=2.4 , Vc=1 V
35


▲Up To Search▲   

 
Price & Availability of HW-105C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X