|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HIP6020A TM Data Sheet September 2001 File Number 4735.2 Advanced Dual PWM and Dual Linear Power Controller The HIP6020A provides the power control and protection for four output voltages in high-performance, graphics intensive microprocessor and computer applications. The IC integrates two PWM controllers and two linear controllers, as well as the monitoring and protection functions into a 28-pin SOIC package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The second PWM controller supplies the computer system's AGP 1.5V or 3.3V bus power with a standard buck converter. The linear controllers regulate power for the 1.5V GTL bus and the 1.8V power for the North/South Bridge core voltage and/or cache memory circuits. The HIP6020A includes an Intel-compatible, TTL 5-input digital-to-analog converter (DAC) that adjusts the core PWM output voltage from 1.3VDC to 2.05VDC in 0.05V steps and from 2.1VDC to 3.5VDC in 0.1V increments. The precision reference and voltage-mode control provide 1% static regulation. The second PWM controller's output is userselectable, through a TTL-compatible signal applied at the SELECT pin, for levels of 1.5V (3%) or fully ON switch. The linear regulators use external N-Channel MOSFETs or bipolar NPN pass transistors to provide output voltages of 1.5V 3% (VOUT3) and 1.8V 3% (VOUT4). The HIP6020A monitors all the output voltages. A single Power Good signal is issued when the core is within 10% of the DAC setting and all other outputs are above their undervoltage levels. Additional built-in over-voltage protection for the core output uses the lower MOSFET to prevent output voltages above 115% of the DAC setting. The PWM controllers' over-current function monitors the output current by using the voltage drop across the upper MOSFET's rDS(ON), eliminating the need for a current sensing resistor. Features * Provides 4 Regulated Voltages - Microprocessor Core, AGP Bus, North/South Bridge and/or Cache Memory, and GTL Bus Power * Drives N-Channel MOSFETs * Linear Regulator Drives Compatible with both MOSFET and Bipolar Series Pass Transistors * Simple Single-Loop Control Designs - Voltage-Mode PWM Control * Fast PWM Converter Transient Response - High-Bandwidth Error Amplifiers - Full 0% to 100% Duty Ratios * Excellent Output Voltage Regulation - Core PWM Output: 1% Over Temperature - AGP Bus PWM Output: 3% Over Temperature (1.5V Setting Only) - Other Outputs: 3% Over Temperature * TTL-Compatible 5 Bit DAC Microprocessor Core Output Voltage Selection - Wide Range - 1.3VDC to 3.5VDC * Power-Good Output Voltage Monitor * Over-Voltage and Over-Current Fault Monitors - Switching Regulators Use MOSFET's rDS(ON) Sensing * Small Converter Size - Constant Frequency Operation - 200kHz Free-Running Oscillator; Programmable From 50kHz to Over 1MHz - Small External Component Count Applications * Motherboard Power Regulation for Computers Pinout HIP6020A (SOIC) TOP VIEW UGATE2 1 PHASE2 2 VID4 3 VID3 4 VID2 5 VID1 6 28 VCC 27 UGATE1 26 PHASE1 25 LGATE1 24 PGND 23 OCSET1 22 VSEN1 21 FB1 20 COMP1 19 FB3 18 DRIVE3 17 GND 16 VAUX 15 DRIVE4 Related Literature * Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)" Ordering Information PART NUMBER HIP6020ACB TEMP. RANGE ( oC) 0 to 70 PACKAGE 28 Ld SOIC PKG. NO. M28.3 VID0 7 PGOOD 8 OCSET2 9 VSEN2 10 SELECT 11 SS 12 FAULT/RT 13 FB4 14 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2001, All Rights Reserved Block Diagram FB3 OCSET2 VSEN1 OCSET1 VCC VAUX DRIVE3 POWER-ON x 0.75 + + x 1.10 + - HIP6020A PWM2 VSEN2 + ERROR AMP2 + - x 0.75 + SELECT - 1.5V or 3.3V + - - 2 LUV + 200A + 1.26V + x 0.90 RESET (POR) VAUX DRIVE4 + - - LINEAR UNDERVOLTAGE FB4 200A VCC + + x 1.15 PGOOD UGATE2 OC2 DRIVE2 - PHASE2 INHIBIT PWM COMP2 INHIBIT SOFTSTART AND FAULT FAULT LOGIC OV - VCC DRIVE1 UGATE1 OC1 + GATE CONTROL - PHASE1 + ERROR AMP1 + GATE CONTROL - PWM COMP1 PWM1 VCC LGATE1 VCC 28A OSCILLATOR 4.5V DACOUT SYNCH DRIVE TTL D/A CONVERTER (DAC) PGND GND FAULT / RT SS FB1 COMP1 VID0 VID2 VID4 VID1 VID3 HIP6020A Simplified Power System Diagram +5VIN Q1 PWM2 CONTROLLER VOUT1 PWM1 CONTROLLER Q2 Q3 VOUT2 +3.3VIN Q4 HIP6020A LINEAR CONTROLLER LINEAR CONTROLLER Q5 VOUT3 VOUT4 Typical Application +12VIN +5VIN LIN CIN VCC OCSET1 PGOOD POWERGOOD +3.3VIN Q3 LOUT2 OCSET2 VOUT2 1.5V OR 3.3V UGATE2 PHASE2 UGATE1 PHASE1 COUT2 CR2 LGATE1 VSEN2 PGND TYPEDET SELECT VSEN1 VAUX Q1 LOUT1 VOUT1 1.3V TO 3.5V Q2 COUT1 HIP6020A Q4 VOUT3 1.5V DRIVE3 FB3 FB1 COMP1 COUT3 FAULT / RT VID0 Q5 VOUT4 1.8V DRIVE4 FB4 SS CSS GND VID1 VID2 VID3 COUT4 VID4 3 HIP6020A Absolute Maximum Ratings Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V PGOOD, RT/FAULT, DRIVE, PHASE, and GATE Voltage . . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V Input, Output or I/O Voltage . . . . . . . . . . . . . . . . . . GND -0.3V to 7V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 Thermal Information Thermal Resistance (Typical, Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) Recommended Operating Conditions Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V 10% Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature Range. . . . . . . . . . . . . . . . . . . 0oC to 125oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications PARAMETER VCC SUPPLY CURRENT Nominal Supply Current POWER-ON RESET Rising VCC Threshold Falling VCC Threshold Rising VAUX Threshold VAUX Threshold Hysteresis Rising VOCSET1 Threshold OSCILLATOR Free Running Frequency Total Variation Ramp Amplitude Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 SYMBOL TEST CONDITIONS MIN TYP MAX UNITS ICC UGATE1, LGATE1, UGATE2, DRIVE3, and DRIVE4 Open - 9 - mA VOCSET = 4.5V VOCSET = 4.5V VOCSET = 4.5V VOCSET = 4.5V 8.2 - 2.5 0.5 1.26 10.4 - V V V V V FOSC RT = OPEN 6k < RT to GND < 200k 185 -15 - 200 1.9 215 +15 - kHz % VP-P VOSC RT = Open DAC AND STANDARD BUCK REGULATOR REFERENCE DAC(VID0-VID4) Input Low Voltage DAC(VID0-VID4) Input High Voltage DACOUT Voltage Accuracy PWM2 Reference Voltage PWM2 Reference Voltage Tolerance LINEAR REGULATORS (V OUT3 AND VOUT4) Regulation FB3 Regulation Voltage FB4 Regulation Voltage FB3,4 Under-Voltage Level FB3,4 Under-Voltage Hysteresis Output Drive Current VAUX-VDRIVE > 0.6V 20 VREG3 VREG4 FBUV FB Rising 3 1.5 1.8 75 7 40 % V V % % mA SELECT < 0.8V 2.0 -1.0 1.5 3 +1.0 0.8 V V % V % 4 HIP6020A Electrical Specifications PARAMETER Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS SYNCHRONOUS PWM CONTROLLER ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate PWM CONTROLLERS GATE DRIVERS UGATE1,2 Source UGATE1,2 Sink LGATE Source LGATE Sink PROTECTION VSEN1 Over-Voltage (VSEN1/DACOUT) FAULT Sourcing Current OCSET1,2 Current Source Soft-Start Current VSEN2 Under-Voltage Threshold IOVP IOCSET ISS SELECT < 0.8V SELECT > 2.0V VSEN2 Under-Voltage Hysteresis SELECT < 0.8V SELECT > 2.0V POWER GOOD VSEN1 Upper Threshold (VSEN1/DACOUT) VSEN1 Under-Voltage (VSEN1/DACOUT) VSEN1 Hysteresis (VSEN1/DACOUT) PGOOD Voltage Low VPGOOD VSEN1 Rising VSEN1 Rising Upper/Lower Threshold IPGOOD = -4mA 108 92 2 110 94 0.8 % % % V VSEN1 Rising VFAULT/RT = 2.0V VOCSET = 4.5VDC 170 115 8.5 200 28 75 2.475 7 0.231 120 230 % mA A A % V % V IUGATE RUGATE ILGATE RLGATE VCC = 12V, VUGATE1 (or VUGATE2) = 6V VGATE-PHASE = 1V VCC = 12V, VLGATE1 = 1V VLGATE = 1V 1 1.7 1 1.4 3.5 3.0 A A GBWP SR COMP1 = 10pF 88 15 6 dB MHz V/s Typical Performance Curves 140 CUGATE1 = C UGATE2 = CLGATE1 = C 120 1000 RESISTANCE (k) RT PULLUP TO +12V ICC (mA) 100 80 C = 3600pF 60 C = 1500pF 10 RT PULLDOWN TO VSS 40 20 0 100 VIN = 5V; SELECT < 0.8V VCC = 12V C = 4800pF 100 C = 660pF 10 100 SWITCHING FREQUENCY (kHz) 1000 200 300 400 500 600 700 800 900 1000 SWITCHING FREQUENCY (kHz) FIGURE 1. R T RESISTANCE vs FREQUENCY FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY 5 HIP6020A Functional Pin Descriptions VCC (Pin 28) Provide a 12V bias supply for the IC to this pin. This pin also provides the gate bias charge for all the MOSFETs controlled by the IC. The voltage at this pin is monitored for Power-On Reset (POR) purposes. voltage reference (DACOUT). The level of DACOUT sets the microprocessor core converter output voltage, as well as the corresponding PGOOD and OVP thresholds. OCSET1, OCSET2 (Pins 23 and 9) Connect a resistor (R OCSET) from this pin to the drain of the respective upper MOSFET. ROCSET, an internal 200A current source (IOCSET), and the upper MOSFET's onresistance (rDS(ON)) set the converter over-current (OC) trip point according to the following equation: I OCSET x R OCSET I PEAK = --------------------------------------------------r D S ( ON ) GND (Pin 17) Signal ground for the IC. All voltage levels are measured with respect to this pin. PGND (Pin 24) This is the power ground connection. Tie the synchronous PWM converter's lower MOSFET source to this pin. An over-current trip cycles the soft-start function. The voltage at OCSET1 pin is monitored for power-on reset (POR) purposes. VAUX (Pin 16) The +3.3V input voltage at this pin is monitored for power-on reset (POR) purposes. Connected to +5V input, this pin provides boost current for the two linear regulator output drives in the event bipolar NPN transistors (instead of N-Channel MOSFETs) are employed as pass elements. PHASE1, PHASE2 (Pins 26 and 2) Connect the PHASE pins to the respective PWM converter's upper MOSFET source. These pins represent the gate drive return current path and are used to monitor the voltage drop across the upper MOSFETs for over-current protection. SS (Pin 12) Connect a capacitor from this pin to ground. This capacitor, along with an internal 28A current source, sets the soft-start interval of the converter. UGATE1, UGATE2 (Pins 27 and 1) Connect UGATE pins to the respective PWM converter's upper MOSFET gate. These pins provide the gate drive for the upper MOSFETs. For SELECT high, UGATE2 is turned on continuously to provide a DC current flow path to V OUT2. FAULT / RT (Pin 13) This pin provides oscillator switching frequency adjustment. By placing a resistor (RT) from this pin to GND, the nominal 200kHz switching frequency is increased according to the following equation: 5 x 10 Fs 200 KHz + -------------------R T ( k ) 6 LGATE1 (Pin 25) Connect LGATE1 to the synchronous PWM converter's lower MOSFET gate. This pin provides the gate drive for the lower MOSFET. (RT to GND) COMP1 and FB1 (Pins 20, and 21) COMP1 and FB1 are the available external pins of the synchronous PWM regulator error amplifier. The FB1 pin is the inverting input of the error amplifier. Similarly, the COMP1 pin is the error amplifier output. These pins are used to compensate the voltage-mode control feedback loop of the synchronous PWM converter. Conversely, connecting a pull-up resistor (RT) from this pin to VCC reduces the switching frequency according to the following equation: 4 x 10 Fs 200 KHz - -------------------R T ( k ) 7 (RT to 12V) Nominally, the voltage at this pin is 1.26V. In the event of an over-voltage or over-current condition, this pin is internally pulled to VCC. VSEN1 (Pin 22) This pin is connected to the synchronous PWM converters' output voltage. The PGOOD and OVP comparator circuits use this signal to report output voltage status and for overvoltage protection. PGOOD (Pin 8) PGOOD is an open collector output used to indicate the status of the output voltages. This pin is pulled low when the synchronous regulator output is not within 10% of the DACOUT reference voltage or when any of the other outputs are below their under-voltage thresholds. The PGOOD output is open for `11111' VID code. VSEN2 (Pin 10) Connect this pin to the output of the standard buck PWM regulator. The voltage at this pin is regulated to 1.5V if the SELECT pin is low. This pin is also monitored by the PGOOD comparator circuit. VID0, VID1, VID2, VID3, VID4 (Pins 7, 6, 5, 4 and 3) VID0-4 are the TTL-compatible input pins to the 5-bit DAC. The logic states of these five pins program the internal SELECT (Pin 11) This pin determines the output voltage of the AGP bus switching regulator. A low TTL input sets the output voltage 6 HIP6020A to 1.5V, while a high input turns Q3 on continuously, providing a DC current path from the input (+3.3V) to the output (VOUT2) of the AGP controller. current source charges an external capacitor (CSS) on the SS pin to 4.5V. The PWM error amplifiers reference inputs (+ terminal) and outputs (COMP1 pin) are clamped to a level proportional to the SS pin voltage. As the SS pin voltage slews from 1V to 4V, the output clamp allows generation of PHASE pulses of increasing width that charge the output capacitor(s). After the output voltage increases to approximately 70% of the set value, the reference input clamp slows the output voltage rate-of-rise and provides a smooth transition to the final set voltage. Additionally both linear regulators' reference inputs are clamped to a voltage proportional to the SS pin voltage. This method provides a rapid and controlled output voltage rise. Figure 3 shows the soft-start sequence for the typical application. At T0 the SS voltage rapidly increases to approximately 1V. At T1, the SS pin and error amplifier output voltage reach the valley of the oscillator's triangle wave. The oscillator's triangular wave form is compared to the clamped error amplifier output voltage. As the SS pin voltage increases, the pulse-width on the PHASE pin increases. The interval of increasing pulse-width continues until each PWM output reaches sufficient voltage to transfer control to the error amplifier input reference clamp. If we consider the core output (V OUT1) in Figure 3, this time occurs at T2. During the interval between T2 and T3, the error amplifier reference ramps to the final value and the converter regulates the output a voltage proportional to the SS pin voltage. At T3 the input clamp voltage exceeds the reference voltage and the output voltage is in regulation. DRIVE3 (Pin 18) Connect this pin to the gate of an external MOSFET. This pin provides the drive for the 1.5V regulator's pass transistor. FB3 (Pin 19) Connect this pin to the output of the 1.5V linear regulator. This pin is monitored for undervoltage events. DRIVE4 (Pin 15) Connect this pin to the gate of an external MOSFET. This pin provides the drive for the 1.8V regulator's pass transistor. FB4 (Pin 14) Connect this pin to the output of the linear 1.8V regulator. This pin is monitored for undervoltage events. Description Operation The HIP6020A monitors and precisely controls 4 output voltage levels (Refer to Block, Power System, and Typical Application Diagrams). It is designed for microprocessor computer applications with 3.3V, 5V, and 12V bias input from an ATX power supply. The IC has 2 PWM and two linear controllers. The first PWM controller (PWM1) is designed to regulate the microprocessor core voltage (VOUT1). PWM1 controller drives 2 MOSFETs (Q1 and Q2) in a synchronous-rectified buck converter and regulates the core voltage to a level programmed by the 5-bit digital-to-analog converter (DAC). The second PWM controller (PWM2) is designed to regulate the advanced graphics port (AGP) bus voltage (VOUT2). PWM2 controller drives a MOSFET (Q3) in a standard buck converter and regulates the output voltage to a level of 1.5V or fully on to output 3.3V. Selection of either output voltage is achieved by applying the proper logic level at the SELECT pin. The two linear controllers supply the 1.5V GTL bus power (VOUT3) and the 1.8V memory power (VOUT4). PGOOD 0V SOFT-START (1V/DIV) 0V VOUT2 (= 3.3V) Initialization The HIP6020A automatically initializes upon receipt of input power. Special sequencing of the input supplies is not necessary. The Power-On Reset (POR) function continually monitors the input supply voltages. The POR monitors the bias voltage (+12V IN) at the VCC pin, the 5V input voltage (+5VIN ) on the OCSET1 pin, and the 3.3V input voltage (+3.3VIN ) at the VAUX pin. The normal level on OCSET1 is equal to +5VIN less a fixed voltage drop (see over-current protection). The POR function initiates soft-start operation after all supply voltages exceed their POR thresholds. VOUT1 (DAC = 2.5V) VOUT4 (= 1.8V) OUTPUT VOLTAGES (0.5V/DIV) VOUT3 (= 1.5V) 0V T0 T1 T2 TIME T3 T4 Soft-Start The POR function initiates the soft-start sequence. Initially, the voltage on the SS pin rapidly increases to approximately 1V (this minimizes the soft-start interval). Then an internal 28A 7 FIGURE 3. SOFT-START INTERVAL HIP6020A The remaining outputs are also programmed to follow the SS pin voltage. The PGOOD signal toggles `high' when all output voltage levels have exceeded their under-voltage levels. See the Soft-Start Interval section under Applications Guidelines for a procedure to determine the soft-start interval. Over-Current Protection All outputs are protected against excessive over-currents. Both PWM controllers use the upper MOSFET's onresistance, rDS(ON) to monitor the current for protection against shorted outputs. Both linear regulators monitor their respective FB pins for under-voltage to protect against excessive currents. Figure 5 illustrates the over-current protection with an overload on OUT2. The overload is applied at T0 and the current increases through the inductor (LOUT2). At time T1, the OVER-CURRENT2 comparator trips when the voltage across Q3 (iD * rDS(ON)) exceeds the level programmed by ROCSET. This inhibits all outputs, discharges the soft-start capacitor (CSS) with a 28A current sink, and increments the counter. CSS recharges at T2 and initiates a soft-start cycle with the error amplifiers clamped by soft-start. With OUT2 still overloaded, the inductor current increases to trip the overcurrent comparator. Again, this inhibits all outputs, but the soft-start voltage continues increasing to 4.5V before discharging. The counter increments to 2. The soft-start cycle repeats at T3 and trips the over-current comparator. The SS pin voltage increases to 4.5V at T4 and the counter increments to 3. This sets the fault latch to disable the converter. The fault is reported on the FAULT/RT pin. The PWM1 controller operates in the same way as PWM2 to over-current faults. Additionally, the two linear controllers monitor the FB pins for an under-voltage. Should excessive currents cause FB3 or FB4 to fall below the linear undervoltage threshold, the LUV signal sets the over-current latch, providing CSS is fully charged. Blanking the LUV signal during the CSS charge interval allows the linear outputs to build above the under-voltage threshold during normal operation. Cycling the bias input power off then on resets the counter and the fault latch. Fault Protection All four outputs are monitored and protected against extreme overload. A sustained overload on any output or an overvoltage on V OUT1 output (VSEN1) disables all outputs and drives the FAULT/RT pin to VCC. LUV OVERCURRENT LATCH OC1 OC2 0.15V + SQ R INHIBIT SS 4V + UP POR OV COUNTER R FAULT LATCH SQ R FAULT VCC - FIGURE 4. FAULT LOGIC - SIMPLIFIED SCHEMATIC FAULT/RT Figure 4 shows a simplified schematic of the fault logic. An over-voltage detected on VSEN1 immediately sets the fault latch. A sequence of three over-current fault signals also sets the fault latch. The over-current latch is set dependent upon the states of the over-current (OC1 and OC2), linear under-voltage (LUV) and the soft-start signals. A window comparator monitors the SS pin and indicates when CSS is fully charged to 4.5V (UP signal). An under-voltage on either linear output (sensed at FB3 and FB4) is ignored until after the soft-start interval (T4 in Figure 3). This allows VOUT3 and VOUT4 to increase without fault at start-up. Cycling the bias input voltage (+12VIN on the VCC pin off then on) resets the counter and the fault latch. 10V 0V COUNT =1 FAULT REPORTED Over-Voltage Protection During operation, a short across the synchronous PWM upper MOSFET (Q1) causes VOUT1 to increase. When the output exceeds the over-voltage threshold of 115% of DACOUT, the over-voltage comparator trips to set the fault latch and turns the lower MOSFET (Q2) on. This blows the input fuse and reduces VOUT1. The fault latch raises the FAULT/RT pin to VCC. A separate over-voltage circuit provides protection during the initial application of power. For voltages on the VCC pin below the power-on reset (and above ~4V), the output level is monitored for voltages above 1.3V. Should VSEN1 exceed this level, the lower MOSFET, Q2 is driven on. SOFT-START 4V 2V 0V COUNT =2 COUNT =3 INDUCTOR CURRENT OVERLOAD APPLIED 0A T0 T1 T2 TIME T3 T4 FIGURE 5. OVER-CURRENT OPERATION 8 HIP6020A OVER-CURRENT TRIP: V >V DS SET >I x R OCSET i xr D DS ( ON ) OCSET OCSET IOCSET 200A OVERCURRENT OC + VCC DRIVE UGATE PHASE V PWM GATE CONTROL = V -V PHASE IN DS VOCSET = VI N - VSET + VDS VIN = +5V source. Changing the VID inputs during operation is not recommended and could toggle the PGOOD signal and exercise the over-voltage protection. TABLE 1. OUT1 VOLTAGE PROGRAM ROCSET iD VSET + PIN NAME VID4 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 NOMINAL DACOUT VOLTAGE 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.00 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 - FIGURE 6. OVER-CURRENT DETECTION Resistors (ROCSET1 and ROCSET2) program the over-current trip levels for each PWM converter. As shown in Figure 6, the internal 200A current sink (IOCSET) develops a voltage across ROCSET (VSET) that is referenced to VIN . The DRIVE signal enables the over-current comparator (OVER-CURRENT1 or OVER-CURRENT2). When the voltage across the upper MOSFET (VDS(ON)) exceeds VSET, the over-current comparator trips to set the over-current latch. Both VSET and VDS are referenced to VIN and a small capacitor across ROCSET helps VOCSET track the variations of VIN due to MOSFET switching. The over-current function will trip at a peak inductor current (IPEAK) determined by: IOCSET x R OCSET I PEAK = --------------------------------------------------r D S( ON ) 0 0 0 0 0 0 0 0 0 0 0 1 The OC trip point varies with MOSFET's rDS(ON) temperature variations. To avoid over-current tripping in the normal operating load range, determine the ROCSET resistor value from the equation above with: 1. The maximum rDS(ON) at the highest junction temperature 2. The minimum IOCSET from the specification table 3. Determine IPEAK for IPEAK > IOUT(MAX) + (I)/ 2, where I is the output inductor ripple current. For an equation for the ripple current see the section under component guidelines titled `Output Inductor Selection'. 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 OUT1 Voltage Program The output voltage of the PWM1 converter is programmed to discrete levels between 1.3VDC and 3.5VDC . This output (OUT1) is designed to supply the core voltage of Intel's advanced microprocessors. The voltage identification (VID) pins program an internal voltage reference (DACOUT) with a TTL-compatible 5-bit digital-to-analog converter (DAC). The level of DACOUT also sets the PGOOD and OVP thresholds. Table 1 specifies the DACOUT voltage for the different combinations of connections on the VID pins. The VID pins can be left open for a logic 1 input, because they are internally pulled up to an internal voltage of about 5V by a 10A current NOTE: 0 = connected to GND, 1 = open or connected to 5V through pull-up resistors 9 HIP6020A OUT2 Voltage Selection The AGP regulator output voltage is internally set to 1.5V or continuously on, based on the status of the SELECT pin. SELECT pin is internally pulled `high', such that left open, the standard buck MOSFET will be continuously on, VOUT2 being equal to the input voltage (3.3V) less any voltage drop across the MOSFET's rDS(ON) and output inductor's DCR. The other setting available is 1.5V, which can be obtained by grounding the SELECT pin using a jumper or another suitable method capable of sinking a few tens of microamperes. The status of the SELECT pin cannot be changed during operation of the IC without possibly causing a fault condition. layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turn-off transition of the upper MOSFET. Prior to turn-off, the upper MOSFET was carrying the full load current. During the turnoff, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET or Schottky diode. Any inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. There are two sets of critical components in a DC-DC converter using a HIP6020A controller. The switching power components are the most critical because they switch large amounts of energy, and as such, they tend to generate equally large amounts of noise. The critical small signal components are those connected to sensitive nodes or those supplying critical bypass current. The power components and the controller IC should be placed first. Locate the input capacitors, especially the highfrequency ceramic de-coupling capacitors, close to the power switches. Locate the output inductor and output capacitors between the MOSFETs and the load. Locate the PWM controller close to the MOSFETs. The critical small signal components include the bypass capacitor for VCC and the soft-start capacitor, CSS. Locate these components close to their connecting pins on the control IC. Minimize any leakage current paths from SS node, since the internal current source is only 28A. A multi-layer printed circuit board is recommended. Figure 7 shows the connections of the critical components in the converter. Note that the capacitors CIN and COUT each could represent numerous physical capacitors. Dedicate one solid layer for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the PHASE nodes, but do not unnecessarily oversize these particular islands. Since the PHASE nodes are subjected to very high dV/dt voltages, the stray capacitor formed between these islands and the surrounding circuitry will tend to couple switching noise. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the control IC to the MOSFET gate and source should be sized to carry 2A peak currents. Application Guidelines Soft-Start Interval Initially, the soft-start function clamps the error amplifier's output of the PWM converters. This generates PHASE pulses of increasing width that charge the output capacitor(s). After the output voltage increases to approximately 70% of the set value, the reference input of the error amplifier is clamped to a voltage proportional to the SS pin voltage. The resulting output voltages start-up as shown in Figure 3. The soft-start function controls the output voltage rate of rise to limit the current surge at start-up. The soft-start interval and the surge current are programmed by the soft-start capacitor, CSS. Programming a faster soft-start interval increases the peak surge current. The peak surge current occurs during the initial output voltage rise to 70% of the set value. Using the recommended 0.1F soft start capacitor insures all output voltages ramp up to their set values within 10ms of the input voltages reaching POR levels. Shutdown Neither PWM output switches until the soft-start voltage (VSS) exceeds the oscillator's valley voltage. Additionally, the reference on each linear's amplifier is clamped to the soft-start voltage. Holding the SS pin low (with an open drain or open collector signal) turns off all four regulators. Layout Considerations MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. The voltage spikes can degrade efficiency, radiate noise into the circuit, and lead to device over-voltage stress. Careful component 10 HIP6020A +5V IN LIN VIN OSC DRIVER PWM COMP LO DRIVER PHASE CO ESR (PARASITIC) VOUT CIN +12V COCSET2 CVCC VCC GND OCSET2 OCSET1 UGATE2 UGATE1 PHASE2 PHASE1 COUT1 SS CSS LGATE1 Q2 CR1 LOAD COCSET1 ROCSET1 Q1 LOUT1 VOUT1 VOSC - + ROCSET2 Q3 VOUT2 LOUT2 LOAD COUT2 CR2 VE/A ZFB + ERROR AMP - ZIN REFERENCE VOUT3 HIP6020A VOUT4 DETAILED COMPENSATION COMPONENTS ZFB ZIN C3 R1 FB R3 VOUT LOAD COUT4 Q5 Q4 PGND LOAD COUT3 DRIVE3 DRIVE4 C2 C1 R2 +3.3V IN KEY ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT PLANE LAYER VIA CONNECTION TO GROUND PLANE COMP + HIP6020A DACOUT FIGURE 7. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS FIGURE 8. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN PWM1 Controller Feedback Compensation Both PWM controllers use voltage-mode control for output regulation. This section highlights the design consideration for a voltage-mode controller requiring external compensation. Apply these methods and considerations only to the synchronous PWM controller. The considerations for the standard PWM controller are presented separately. Figure 11 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage (VOUT) is regulated to the Reference voltage level. The reference voltage level is the DAC output voltage (DACOUT) for PWM1. The error amplifier output (VE/A) is compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (LO and CO). The modulator transfer function is the small-signal transfer function of VOUT /VE/A. This function is dominated by a DC Gain, given by VIN /VOSC , and shaped by the output filter, with a double pole break frequency at FLC and a zero at FESR . (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180 degrees. The equations below relate the compensation network's poles, zeros and gain to the components (R1, R2, R3, C1, C2, and C3) in Figure 8. Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired converter bandwidth 2. Place 1ST Zero Below Filter's Double Pole (~75% FLC) 3. Place 2ND Zero at Filter's Double Pole 4. Place 1ST Pole at the ESR Zero 5. Place 2ND Pole at Half the Switching Frequency 6. Check Gain against Error Amplifier's Open-Loop Gain 7. Estimate Phase Margin - Repeat if Necessary Compensation Break Frequency Equations 1 F Z1 = ----------------------------------2 x R 2 x C1 1 F Z2 = -----------------------------------------------------2 x ( R1 + R3) x C3 1 F P1 = -----------------------------------------------------C1 x C2 2 x R 2 x --------------------- C1 + C2 1 F P2 = ----------------------------------2 x R 3 x C3 Modulator Break Frequency Equations 1 F LC = --------------------------------------2 x LO x C O 1 F ESR = ---------------------------------------2 x ESR x C O The compensation network consists of the error amplifier (internal to the HIP6020A) and the impedance networks ZIN and ZFB . The goal of the compensation network is to provide a closed loop transfer function with high 0dB crossing frequency Figure 9 shows an asymptotic plot of the DC-DC converter's gain vs. frequency. The actual Modulator Gain has a high gain peak dependent on the quality factor (Q) of the output filter, which is not shown in Figure 9. Using the above guidelines should yield a Compensation Gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities 11 HIP6020A of the error amplifier. The Closed Loop Gain is constructed on the log-log graph of Figure 9 by adding the Modulator Gain (in dB) to the Compensation Gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain. FZ1 100 80 60 GAIN (dB) 40 20 0 -20 -40 -60 10 100 1K 10K 100K 1M 10M FREQUENCY (Hz) R2 20 log ------- R 1 MODULATOR GAIN CLOSED LOOP GAIN FZ2 FP1 FP2 OPEN LOOP ERROR AMP GAIN VI N 20 log ----------------- VP - P COMPENSATION GAIN 3. Verify that chosen inductor meets this minimum value criteria (at full output load). As inductors tend to saturate as the current increases, it is recommended the chosen output inductor be no more than 30% saturated at full output load. Oscillator Synchronization The PWM controllers use a triangle wave for comparison with the error amplifier output to provide a pulse-width modulated signal. Should the output voltage of the two converters be programmed close to each other, then crosstalk between the converters could cause non-uniform PHASE pulse-widths and increased output voltage ripple. The HIP6020A avoids this problem by appropriately synchronizing the two converters for 1.5V AGP output voltage setting. Thus, for core output voltage settings less than 2.4V, PWM1 operates out of phase with PWM2. FLC FESR Component Selection Guidelines Output Capacitor Selection The output capacitors for each output have unique requirements. In general the output capacitors should be selected to meet the dynamic regulation requirements. Additionally, the PWM converters require an output capacitor to filter the current ripple. The load transient for the microprocessor core requires high quality capacitors to supply the high slew rate (di/dt) current demands. FIGURE 9. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth (BW) overall loop. A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45 degrees. Include worst case component variations when determining phase margin. PWM Output Capacitors Modern microprocessors produce transient load rates above 1A/ns. High frequency capacitors initially supply the transient current and slow the load rate-of-change seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR determines the output ripple voltage and the initial voltage drop following a high slew-rate transient's edge. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select a suitable component. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor. PWM2 Controller Feedback Compensation To reduce the number of external small-signal components required by a typical application, the standard PWM controller is internally stabilized. The only stability criteria that needs to be met relates the minimum value of the output inductor to the equivalent ESR of the output capacitor bank, as shown in the following equation: ESR OUT x 10 L OUT ( MI N ) = -----------------------------------------------2 x x BW 1.75 where LOUT(MIN) - minimum output inductor value at full output current ESROUT - equivalent ESR of the output capacitor bank BW - desired converter bandwidth (not to exceed 0.25 to 0.30 of the switching frequency) The design procedure for this output should follow the following steps: 1. Choose number and type of output capacitors to meet the output transient requirements based on the dynamic loading characteristics of the output. 2. Determine the equivalent ESR of the output capacitor bank and calculate minimum output inductor value. 12 HIP6020A Linear Output Capacitors The output capacitors for the linear regulators provide dynamic load current. Thus capacitors C OUT3 and COUT4 should be selected for transient load regulation. RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage. The RMS current rating requirement for the input capacitors of a buck regulator is approximately 1/2 of the summation of the DC output load current. Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors can be placed very close to the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances. For a through-hole design, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surge current at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested. PWM Output Inductor Selection Each PWM converter requires an output inductor. The output inductor is selected to meet the output voltage ripple requirements and sets the converter's response time to a load transient. Additionally, PWM2 output inductor has to meet the minimum value criteria for loop stability as described in paragraph `PWM2 Controller Feedback Compensation'. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current. The ripple voltage and current are approximated by the following equations: V IN - V OUT V OU T I = ------------------------------- x --------------V IN FS x L VOUT = I x ESR Increasing the value of inductance reduces the ripple current and voltage. However, the large inductance values increase the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the HIP6020A will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time interval required to slew the inductor current from an initial current value to the post-transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor(s). Minimizing the response time can minimize the output capacitance required. The response time to a transient is different for the application of load and the removal of load. The following equations give the approximate response time interval for application and removal of a transient load: L O x ITRAN t RISE = ------------------------------V IN - V OUT L O x I TRAN t FALL = -----------------------------V OUT MOSFET Selection/Considerations The HIP6020A requires 5 external transistors. Three N-Channel MOSFETs are employed by the PWM converters. The GTL and memory linear controllers can each drive a MOSFET or a NPN bipolar as a pass transistor. All these transistors should be selected based upon rDS(ON) , current gain, saturation voltages, gate supply requirements, and thermal management considerations. PWM1 MOSFET Selection and Considerations In high-current PWM applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. These losses are distributed between the upper and lower MOSFETs according to the duty factor. The conduction losses are the main component of power dissipation for the lower MOSFETs. Only the upper MOSFET has significant switching losses, since the lower device turns on and off into near zero voltage. The equations presented assume linear voltage-current transitions and do not model power loss due to the reverse recovery of the lower MOSFET's body diode. The gate charge losses are dissipated by the HIP6020A and don't heat the MOSFETs. However, large gate-charge increases the switching time, tSW , which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow. where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time. Input Capacitor Selection The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest 13 HIP6020A IO x r D S ( ON ) x VOUT I O x V IN x t SW x FS P U PPER = ----------------------------------------------------------- + ---------------------------------------------------VIN 2 I O x r DS ( ON ) x ( VIN - V OUT ) P LOWER = -------------------------------------------------------------------------------V IN 2 2 PWM2 MOSFET and Schottky Selection The power dissipation in PWM2 converter is similar to PWM1 except that the power losses of the lower device are taking place in a Schottky instead of a MOSFET. The power losses of PWM2 converter are distributed between the upper MOSFET and the Schottky. The following equations describe an approximation of this distribution and assume a linear voltage-current switching transitions. IO x r D S ( ON ) x VOUT I O x V IN x t SW x FS PMOS = ----------------------------------------------------------- + ---------------------------------------------------VIN 2 IO x Vf x ( VIN - VOUT ) P SC H = -----------------------------------------------------------VIN 2 The rDS(ON) is different for the two equations above even if the same device is used for both. This is because the gate drive applied to the upper MOSFET is different than the lower MOSFET. Figure 10 shows the gate drive where the upper MOSFET's gate-to-source voltage is approximately VCC less the input supply. For +5V main power and +12VDC for the bias, the gate-to-source voltage of Q1 is 7V. The lower gate drive voltage is +12VDC. A logic-level MOSFET is a good choice for Q1 and a logic-level MOSFET can be used for Q2 if its absolute gate-to-source voltage rating exceeds the maximum voltage applied to VCC . +5V OR LESS +12V VCC For the fully on option (SELECT pin high) selection of the MOSFET is based on the voltage budget available to this regulator. Since the MOSFET is operated as a switch, its own rDS(ON) is bound by the maximum voltage drop allowable across it at the maximum output current. Where V IN - ( DCR I OUT ) r D S( ON )max = ---------------------------------------------------I OU T HIP6020A UGATE PHASE Q1 NOTE: VGS VCC -5V rDS(ON)max - maximum allowed MOSFET rDS(ON) DCR - output inductor DC resistance In applications where both output settings could be engaged (both 1.5V and fully on MOSFET) it is recommended the MOSFET meets criteria outlined for the PWM operation as well as the fully on operation. - LGATE PGND GND Q2 CR1 NOTE: VGS VCC + Linear Controllers Transistor Selection FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE Rectifier CR1 is a clamp that catches the negative inductor swing during the dead time between the turn off of the lower MOSFET and the turn on of the upper MOSFET. The diode must be a Schottky type to prevent the lossy parasitic MOSFET body diode from conducting. It is acceptable to omit the diode and let the body diode of the lower MOSFET clamp the negative inductor swing, but efficiency could drop, in some cases, one or two percent as a result. The diode's rated reverse breakdown voltage must be greater than the maximum input voltage. The HIP6020A linear controllers are compatible with both NPN bipolar as well as N-Channel MOSFET transistors. The main criteria for selection of pass transistors for the linear regulators is package selection for efficient removal of heat. The power dissipated in a linear regulator is PLI NEAR = IO x ( V I N - V OU T ) Select a package and heatsink that maintains the junction temperature below the maximum desired temperature with the maximum expected ambient temperature. When selecting bipolar NPN transistors for use with the linear controllers, insure the current gain at the given operating V CE is sufficiently large to provide the desired output load current when the base is fed with the minimum driver output current. 14 HIP6020A HIP6020A DC-DC Converter Application Circuit Figure 11 shows an application circuit of a power supply for a microprocessor computer system. The power supply provides the microprocessor core voltage (V OUT1), the AGP bus voltage (VOUT2), the GTL bus voltage (VOUT3), and the memory voltage (VOUT4) from +3.3V, +5VDC, and +12VDC. +12VIN L1 +5VIN 1H + GND C11 1000pF VCC +3.3VIN R2 2.7K OCSET2 28 R1 23 OCSET1 8 PGOOD 1.0K POWERGOOD C1-7 7x1000F C8 1F C9 1000pF For detailed information on a very similar circuit employing an HIP6020, including a Bill-of-Materials and circuit board description, see Application Note AN9836. Also see Intersil web page (www.intersil.com). C10 1F VOUT2 (3.3V/1.5V) Q3 HUF76107D3S L2 UGATE2 PHASE2 1 2 27 UGATE1 26 PHASE1 Q1,2 HUF76143S3S L3 4.2H VOUT1 (1.3V-3.5V) 6.2H + C12-14 3x1000F CR1 MBRD835L 25 VSEN2 SELECT VAUX 10 LGATE1 C15-22 + 8x1000F R3 10.2K 24 PGND VSEN1 FB1 C24 10pF R4 1.62K TYPEDET +3.3VIN Q4 HUF76107D3S 11 16 22 U1 21 HIP6020A DRIVE3 FB3 VOUT3 (1.5V) + C26,27 2x1000F FAULT/RT Q5 HUF76107D3S 13 15 14 9 7 VID0 6 VID1 VID2 5 4 VID3 3 VID4 18 19 C25 2.7nF R5 150K 20 COMP1 C23 0.22F R6 499K VOUT4 (1.8V) DRIVE4 FB4 + C28,29 2x1000F SD 12 SS 17 GND C30 0.1F FIGURE 11. POWER SUPPLY APPLICATION CIRCUIT FOR A MICROPROCESSOR COMPUTER SYSTEM 15 HIP6020A Small Outline Plastic Packages (SOIC) N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM M28.3 (JEDEC MS-013-AE ISSUE C) 28 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 L MILLIMETERS MIN 2.35 0.10 0.33 0.23 17.70 7.40 MAX 2.65 0.30 0.51 0.32 18.10 7.60 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93 MIN 0.0926 0.0040 0.013 0.0091 0.6969 0.2914 MAX 0.1043 0.0118 0.0200 0.0125 0.7125 0.2992 B C D E e 0.05 BSC 0.394 0.01 0.016 28 0o 8o 0.419 0.029 0.050 1.27 BSC 10.00 0.25 0.40 28 0o 10.65 0.75 1.27 A1 0.10(0.004) C e B 0.25(0.010) M C AM BS H h L N NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com Sales Office Headquarters NORTH AMERICA Intersil Corporation 7585 Irvine Center Drive Suite 100 Irvine, CA 92618 TEL: (949) 341-7000 FAX: (949) 341-7123 Intersil Corporation 2401 Palm Bay Rd. Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7946 EUROPE Intersil Europe Sarl Ave. C - F Ramuz 43 CH-1009 Pully Switzerland TEL: +41 21 7293637 FAX: +41 21 7293684 ASIA Intersil Corporation Unit 1804 18/F Guangdong Water Building 83 Austin Road TST, Kowloon Hong Kong TEL: +852 2723 6339 FAX: +852 2730 1433 16 |
Price & Availability of HIP6020A01 |