Part Number Hot Search : 
68100 100H6 BCX70 112S6TF HEF4720V XL6008 00140 RSEH15
Product Description
Full Text Search
 

To Download HA4-5002883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HA-5002/883
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
Description
The HA-5002/883 is a monolithic, wideband, high slew rate, high output current, buffer amplifier. Utilizing the advantages of the Harris Dielectric Isolation technologies, the HA-5002/883 current buffer offers 1300V/s slew rate typically and 1000V/s minimum with 110MHz of bandwidth. The 100mA minimum output current capability is enhanced by a 3 output impedance. The monolithic HA-5002/883 will replace the hybrid LH0002 with corresponding performance increases. These characteristics range from the 3M (typ) input impedance to the increased output voltage swing. Monolithic design technologies have allowed a more precise buffer to be developed with more than an order of magnitude smaller gain error. The voltage gain is 0.98 guaranteed minimum with a 1k load and 0.96 minimum with a 100 load. The HA-5002/883 will provide many present hybrid users with a higher degree of reliability and at the same time increase overall circuit performance.
October 26, 2004
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * Voltage Gain (RL = 1k). . . . . . . . . . . . . . . . . . 0.98 (Min) 0.995 (Typ) (RL = 100) . . . . . . . . . . . . . . . . 0.96 (Min) 0.971 (Typ) * High Input Impedance . . . . . . . . . . . . . . . . . 1.5M (Min) 3M (Typ) * Low Output Impedance . . . . . . . . . . . . . . . . . . 5 (Max) 3 (Typ) * Very High Slew Rate . . . . . . . . . . . . . . . .1000V/s (Min) 1300V/s (Typ) * Wide Small Signal Bandwidth. . . . . . . . . .110MHz (Typ) * High Output Current . . . . . . . . . . . . . . . . . 100mA (Min) * High Pulsed Output Current . . . . . . . . . . . 400mA (Max) * Monolithic Dielectric Isolation Construction * Replaces Hybrid LH0002
Ordering Information
PART NUMBER HA4-5002/883 TEMPERATURE RANGE -55oC to +125oC PACKAGE 20 Lead Ceramic LCC
Applications
* Line Driver * Data Acquisition * 110MHz Buffer * High Power Current Booster * High Power Current Source * Sample and Holds * Radar Cable Driver * Video Products
Pinout
HA-5002/883 (CLCC) TOP VIEW
OUT V1 + NC NC NC 18 NC 17 V2 + 16 NC 15 NC 14 NC 9 10 11 12 13 NC IN NC V1 NC
3 NC V2 NC NC NC 4 5 6 7 8
2
1 20 19
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002, 2004. All Rights Reserved
Spec Number
1
511017-883 FN3705.2
HA-5002/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 44V Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . Equal to Supplies Peak Output Current (50ms On, 1s Off) . . . . . . . . . . . . . . . . . .400mA Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <4000V Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Information
Thermal Resistance JA JC Ceramic LCC Package . . . . . . . . . . . . . . 80oC/W 30oC/W Package Power Dissipation Limit at +75oC for TJ +175oC Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W Package Power Dissipation Derating Factor Above +75oC Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 12V to 15V RL 100
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 12V and 15V, RSOURCE = 50, CLOAD 10pF, VIN = 0V, Unless Otherwise Specified. LIMITS PARAMETERS Input Offset Voltage SYMBOL VIO1 CONDITIONS VSUP = 15V GROUP A SUBGROUPS 1 2, 3 VIO2 VSUP = 12V 1 2, 3 Input Bias Current IB1 VSUP = 15V, RS = 1k 1 2, 3 IB2 VSUP = 12V, RS = 1k 1 2, 3 Voltage Gain 1 +AV1 VSUP = 12V, RL = 1k, VIN = 10V VSUP = 12V, RL = 1k, VIN = -10V VSUP = 12V, RL = 100, VIN = 10V VSUP = 12V, RL = 100, VIN = -10V VSUP = 15V, RL = 100, VIN = 10V VSUP = 15V, RL = 100, VIN = -10V VSUP = 15V, RL = 1k, VIN = +10V VSUP = 15V, RL = 1k, VIN = -10V 1 2, 3 1 2, 3 1 TEMPERATURE +25 C +125oC, -55oC +25 C +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125 C, -55 C +25oC +125 C, -55 C +25oC +25oC +25oC +25oC +25oC +125oC, -55oC +25oC +125oC, -55oC
o o o o o o
MIN -20 -30 -20 -30 -7 -10 -7 -10 0.98 0.98 0.98 0.98 0.96
MAX 20 30 20 30 7 10 7 10 -
UNITS mV mV mV mV A A A A V/V V/V V/V V/V V/V
-AV1
Voltage Gain 2
+AV2 -AV2
1
0.96
-
V/V
Voltage Gain 3
+AV3 -AV3
1
0.96
-
V/V
1
0.96
-
V/V
Voltage Gain 4
+AV4
1 2, 3 1 2, 3
0.99 0.99 0.99 0.99
-
V/V V/V V/V V/V
-AV4
Spec Number 2
511017-883
HA-5002/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 12V and 15V, RSOURCE = 50, CLOAD 10pF, VIN = 0V, Unless Otherwise Specified. LIMITS PARAMETERS Output Voltage Swing SYMBOL +VOUT1 CONDITIONS VSUP = 15V, RL = 100, VIN = +15V VSUP = 15V, RL = 100, VIN = -15V VSUP = 15V, RL = 1k, VIN = +15V VSUP = 15V, RL = 1k, VIN = -15V VSUP = 12V, RL = 1k, VIN = +12V VSUP = 12V, RL = 1k, VIN = -12V VSUP = 15V, VOUT = +10V VSUP = 15V, VOUT = -10V VSUP = 12V, VOUT = +10V VSUP = 12V, VOUT = -10V VSUP = 5V, V+ = +20V, V- = -15V, V+ = +10V, V- = -15V VSUP = 5V, V+ = +15V, V- = -20V, V+ = +15V, V- = -10V VSUP = 5V, V+ = +17V, V- = -12V, V+ = +7V, V- = -12V VSUP = 5V, V+ = +12V, V- = -17V, V+ = +12V, V- = -7V GROUP A SUBGROUPS 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 1 2, 3 TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 10 10 10 10 10 10 100 100 100 100 54 54 54 54 54 54 54 54 MAX -10 -10 -10 -10 -10 -10 -100 -100 -100 -100 UNITS V V V V V V V V V V V V mA mA mA mA mA mA mA mA dB dB dB dB dB dB dB dB
-VOUT1
+VOUT2
-VOUT2
+VOUT3
-VOUT3
Output Current
+IOUT1
-IOUT1
+IOUT2
-IOUT2
Power Supply Rejection Ratio
+PSRR1
-PSRR1
+PSRR2
-PSRR2
Spec Number 3
511017-883
HA-5002/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 12V and 15V, RSOURCE = 50, CLOAD 10pF, VIN = 0V, Unless Otherwise Specified. LIMITS PARAMETERS Power Supply Current SYMBOL +ICC1 CONDITIONS VSUP = 15V, VOUT = 0V VSUP = 15V, VOUT = 0V VSUP = 12V, VOUT = 0V VSUP = 12V, VOUT = 0V GROUP A SUBGROUPS 1 2, 3 1 2, 3 1 2, 3 1 2, 3 TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN -10 -10 -10 -10 MAX 10 10 10 10 UNITS mA mA mA mA mA mA mA mA
-ICC1
+ICC2
-ICC2
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Table 2 Intentionally Left Blank. See AC Specifications in Table 3
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V or 12V, RLOAD = 1k, CLOAD 10pF, Unless Otherwise Specified. LIMITS PARAMETERS Input Resistance SYMBOL RIN1 RIN2 Slew Rate +SR1 CONDITIONS VSUP = 15V VSUP = 12V VSUP = 15V, VOUT = -5V to +5V VSUP = 15V, VOUT = +5V to -5V VSUP = 12V, VOUT = -5V to +5V VSUP = 12V, VOUT = +5V to -5V VSUP = 15V or 12V, VOUT = 0 to +500mV VSUP = 15V or 12V, VOUT = 0 to -500mV NOTES 1 1 1 TEMPERATURE +25oC +25oC +25oC +125oC, -55oC 1 +25oC +125oC, -55oC 1 +25oC +125oC, -55oC 1 +25oC +125oC, -55oC 1, 2 1, 2 TF 1, 2 1, 2 +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 1.5 1.5 1000 1000 1000 1000 1000 1000 1000 1000 MAX 10 10 10 10 UNITS M M V/s V/s V/s V/s V/s V/s V/s V/s ns ns ns ns
-SR1
+SR2
-SR2
Rise and Fall Time
TR
Spec Number 4
511017-883
HA-5002/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Characterized at: VSUPPLY = 15V or 12V, RLOAD = 1k, CLOAD 10pF, Unless Otherwise Specified. LIMITS PARAMETERS Overshoot SYMBOL +OS CONDITIONS VSUP = 12V or 15V, VOUT = 0 to +500mV VSUP = 12V or 15V, VOUT = 0 to -500mV VSUP = 15V, VIN = 0V, IOUT = 0mA VSUP = 12V, VIN = 0V, IOUT = 0mA VSUP = 12V VSUP = 12V NOTES 1 TEMPERATURE +25oC +125oC, -55oC 1 +25oC +125oC, -55oC 1, 3 +25oC +125oC, -55oC 1, 3 +25oC +125oC, -55oC 1 1 +25oC +25oC MIN MAX 30 30 30 30 300 300 240 240 5 5 UNITS % % % % mW mW mW mW
-OS
Quiescent Power Consumption
PC1
PC2
Output Resistance
ROUT1 ROUT2
NOTES: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Measured between 10% and 90% points. 3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.)
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 1. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLE 1) 1 1 (Note 1), 2, 3 1, 2, 3 1
Spec Number 5
511017-883
HA-5002/883 Die Characteristics
DIE DIMENSIONS: 81 x 80 x 19 mils 1 mils 2050 x 2030 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 20kA 2kA GLASSIVATION: Type: Nitride Thickness: 7kA 0.7kA WORST CASE CURRENT DENSITY: 0.7 x 105 A/cm2 at 3.6mA SUBSTRATE POTENTIAL (Powered Up): V1TRANSISTOR COUNT: 27 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5002/883
V1IN
V1- (ALT) V1+ (ALT)
V2+
V2-
V1+
OUT
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 6 Spec Number
511017-883


▲Up To Search▲   

 
Price & Availability of HA4-5002883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X