Part Number Hot Search : 
2N5001S PR200 SKKH72H4 45012 05A19 TMR1210 SI230 00M35
Product Description
Full Text Search
 

To Download EM564161BC-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EtronTech
Features
* Single power supply voltage of 2.3V to 3.6V * Power down features using CE1# and CE2 * Low power dissipation * Data retention supply voltage: 1.0V to 3.6V * Direct TTL compatibility for all input and output * Wide operating temperature range: -40C to 85C * Standby current @ VDD = 3.6 V
IDDS2 Typical EM564161BC -55 EM564161BC/BA -70/85 EM564161BC -55E EM564161BC/BA -70E/85E 1 A 1 A 5 A 5 A Maximum 10 A 10 A 80 A 80 A
D GND DQ11 A17 A7
EM564161
256K x 16 Low Power SRAM
Rev 3.1 Pin Configuration
48-Ball BGA (CSP), Top View
1 A LB# 2 OE# 3 A0 4 A1 5 A2 6 CE2
04/2004
B
DQ8
UB#
A3
A4
CE 1#
DQ0
C
DQ9
DQ10
A5
A6
DQ1
DQ2
DQ3
VDD
E
VDD
DQ12
NC
A16
DQ4
GND
F
DQ14
DQ13
A14
A15
DQ5
DQ6
G
DQ15
NC
A12
A13
WE#
DQ7
Ordering Information
Part Number
EM564161BC-55 EM564161BC-55E EM564161BC-70 EM564161BC-70E EM564161BA-70 EM564161BA-70E EM564161BC-85 EM564161BA-85 EM564161BA-85E
H
NC
A8
A9
A10
A11
NC
Speed
55 ns 55 ns 70 ns 70 ns 70 ns 70 ns 85 ns 85 ns 85 ns
IDDS2
10 A 80 A 10 A 80 A 10 A 80 A 10 A 10 A 80 A
Package
6x8 BGA 6x8 BGA 6x8 BGA 6x8 BGA 8x10 BGA 8x10 BGA 6x8 BGA 8x10 BGA 8x10 BGA
Pin Description
Symbol
A0 - A17 DQ0 - DQ15 CE1#, CE2 OE# WE# LB#, UB# GND VDD NC
Function
Address Inputs Data Inputs / Outputs Chip Enable Inputs Output Enable Read / Write Control Input Data Byte Control Inputs Ground Power Supply No Connection
Overview
The EM564161 is a 4,194,304-bit SRAM organized as 262,144 words by 16 bits. It is designed with advanced CMOS technology. This Device operates from a single 2.3V to 3.6V power supply. Advanced circuit technology provides both high speed and low power. It is automatically placed in low-power mode when chip enable (CE1#) is asserted high or (CE2) is asserted low. There are three control inputs. CE1# and CE2 are used to select the device and for data retention control, and output enable (OE#) provides fast memory access. Data byte control pin (LB#,UB#) provides lower and upper byte access. This device is well suited to various microprocessor system applications where high speed, low power and battery backup are required. And, with a
Etron Technology, Inc.
No. 6, Technology Rd. V, Science-Based Industrial Park, Hsinchu, Taiwan 30077, R.O.C. TEL: (886)-3-5782345 FAX: (886)-3-5778671
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
EtronTech
EM564161
guaranteed operating range from -40C to 85C, the EM564161 can be used in environments exhibiting extreme temperature conditions.
2
Rev 3.1
Apr. 2004
EtronTech
Block Diagram
EM564161
A0 MEMORY CELL ARRAY 2,048X128X16 (4,194,304) A17
VDD
GND
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7
SENSE AMP
DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 COLUMN ADDRESS DECODER
WE# UB#
LB#
OE# CE1# CE2
POWER DOWN CIRCUIT
3
Rev 3.1
Apr. 2004
EtronTech
Operating Mode
Mode CE1# CE2 OE# WE# LB# L Read L H L H H L L Write L H X L H L L Output Deselect L H Standby X L X X X X H X X X X X H X H X High-Z High-Z H H H X UB# L L H L L H X High-Z High-Z DQ0~DQ7 DOUT High-Z DOUT DIN High-Z DIN DQ8~DQ15 DOUT DOUT High-Z DIN DIN High-Z
EM564161
Note: X = don't care. H=logic high. L=logic low. Absolute Maximum Ratings
Supply voltage, VDD Input voltages, VIN Input and output voltages, VI/O Operating temperature, TOPR Storage temperature, TSTRG Soldering Temperature (10s), TSOLDER Power dissipation, PD -0.3 to +4.6V -0.3 to +4.6V -0.5 to VDD +0.5V -40 to +85C -55 to +150C 240C 0.6 W
DC Recommended Operating Conditions (Ta=-40C to 85C)
Symbol VDD VIH VIL Parameter Power Supply Voltage Input High Voltage Input Low Voltage Min 2.3 2.2 -0.3
(2)
Typ - - - -
Max 3.6 VDD + 0.3 0.6 3.6
(1)
Unit V V V V
VDR Data Retention Supply Voltage Note: (1) Overshoot : VDD +2.0V in case of pulse width 20ns (2) Undershoot : -2.0V in case of pulse width 20ns
1.0
4
Rev 3.1
Apr. 2004
EtronTech
DC Characteristics (Ta = -40C to 85C, VDD = 2.3V to 3.6V)
Parameter Input low current Output low voltage Output high voltage Symbol IIL VOL VOH IIN = 0V to VDD IOL = 2.1 mA IOH = -1.0 mA VDD = 3.6 V VDD = 2.7 V VDD = 2.3 V VDD = 3.6 V 70/85 VDD = 2.7 V VDD = 2.3 V IDD2 IDDS1 Standby current IDDS2** (Note) CE1# = VIH or CE2 = VIL CE1# = VDD - 0.2V or CE2 = 0.2V VDD = 3.6 V 55/70/85 VDD = 2.7 V VDD = 2.3 V 55E/70E/85 VDD = 3.6 V E Notes: * Typical value are measured at Ta = 25C. ** In standby mode with CE1# VDD - 0.2V, these limits are assured for the condition CE2 VDD - 0.2V or CE2 0.2V. Cycle time = 1s Test Conditions Min -1 VDD 0.15 Cycle time = min CE1# = VIL and IDD1 Operating current CE2 = VIH and IOUT = 0mA Other Input = VIH / VIL 55 - - - - - - - - - - - -
EM564161
Typ* Max Unit - - - 20 13 10 15 10 7 - - 1 0.8 0.5 5 1 0.4 - 35 25 20 25 15 12 5 0.5 10 5 3 80 A mA mA A V V
Capacitance (Ta = 25C; f = 1 MHz)
Parameter Input capacitance Output capacitance Symbol CIN Min - Typ - Max 10 Unit pF Test Conditions VIN = GND
COUT 10 pF VOUT = GND - - Notes: This parameter is periodically sampled and is not 100% tested.
5
Rev 3.1
Apr. 2004
EtronTech
Read Cycle
EM564161
AC Characteristics and Operating Conditions (Ta = -40C to 85C, VDD = 2.3V to 3.6V)
EM564161 Symbol tRC tAA tCO1 tCO2 tOE tBA tLZ tOLZ tBLZ tHZ tOHZ tBHZ tOH Write Cycle EM564161 Symbol Parameter -55 -70 -85 Unit Read cycle time Address access time Chip Enable (CE1#) Access Time Chip Enable (CE2) Access Time Output enable access time Data Byte Control Access Time Chip Enable Low to Output in Low-Z Output enable Low to Output in Low-Z Data Byte Control Low to Output in Low-Z Chip Enable High to Output in High-Z Output Enable High to Output in High-Z Data Byte Control High to Output in High-Z Output Data Hold Time Parameter 55 - - - - - 10 3 5 - - - 10 -55 -70 -85 Unit - 85 85 85 45 85 - - - 35 35 35 - ns Min Max Min Max Min Max - 55 55 55 25 55 - - - 20 20 20 - 70 - - - - - 10 3 5 - - - 10 - 70 70 70 35 70 - - - 25 25 25 - 85 - - - - - 10 3 5 - - - 10
Min Max Min Max Min Max tWC tWP tCW tBW tAS tWR tWHZ tOW tDS tDH Write cycle time Write pulse width Chip Enable to end of write Data Byte Control to end of Write Address setup time Write Recovery time WE# Low to Output in High-Z WE# High to Output in Low-Z Data Setup Time Data Hold Time 55 45 45 45 0 0 - 5 25 0 - - - - - - 25 - - - 70 55 60 60 0 0 - 5 30 0 - - - - - - 30 - - - 85 55 70 70 0 0 - 5 35 0 - - - - - - 35 - - - ns
AC Test Condition * Output load : 50pF + one TTL gate * Input pulse level : 0.4V, 2.4V * Timing measurements : 0.5 x VDD * tR, tF : 5ns
6
Rev 3.1
Apr. 2004
EtronTech
Read Cycle (See Note 1)
t RC
EM564161
Addr ess
t AA
t OH
t CO1
CE 1#
CE2
t CO2 t HZ
t OE
O E# t OH Z
t BA
UB# , LB# t BLZ t OLZ t LZ t BHZ
D O UT
VALID DATA OU T
7
Rev 3.1
Apr. 2004
EtronTech
Write Cycle1 (WE# Controlled)(See Note 4)
tWC
EM564161
Address t AS tWP tW R
W E#
t CW
CE1#
CE2 t CW t BW
UB# , LB# t W HZ t OW
D OUT
(See Note2)
(See Note3)
t DS
t DH
D IN
(See Note 5)
VALID DATA IN
(See Note 5)
8
Rev 3.1
Apr. 2004
EtronTech
Write Cycle 2 (CE1# Controlled)(See Note 4)
tW C
EM564161
Addres s t AS tWP tW R
W E#
t CW
CE1#
CE2 t CW t BW
UB# , LB# t BLZ t W HZ
DOUT t LZ t DS t DH
DIN
(See Note 5)
VALID DATA IN
9
Rev 3.1
Apr. 2004
EtronTech
Write Cycle 3 (CE2 Controlled)(See Note 4)
tW C
EM564161
Addres s
t AS
tWP
tW R
W E# t CW
CE1#
CE2 t CW t W HZ
DO UT t LZ t DS t DH
DIN
(See Note 5)
VALID DATA IN
10
Rev 3.1
Apr. 2004
EtronTech
Write Cycle4 (UB#, LB# Controlled)(See Note 4)
tW C
EM564161
Addres s t AS tWP tW R
W E#
t CW
CE1#
CE2 t CW t BW
UB# , LB# t BLZ t W HZ
DO UT t LZ t DS t DH
DIN
(See Note 5)
VALID DATA IN
Note:
1. WE# remains HIGH for the read cycle. 2. If CE1# goes LOW (or CE2 goes HIGH) with or after WE# goes LOW, the outputs will remain at high impedance. 3. If CE1# goes HIGH (or CE2 goes LOW) coincident with or before WE# goes HIGH, the outputs will remain at high impedance. 4. If OE# is HIGH during the write cycle, the outputs will remain at high impedance. 5. Because I/O signals may be in the output state at this time, input signals of reverse polarity must not be applied.
11
Rev 3.1
Apr. 2004
EtronTech
Data Retention Characteristics (Ta = -40C to 85C)
Symbol Data Retention Supply Voltage Parameter CE1# VDD - 0.2V, CE2 0.2V, VIN VDD - 0.2V or VIN 0.2V Min
EM564161
Typ
Max
Unit
VDR tSDR tRDR
1.0 0 tRC
- - -
3.6 - -
V ns ns
Chip Deselect to Data Retention Mode Time Recovery Time
CE1# Controlled Data Retention Mode
t SDR V DD 2.7V Data Retention Mode t RDR
2.2V V DR CE1# GND Note 1
CE2 Controlled Data Retention Mode
VDD 2.7 V CE 2 t S DR t RDR D ata Reten tion M ode
VDR 0.4V GND Note 2
Note:
1. CE1# VDD - 0.2V or UB# = LB# VDD - 0.2V 2. CE2 0.2V
12
Rev 3.1
Apr. 2004
EtronTech
Package Diagrams 48-Ball (6mm x 8mm) BGA Units in mm
TOP VIEW
EM564161
BOTTOM VIEW 0.10 S 0.25 S C C
PIN 1 CORNER
A
B
PIN 1 CORNER
0.30 3 4 5 6 6 5 4 3
0.05(48X) 2 1
1
2
-B0.75 3.75 -A0.20(4X)
0.10 -CSEATING PLANE
13
Rev 3.1
Apr. 2004
EtronTech
Package Diagrams 48-Ball (8mm x 10mm) BGA Units in mm
TOP VIEW
EM564161
BO TT OM VIEW 0.10 S 0.25 S C C
PIN 1 CO RNE R
A
B
PIN 1 CO RNE R
0.30 3 4 5 6 6 5 4 3
0.05(48X) 2 1
1
2
A B C
A B C
5.25
0.1
D E
D E
10 .0
0.75
F G H
F G H
-B0.75 -A3.75 8.0 0.20(4X) 0.10
0.02
0.05
0.52
0.25
D
-CSEATIN G PLANE
D
0.10
1.20 MAX
0.36
0.02 0.05
14
Rev 3.1
Apr. 2004


▲Up To Search▲   

 
Price & Availability of EM564161BC-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X