Part Number Hot Search : 
SIHLD110 SE555N STUB013 MAX8744E BU806FI CX24130 WNM4006 ED302T
Product Description
Full Text Search
 

To Download EEFFD0D680R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specialty Polymer Aluminum Electrolytic Capacitor Surface Mount Type
Series:FD,CD,UD,UE
Country of Origin
n Features
Low ESR Excellent Noise-absorbent Characteristics
Japan Singapore
n Specification Series & Size Code Category Temp.Range
Rated W.V.Range
Nominal Cap.Range Capacitance Tolerance DC Leakage Current
CD UD -40 to 105C 2 to 12.5V.DC 2 to 16V.DC 2 to 8V.DC 15 to 68F 2.2 to 150F 68 to 330F 20 % I < 0.06 CV 2minutes(2 to 4V.DC) I < 0.04CV or 3A 2minutes(6.3 to 16V.DC) (Whichever is greater)
FD
UE 2 to 8V.DC 100 to 470F
Surge Voltage Rated Working Voltage x 1.25 (15 to 35C) tan < 0.06(120Hz/ +20C) < 0.10(120Hz/ +20C) After applying rated working voltage for 1000 hours at 1052C, and then being stabilized at +20C, Endurance (105 C1000hours W.V.) capacitor shall meet the following limits.
Capacitance change
tan
DC leakage current Capacitance change of initial measurd value
10% of initial measured value < Initial specified value < Initial specified value 2, 2.5V.DC +70, -20% 4 V.DC +60, -20% 6.3V.DC +50, -20% 8 to 16V.DC +40, -20%
After storing for 500 hours at 60C,90%R.H.
Moisture resistance
tan
< 200% of initial specified value
DC leakage current
< Initial specified value
n Marking
n Dimensions
in mm(not to scale)
P
P
L
W1
W2
(mm)
Series & Size Code FD CD UD UE L0.2 7.3 7.3 7.3 7.3 W10.2 W20.1 4.3 2.4 4.3 2.4 4.3 2.4 4.3 2.4 H 1.10.1 1.80.1 2.80.2 4.20.1 P0.3 1.3 1.3 1.3 1.3
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar. 2005
EE14
W2
W.V. code
H
Cap.
Polarity bar(Positive)
Specialty Polymer Aluminum Electrolytic Capacitor
n
Standard Products
Rated W.V . (V.DC) 2 2.5 FD 4 6.3 8 12.5 Case Size Specification Capacitance Ripple current (20%) L WH ESR (A r.m.s./100kHz (F) (mm) (mm) (mm) C ) +20 to +105 68 56 39 47 33 22 15 100 100 120 120 150 82 82 100 100 120 56 56 68 68 82 82 100 10 22 33 47 47 68 68 8.2 15 22 33 47 4.7 10 15 22 2.2 4.7 6.8 8.2 180 180 220 220 270 270 330 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.0 2.0 2.0 2.0 2.0 2.0 1.4 2.5 2.7 2.5 2.7 2.5 2.5 2.7 2.5 2.7 2.5 2.5 2.7 2.5 2.7 2.5 2.7 1.8 1.4 1.6 2.0 2.5 2.7 2.5 2.7 1.4 1.6 2.0 2.5 1.8 1.0 1.0 1.3 1.6 1.0 1.0 1.0 1.3 3.0 3.3 3.0 3.3 3.0 3.3 3.0 Part number
Min.Packaging Qity
Series & Size Code
(pcs)
(100kHz/+20C)
2
2.5
4
CD
6.3
8
12.5
16
UD
2
0.028 0.028 0.028 0.028 0.028 0.028 0.040 0.018 0.015 0.018 0.015 0.018 0.018 0.015 0.018 0.015 0.018 0.018 0.015 0.018 0.015 0.018 0.015 0.025 0.055 0.040 0.028 0.018 0.015 0.018 0.015 0.055 0.040 0.028 0.018 0.025 0.080 0.060 0.050 0.030 0.110 0.080 0.070 0.045 0.015 0.012 0.015 0.012 0.015 0.012 0.015
EEFFD0D680R EEFFD0E560R EEFFD0G390R EEFFD0G470R EEFFD0J330R EEFFD0K220R EEFFD1B150R EEFCD0D101R EEFCD0D101XR EEFCD0D121R EEFCD0D121XR EEFCD0D151R EEFCD0E820R EEFCD0E820XR EEFCD0E101R EEFCD0E101XR EEFCD0E121R EEFCD0G560R EEFCD0G560XR EEFCD0G680R EEFCD0G680XR EEFCD0G820R EEFCD0G820XR EEFCD0G101R EEFCD0J100R EEFCD0J220R EEFCD0J330R EEFCD0J470R EEFCD0J470XR EEFCD0J680R EEFCD0J680XR EEFCD0K8R2R EEFCD0K150R EEFCD0K220R EEFCD0K330R EEFCD0K470R EEFCD1B4R7R EEFCD1B100R EEFCD1B150R EEFCD1B220R EEFCD1C2R2R EEFCD1C4R7R EEFCD1C6R8R EEFCD1C8R2R EEFUD0D181R EEFUD0D181XR EEFUD0D221R EEFUD0D221XR EEFUD0D271R EEFUD0D271XR EEFUD0D331R
3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 3500 2000 2000 2000 2000 2000 2000 2000
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar. 2005
EE15
Specialty Polymer Aluminum Electrolytic Capacitor
n
Standard Products
Rated W.V . (V.DC) 2 Case Size Specification Capacitance Ripple current (20%) L WH ESR (A r.m.s./100kHz (F) (mm) (mm) (mm) +20 to +105 C ) 330 150 150 180 180 220 220 270 120 120 150 150 180 100 100 120 120 150 68 100 270 270 330 330 390 390 470 470 220 220 270 270 330 330 390 180 180 220 220 270 150 150 180 180 220 100 150 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 3.3 3.0 3.3 3.0 3.3 3.0 3.3 3.0 3.0 3.3 3.0 3.3 2.5 3.0 3.3 3.0 3.3 2.5 3.0 2.5 3.3 3.5 3.3 3.5 3.3 3.5 3.3 3.5 3.3 3.5 3.3 3.5 3.3 3.5 3.3 3.3 3.5 3.3 3.5 3.0 3.3 3.5 3.3 3.5 3.0 3.3 3.0 Part number
Min.Packaging Qi ty
Series & Size Code
(pcs)
(100kHz/+20C)
2.5
UD
4
6.3
8
2
UE
2.5
4
6.3
8
0.012 0.015 0.012 0.015 0.012 0.015 0.012 0.015 0.015 0.012 0.015 0.012 0.018 0.015 0.012 0.015 0.012 0.018 0.015 0.018 0.012 0.010 0.012 0.010 0.012 0.010 0.012 0.010 0.012 0.010 0.012 0.010 0.012 0.010 0.012 0.012 0.010 0.012 0.010 0.015 0.012 0.010 0.012 0.010 0.015 0.012 0.015
EEFUD0D331XR EEFUD0E151R EEFUD0E151XR EEFUD0E181R EEFUD0E181XR EEFUD0E221R EEFUD0E221XR EEFUD0E271R EEFUD0G121R EEFUD0G121XR EEFUD0G151R EEFUD0G151XR EEFUD0G181R EEFUD0J101R EEFUD0J101XR EEFUD0J121R EEFUD0J121XR EEFUD0J151R EEFUD0K680R EEFUD0K101R EEFUE0D271R EEFUE0D271XR EEFUE0D331R EEFUE0D331XR EEFUE0D391R EEFUE0D391XR EEFUE0D471R EEFUE0D471XR EEFUE0E221R EEFUE0E221XR EEFUE0E271R EEFUE0E271XR EEFUE0E331R EEFUE0E331XR EEFUE0E391R EEFUE0G181R EEFUE0G181XR EEFUE0G221R EEFUE0G221XR EEFUE0G271R EEFUE0J151R EEFUE0J151XR EEFUE0J181R EEFUE0J181XR EEFUE0J221R EEFUE0K101R EEFUE0K151R
2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar. 2005
EE16


▲Up To Search▲   

 
Price & Availability of EEFFD0D680R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X