Part Number Hot Search : 
SAA7135 DM74S04 ISL1539A ELECT 2TZ15 HA12203 BZX84C 030K1F
Product Description
Full Text Search
 

To Download DG201HSDQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG201HS
High-Speed Quad SPST CMOS Analog Switch
Features
D D D D D D D Fast Switching--tON: 38 ns Low On-Resistance: 25 W Low Leakage: 100 pA Low Charge Injection TTL/CMOS Logic Compatible Single Supply Compatibility High Current Rating: -30 mA
Benefits
D D D D D D D Faster Throughput Higher Accuracy Reduced Pedestal Error Upgrades Existing Designs Simple Interfacing Replaces HI201HS, ADG201HS Space Savings (TSSOP)
Applications
D D D D D D D D D Data Acquisition Hi-Rel Systems Sample-and-Hold Circuits Communication Systems Automatic Test Equipment Integrator Reset Circuits Choppers Gain Switching Avionics
Description
The DG201HS is an improved monolithic device containing four independent analog switches. It is designed to provide high speed, low error switching of analog signals. Combining low on-resistance (25 W) with high speed (tON: 38 ns), the DG201HS is ideally suited for high speed data acquisition requirements. To achieve high voltage ratings and superior switching performance, the DG201HS is built on a proprietary high-voltage silicon-gate process. An epitaxial layer prevents latchup. Each switch conducts equally well in both directions when on, and blocks input voltages to the supply values, when off.
Functional Block Diagram and Pin Configuration
Dual-In-Line, SOIC and TSSOP D1 IN1 D1 S1 V- GND S4 D4 IN4 1 2 3 4 5 6 7 8 Top View 16 IN2 15 D2 14 S2 V- 13 V+ NC 12 NC 11 S3 10 D3 9 IN3 GND S4 Key 4 5 6 7 8 9 D4 10 11 12 13 D3 3 2 LCC IN1 NC IN2 1 20 D2 19 18 17 16 15 14 S2 V+ NC NC S3
S1
Truth Table Logic
0 1
Switch
ON OFF
Logic "0" v 0.8 V g Logic L i "1" w 2.4 V 24
IN4 NC IN3 Top View
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70038.
Siliconix E-77071--Rev. E, 01-Sep-97
1
DG201HS
Ordering Information
Temp Range
Package
16-Pin Plastic DIP
Part Number
DG201HSDJ DG201HSDY DG201HSDQ DG201HSAK/883 DG201HSAZ/883
-40 to 85_C
16-Pin Narrow SOIC 16-Pin TSSOP 16-Pin CerDIP
-55 to 125_C
LCC-20
Absolute Maximum Ratings
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V Digital Inputsa VS, VD . . . . . . . . . . . . . . . . . . (V-) -4 V to (V+) +4 V or 30 mA, whichever occurs first Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30 mA Current, S or D (Pulsed 1 ms, 10% duty cycle) . . . . . . . . . . . . 100 mA Storage Temperature (A Suffix) . . . . . . . . . . . . . -65 to 150_C (D Suffix) . . . . . . . . . . . . . -65 to 125_C Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC board. c. Derate 6 mW/_C above 75_C. d. Derate 12 mW/_C above 75_C. e. Derate 7.6 mW/_C above 75_C. 16-Pin CerDIPd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW 16-Pin Narrow Body SOIC and TSSOPe . . . . . . . . . . . . . . . . 600 mW LCC-20d . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW
Power Dissipation (Package)b 16-Pin Plastic DIPc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW
Schematic Diagram (Typical Channel)
V+ 5V Reg Level Shift/ Drive INX V- V+ DX
SX
GND V-
Figure 1.
2
Siliconix E-77071--Rev. E, 01-Sep-97
DG201HS
Specificationsa
Conditions Unless Otherwise Specified Parameter Analog Switch
Analog Signal Rangee Drain-Source On-Resistance rDS(on) Match IS(off) Switch Off Leakage Current ID(off) Channel On Leakage Current ID(on) V+ = 16.5 V, V- = -16.5 V VD = "15.5 V VS = #15.5 V V+ = 16.5 V, V- = -16.5 V VS = VD = #15.5 V VANALOG rDS(on) IS = -10 mA, VD = "8.5 V V+ = 13.5 V, V- = -13.5 V Full Room Full Room Room Full Room Full Room Full 25 3 0.1 0.1 0.1 -1 -60 -1 -60 -1 -60 1 60 1 60 1 60 -1 -20 -1 -20 -1 -20 1 20 1 20 1 20 nA V- V+ 50 75 V- V+ 50 75 V W % A Suffix -55 to 125_C D Suffix -40 to 85_C
Symbol
V = 15 V, V- = -15 V VV 15 V+ VIN = 3 V, 0.8 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd
Unit
Digital Control
Input, High Voltage Input, Low Voltage Input Capacitance Input Current VINH VINL Cin IINL or IINH VIN under test = 0.8 V, 3 V Full Full Full Full 5 -1 1 -1 1 2.4 0.8 2.4 0.8 V pF mA
Dynamic Characteristics
Turn-On Time tON tOFF1 tOFF2 Output Settling Time to 0.1% Charge Injection OFF Isloation Crosstalk (Channel-to-Channel) Source Off Capacitance Drain Off Capacitance Channel On Capacitance Drain-to-Source Capacitance ts Q OIRR CL = 1 nF, VS = 0 V Vgen = 0 V, Rgen = 0 W RL = 1 kW, CL = 10 pF f = 100 kHz Any Other Channel Switches RL = 1 kW, CL = 10 pF f = 100 kHz RL = 1 kW, CL = 35 pF VS = "10 V, VINH = 3 V See Figure 3 Room Full Room Full Room Room Room Room 48 30 150 180 -5 85 dB Room Room Room VS, VD = 0 V f = 1 MHz V, Room Room 100 8 8 30 0.5 pF pC 60 75 50 70 60 75 50 70 ns
Turn-Off Time
XTALK CS(off) CD(off) CD(on) CDS(off)
Power Supplies
Positive Supply Current Negative Supply Current Power Consumptionc I+ I- PC V+ = 15 V, V- = -15 V VV 15 VIN = 0 or 5 V Room Full Room Full Full 4.5 10 3.5 -6 240 -6 240 mW 10 mA
Siliconix E-77071--Rev. E, 01-Sep-97
3
DG201HS
Specificationsa for Single Supply
Conditions Unless Otherwise Specified
V+ = 10.8 V to 16.5 V V- = GND = 0 V VIN = 3 V, 0.8 Vf A Suffix -55 to 125_C D Suffix -40 to 85_C
Parameter Analog Switch
Analog Signal Rangee Drain-Source On-Resistance
Symbol
Tempb
Typc
Mind Maxd Mind Maxd
Unit
VANALOG rDS(on) IS(off) IS = -10 mA, VD = 8.5 V V+ = 10.8 V
Full Room Full Room Full Room Full Room Full 65 0.1 0.1 0.1
0
V+ 90 120
0
V+ 90 120
V W
Switch Off Leakage Current ID(off) Channel On Leakage Current ID(on) + IS(on)
V+ = 16.5 V, VS = 0.5 V, 10 V , , VD = 10 V 0 5 V V, 0.5
-1 -60 -1 -60 -1 -60
1 60 1 60 1 60
-1 -20 -1 -20 -1 -20
1 20 1 20 1 20 nA
V+ = 16.5 V, VD = 0.5 V, 10 V
Digital Control
Input, High Voltage Input, Low Voltage Input Capacitance Input Current VINH VINL Cin IINL or IINH V+ = 16.5 V VIN under test = 0.8 V, 3 V Full Full Full Full 5 -1 1 -1 1 2.4 0.8 2.4 0.8 V pF mA
Dynamic Characteristics
Turn-On Time tON tOFF1 tOFF2 Output Settling Time to 0.1% Charge Injection Off Isloation Crosstalk (Channel-to-Channel) Source Off Capacitance Drain Off Capacitance Channel On Capacitance ts Q OIRR CL = 1 nF, VS = 0 V Vgen = 0 V, Rgen = 0 W RL = 1 kW, CL = 10 pF f = 100 kHz Any Other Channel Switches RL = 1 kW, CL = 10 pF f = 100 kHz f = 1 MHz VANALOG = 0 V RL = 1 kW CL = 35 pF, VS = 2 V F kW, V= 10.8 V, See Figure 2 Room Full Room Full Room Room Room Room 150 180 10 85 dB Room Room Room Room 100 10 10 30 pF pC 50 70 50 70 50 70 50 70 ns
Turn-Off Time
XTALK CS(off) CD(off) CD(on)
Power Supplies
Positive Supply Current Power Consumptionc I+ PC V+ = 15 V, VIN = 0 or 5 V V Full Full 10 150 10 150 mA mW
Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25_C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function.
4
Siliconix E-77071--Rev. E, 01-Sep-97
DG201HS
Typical Characteristics
70 rDS(on) - Drain-Source On-Resistance ( W ) 60 50 40 "10 V 30 20 "20 V 10 0 -20 -16 -12 -8 -4 0 4 8 12 16 20 VD - Drain Voltage (V) 180 rDS(on) - Drain-Source On-Resistance ( W ) 160 140 120 100 80 10 V 60 40 20 0 0 2 4 6 8 10 12 14 16 VD - Drain Voltage (V) 10 pA -60 -40 -20 0 20 40 60 80 100 120 140 12 V 15 V 7V Leakage 1 nA ID(on) 100 pA IS(off), ID(off) "15 V
rDS(on) vs. VD and Power Supply Voltages
rDS(on) - Drain-Source On-Resistance ( W )
50
rDS(on) vs. VD and Temperature
V+ = 15 V V- = -15 V
40 125_C 30 85_C 25_C 20 0_C -55_C 10
"5 V
0 -15
-10
-5
0
5
10
15
VD - Drain Voltage (V) 10 nA
rDS(on) vs. VD and Single Power Supply Voltages
V+ = 5 V
Leakage Currents vs. Temperature
Temperature (_C)
Input Switching Threshold vs. Supply Voltage
2.5 55
Switching Time vs. Power Supply Voltage
2 Switching Time (ns)
50
VIN ( V )
1.5
45 tON
1
40
0.5
35
tOFF
0 "4
30 "6 "8 "10 "12 "14 "16 "18 "20 "4 "6 "8 "10 "12 "14 "16 "18 "20 Supply Voltage (V) Positive/Negative Supplies (V)
Siliconix E-77071--Rev. E, 01-Sep-97
5
DG201HS
Typical Characteristics (Cont'd)
Switching Times vs. Temperature
45 V+ = 15 V V- = -15 V 40 Switching Time (ns) 55 35 t ON , t OFF (ns) 50 45 40 25 35 tOFF 20 -55 30 -25 0 25 50 75 100 125 4 6 8 10 12 14 16 18 20 Temperature (_C) V+ - Positive Supply (V) tON tON 65 60
Switching Times vs. Single Supply Voltage
30
tOFF
Switching Times vs. Temperature
50 45 Switching Time (ns) 40 35 30 25 20 -55 tOFF V+ = 10.8 V V- = 0 V Chargie Injection (pC) 20
Charge Injection vs. Source Voltage
V+ = 15 V, V- = 0 V 10 0 -10 -20 -30 -40 -15 V+ = 15 V V- = -15 V
tON
-25
0
25
50
75
100
125
-10
-5
0
5
10
15
Temperature (_C)
VS - Source Voltage (V)
Off Isolation vs. Frequency
120 110 100 90 OIRR 80 70 60 50 40 10 k RL = 1 kW RL = 100 W V+ = 15 V V- = -15 V
100 k
1M
10 M
f - Frequency (Hz)
6
Siliconix E-77071--Rev. E, 01-Sep-97
DG201HS
Test Circuits
+15 V 3V 50% 0V tOFF1 VS 90% Switch Output -15 V CL (includes fixture and stray capacitance) VO = VS RL RL + rDS(on) VO tON 10% tOFF2 tr <20 ns tf <20 ns
V+ "10 V S IN 3V GND V- RL 1 kW CL 35 pF D VO
Logic Input Switch Input
Figure 2. Switching Time
+15 V
Rg
V+ S IN D CL 1 nF V- VO VO
DVO
3V GND
INX SWON OFF Q = DVO x CL
-15 V
Figure 3. Charge Injection
C +15 V C
V+
+15 V
V+ VS S D VO RL GND V- C Rg = 50 W 0V, 2.4 V S1 IN1 S2 IN2 GND -15 V -15 V Off Isolation = 20 log VS VO XTALK Isolation = 20 log C = RF bypass VS VO V- C D2 RL D1 50 W
VS Rg = 50 W 0V, 2.4 V
IN
NC 0V, 2.4 V
VO
Figure 4. Off Isolation
Figure 5. Crosstalk
Siliconix E-77071--Rev. E, 01-Sep-97
7
DG201HS
Applications
A high-speed, low-glitch analog switch such as Siliconix's DG201HS improves the accuracy and shortens the acquisition and settling times of a sample-and-hold circuit.
Input Buffer VANALOG
DG201HS
JFET Buffer OUTPUT to A/D Converter
Si581
CH (Polystyrene)
SAMPLE/HOLD
8
Siliconix E-77071--Rev. E, 01-Sep-97


▲Up To Search▲   

 
Price & Availability of DG201HSDQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X