Part Number Hot Search : 
ZMY100 S573D PA240 E000981 2232592 JDV2S01S WM8569 90010
Product Description
Full Text Search
 

To Download DDTB123EC-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC
DDTB123TC DDTB143TC DDTB114TC DDTB114GC
DDTB (xxxx) C
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTD) Built-In Biasing Resistors, R1, R2 Lead Free/RoHS Compliant (Note 2)
TOP VIEW
SOT-23 Dim
A
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
B C
C D E G H
Mechanical Data
* * * * * * * * *
Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Marking: Date Code and Type Code (See Table Below & Page 3) Ordering Information (See Page 3) Weight: 0.008 grams (approximate)
E
D G H K J L M
J K L M a
All Dimensions in mm
OUT 3
C
P/N DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC DDTB123TC DDTB143TC DDTB114TC DDTB114GC
R1 (NOM) R2 (NOM) Type Code 1K 2.2K 4.7K 10K 0.22K 1K 2.2K 3.3K 2.2K 4.7K 10K 0 1K 2.2K 4.7K 10K 4.7K 10K 10K 10K OPEN OPEN OPEN 10K P60 P61 P62 P63 P64 P65 P66 P67 P69 P70 P71 P72
B R1 R2
E
1 IN
2 GND(+)
Schematic and Pin Configuration
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC DDTB123TC DDTB143TC DDTB114TC DDTB114GC All Value -50 +10 to -10 +10 to -12 +10 to -30 +10 to -40 +5 to -5 +5 to -10 +5 to -12 +6 to -20 -5 -500 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Input Voltage, (1) to (2)
VEBO (MAX) IC Pd RqJA Tj, TSTG
V mA mW C/W C
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30385 Rev. 6 - 2
1 of 3 www.diodes.com
DDTB (xxxx) C
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Min -0.5 -0.5 -0.5 -0.5 -0.5 -0.3 -0.3 -0.3 Typ Max Unit
R1, R2 Types
Test Condition
NEW PRODUCT
Characteristic DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC Output Voltage DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC
Vl(off)
3/4
3/4
V
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
3/4
3/4
-3.0 -3.0 -3.0 -3.0 -3.0 -2.0 -2.0 -2.0 -0.3V -7.2 -3.8 -1.8 -0.88 -28 -7.2 -3.6 -2.4 -0.5
V
VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -10mA VO = -0.3V, IO = -30mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA IO/Il = -50mA/-2.5mA
VO(on)
3/4
3/4
V
Input Current
Il
3/4
3/4
mA
VI = -5V
Output Current
IO(off)
3/4 33 39 47 56 47 56 56 56 3/4
3/4
mA
VCC = -50V, VI = 0V
DC Current Gain
Gl
3/4
3/4
3/4
VO = -5V, IO = -50mA
Gain-Bandwidth Product* * Transistor - For Reference Only
fT
200
3/4
MHz
VCE = -10V, IE = -5mA, f = 100MHz
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min -50 -40 -5 3/4 3/4 3/4 3/4 -300 3/4 100 100 100 56 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 250 3/4 200 Max 3/4 3/4 3/4 -0.5 -0.5 -0.5 -0.5 -580 -0.3 600 600 600 3/4 3/4
R1-Only, R2-Only Types
Unit V V V mA mA V 3/4 IC = -1mA IE = -50mA IE = -50mA IE = -50mA IE = -720mA VCB = -50V VEB = -4V IC = -50mA, IB = -2.5mA IC = -5mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz Test Condition IC = -50mA
DDTB123TC DDTB143TC DDTB114TC DDTB114GC DDTB123TC DDTB143TC DDTB114TC DDTB114GC DDTB123TC DDTB143TC DDTB114TC DDTB114GC
Collector Cutoff Current Emitter Cutoff Current
IEBO VCE(sat) hFE
Collector-Emitter Saturation Voltage DC Current Transfer Ratio
Gain-Bandwidth Product* * Transistor - For Reference Only
fT
MHz
DS30385 Rev. 6 - 2
2 of 3 www.diodes.com
DDTB (xxxx) C
Ordering Information (Note 3)
NEW PRODUCT
Device DDTB113EC-7-F DDTB123EC-7-F DDTB143EC-7-F DDTB114EC-7-F DDTB122JC-7-F DDTB113ZC-7-F DDTB123YC-7-F DDTB133HC-7-F DDTB123TC-7-F DDTB143TC-7-F DDTB114TC-7-F DDTB114GC-7-F
Notes:
Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
PXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2004 R Apr 4
2005 S May 5
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30385 Rev. 6 - 2
3 of 3 www.diodes.com
DDTB (xxxx) C


▲Up To Search▲   

 
Price & Availability of DDTB123EC-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X