Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download DDTA123EKA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
DDTA (R1 = R2 SERIES) KA
Lead-free Green
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR Features
* * * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
G H K M BC A
SC-59 Dim A B C D G H J K L M a
OUT 3
C B R1 R2
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
* * * * * * * * *
Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking: Date Code and Type Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.008 grams (approximate)
3.10 0.10 1.30 0.55 0.20 8
J
D
L
All Dimensions in mm
IN
E
B
1
3
C OUT
P/N DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
R1, R2 (NOM) Type Code 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
1 IN 2 GND(+)
2
E
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -100 -20 -100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. 2. 3. 4.
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30341 Rev. 7 - 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max Unit 3/4 V Test Condition VCC = -5V, IO = -100mA VO = -0.3V, IO = -20mA, DDTA123EKA VO = -0.3V, IO = -20mA, DDTA143EKA VO = -0.3V, IO = -10mA, DDTA114EKA VO = -0.3V, IO = -5mA, DDTA124EKA VO = -0.3V, IO = -2mA, DDTA144EKA VO = -0.3V, IO = -1mA, DDTA115EKA IO/Il = -10mA/-0.5mA, DDTA123EKA IO/Il = -10mA/-0.5mA, DDTA143EKA IO/Il = -10mA/-0.5mA, DDTA114EKA IO/Il = -10mA/-0.5mA, DDTA124EKA IO/Il = -10mA/-0.5mA, DDTA144EKA IO/Il = -5mA/-0.25mA, DDTA115EKA
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
Il
3/4
3/4
-3.8 -1.8 -0.88 mA -0.36 -0.18 -0.15 -0.5 mA
VI = -5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4
VCE = -10V, I = 5mA, MHz f = 100MHz E
Ordering Information
Device
(Note 4 & 5) Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTA123EKA-7-F DDTA143EKA-7-F DDTA114EKA-7-F DDTA124EKA-7-F DDTA144EKA-7-F DDTA115EKA-7-F
Notes: 4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3
PXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
2005 S Apr 4
YM
2006 T May 5
2007 U Jun 6
2008 V Jul 7 Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
DS30341 Rev. 7 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
TYPICAL CURVES - DDTA143EKA
250
1
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
hFE, DC CURRENT GAIN
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 5V 25C
VO = 0.2V
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30341 Rev. 7 - 2
3 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30341 Rev. 7 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA


▲Up To Search▲   

 
Price & Availability of DDTA123EKA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X